Part Number Hot Search : 
40192 MP8125EF 1SV21507 H471M5 A15N1 DB106S MA160A 2SC5261
Product Description
Full Text Search
 

To Download VLF12060T-6R8N7R2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1/1) 001-04 / 20061024 / e531_vlf12060.fm ? all specifications are subject to change without notice. smd inductors(coils) for power line(wound, magnetic shielded) vlf series vlf12060 features  mount area: 11.7.0 12.0mm low profile: 6.0mm max. height  compare to slf12565(tdk conventional product) type low loss and large current capability design dc resistance: 0.88 slf12565 rated dc current: 1.43 slf12565  generic use for portable dc to dc converter line  high magnetic shield construction should actualize high resolu- tion for emc protection.  available for automatic mounting in tape and real package.  the products do not contain lead and support lead-free solder- ing. applications note book computers, amusement equipment, dvd players, vrms, plasma displays, etc. shapes and dimensions recommended pc board pattern electrical characteristics ? rated current: value obtained when current flows and the temperature has risen to 40c or when dc current flows and the nominal value of inductance has fallen by 30%, whichever is smaller.  operating temperature range: ?40 to +105c (including self-temperature rise) conformity to rohs directive 6.0max. 12.0 0.3 11.7 0.3 dimensions in mm 12.6 7.0 5.4 dimensions in mm part no. inductance (h) inductance tolerance(%) test frequency (khz) dc resistance(m ? ) rated current(a) ? max. typ. based on inductance change max. based on temperature rise typ. vlf12060t-1r8n120 1.8 30 100 4.4 3.6 14.6 12 vlf12060t-2r7n100 2.7 30 100 6.4 5.3 12 10 vlf12060t-3r9n9r0 3.9 30 100 8.4 7.0 9.9 9 vlf12060t-4r7n7r7 4.7 30 100 11.6 9.6 9.1 7.7 VLF12060T-6R8N7R2 6.8 30 100 13.1 10.9 7.5 7.2 vlf12060t-100m6r2 10 20 100 16 13.9 6.2 6.4 vlf12060t-150m5r0 15 20 100 26 22.3 5.0 5.0 vlf12060t-220m4r1 22 20 100 36 31.4 4.1 4.2 vlf12060t-330m3r4 33 20 100 53 46.1 3.4 3.5 vlf12060t-470m2r8 47 20 100 71 62.2 2.8 3.0 vlf12060t-680m2r3 68 20 100 100 87.5 2.3 2.5 vlf12060t-101m1r9 100 20 100 152 132.4 1.9 2.0 vlf12060t-151m1r6 150 20 100 215 187.1 1.6 1.7 vlf12060t-221m1r3 220 20 100 352 306.8 1.3 1.3 vlf12060t-331m1r0 330 20 100 464 404 1.0 1.1  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.


▲Up To Search▲   

 
Price & Availability of VLF12060T-6R8N7R2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X