Part Number Hot Search : 
89C51 TMEGA32 1N751A 10248 HD74ACT E5FSC 89C51 FS10AS03
Product Description
Full Text Search
 

To Download TSOP4438 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  new product tsop22.., tsop24.., tsop48.., tsop44.. www.vishay.com vishay semiconductors rev. 1.1, 04-sep-12 1 document number: 82459 for technical questions, contact: irr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ir receiver modules for remote control systems mechanical data pinning for tsop44.., tsop48..: 1 = out, 2 = gnd, 3 = v s pinning for tsop22.., tsop24..: 1 = out, 2 = v s , 3 = gnd please see the document product transition schedule at www.vishay.com/ir-receiver-modules/ for up-to-date info, when this product will be released. features ? low supply current ? photo detector and pream plifier in one package ? internal filter for pcm frequency ? improved shielding against emi ? supply voltage: 2.5 v to 5.5 v ? improved immunity against ambient light ? insensitive to supply voltage ripple and noise ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 description these products are miniaturized receivers for infrared remote control systems. a pin diode and a preamplifier are assembled on a lead frame, the epoxy package acts as an ir filter. the demodulated output signal can be directly decoded by a microprocessor. the tsop22.., tsop48.. are compatible with all common ir remote control data formats. the tsop24.., tsop44.. are optimized to suppress almost all spurious pulses from energy saving fluorescent lamps but will also suppress some data signals. this component has not been qualified according to automotive specifications. block diagram application circuit 16672 1 2 3 parts table carrier frequency standard applications (agc2) very noisy environments (agc4) pinning 1 = out, 2 = gnd, 3 = v s 1 = out, 2 = v s , 3 = gnd 1 = out, 2 = gnd, 3 = v s 1 = out, 2 = v s , 3 = gnd 30 khz tsop4830 tsop2230 tsop4430 tsop2430 33 khz tsop4833 tsop2233 tsop4433 tsop2433 36 khz tsop4836 tsop2236 tsop4436 tsop2436 38 khz tsop4838 tsop2238 TSOP4438 tsop2438 40 khz tsop4840 tsop2240 tsop4440 tsop2440 56 khz tsop4856 tsop2256 tsop4456 tsop2456 33 k 2 3 1 demo- pass agc input pin band dulator control circuit 16833_14 c 1 ir receiver gnd circuit c r 1 + v s gnd transmitter with tsalxxxx v s v o 17170-10 out the external components r 1 and c 1 are optional to improve the robustness against electrical overstress (typical values are r 1 = 100 , c 1 = 0.1 f).
new product tsop22.., tsop24.., tsop48.., tsop44.. www.vishay.com vishay semiconductors rev. 1.1, 04-sep-12 2 document number: 82459 for technical questions, contact: irr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? stresses beyond those listed under absolute maximum ratings ma y cause permanent damage to the device. this is a stress ratin g only and functional operation of the device at these or any other cond itions beyond those indicated in the operational sections of t his specification is not implied. exposure to absolute maximum rating co ndtions for extended periods may affect the device reliability. typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - output active low fig. 2 - puls e length and sensitivity in dark ambient absolute maximum ratings parameter test condition symbol value unit supply voltage v s - 0.3 to + 6 v supply current i s 5ma output voltage v o - 0.3 to 5.5 v voltage at output to supply v s - v o - 0.3 to (v s + 0.3) v output current i o 5ma junction temperature t j 100 c storage temperature range t stg - 25 to + 85 c operating temperature range t amb - 25 to + 85 c power consumption t amb 85 c p tot 10 mw soldering temperature t 10 s, 1 mm from case t sd 260 c electrical and optical characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit supply current e v = 0, v s = 5 v i sd 0.55 0.7 0.9 ma e v = 40 klx, sunlight i sh 0.8 ma supply voltage v s 2.5 5.5 v transmission distance e v = 0, test signal see fig. 1, ir diode tsal6200, i f = 200 ma d45m output voltage low i osl = 0.5 ma, e e = 0.7 mw/m 2 , test signal see fig. 1 v osl 100 mv minimum irradiance pulse width tolerance: t pi - 5/f o < t po < t pi + 6/f o , test signal see fig. 1 e e min. 0.12 0.25 mw/m 2 maximum irradiance t pi - 5/f o < t po < t pi + 6/f o , test signal see fig. 1 e e max. 50 w/m 2 directivity angle of half transmission distance ? 1/2 45 deg e e t t pi * t * t pi 10/f 0 is recommended for optimal function v o v oh v ol t 16110 optical test signal (ir diode tsal6200, i f = 0.4 a, 30 pulses, f = f 0 , t = 10 ms) output signal t d 1) t po 2) 1) 7/f 0 < t d < 15/f 0 2) t pi - 5/f 0 < t po < t pi + 6/f 0 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 10 1000 100 000 t po - output pul s e width (m s ) e e - irradiance (mw/m 2 ) output pul s e width input bur s t length = 950 nm, optical te s t s ignal, fig. 1
new product tsop22.., tsop24.., tsop48.., tsop44.. www.vishay.com vishay semiconductors rev. 1.1, 04-sep-12 3 document number: 82459 for technical questions, contact: irr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - output function fig. 4 - output pulse diagram fig. 5 - frequency depe ndence of responsivity fig. 6 - sensitivity in bright ambient fig. 7 - sensitivity vs. supply voltage disturbances fig. 8 - max. envelope duty cycle vs. burst length e e t v o v oh v ol t 600 s 600 s t = 60 ms t on t off 94 8134 optical test signal output signal , (see fig. 4) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.1 1 10 100 1000 10 000 t on , t off - output pul s e width (m s ) e e - irradiance (mw/m 2 ) t on t off = 950 nm, optical te s t s ignal, fig. 1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 0.7 0.9 1.1 1.3 f/f 0 - relative frequency 16925 f = f 0 5 % f(3 db) = f 0 /10 e /e - rel. responsivity e min. e 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 0.01 0.1 1 10 100 e e min. - thre s hold irradiance (mw/m 2 ) e e - ambient dc irradiance (w/m 2 ) wavelength of ambient illumination: = 950 nm correlation with ambient light s ource s : 10 w/m 2 = 1.4 klx ( s td. ilum. a, t = 2855 k) 10 w/m 2 = 8.2 klx (daylight, t = 5900 k) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1 10 100 1000 e e min. - thre s hold irradiance (mw/m 2 ) v s rm s - ac voltage on dc s upply voltage (mv) f = f 0 f = 10 khz f = 100 khz 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 20 40 60 80 100 120 burst length (number of cycles/burst) max. envelope duty cycle f = 38 khz, e e = 2 mw/m tsop22.. tsop48.. 2139613 tsop24.. tsop44..
new product tsop22.., tsop24.., tsop48.., tsop44.. www.vishay.com vishay semiconductors rev. 1.1, 04-sep-12 4 document number: 82459 for technical questions, contact: irr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 9 - sensitivity vs. ambient temperature fig. 10 - relative spectral sensitivity vs. wavelength fig. 11 - horizontal directivity fig. 12 - sensitivity vs. supply voltage 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 - 30 - 10 10 30 50 70 90 e e min. - thre s hold irradiance (mw/m 2 ) t amb - ambient temperature ( c) 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 750 800 850 900 950 1000 1050 1100 1150 21425 - wavelength (nm) s ( ) rel - relative spectral sensitivity 96 12223p2 0.4 0.2 0 0.6 0.9 0 30 10 20 40 50 60 70 80 1.0 0.8 0.7 d rel - relative transmission distance 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 2 3 4 5 6 e e min. - s en s itivity (mw/m 2 ) v s - s upply voltage (v)
new product tsop22.., tsop24.., tsop48.., tsop44.. www.vishay.com vishay semiconductors rev. 1.1, 04-sep-12 5 document number: 82459 for technical questions, contact: irr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 suitable data format these products are designed to suppress spurious output pulses due to noise or dist urbance signals. data and disturbance signals can be di stinguished by the devices according to carrier frequency, burst length and envelope duty cycle. the data signal should be close to the band-pass center frequency (e.g. 38 khz) and fulfill the conditions in the table below. when a data signal is applied to the ir receiver in the presence of a disturbance signal, the sensitivity of the receiver is reduced to insure that no spurious pulses are present at the output. some examples of disturbance signals which are suppressed are: ? dc light (e.g. from tungsten bulb or sunlight) ? continuous signals at any frequency ? modulated ir signals from common fluorescent lamps (example of noise pattern is shown in fig. 13 or fig. 14) fig. 13 - ir signal from fluorescent lamp with low modulation fig. 14 - ir signal from fluorescent lamp with high modulation note ? for data formats with short bursts plea se see the datasheet of tsop23.., tsop43.. 0101520 time (ms) 16920 ir signal 5 0101520 time (ms) 16921 ir signal 5 tsop22.., tsop48.. tsop24.., tsop44.. minimum burst length 10 cy cles/burst 10 cycles/burst after each burst of length a minimum gap time is required of 10 to 70 cycles 12 cycles 10 to 35 cycles 12 cycles for bursts greater than a minimum gap time in the data stream is needed of 70 cycles > 4 x burst length 35 cycles > 10 x burst length maximum number of continuous short bursts/second 800 1300 recommended for nec code yes yes recommended for rc5/rc6 code yes yes recommended for sony code yes no recommended for thom son 56 khz code yes yes recommended for mitsubishi code (38 khz, preburst 8 ms, 16 bit) yes yes recommended for sharp code yes yes suppression of interference from fluorescent lamps most common disturbance signals are suppressed even extreme disturbance signals are suppressed
new product tsop22.., tsop24.., tsop48.., tsop44.. www.vishay.com vishay semiconductors rev. 1.1, 04-sep-12 6 document number: 82459 for technical questions, contact: irr@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters not indicated tolerance s 0.2 drawing-no.: 6.550-5169.01-4 i ss ue: 9; 03.11.10 13655 s pecification s according to din technical drawing s 3.9 0.5 max. 1.3 4.1 6 0.85 max. 0.89 1 1 8.25 (5.55) 6.95 5.3 30.5 0.5 2.54 nom. 2.54 nom. 0.7 max. 5.6 marking area r 2.5
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of TSOP4438

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X