Part Number Hot Search : 
HCF4023 TLM626NS DDZ9696 TLP62 2412S MAX977 128Y1 MB90423G
Product Description
Full Text Search
 

To Download TQP3M6004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TQP3M6004 datasheet low band dual lna (700-915 mhz) features ? 0.32 db noise figure ? 20.7 db gain ? 12.5 dbm iip3 ? 20 dbm p1db ? 4 x 4 mm package ? rohs compliant, pb-free applications ? base station receivers ? tower-mounted amplifiers package style 16-lead qfn 4 x 4 mm 0950 5555 600 4 functional block diagram a b rf ina v gatea rf inb v gateb ground and source a , source b connections through package paddle rf outa v draina rf outb v drainb a a b b rf ina v gatea rf inb v gateb ground and source a , source b connections through package paddle rf outa v draina rf outb v drainb ground and source connections may be through the paddle or package pins product description the triquint TQP3M6004 is a pack aged low noise dual phemt discrete device operating from 700 - 915 mhz. this broadband device is useful in a number of different applications, and is particularly well suited for cellular or wimax base station or tower-mounted amplifier products. TQP3M6004 consists of a single monolithic gaas die mounted in a small 4 x 4 qfn package. this device is a discrete dual lna device is intended to be used as a balanced pair in wireless networks applications. electrical characteristics 1 parameter typ units gain 20.7 db saturated output power 20.7 dbm noise figure 0.32 db input ip3 12.5 dbm drain current 70 ma note 1: test conditions: vd = 4 v, freq. = 830 mhz, id = 70 ma per channel, t a = 25 ? c. content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 1
TQP3M6004 datasheet low band dual lna (700-915 mhz) content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 2 absolute maximum ratings symbol parameter absolute maximum value units vd drain voltage 5 v vg gate voltage -1.0 to +0.5 v id drain current (per channel) 500 ma ig gate current (per channel) 5.0 ma pin input continuous wave power (total) 13 dbm pd power dissipation (total) 1.1 w tch operating channel temperature 150 c tm mounting temperature (10 seconds) 260 c tsg storage temperature -65 to 150 c note: the part may not survive all maximums applied simultaneously. electrical specifications 1 parameter conditions min. typ max. units drain voltage 3 3 4 5 v total drain current 140 ma frequency range 700 915 mhz noise figure 2 f = 830 mhz, id = 70 ma each channel 0.55 db noise figure per channel f = 830 mhz, id = 70 ma 0.32 0.5 db gain 2 f = 830 mhz 20.5 db gain per channel f = 830 mhz 20.0 20.7 24.0 db reverse isolation f = 830 mhz 22.0 db saturated output power f = 830 mhz, pin = 3 dbm 20.7 dbm input ip3 dual channel 2 f = 700 mhz, id = 70 ma each channel f = 830 mhz, id = 70 ma each channel 13 15.5 dbm dbm input ip3 per channel f = 700 mhz, id = 70 ma each channel f = 830 mhz, id = 70 ma each channel 9.0 10 12.5 dbm dbm isolation between gate 1 and gate 2 f = 830 mhz 35 db isolation between drain 1 and drain 2 f = 830 mhz 28 db note 1: test 2 conditions: vd = 4 v, freq. = 830 mhz, id = 70 ma per channel, t a = 25 ? c. note 2: balanced pair, with baluns note 3 : vd is set based on a 12 ohm resistor in the dr ain path. see test diagram or schematic.
TQP3M6004 datasheet low band dual lna (700-915 mhz) pin out and assignments pin symbol description 5 v g a rf input a 8 v g b rf input b 13 v d b rf output b 16 v d a rf output a 1, 2, 11, 12 n/c no connection 3, 4, 6, 7, 9, 10, 14, 15 gnd connected to ground content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 3
TQP3M6004 datasheet low band dual lna (700-915 mhz) typical test circuit content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 4 c9 c10 vd vd vg vg gnd gnd gnd gnd rf out b rf out a rf in b rf in a r4 u1 c14 r3 l5 c4 c3 c6 c5 l8 l7 l6 c13 l3 l4 r1 r2 c12 c8 c11 c7 l2 l1 c2 c1 reference designation value quantity part number u1 1 triquint- tqp3 m6004 c1, c2, c3, c4 10 pf 4 avx-08052u100gat2a c5, c6 1.5 pf 2 avx-08052u1r5bat2a c7, c8, c9, c10 27 pf 4 avx-08052u270gat2a c11, c 12 0.47 uf 2 phycomp (yageo) - 222278015658 c13, c14 1 uf 2 kemet-c0805c105k4rac l1, l2, l7, l8 8.2 nh 4 avx-l08058r2destr l3, l4 27 nh 2 coilcraft-0908sq-27njbl l5, l6 22 nh 2 avx-l0805220jestr r1, r2 0 ohm 2 multicomp-mc 0.063w 0603 0r r3, r4 12 ohms 2 phycomp (yageo) - 232270461209
TQP3M6004 datasheet low band dual lna (700-915 mhz) content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 5 typical single channel performance test conditions (unless otherwise specified): vd = 4 v, freq. = 830 mhz, id = 70 ma, t a = 25 ? c . gain over temperature 15 16 17 18 19 20 21 22 23 700 750 800 850 900 950 frequency (mhz) s21 (db) -35 ? c 25 ?c 85 ?c return loss -20 -18 -16 -14 -12 -10 -8 -6 -4 -2 0 700 750 800 850 900 950 frequency (mhz) s22 and s11 (db) s11 s22 gain 15 16 17 18 19 20 21 22 23 700 750 800 850 900 950 frequency (mhz) s21 (db) reverse isolation -30 -25 -20 -15 -10 -5 0 700 750 800 850 900 950 frequency (mhz) s12 (db)
TQP3M6004 datasheet low band dual lna (700-915 mhz) content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 6 typical single channel performance test conditions (unless otherwise specified): vd = 4 v, freq. = 830 mhz, id = 70 ma, t a = 25 ? c test board photo input ip3 8 9 10 11 12 13 14 15 700 750 800 850 900 frequency (mhz) iip3 (dbm) output power 0 5 10 15 20 25 -15-13-11-9-7-5-3-1 1 3 input power (dbm) output power (dbm) noise figure 0 0.1 0.2 0.3 0.4 0.5 700 750 800 850 900 950 frequency (mhz) nf (db)
TQP3M6004 datasheet low band dual lna (700-915 mhz) rf out b rf out a rf in b rf in a simplified schematic content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 7
TQP3M6004 datasheet low band dual lna (700-915 mhz) vg vd rf out a rf out b rf in b rf in a r3 r4 r1 r2 l8 l5 l7 l6 l4 l3 l2 c4 c6 c10 c14 c3 c2 c5 c12 c9 c8 c7 c11 c13 l1 c1 TQP3M6004 vg vd content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 8
TQP3M6004 datasheet low band dual lna (700-915 mhz) package type: qfn plastic package all dimensions are in millimeters pad # 1 n/c 0.33 x 0.60 pad # 9 gnd 0.33 x 0.60 pad # 2 n/c 0.33 x 0.60 pad # 10 gnd 0.33 x 0.60 pad # 3 gnd 0.33 x 0.60 pad # 11 n/c 0.33 x 0.60 pad # 4 gnd 0.33 x 0.60 pad # 12 n/c 0.33 x 0.60 pad # 5 rf in a/ vga 0.33 x 0.60 pad # 13 rf out b/ vdb 0.33 x 0.60 pad # 6 gnd 0.33 x 0.60 pad # 14 gnd 0.33 x 0.60 pad # 7 gnd 0.33 x 0.60 pad # 15 gnd 0.33 x 0.60 pad # 8 rf in b/ vgb 0.33 x 0.60 pad # 16 rf out a/ vda 0.33 x 0.60 content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 9
TQP3M6004 datasheet low band dual lna (700-915 mhz) tape and reel specification content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 10
TQP3M6004 datasheet low band dual lna (700-915 mhz) tape and reel specification tape and reel quantity = 2500 pieces. content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 11
TQP3M6004 datasheet low band dual lna (700-915 mhz) package marking laser mark line 1 - 6004 6004 yyww xxxx line 2 - xxxx = triquint assembly lot number line 3 - yyww = year and work week additional information 1 this part is compliant with rohs directive (restrictions on the use of certain hazardous substances in electrical and electronic equipment). the part is rated moisture sensitivity level 3 at 260 c per jedec standard ipc/jedec j-std-020. 1 for latest specifications, additional product information, worldwide sales and distribution locations, and information about triquint: web: www.triquint.com tel: (503) 615-9000 email: info_wireless@tqs.com fax: (503) 615-8902 for technical questions and additional information on specific applications: email: info_wireless@tqs.com the information provided herein is believed to be reliable; triquint assumes no liability for inaccuracies or omissions. triqui nt assumes no responsibility for the use of this information, and all such information shall be entirely at the us er's own risk. prices and specifications are subject to change without notice. no patent rights or licenses to any of the circuits described herein are implied or granted to any third party. triquint does not authorize or warrant any triquint product for use in life-support devices and/or systems. copyright ? 2004 triquint semiconducto r, inc. all rights reserved. 2008 content will be added or may be revised. for additional information and latest specifications, see our website: www.triquint.com may 2010 ? rev b 12


▲Up To Search▲   

 
Price & Availability of TQP3M6004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X