Part Number Hot Search : 
BT2907 SB360 C03GV 09100 09100 B2013RU UDZS22B CX162
Product Description
Full Text Search
 

To Download TPPN102J2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in millimeters ( mm ) r ated v oltage 100vdc 250vdc 400vdc 630vdc dim. cap(uf) od l d? od l d? od l d? od l d? 0.001 5.0 14.0 0.6 5.0 14.0 0.6 5.0 14.0 0.6 5.0 14.0 0.6 0.0015 5.0 14.0 0.6 5.0 14.0 0.6 6.0 14.0 0.6 7.0 14.0 0.6 0.0022 5.0 14.0 0.6 5.0 14.0 0.6 5.0 14.0 0.6 7.0 14.0 0.6 0.0033 5.0 14.0 0.6 5.0 14.0 0.6 6.0 14.0 0.6 7.0 14.0 0.6 0.0047 6.0 14.0 0.6 6.0 14.0 0.6 7.0 14.0 0.6 8.0 14.0 0.6 0.0068 6.0 14.0 0.6 6.0 14.0 0.6 8.0 14.0 0.6 8.0 16.0 0.6 0.01 6.0 14.0 0.6 7.0 14.0 0.6 8.0 16.0 0.6 10.0 16.0 0.6 0.015 7.0 14.0 0.6 7.0 16.0 0.6 9.0 16.0 0.6 9.0 21.0 0.8 0.022 7.0 14.0 0.6 8.0 16.0 0.6 10.0 16.0 0.6 11.0 21.0 0.8 0.033 8.0 14.0 0.6 10.0 16.0 0.6 12.5 21.0 0.8 13.0 21.0 0.8 0.047 9.0 16.0 0.6 10.0 21.0 0.6 14.0 21.0 0.8 13.0 27.0 0.8 0.068 11.0 16.0 0.6 11.0 21.0 0.8 12.0 27.0 0.8 15.0 27.0 0.8 0.10 10.0 21.0 0.8 12.0 27.0 0.8 14.0 27.0 0.8 16.0 32.0 0.8 0.15 12.0 21.0 0.8 14.0 27.0 0.8 17.0 27.0 0.8 18.0 32.0 0.8 0.22 13.0 27.0 0.8 16.0 27.0 0.8 18.0 32.0 0.8 0.33 15.0 27.0 0.8 15.0 32.0 0.8 20.0 32.0 0.8 0.47 16.0 32.0 0.8 19.0 32.0 0.8 custom sizes and lead spacing available upon request custom values and tolerances available upon request meritek polypropylene film capacitors tppn series (axial tubular) f eatures ? negative temperature coefficient can be used in critical circuits ? excellent long-term stability and high reli ability s pecifications 1. operating temperature: -40 o c to +85 o c 2. capacitance range: 0.001 f to 0.47 f 3. capacitance tolerance: 5%(j), 10%(k), 20%(m) 4. rated voltage: 100vdc, 250vdc, 400vdc, 630vdc 5. dissipation factor: 0.1% max. at 1k hz, 25 o c 6. insulation resistance: >50000m p art n umbering s ystem tppn 103 j 2a meritek series capacitance cod e 10 2 10 3 10 4 10 5 (p f ) 1 , 00 0 10 , 00 0 100 , 00 0 ( nf ) 1 1 0 10 0 100 0 ( f ) 0.001 0.01 0.1 1 tolerance cod e j k m tolerance ( % ) 5 1 0 2 0 rated voltage cod e 2 a 2e 2g 2j 100 v 250 v 400 v 630 v tape & reel / tape & ammo available for diameter 10mm or smaller please contact factory for part numbers tppn are constructed with p ol yp ro py lene fil m dielectric, aluminum foil electrodes, tinned co pp er leads, an outer wra pp in g of p ol y ester film ta p e, and e p ox y resin end seals. the y are ideal for cou p lin g and bypassing in precision timing a nd oscillation circuits . max od 35mm l 35mm min max min d s pecifications are subject to change without notice. rev.6 a


▲Up To Search▲   

 
Price & Availability of TPPN102J2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X