Part Number Hot Search : 
AZ23C9V1 AD584JN PQ600 AZ23C9V1 12P10 74HCT251 Z5232 LBN70A26
Product Description
Full Text Search
 

To Download TMA-XD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 1 of 3 selection selection selection selection selection selection selection selection guide guide guide guide guide guide guide guide order code input voltage (v) output voltage (v) output current ( m a) input current ( rated load ) ( m a) efficiency (%) isolation capacitance (pf) mttf 1 (khrs) tma0303xs 3.3 3.3 303 420 72 26 1987 tma0305xs 3.3 5 200 409 74 26 1979 tma 0505 xs 5 5 200 290 69 28 1847 tma 05 12xs 5 12 83 268 78 40 987 tma 05 15xs 5 15 67 253 79 40 667 tma 1205xs 12 5 200 121 69 36 1485 tma 1212xs 12 12 83 110 76 58 869 tma 1215xs 12 15 67 110 76 56 613 tma 1505xs 15 5 200 93 69 27 2110 tma 1512xs 15 12 83 85 77 58 1790 tma 1515xs 15 15 67 84 78 67 1560 tma 2405xs 24 5 200 60 70 61 1253 tma 2412xs 24 12 83 53 78 98 784 tma 2415xs 24 15 67 52 80 122 566 tma 0505 xd 5 5 100 289 69 28 3103 tma 0509 xd 5 9 55 267 75 32 2257 tma 0512 xd 5 12 42 260 77 34 1579 tma 0515 xd 5 15 33 256 78 36 1065 tma 1205 xd 12 5 100 120 69 33 2193 tma 1209 xd 12 9 55 113 74 46 1734 tma 1212 xd 12 12 42 111 75 55 1303 tma 1215 xd 12 15 33 110 76 54 932 tma 1505 xd 15 5 100 91 71 39 1941 tma 1512 xd 15 12 42 87 78 68 790 tma 151 5xd 15 1 5 33 87 78 68 790 tma 24 05xd 24 5 100 52 72 65 134 tma 2412 xd 24 12 42 52 80 65 134 tma 2415 xd 24 15 33 52 80 95 101 model model model model model model model model selection selection selection selection selection selection selection selection tma tma tma tma tma tma tma tma 05 05 05 05 05 05 05 05 05 05 05 05 05 05 05 05 x x x x x x x x s(d) s(d) s(d) s(d) s(d) s(d) s(d) s(d) product series input voltage output voltage fixed input single (dual) output models microdc reserves the copyright f f f f ixed ixed ixed ixed i i i i nput nput nput nput , , , , isolated isolated isolated isolated 1 1 1 1 w w w w single&dual single&dual single&dual single&dual output output output output dc/dc dc/dc dc/dc dc/dc converters converters converters converters features features features features features features features features rohs compliant i/o isolation voltage 1000vdc operating temperature: -40 85 high efficiency up to 81% fully encapsulated toroidal magnetics internal smd construction power density up to 0.85w/cm 3 no electrolytic or tantalum capacitors 3.3v,5v,12vand 15v output no heat sink required dual output from a single input rail ul 94v-0 package material no external components required industry standard pin out p in compatible with other manufacturers mttf up to 3.4 million hours applications applications applications applications applications applications applications applications the tma-xs(d) series of industrial temperature range dc/dc converters are the standard building blocks for on-board distributed power s ystems.they are ideally suited for providing single rail supplies on primarily digital boards with the added benefit of galvanic isolation to reduce switching noise. surface mount technology and advanced packaging materials produce rugged reliable performance over an extended temperature range from -40 c to 85 c. i i i i i i i i nput nput nput nput nput nput nput nput characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter conditions min. typ. max. units voltage range continuous operation, 5 v input types 4.5 5 5.5 v continuous operation, 12 v input types 10.8 12 13.2 continuous operation, 15 v input types 13.5 15 16.5 continuous operation, 24 v input types 21.6 24 26.4 reflected ripple current 5 v &12v input types 1.6 2.0 ma p-p 15 v &24v input types 5 10.0 input current no load 5 vin models 30 ma 12 vin models 12 15 vin models 12 24 vin models 7 input current full load 5 vin models 260 12 vin models 110 15 vin models 100 24 vin models 55 absolute absolute absolute absolute absolute absolute absolute absolute maximum maximum maximum maximum maximum maximum maximum maximum ratings ratings ratings ratings ratings ratings ratings ratings lead temperature 1.5mm from case for 10 seconds 300 c internal power dissipation 550mw input voltage (1 sec.max.) 5vin types 9 v input voltage (1 sec.max.) 12vin types 18v input voltage (1 sec.max.) 15vin types 21 v input voltage (1 sec.max.) 24vin types 30 v 1.calculated using mil-hdbk-217fn2 calculation model with nominal input voltage at full load.
tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 2 of 3 output output output output output output output output characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter conditions min. typ. max. units rated power ta=-40 c to 120 c 0.1 1 w voltage set point accuracy see tolerance envelope 3 % line regulation high vin to low vin 1.0 1.2 %% voltage balance (dual output models) 1 % ripple and noise (20 mhz bandwidth ) 75 mv pk-pk short circuit protectio n limited 1 sec. regulation C input variation 1.2 % / 1% change vin 10 % regulation C load variation 20 C 100 % temperature coefficient 0.02 % / capacitive load single output models 220 f capacitive load dual output models 100 f temperature temperature temperature temperature temperature temperature temperature temperature characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter conditions min. typ. max. units specification all output types -40 85 storage all output types -40 105 case temperature all output types 95 humidity (non condensing) 95 % rel h max. reliability, calculated mtbf (mil-hdbk-217e) >2000000 h @ 25 isolation capacity input/output 60 pf isolation resistance input/output >1000 mohm switching frequency (frequency modulation) 100 khz frequency change over line and load 30 % tolerance tolerance tolerance tolerance tolerance tolerance tolerance tolerance envelope envelope envelope envelope envelope envelope envelope envelope tma 2405 tma 1512, tma 1515, tma 2412, tma 2415 all other types all specifications typical at ta=25 c, nominal input voltage and rated output current unless otherwise specified.another 24v& 48v products, please inquire our technical department! temperature temperature temperature temperature temperature temperature temperature temperature characteristics characteristics characteristics characteristics characteristics characteristics characteristics characteristics parameter conditions package weight single output models 2.1 g (0.07 oz) package weight dual output models 2.6 g (0.09 oz) case material non conductive black plastic(flammability to ul 94-v0) soldering temperature max. 260 / 10 sec
tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD tma-xs&TMA-XD series series http://www.microdc.cn technical enquiries-email:tech@microdc.cn tel:0086-20-86000646 page 3 of 3 package package package package package package package package specifications specifications specifications specifications specifications specifications specifications specifications mechanical mechanical mechanical mechanical mechanical mechanical mechanical mechanical dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions 7 7 pin pin sip sip package package all dimensions in inches 0.01(mm 0.25mm). all pins on a 0.1(2.54) pitch and within 0.01(0.25)of true position. tube tube tube tube tube tube tube tube outline outline outline outline outline outline outline outline dimensions dimensions dimensions dimensions dimensions dimensions dimensions dimensions 7 7 pin pin sip sip tube tube unless otherwise stated all dimensions in inches (mm) 0.5mm. tube length (7 pin sip) : 20.47 (520mm 2mm). tube quantity :25 footprint footprint footprint footprint footprint footprint footprint footprint details details details details details details details details tma-xs tma-xs TMA-XD TMA-XD p p in in function function p p in in f f unction unction 1 1 +v in(vcc) 1 1 +v in(vcc) 2 2 -v in(gnd) 2 2 -v in(gnd) 4 4 -v out 4 4 -v out 5 5 no no pin pin 5 5 common common 6 6 +v out 6 6 +v out temperature temperature temperature temperature temperature temperature temperature temperature derating derating derating derating derating derating derating derating graphs graphs graphs graphs graphs graphs graphs graphs recommended recommended recommended recommended recommended recommended recommended recommended footprint footprint footprint footprint footprint footprint footprint footprint details details details details details details details details tma-xs tma-xs all dimensions in inches 0.01 (mm 0.25mm). all dimensions in inches 0.01 (mm 0.25mm). TMA-XD TMA-XD all dimensions in inches 0.01 (mm 0.25mm). all dimensions in inches 0.01 (mm 0.25mm). rohs rohs rohs rohs compliant compliant compliant compliant information information information information this series is compatible with rohs soldering systems with a peak wave solder temperature of 300 c for 10 seconds. the pin termination finish on the sip package type is tin plate, hot dipped over matte tin with nickel preplate. the dip types are matte tin over nickel preplate. both types in this series are backward compatible with sn/pb soldering systems. reach reach reach reach compliant compliant compliant compliant information information information information this series has proven that this product does not contain harmful chemicals, it also has harmful chemical substances through the registration, inspection and approval. microdc microdc microdc microdc professional professional professional professional power power power power module,inc. module,inc. module,inc. module,inc. tel:0086-20-86000646 tel:0086-20-86000646 tel:0086-20-86000646 tel:0086-20-86000646 e-mail:tech@microdc.cn e-mail:tech@microdc.cn e-mail:tech@microdc.cn e-mail:tech@microdc.cn website: website: website: website: www www www www .microdc. .microdc. .microdc. .microdc. c c c c n n n n microdc professional power module,inc.makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. specifications are subject to change without notice. ? 2010 microdc professional power module, inc. guangzhou


▲Up To Search▲   

 
Price & Availability of TMA-XD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X