Part Number Hot Search : 
DZ18V AAT3236 LV8743V 3266X500 TFMAJ16 D8188 BCM5693 SG1501AJ
Product Description
Full Text Search
 

To Download STF34NM60ND Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. october 2012 doc id 18099 rev 5 1/22 22 stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd n-channel 600 v, 0.097 typ., 29 a fdmesh? ii power mosfet (with fast diode) in d 2 pak, to-220fp, to-220 and to-247 datasheet ? production data features the world?s best r ds(on) in to-220 amongst the fast recovery diode devices 100% avalanche tested low input capacitance and gate charge low gate input resistance extremely high dv/dt and avalanche capabilities applications switching applications description these fdmesh? ii power mosfets with intrinsic fast-recovery body diode are produced using the second generation of mdmesh? technology. utilizing a new strip-layout vertical structure, these revolutionary devices feature extremely low on-resistance and superior switching performance. they are ideal for bridge topologies and zvs phase-shift converters. figure 1. internal schematic diagram order codes v dss @t j max. r ds(on) max. i d stb34nm60nd STF34NM60ND stp34nm60nd stw34nm60nd 650 v 0.110 29 a 1 2 3 1 2 3 tab to-247 to-220 to-220fp 1 2 3 1 3 tab d 2 pak !-v $ 4!" ' 3 table 1. device summary order codes marking package packaging stb34nm60nd STF34NM60ND stp34nm60nd stw34nm60nd 34nm60nd 34nm60nd 34nm60nd 34nm60nd d 2 pa k to-220fp to-220 to-247 tape and reel tu b e tu b e tu b e www.st.com
contents stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 2/22 doc id 18099 rev 5 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd electrical ratings doc id 18099 rev 5 3/22 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit d 2 pak, to-220, to-247 to-220fp v ds drain-source voltage 600 v v gs gate- source voltage 25 v i d drain current (continuous) at t c = 25 c 29 29 (1) 1. current limited by package a i d drain current (continuous) at t c = 100 c 18 18 (1) a i dm (2) 2. pulse width limited by safe operating area drain current (pulsed) 116 116 (1) a p tot total dissipation at t c = 25 c 190 40 w v iso insulation withstand voltage (rms) from all three leads to external heat sink (t=1 s;t c =25 c) 2500 v dv/dt (3) 3. i sd 29 a, di/dt 600 a/s, v dd = 80% v (br)dss ,v dspeak < v (br)dss peak diode recovery voltage slope 40 v/ns t stg storage temperature - 55 to 150 c t j max. operating junction temperature 150 table 3. thermal data symbol parameter to-220 to-247 d 2 pak to-220fp unit r thj-case thermal resistance junction-case max 0.66 3.1 c/w r thj-amb thermal resistance junction-ambient max 62.5 50 62.5 c/w r thj-pcb (1) 1. when mounted on fr-4 board of 1 inch2, 2 oz cu. thermal resistance junction-pcb max 30 c/w table 4. avalanche characteristics symbol parameter max value unit i ar avalanche current, repetitive or not- repetitive (pulse width limited by t j max) 7a e as single pulse avalanche energy (starting t j = 25 c, i d = i ar , v dd = 50 v) 345 mj
electrical characteristics stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 4/22 doc id 18099 rev 5 2 electrical characteristics (t case = 25 c unless otherwise specified) table 5. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage (v gs = 0) i d = 1 ma 600 v i dss zero gate voltage drain current (v gs = 0) v ds = 600 v v ds = 600 v, t c =125 c 1 100 a a i gss gate-body leakage current (v ds = 0) v gs = 25 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 3 4 5 v r ds(on) static drain-source on resistance v gs = 10 v, i d = 14.5 a 0.097 0.110 table 6. dynamic symbol parameter test conditions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 50 v, f = 1 mhz, v gs = 0 - 2785 168 5 - pf pf pf c oss eq. (1) 1. c oss eq . is defined as a constant equivalent capac itance giving the same charging time as c oss when v ds increases from 0 to 80% v dss equivalent output capacitance v gs = 0, v ds = 0 to 480 v - 43.8 - pf t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd =300 v, i d = 14.5 a r g =4.7 , v gs = 10 v (see figure 18 and 23 ) - 30 53.4 111 61.8 - ns ns ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 480 v, i d = 29 a, v gs = 10 v, (see figure 19 ) - 80.4 16 41.4 - nc nc nc r g gate input resistance f=1 mhz , open drain - 2.87 -
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd electrical characteristics doc id 18099 rev 5 5/22 table 7. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area source-drain current source-drain current (pulsed) - 29 116 a a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5%. forward on voltage i sd = 29 a, v gs = 0 - 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 29 a, v dd = 60 v di/dt=100 a/s (see figure 20 ) - 175 1.4 16 ns c a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 29 a,v dd = 60 v di/dt=100 a/s, t j = 150 c (see figure 20 ) - 255 2.6 20 ns c a
electrical characteristics stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 6/22 doc id 18099 rev 5 2.1 electrical characteristics (curves) figure 2. safe operating area for to-220fp figure 3. thermal impedance for to-220fp i d 100 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e 0.01 am0901 8 v1 figure 4. safe operating area for to-220 and d 2 pa k figure 5. thermal impedance for to-220 and d 2 pak figure 6. safe operating area for to-247 figure 7. thermal impedance for to-247 i d 100 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e am09017v1 i d 100 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e am09019v1
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd electrical characteristics doc id 18099 rev 5 7/22 figure 8. output characteristics figure 9. transfer characteristics figure 10. gate charge vs gate-source voltage figure 11. static drain-source on resistance figure 12. capacitance variations figure 13. output capacitance stored energy i d 60 40 20 0 0 10 v d s (v) 20 (a) 5 15 25 8 0 5v 6v 7v v g s =10v 3 0 10 50 70 3 0 am0 8 229v1 i d 60 40 20 0 0 4 v g s (v) 8 (a) 2 6 10 8 0 v d s =20v 10 3 0 50 70 am00 88 9v1 v g s 6 4 2 0 0 10 q g (nc) (v) 40 8 20 3 0 10 v dd =4 8 0v i d =29a 50 12 3 00 200 100 0 400 500 v d s 60 70 8 0 90 v d s (v) am0 8 2 3 1v1 r d s (on) 0.096 0.094 0.092 0.090 0 4 i d (a) ( ) 8 12 0.09 8 0.100 0.102 v g s =10v 16 20 24 2 8 am0 8 2 3 2v1 c 1000 100 10 1 0.1 10 v d s (v) (pf) 1 10000 100 ci ss co ss cr ss am0 8 2 33 v1 e o ss 6 4 2 0 0 100 v d s (v) ( j) 400 8 200 3 00 10 12 500 600 14 16 am0 8 2 3 4v1
electrical characteristics stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 8/22 doc id 18099 rev 5 figure 14. normalized gate threshold voltage vs temperature figure 15. normalized on resistance vs temperature figure 16. normalized b vdss vs temperature figure 17. source-drain diode forward vs temperature v g s (th) 1.00 0.90 0. 8 0 0.70 -50 0 t j (c) (norm) -25 1.10 75 25 50 100 i d =250 a am0 8 2 3 5v1 r d s (on) 1.7 1.5 0.9 0.5 -50 0 t j (c) (norm) -25 75 25 50 100 0.7 1. 3 1.1 1.9 2.1 am0 8 2 3 6v1 i d =14.5a v d s -50 0 t j (c) (norm) -25 75 25 50 100 0.92 0.94 0.96 0.9 8 1.00 1.02 1.04 1.06 i d =1ma 1.0 8 1.10 am0902 8 v1          96'>9@ ,6'>$@              4 j ?# 4 j ?# 4 j  ?# !-v
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd test circuits doc id 18099 rev 5 9/22 3 test circuits figure 18. switching times test circuit for resistive load figure 19. gate charge test circuit figure 20. test circuit for inductive load switching and diode recovery times figure 21. unclamped inductive load test circuit figure 22. unclamped inductive waveform figure 23. switching time waveform am0146 8 v1 v g s p w v d r g r l d.u.t. 2200 f 3 . 3 f v dd am01469v1 v dd 47k 1k 47k 2.7k 1k 12v v i =20v=v gmax 2200 f p w i g =con s t 100 100nf d.u.t. v g am01470v1 a d d.u.t. s b g 25 a a b b r g g fa s t diode d s l=100 h f 3 . 3 1000 f v dd am01471v1 v i p w v d i d d.u.t. l 2200 f 3 . 3 f v dd am01472v1 v (br)d ss v dd v dd v d i dm i d am0147 3 v1 v d s t on td on td off t off t f t r 90 % 10 % 10 % 0 0 90 % 90 % 10 % v g s
package mechanical data stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 10/22 doc id 18099 rev 5 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack? packages, depending on their level of environmental compliance. ecopack? specifications, grade definitions and product status are available at: www.st.com. ecopack? is an st trademark.
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd package mechanical data doc id 18099 rev 5 11/22 table 8. d2pak (to-263) mechanical data dim. mm min. typ. max. a4.40 4.60 a1 0.03 0.23 b0.70 0.93 b2 1.14 1.70 c0.45 0.60 c2 1.23 1.36 d8.95 9.35 d1 7.50 e 10 10.40 e1 8.50 e2.54 e1 4.88 5.28 h 15 15.85 j1 2.49 2.69 l2.29 2.79 l1 1.27 1.40 l2 1.30 1.75 r0.4 v2 0 8
package mechanical data stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 12/22 doc id 18099 rev 5 figure 24. d2pak (to-263) drawing figure 25. d2pak footprint (a) a. all dimension are in millimeters 0079457_t 16.90 12.20 9.75 3 .50 5.0 8 1.60 footprint
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd package mechanical data doc id 18099 rev 5 13/22 table 9. to-220fp mechanical data dim. mm min. typ. max. a4.4 4.6 b2.5 2.7 d2.5 2.75 e 0.45 0.7 f0.75 1 f1 1.15 1.70 f2 1.15 1.70 g 4.95 5.2 g1 2.4 2.7 h10 10.4 l2 16 l3 28.6 30.6 l4 9.8 10.6 l5 2.9 3.6 l6 15.9 16.4 l7 9 9.3 dia 3 3.2
package mechanical data stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 14/22 doc id 18099 rev 5 figure 26. to-220fp drawing 7012510_rev_k_b
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd package mechanical data doc id 18099 rev 5 15/22 table 10. to-220 type a mechanical data dim. mm min. typ. max. a4.40 4.60 b0.61 0.88 b1 1.14 1.70 c0.48 0.70 d 15.25 15.75 d1 1.27 e 10 10.40 e2.40 2.70 e1 4.95 5.15 f1.23 1.32 h1 6.20 6.60 j1 2.40 2.72 l13 14 l1 3.50 3.93 l20 16.40 l30 28.90 ? p3.75 3.85 q2.65 2.95
package mechanical data stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 16/22 doc id 18099 rev 5 figure 27. to-220 type a drawing 00159 88 _typea_rev_ s
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd package mechanical data doc id 18099 rev 5 17/22 table 11. to-247 mechanical data dim. mm. min. typ. max. a 4.85 5.15 a1 2.20 2.60 b1.0 1.40 b1 2.0 2.40 b2 3.0 3.40 c 0.40 0.80 d 19.85 20.15 e 15.45 15.75 e 5.30 5.45 5.60 l 14.20 14.80 l1 3.70 4.30 l2 18.50 ? p 3.55 3.65 ? r 4.50 5.50 s 5.30 5.50 5.70
package mechanical data stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 18/22 doc id 18099 rev 5 figure 28. to-247 drawing 0075 3 25_g
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd packaging mechanical data doc id 18099 rev 5 19/22 5 packaging mechanical data table 12. d2pak (to-263) tape and reel mechanical data tape reel dim. mm dim. mm min. max. min. max. a0 10.5 10.7 a 330 b0 15.7 15.9 b 1.5 d 1.5 1.6 c 12.8 13.2 d1 1.59 1.61 d 20.2 e 1.65 1.85 g 24.4 26.4 f 11.4 11.6 n 100 k0 4.8 5.0 t 30.4 p0 3.9 4.1 p1 11.9 12.1 base qty 1000 p2 1.9 2.1 bulk qty 1000 r50 t 0.25 0.35 w 23.7 24.3
packaging mechanical data stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 20/22 doc id 18099 rev 5 figure 29. tape figure 30. reel p1 a0 d1 p0 f w e d b0 k0 t u s er direction of feed p2 10 pitche s c u m u l a tive toler a nce on t a pe +/- 0.2 mm u s er direction of feed r bending r a di us top cover t a pe am0 88 52v2 a d b f u ll r a di us g me asu red a t h ub c n reel dimen s ion s 40mm min. acce ss hole at s lot loc a tion t t a pe s lot in core for t a pe s t a rt 25 mm min. width am0 88 51v2
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd revision history doc id 18099 rev 5 21/22 6 revision history table 13. document revision history date revision changes 04-nov-2010 1 initial release. 18-apr-2011 2 corrected e as value in table 4: avalanche characteristics 14-sep-2011 3 added order code in d 2 pak and to-220fp updated table 1: device summary , table 2: absolute maximum ratings and table 3: thermal data . updated section 4: package mechanical data . added section 5: packaging mechanical data . minor text changes. 29-dec-2011 4 updated description in cover page. 01-oct-2012 5 updated title on the cover page. updated figures 10 , 11 , 16 and 17 . updated section 4: package mechanical data . minor text changes.
stb34nm60nd, STF34NM60ND, stp34nm60nd, stw34nm60nd 22/22 doc id 18099 rev 5 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by two authorized st representatives, st products are not recommended, authorized or warranted for use in military, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or register ed trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2012 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STF34NM60ND

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X