|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1 2000-01-31 SPP07N60S5 spb07n60s5 cool mos ? power-transistor new revolutionary high voltage technology ultra low gate charge periodic avalanche rated extreme d v /d t rated optimized capacitances improved noise immunity former development designation: sppx3n60s5/spbx3n60s5 g,1 d,2 s,3 c power semiconductors o o l mos type v ds i d r ds(on) package marking ordering code SPP07N60S5 600 v 7.3 a 0.6 w p-to220-3-1 07n60s5 q67040-s4172 p-to263-3-2 07n60s5 q67040-s4185 spb07n60s5 maximum ratings , at t j = 25 c, unless otherwise specified parameter symbol value unit continuous drain current t c = 25 c t c = 100 c i d 7.3 4.6 a pulsed drain current, t p = 1ms 1) t c = 25 c i d puls 14.6 avalanche energy, single pulse i d = 7.3 a, v dd = 50 v e as 230 mj avalanche energy (repetitive, limited by t jmax ) i d = 9.1 a , v dd = 50 v e ar 0.8 avalanche current (repetitive, limited by t jmax ) i ar 9.1 a reverse diode d v /d t i s = 7.3 a, v ds < v dss , d i /d t = 100 a/s, t jmax = 150 c d v /d t 6 kv/s gate source voltage v gs 20 v power dissipation t c = 25 c p tot 83 w operating and storage temperature t j , t stg -55... +150 c
2 2000-01-31 SPP07N60S5 spb07n60s5 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol values unit min. typ. max. thermal characteristics thermal resistance, junction - case r thjc - - 1.5 k/w thermal resistance, junction - ambient (leaded and through-hole packages) r thja - - 62 smd version, device on pcb: @ min. footprint @ 6 cm 2 cooling area 2) r thja - - - 35 62 - static characteristics , at t j = 25 c, unless otherwise specified drain-source breakdown voltage v gs = 0 v, i d = 0.25 ma v (br)dss 600 - - v gate threshold voltage, v gs = v ds i d = 350 a, t j = 25 c v gs(th) 3.5 4.5 5.5 zero gate voltage drain current, v ds = v dss v gs = 0 v, t j = 25 c v gs = 0 v, t j = 150 c i dss - - 0.5 - 1 100 a gate-source leakage current v gs = 20 v, v ds = 0 v i gss - - 100 na drain-source on-state resistance v gs = 10 v, i d = 4.6 a r ds(on) - 0.54 0.6 w 1 current limited by t jmax 2 device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6 cm2 (one layer, 70m thick) copper area for drain connection. pcb is vertical without blown air. 3 2000-01-31 SPP07N60S5 spb07n60s5 electrical characteristics , at t j = 25 c, unless otherwise specified parameter symbol conditions values uni t min. typ. max. dynamic characteristics transconductance g fs v ds 3 2* i d * r ds(on)max , i d =4.6a - 4 - s input capacitance c iss v gs =0v, v ds =25v, f =1mhz - 970 - pf output capacitance c oss - 370 - reverse transfer capacitance c rss - 10 - turn-on delay time t d(on) v dd =350v, v gs =10v, i d =7.3a, r g =12 w - 120 - ns rise time t r - 40 - turn-off delay time t d(off) - 170 255 fall time t f - 20 30 gate charge characteristics gate to source charge q gs v dd =350v, i d =7.3a - 7.5 - nc gate to drain charge q gd - 16.5 - total gate charge q g v dd =350v, i d =7.3a, v gs =0 to 10v - 27 35 reverse diode inverse diode continuous forward current i s t c =25c - - 7.3 a inverse diode direct current,pulsed i sm - - 14.6 inverse diode forward voltage v sd v gs =0v, i f =7.3a - 1 1.2 v reverse recovery time t rr v r =350v, i f = l s , d i f /d t =100a/s - 750 1275 ns reverse recovery charge q rr - 4.9 - c 4 2000-01-31 SPP07N60S5 spb07n60s5 power dissipation p tot = f ( t c ) 0 20 40 60 80 100 120 c 160 t c 0 10 20 30 40 50 60 70 80 w 100 SPP07N60S5 p tot drain current i d = f ( t c ) parameter: v gs 3 10 v 0 20 40 60 80 100 120 c 160 t c 0.0 1.0 2.0 3.0 4.0 5.0 6.0 a 8.0 SPP07N60S5 i d safe operating area i d = f ( v ds ) parameter: d =0.01, t c =25c 10 0 10 1 10 2 10 3 v v ds -1 10 0 10 1 10 2 10 a SPP07N60S5 i d r d s ( o n ) = v d s / i d dc 10 ms 1 ms 100 s t p = 15.0 s transient thermal impedance z thjc = f ( t p ) parameter : d = t p / t 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 s t p -2 10 -1 10 0 10 1 10 k/w z thjc d=0.5 d=0.2 d=0.1 d=0.05 d=0.02 d=0.01 single pulse 5 2000-01-31 SPP07N60S5 spb07n60s5 typ. output characteristic i d = f ( v ds ) parameter: v gs , t j = 25 c 0 5 10 15 v 25 v ds 0 4 8 12 16 a 24 i d 6v 0 5 10 15 v 25 v ds 0 4 8 12 16 a 24 i d 7v 0 5 10 15 v 25 v ds 0 4 8 12 16 a 24 i d 8v 0 5 10 15 v 25 v ds 0 4 8 12 16 a 24 i d 9v 0 5 10 15 v 25 v ds 0 4 8 12 16 a 24 i d 10v 0 5 10 15 v 25 v ds 0 4 8 12 16 a 24 i d 12v 0 5 10 15 v 25 v ds 0 4 8 12 16 a 24 i d 20v 0 5 10 15 v 25 v ds 0 4 8 12 16 a 24 i d drain-source on-resistance r ds(on) = f ( t j ) parameter : i d = 4.6 a, v gs = 10 v -60 -20 20 60 100 c 180 t j 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 w 3.4 SPP07N60S5 r ds(on) typ 98% typ. capacitances c = f ( v ds ) parameter: v gs =0 v, f =1 mhz 0 10 20 30 40 50 60 70 80 v 100 v ds 0 10 1 10 2 10 3 10 4 10 pf c c iss c oss c rss typ. transfer characteristics i d = f ( v gs ) v ds 3 2 x i d x r ds(on)max 0 4 8 12 v gs 20 v 0 4 8 12 16 a 24 i d 6 2000-01-31 SPP07N60S5 spb07n60s5 avalanche energy e as = f ( t j ) par.: i d =7.3a, v dd =50v 20 40 60 80 100 120 c 160 t j 0 20 40 60 80 100 120 140 160 180 200 220 mj 260 e as avalanche soa i ar = f ( t ar ) par.: t j(start) = 25 c, t j 150 c 10 -3 10 -2 10 -1 10 0 10 1 10 2 10 4 s t ar 0 1 2 3 4 5 6 7 8 a 10 i ar drain-source breakdown voltage v (br)dss = f ( t j ) -60 -20 20 60 100 c 180 t j 540 560 580 600 620 640 660 680 v 720 SPP07N60S5 v (br)dss gate threshold voltage v gs(th) = f ( t j ) parameter: v gs = v ds , i d = 350 a -60 -20 20 60 100 c 180 t j 0 1 2 3 4 5 v 7 v gs(th) typ. 98% 2% 7 2000-01-31 SPP07N60S5 spb07n60s5 forward characteristics of reverse diode i f = f (v sd ) parameter: t j , t p = 80 s 0.0 0.4 0.8 1.2 1.6 2.0 2.4 v 3.0 v sd -1 10 0 10 1 10 2 10 a SPP07N60S5 i f t j = 25 c typ t j = 25 c (98%) t j = 150 c typ t j = 150 c (98%) typ. gate charge v gs = f ( q gate ) parameter: i d = 7.3 a pulsed 0 4 8 12 16 20 24 28 32 nc 38 q g 0 2 4 6 8 10 12 v 16 SPP07N60S5 v gs ds max v 0,8 ds max v 0,2 8 2000-01-31 SPP07N60S5 spb07n60s5 p-to220-3-1 symbol [mm] [inch] minmaxminmax a 9.70 10.30 0.3819 0.4055 b 14.88 15.95 0.5858 0.6280 c 0.65 0.86 0.0256 0.0339 d 3.55 3.89 0.1398 0.1531 e 2.60 3.00 0.1024 0.1181 f 6.00 6.80 0.2362 0.2677 g 13.00 14.00 0.5118 0.5512 h 4.35 4.75 0.1713 0.1870 k 0.38 0.65 0.0150 0.0256 l 0.95 1.32 0.0374 0.0520 m n 4.30 4.50 0.1693 0.1772 p 1.17 1.40 0.0461 0.0551 t 2.30 2.72 0.0906 0.1071 2.54 typ. 0.1 typ. dimensions p-to220-3-1 to-263 (d2pak/p-to220smd) symbol [mm] [inch] minmaxminmax a 9.80 10.20 0.3858 0.4016 b 0.70 1.30 0.0276 0.0512 c 1.00 1.60 0.0394 0.0630 d 1.03 1.07 0.0406 0.0421 e f 0.65 0.85 0.0256 0.0335 g h 4.30 4.50 0.1693 0.1772 k 1.17 1.37 0.0461 0.0539 l 9.05 9.45 0.3563 0.3720 m 2.30 2.50 0.0906 0.0984 n p 0.00 0.20 0.0000 0.0079 q 4.20 5.20 0.1654 0.2047 r s 2.40 3.00 0.0945 0.1181 t 0.40 0.60 0.0157 0.0236 u v w x y z 0.3701 0.6358 0.1811 2.54 typ. 5.08 typ. 4.60 9.40 16.15 15 typ. 6.23 1.15 10.80 8 max dimensions 0.4252 0.0453 0.2453 0.1 typ. 0.2 typ. 0.5906 typ. 8 max 9 2000-01-31 SPP07N60S5 spb07n60s5 published by infineon technologies ag , bereichs kommunikation st.-martin-strasse 53, d-81541 mnchen ? infineon technologies ag 1999 all rights reserved. attention please! the information herein is given to describe certain components and shall not be considered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. infineon technologies is an approved cecc manufacturer. information for further information on technology, delivery terms and conditions and prices please contact your nearest infineon technologies office in germany or our infineon technologies reprensatives worldwide (see address list). warnings due to technical requirements components may contain dangerous substances. for information on the types in question please contact your nearest infineon technologies office. infineon technologies components may only be used in life-support devices or systems with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered. |
Price & Availability of SPP07N60S5 |