Part Number Hot Search : 
74HC00AP BP12864A C4010 SXM56LF STZ8027B SXM56LF DT54FCT 45103
Product Description
Full Text Search
 

To Download SL2220005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part number: sl22 20005 ordering different lead types: for example: to order an inside kinked lead use part number sl22 20005- a electrical specifications: mechanical specifications: ul file number: #e209153 revision date: march 19, 2003 inside kinked leads use -a after ametherm?s part # outside kinked leads use -b after ametherm?s part # resistance @ 25c 20.0 ? 20% max steady state current up to 65 c 5.0 a max recommended energy rating (joules) 125.0 j actual failure point of instantaneous energy (joules) 295.0 j resistance @ 100% of max current 0.400 ? resistance @ 50% of max current 0.820 ? body temperature @ 100% current rating 178 c dissipation constant 32.4mw/ c thermal time constant 104 seconds material type ?h? max recommended capacitance @ 120/240 vac 8650 f/2160 f d 20.0 1.0 mm t 5.0 .20 mm lead diameter 1.0 0.1 mm s 7.8 2.0 mm l 38.0 9.0 mm straight leads coating run down 5.0 1.0 mm b 9.35 0.85 mm c 3.82 1.0 mm l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL2220005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X