Part Number Hot Search : 
00260 BZV8512 CF050 ZT2222A 4ACT1 MGFC3 M1001 SP7615ER
Product Description
Full Text Search
 

To Download SEL6210R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18 90 60 30 0 90 60 30 0 50 100% 50 100% 90 60 30 0 90 60 30 0 50 100% 50 100% 90 60 30 0 90 60 30 0 50 100% 50 100% 90 60 30 0 90 60 30 0 50 100% 50 100% absolute maximum ratings (ta=25 c) symbol unit ratings i f ma 30 i fp ma 100 v r v3 top c C30 to +85 tstg c C30 to +100 outline drawing a n sel6014 series (wide viewing angle) outline drawing c outline drawing b n sel6015 series (narrow viewing angle) l sel6000 series leds pack- aged on tapes can withstand shocks caused by insertion ma- chines; thus, they can be con- tact-mounted automatically on circuit boards. recommended dimensions of insertion holes on printed cir- cuit boards viewing angle sel6010 series sel6014 series sel6015 series n sel6010 series (standard type) viewing angle of a diffused lens n external dimensions: unit: mm tolerance: 0.3 round-type contact mount leds (for automatic insertion) 0.9 ~ 1.0 2.54mm viewing angle of a non-diffused lens viewing angle of a non-diffused lens viewing angle of a non-diffused lens SEL6210R sel6414e sel6915a 3.5 0.8 ?.2 4.0 ?.2 0.4 ?.1 23.0min 1.0min 4.5 ?.5 (1.6) 2.5 ?.1 (p.2.54) 3.5 4.4 0.45 ?.1 0.65max resin heap 0.8max cathode 3.5 0.8 ?.2 4.0 ?.2 0.4 ?.1 23.0min 1.0min (1.7) 3.5 ?.1 (p.2.54) 3.1 ?.1 4.4 0.45 ?.1 0.65max resin heap 0.8max resin burr 0.3max cathode mark cathode 3.5 0.8 ?.2 4.0 ?.2 0.4 ?.1 23.0min 1.0min 5.5 ?.5 (1.7) 3.5 ?.1 (p.2.54) 3.1 ?.1 4.4 0.45 ?.1 0.65max resin heap 0.8max cathode
19 i v (mcd) i r ( m a) dl l p max v f (v) SEL6210R sel6210s sel6410g sel6410e sel6510g sel6510c sel6710y sel6710k sel6810d sel6810a sel6910d sel6910a sel6214s sel6414e sel6514c sel6814a sel6914a sel6215s sel6415e sel6515c sel6815a sel6915a outline drawing condition i f (ma) condition v r (v) condition i f (ma) (nm) typ emitting color max typ green pure green yellow amber orange high intensity red green pure green amber orange high intensity red green pure green amber orange 50 3 2.5 10 50 3 2.5 10 50 3 2.5 10 12 25 15 45 5 16 5 15 4 10 6.5 14 10 12 6 5 5 30 50 18 30 40 630 560 555 570 610 587 630 560 555 610 587 630 560 555 610 587 35 20 40 35 33 35 20 35 33 35 20 35 33 a c b 20 10 20 10 20 n using contact mount leds packaged on tapes 1. printed circuit board l one-side printed circuit board is recommended. l if there are several smd parts on the same printed circuit board, insert the leds after the adhesive for other smd parts hardened. 2. insertion conditions l use low insertion pusher pressure, as much as possible. l cut and clinch: panasert t pattern is recommended. for n pattern, make the clinching angle of the leds anode as small as possible. 3. soldering conditions l preheating must be less than 90 c (temperature on printed circuit boards bottom surface) for no more than two minutes l solder dipping must be made at a temperature of 250 c for no more than 3 seconds. type no. display form ( ? : mm) type of lens l 3.1 l 3.1 l 3.1 l 3.1 l 3.1 l 3.1 l 3.1 l 3.1 l 3.1 l 3.1 l 3.1 l 3.1 l 3.5 l 3.5 l 3.5 l 3.5 l 3.5 l 3.1 l 3.1 l 3.1 l 3.1 l 3.1 electro-optical characteristics (ta=25 c) red tinted, diffused red tinted, non-diffused green tinted, diffused green tinted, non-diffused green tinted, diffused un-tinted, non-diffused yellow tinted, diffused yellow tinted, non-diffused orange tinted, diffused orange tinted, non-diffused orange tinted, diffused orange tinted, non-diffused red tinted, non-diffused green tinted, non-diffused un-tinted, non-diffused orange tinted, non-diffused orange tinted, non-diffused red tinted, non-diffused green tinted, non-diffused un-tinted, non-diffused orange tinted, non-diffused orange tinted, non-diffused high intensity red typ 1.9 2.0 1.9 1.9 2.0 1.9 1.9 2.0 1.9
20 taping of packaged leds with holder (for automatic insertion) outline drawing b th10d outline drawing a th12e n th12e n th10d l eliminates the cumbersome need to attach holders. l available in heights of 12 mm, 10 mm and 8 mm with a luminous area of 4.0 mm 4.0 mm. l available in radial taping configuration with a lead pitch of 5 mm allowing mounting by inserters. l available in different colors. l th10d and th12e are holders used for the sel6010 series. th8f is a holder used for the sel5020 and sel5021 series. n external dimensions: unit: mm tolerance: 0.3 12.7 ?.0 6.35 ?.5 0 ?.2 18.0 +1.0 ?.5 17.5 +1.0 ?.5 max 11 9.0 ?.5 4.0 ?.2 holder tape marking (black) min 0.3 0.7 ?.2 0.45 ?.1 3.85 ?.5 0 ?.2 (po) 12.7 ?.2 0.4 ?.1 min 13.0 29.5 +1.0 ?.5 mounting tape l = min 1.6 w = min 0.2 component alignment (po): cumulative pitch tolerance shall not exceed ?.0mm over 20 consecutive pitches. tolerance: ?.3 5.0 ?.5 12.7 ?.0 6.35 ?.5 0 ?.2 18.0 +1.0 ?.5 17.5 +1.0 ?.5 max 11 9.0 ?.5 4.0 ?.2 holder tape marking (black) min 0.3 0.7 ?.2 0.45 ?.1 3.85 ?.5 0 ?.2 (po) 12.7 ?.2 0.4 ?.1 min 13.0 27.5 +1.0 ?.5 mounting tape l = min 1.6 w = min 0.2 component alignment (po): cumulative pitch tolerance shall not exceed ?.0mm over 20 consecutive pitches. tolerance: ?.3 5.0 ?.5
21 type no. emitting color sel6210s th12e high intensity red sel6410e th12e green sel6510c th12e pure green sel6710k th12e yellow sel6810a th12e amber sel6910a th12e orange sel6210s th10d high intensity red sel6410e th10d green sel6510c th10d pure green sel6710k th10d yellow sel6810a th10d amber sel6910a th10d orange sel5220s th8f high intensity red sel5420e th8f green sel5520c th8f pure green sel5820a th8f amber sel5920a th8f orange sel5221s th8f high intensity red sel5421e th8f green sel5521c th8f pure green sel5821a th8f amber sel5921a th8f orange outline drawing c th8f n th8f recommended dimensions of insertion holes on printed circuit boards (common) n external dimensions: unit: mm tolerance: 0.3 quantity per box: 1,200 (po): the cumulative pitch error must be within 1.0 for 2.0 pitches. 2- 0.9~1.0 led insertion hole 5.0 12.7 ?.0 (p) 6.35 ?.5 (t) 0.7 ?.2 6.0 0.5 8.4 6.0 4.0 13min 18.0 +1.0 ?.5 18.0 ? 11.0max 9.0 ?.5 (p0) 12.7 ?.2 4.0 ?.2 paper mount tape marking (black) 0.3min 5.0 ?.5 7.2 8.0 0 ?.0 0 ?.0 bent (p 2 ) cathode product list


▲Up To Search▲   

 
Price & Availability of SEL6210R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X