Part Number Hot Search : 
AN302 MC340 BL1085 2N3262 60300 BL1085 BL1085 2N3262
Product Description
Full Text Search
 

To Download PJB400 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 4 page: safety data sheet 19/09/2000 revision date: PJB400 ref.: 1. identification of the substance/preparation and the company/undertaking yellow gloss paint product name: product code: PJB400 supplier: electrolube h.k. wentworth ltd., wentworth house, blakes road, wargrave, berkshire, rg10 8aw, united kingdom. telephone (uk): telephone (fr): telephone (de): +44 (0) 118 9404031 +33 (0) 148 15 4363 +49 (0) 221 9355350 fax no: +44 (0) 118 9403084 2. composition/information on ingredients identification of the preparation ec-no. chemical name cas-no. class weight % 200-827-9 / 203-448-7 propane / butane 74-98-6 / 106-97-8 f+; r12 / f+; r12 < 40 215-535-7 xylene, mixture of isomers 1330-20-7 r10 xn; r20/21 xi; r38 < 3 non hazardous constituents > 57 3. hazards identification most important hazards: extremely flammable. specific hazards may cause irritation of respiratory tract. may cause eye/skin irritation. solvents may degrease the skin. high concentration of vapours may induce unconsciousness. / narcosis. 4. first aid measures general advice: use only in well-ventilated areas.. inhalation: move to fresh air. consult a physician after significant exposure. skin contact: in the case of skin irritation or allergic reactions see a physician. eye contact: flush eye(s) immediately with plenty of water. if eye irritation persists, consult a specialist. ingestion: immediately give large quantities of water to drink. consult a physician if necessary 5. fire-fighting measures suitable extinguishing media: extinguish with dry chemical or foam. extinguishing media which must not be used for safety reasons: do not use a solid water stream as it may scatter and spread fire. specific hazards: cool containers / tanks with spray water. special protective equipment for firefighters: wear self contained breathing apparatus for fire fighting if necessary. specific methods: none
2 of 4 page: yellow gloss paint product name: 19/09/2000 revision date: PJB400 ref.: 6. accidental release measures personal precautions: remove all sources of ignition. use personal protective equipment. environmental precautions: do not flush into surface water or sanitary sewer system. methods for cleaning up: soak up with inert absorbent material and dispose of as hazardous waste. 7. handling and storage handling: use only in well-ventilated areas. avoid contact with skin, eyes and clothing. do not breathe vapours or spray mist. do not smoke. storage: keep container tightly closed in a dry and well-ventilated place. keep away from heat and sources of ignition. 8. exposure controls / personal protection chemical name: national occupational exposure limits: hsc(eh40) propane / butane long term (8 hrs) = 1000ppm short term (15 min) = 1250ppm / long term (8 hrs) = 600ppm / 1450mgm -3 short term (15 min) = 750ppm / 1810mgm -3 xylene, mixture of isomers long term (8 hrs) = 100ppm / 441mgm -3 short term (15 min) = 150ppm / 662mgm -3 non hazardous constituents ensure adequate ventilation, especially in confined areas. engineering measures: personal protective equipment: - respiratory protection: not required under normal use. - hand protection: solvent-resistant gloves. - eye protection: safety glasses - skin and body protection: not required under normal use hygiene measures: when using, do not eat, drink or smoke.. 9. physical and chemical properties form: liquid colour: yellow odour: acetone flash point: < 0 c explosion limits: - lower 0.6 vol. % - upper 13.0 vol. % vapour pressure: ( 20 c) 3546 hpa relative density: ( 20 c) >= 0.75 10. stability and reactivity stability: no decomposition if stored and applied as directed.. conditions to avoid: do not expose to temperatures above .? c. keep away from open flames, hot surfaces and sources of ignition.. keep away from sources of ignition - no smoking.. materials to avoid: keep away from oxidising agents, strongly alkaline and strongly acid materials in order to avoid exothermic reactions. hazardous decomposition products: thermal decomposition can lead to release of irritating gases and vapours..
3 of 4 page: yellow gloss paint product name: 19/09/2000 revision date: PJB400 ref.: 11. toxicological information acute toxicity: no data is available on the product itself. local effects: may cause skin irritation in susceptible persons.. may cause sensitisation by skin contact.. may cause irreversible eye damage.. sensitisation: not applicable no data is available on the product itself. long term toxicity: chronic toxicity: inhalation of vapours in high concentration may cause irritation of respiratory system. / narcosis. symptoms of overexposure are dizziness, headache, tiredness, nausea, unconsciousness, cessation of breathing.. 12. ecological information mobility: completely miscible with water. persistence and degradability: readily biodegradable, according to appropriate oecd test. bioaccumulation: none ecotoxicity effects: lc50/96h/fathead minnows = 9600 mg/l 13. disposal considerations waste from residues / unused products: in accordance with local and national regulations. contaminated packaging: do not pierce or burn even when empty 14. transport information un-no: 1950 adr/rid class: 2 item: 5o f 1950 hi/un no: proper shipping name: aerosol dispensers imo class: 2.1 imdg page: 2102 ems: 2-13 mfag: 620 proper shipping name: aerosol dispensers icao class: 2.1 un/id no.: 1950 proper shipping name aerosols, flammable, n.o.s 15. regulatory information classification according to european directive on classification of hazardous preparations 90/492/eec. - contains: - symbol(s): f+ - extremely flammable r-phrase(s): r12 - extremely flammable. s-phrase(s): s 9 - keep container in a well-ventilated place. s16 - keep away from sources of ignition - no smoking. s23 - do not breathe vapour.
4 of 4 page: yellow gloss paint product name: 19/09/2000 revision date: PJB400 ref.: 16. other information 0 revision number: further information: cn no: 32081090 contact name: carolyn booth department: technical the information provided in this safety data sheet is correct to the best of our knowledge, information and belief at the date of its publication. the information given is designed only as a guidance for safe handling, use, processing, storage, transportation, disposal and release and is not to be considered a warranty or quality specification. the information relates only to the specific material designated and may not be valid for such material used in combination with any other materials or in any process, unless specified in the text.


▲Up To Search▲   

 
Price & Availability of PJB400

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X