Part Number Hot Search : 
TC0192A TC74VCX 17182 LL55C20 07590 STP16 LGU2A G910T21D
Product Description
Full Text Search
 

To Download PI5A392AQEX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ps7080h 06/16/04 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 1 1 1 4 4 4 2 2 3 3 3 2 391 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 1 1 1 4 4 4 2 2 3 3 3 2 392 14 15 16 9 13 12 11 10 1 2 3 4 5 7 6 8 1 1 1 4 4 4 2 2 3 3 3 2 393 a 2 9 3 a 5 i p c i g o lh c t i w s 0 1 f f o n o a 3 9 3 a 5 i p c i g o l4 , 1 s e h c t i w s3 , 2 s e h c t i w s 0 1 f f o n o n o f f o pi5a391a pi5a392a functional diagram, pin configuration and truth tables precision wide bandwidth quad analog switches switches are shown with logic "0" input. pi5a391a pi5a392a pi5a393a features ? single-supply operation (+2v to +6v) ? rail-to-rail analog signal range ? low on-resistance (6ohm typ @ 5v) minimizes distortion and error voltages ? r on matching between channels, 0.4 ohm typ ? on-resistance flatness, 2ohm typ ? low charge injection. q=4pc typ. reduces step errors, ?clicking, popping? noise ? high speed. t on , 10ns typ ? very low crosstalk: -72db @ 30 mhz ? wide -3db bandwidth: >200 mhz ? high-current channel capability: >100ma ? ttl/cmos logic compatible ? low power consumption (0.5w typ) ? pin-compatible with dg3xx, dg4xx, max39x applications ? audio, video switching and routing ? battery-powered communication systems ? computer peripherals ? telecommunications ? portable instrumentation ? mechanical relay replacement description the pi5a391a/392a are monolithic analog switches designed for low-voltage, single-supply operation. these high-precision de- vices are ideal for low-distortion audio, video, signal switching and routing applications. the pi5a391a is a quad single-pole single-throw (spst), normally closed (nc) switch. the pi5a392a has four normally open (no) switches. each switch conducts current equally well in either direction when on. when off they block voltages up to the power-supply rails. the pi5a391a/392a are fully specified with +5v, and +3.3v sup- plies. with +5v, they guarantee <12-ohm on-resistance. on-resis- tance matching between channels is within 2-ohm. on-resistance flatness is less than 4ohm over the full signal range. the pi5a39x family guarantees fast switching speeds (t on < 20ns). these products are available in the 16-pin narrow-body soic, and qsop packages for operation over the industrial (-40 o c to +85 o c) temperature range. 1 9 3 a 5 i p c i g o lh c t i w s 0 1 n o f f o
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi5a391a, pi5a392a precision wide bandwidth quad analog switches 2 ps7080h 06/16/04 storage temperature ......................................................... ?65c to +150c ambient temperature with power applied ............................ ?40c to +85c supply voltage to ground potential ....................................... ?0.5v to +7.0v dc input voltage .............................................................. ?0.5v to vcc+0.5v dc output current ............................................................................. 120 ma power dissipation .................................................................................. 0.5w note: stresses greater than those listed under maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specifica tion is not implied. exposure to abso- lute maximum rating conditions for extended periods may affect reliability. single 5.0v supply dc electrical characteristics (over the operating range, t a = ?40c to +85c, v cc = 5v 10%, gnd = 0v) parameters description test conditions (1) min. typ (2) max. units v analog analog signal range 0 ? v cc v r on on-resistance i nc or no = 10 ma to 30 ma ? 6 18 ohm r on match between channels ? 0.4 2 ohm r flat(on) r on flatness i on = 1 ma, v no , v nc = 0v to 5v ? 1 2 ohm i no(off) on/off leakage current v no , v nc = 4.5v ?30 ? 30 na i nc(on) i cc quiescent supply current v cc = 5.5v, v in = 0v or v cc ? ? 100 n a i o output current v no , v nc or v com = 0v to 5v 100 ? ? ma v ih input high voltage guaranteed logic high level 2.0 ? ? v v il input low voltage guaranteed logic low level ?0.5 ? 0.8 v i ih input high current v cc = max., v in = v cc ??1a i il input low current v cc = max., v in = gnd ? ? 1 a notes: 1. for max. or min. conditions, use appropriate value specified under electrical characteristics for applicable device type. 2. guaranteed by design. maximum ratings (above which the useful life may be impaired. for user guidelines, not tested.)
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi5a391a, pi5a392a precision wide bandwidth quad analog switches 3 ps7080h 06/16/04 dynamic electrical characteristics (over the operating range, t a = ?40c to +85c, v cc = 5v 10%, gnd = 0v) parameters description test conditions (1) min. typ (2) max. units t on turn-on time v com = 3.0v, see figure 1 ? 10 20 ns t off turn-off time v com = 3.0v, see figure 1 ? 5 10 ns x talk crosstalk r l = 100 ohm, f = 30 mhz, see figure 4 ? ?72 ? db c (off) nc or no capacitance f = 1 khz ? 13 ? pf oirr off isolation r l = 100 ohm, f = 30 mhz, see figure 5 ? ?55 ? db bw bandwidth ?3 db r l = 100 ohm, see figure 3 ? 200 ? mhz d distortion r on /r l r l = 100 ohm ? 2 ? % q charge injection c l = 1 nf, v gen = 0v ? 3 5 pc single 3.3v supply dc electrical characteristics (1) (over the operating range, t a = ?40c to +85c, v cc = 3.3v 10%, gnd = 0v) parameters description test conditions (1) min. typ (2) max. units v analog analog signal range 0 ? v cc v r on on-resistance i on = 10 ma to 30 ma ? 15 28 r on match between channels ? 0.4 2 r flat(on) r on flatness i on = 1 ma, v no , v nc = 0v to 5v ? 1 2 i no(off) on/off leakage current v no , v nc = 4.5v ?30 ? 30 na i nc(on) i cc quiescent supply current v cc = 5.5v, v in = 0v or v cc ? ? 100 n a i o output current v no , v nc or v com = 0v to 5v 80 ? ? ma v ih input high voltage guaranteed logic high level 2.0 ? ? v v il input low voltage guaranteed logic low level ?0.5 ? 0.8 v i ih input high current v cc = max., v in = v cc ??1a i il input low current v cc = max., v in = gnd ? ? 1 a notes: 1. for conditions shown as max or min, use appropriate value specified under electrical characteristics for applicable device ty pe. 2. guaranteed by design. 3. r on = r on max ? r on min. 4. flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the specified analog signal range. dynamic electrical characteristics (over the operating range, t a = ?40c to +85c, v cc = 3.3v 10%, gnd = 0v) parameters description test conditions (1) min. typ (2) max. units t on turn-on time v com = 3.0v, see figure 1 ? 20 40 ns t off turn-off time v com = 3.0v, see figure 1 ? 10 20 ns x talk crosstalk rl = 100 ohm, f = 30 mhz, see figure 4 ? ?72 ? db c (off) nc or no capacitance f = 1 khz ? 15 ? pf oirr off isolation r l = 100 ohm, f = 30 mhz, see figure 5 ? ?55 ? db bw bandwidth ?3 db r l = 100 ohm, see figure 3 ? 190 ? mhz d distortion r on /r l r l = 100ohm ? 2 ? % q charge injection c l = 1 nf, v gen = 0v ? 3 10 pc
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi5a391a, pi5a392a precision wide bandwidth quad analog switches 4 ps7080h 06/16/04 the 5a39x can be used to insert various capacitors (c1, c2) and set proper rc times for integration. resistors r 1 and r 2 set initial gain. the r in resistor x c1 or c2 sets the rc time. the reset switch discharges the hold capacitor through r in . applications figure 1. programmable integrator and sample/hold  + v out c2 c1 integrate reset/ hold ps391 r in v in r 1 r 2 c 1 c 2
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi5a391a, pi5a392a precision wide bandwidth quad analog switches 5 ps7080h 06/16/04 test circuits figure 2. switching time figure 3. bandwidth v + +5v gnd in in off on on off off off com in c l v out q = ( v out ) (c l ) 1nf .1 f no or nc vv logic input v gen out out s dut pi5a39x com no,nc i n e n v cc 100 ?? v out hp4195a network analyser 50 ?? active probe 100 ??
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi5a391a, pi5a392a precision wide bandwidth quad analog switches 6 ps7080h 06/16/04 s pi5a39x com e n v cc 100 ?? v out hp4195a network analyser 50 ?? active probe 50 ?? no,nc figure 4. crosstalk typical operating characteristics figure 5. off isolation s pi5a39x com e n v cc 100 ?? hp4195a network analyser 50 ?? active probe 100 ?? no,nc rl=100 ?? v out com
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi5a391a, pi5a392a precision wide bandwidth quad analog switches 7 ps7080h 06/16/04 figure 6. charge injection vs voltage in 0 5 10 15 20 023 145 3.3v 5v v cc = +5v, 3.3v t a = 25c cl = 1nf voltage in (volts) charge injection ( p c ) figure 7. on-resistance vs input voltage figure 8. insertion loss vs frequency 0 5 10 15 20 023 145 3.3v 5v -4 -3 -2 -1 0 1k 1m 10m 100m 1g 3.3v 5v r h = 100 t a = 25c r in = 1dbm r l = 100 t a = 25c input voltage (v) frequency (hz) on-resistance r on ( ) insertion loss bw (db)
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi5a391a, pi5a392a precision wide bandwidth quad analog switches 8 ps7080h 06/16/04 .189 .197 .053 .069 .004 .010 seating plane .025 bsc .007 .010 .228 .244 1 16 .150 .157 .016 .050 x.xx x.xx denotes dimensions in millimeters 0.635 4.80 5.00 1.35 1.75 5.79 6.19 0.101 0.254 .008 .012 0.203 0.305 3.81 3.99 0.178 0.254 0.38 0.41 1.27 .008 0.203 .015 x 45 ref detail a detail a .008 0.20 min. guage plane .010 0.254 .041 1.04 ref .016 .035 0.41 0.89 0?-6? .008 .013 0.20 0.33 figure 9. off isolation vs frequency figure 10. crosstalk vs frequency 0 -10 -20 -30 -40 -50 -60 -70 -80 -90 1m 10m 100m 1g 3.3v, 5v 0 -10 -20 -30 -40 -50 -60 -70 -80 1m 10m 100m 1g 3.3v, 5v p in = 1dbm t a = 25c r l = 100 p in = 1dbm t a = 25c r l = 100 frequency (hz) frequency (hz) crosstalk xtalk (db) off isolation oirr (db) packaging mechanical: 16-pin, qsop
1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 1234567890123456789012345678901212345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901 2123456789012 pi5a391a, pi5a392a precision wide bandwidth quad analog switches 9 ps7080h 06/16/04 seating plane .050 bsc 1 16 0-8? .149 .157 x.xx x.xx denotes dimensions in millimeters 3.78 3.99 .386 .393 9.80 10.00 1.27 .053 .068 1.35 1.75 .2284 .2440 5.80 6.20 .0040 .0098 0.10 0.25 .013 .020 .0155 .0260 0.330 0.508 0.393 0.660 .0075 .0098 0.25 0.50 .0099 .0196 x 45? 0.19 0.25 .016 .050 0.41 1.27 ref packaging mechanical: 16-pin, soic ordering information r e b m u n t r a pe g a k c a pe d o c e g a k c a pe r u t a r e p m e t q a 1 9 3 a 5 i pp o s q , n i p - 6 1 n e e r g & e e r f - b p6 1 q c 5 8 + o t c 0 4 ? w a 1 9 3 a 5 i pc i o s , n i p - 6 1 n e e r g & e e r f - b p6 1 w q a 2 9 3 a 5 i pp o s q , n i p - 6 1 n e e r g & e e r f - b p6 1 q w a 2 9 3 a 5 i pc i o s , n i p - 6 1 n e e r g & e e r f - b p6 1 w pericom semiconductor corporation 1-800-435-2336 ? fax (408) 435-1100 ? http://www.pericom.com note: adding x suffix = tape/reel


▲Up To Search▲   

 
Price & Availability of PI5A392AQEX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X