Part Number Hot Search : 
46R48 H0009NL AAYP37 M6249 2N2224 N74AC 0GD06 APW7136
Product Description
Full Text Search
 

To Download PE30L0FR472MAB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fully sealed potentiometer military and professional grade pe30 vishay sfernice document number: 51037 for technical questions, contact: sfer@vishay.com www.vishay.com revision: 29-aug-12 see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 131 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 features ? high power rating 3 w at 70 c ? low temperature coeffici ent (150 ppm/c typical) ? cermet element ? full sealing ? use of faston 2.86 connections ? tests according to cecc 41000 or iec 60393-1 ? wires and connectors available ? custom design on request ? center detent option ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 dimensions in millimeters (inches) 0.5 mm ( 0.02") 20 (0.79) max. pe30l 12 (0.47) 8 (0.31) ? 19.7 (0.7 8 ) 13 (0.51) max. 14 w rench thread m10 x 0.75 ? 6 (0.24) 76 r 5.2 (0.20) ac b 3 (0.12) 2. 8 5 (0.11) 0.5 (0.02) fg = 16 (0.63) fl = 25 (0.99) fr = 50 (1.97) 3 (0.12) ? 1. 8 (0.07) 3 (0.12) 12.5 (0.49) 8 . 8 (0.35) 2.3 (0.9) 0. 8 (0.3) pe30ll: lprp - locating peg 9.2 (0.36) ? 3.5 (0.14) ? 10.5 (0.41) panel mount pe30me: panel sealed ? 1.2 (0.05) ? 6 (0.24) flats located fp = 47 (1. 8 5) fj = 22 (0. 8 7) fd = 13 (0.61) 9 (0.35) sealing ring 8 0.2 (0.31 0.01) ? 10.5 (0.41) ? 19.7 (0.7 8 ) ? 1 (0.4) 0.7 (0.03) 16 (0.63) max. 23 (0.91) max. panel mount slot 1 x 1. 8 deep
pe30 vishay sfernice fully sealed potentiometer military and professional grade www.vishay.com for technical questions, contact: sfer@vishay.com document number: 51037 132 see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 revision: 29-aug-12 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical specifications resistive element cermet electrical travel 270 10 resistance ran g e linear taper 22 ? to 10 m ? lo g arithmic taper 100 ? to 2.2 m ? standard series e3 1 - 2.2 - 4.7 and on request 1 - 2 - 5 tolerance standard 20 % on request 10 % to 5 % taper power ratin g linear lo g arithmic 3 w at 70 c 1.5 w at 70 c circuit dia g ram temperature coefficient (typical) 150 ppm/c limitin g element volta g e 300 v contact resistance variation (typical) 3 % rn or 3 ? end resistance (typical) 1 ? dielectric stren g th (rms) 2500 v insulation resistance (300 v dc ) 10 5 m ? independent linearity (typical) 5 % 100 80 60 40 20 0 0 100 80 60 40 20 % clockwise shaft rotation % total resistance f l a ambient temperature in c power in w 0 20 40 60 70 80 100 120 140 0 3 lin. taper a 1 2 log. taper l and f a (1) b (2) c (3) cw
document number: 51037 for technical questions, contact: sfer@vishay.com www.vishay.com revision: 29-aug-12 see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 133 pe30 fully sealed potentiometer military and professional grade vishay sfernice this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 standard resistance element data standard resistance values linear taper logs taper max. power at 70 c max. working voltage max. cur. through wiper max. power at 70 c max. working voltage max. cur. through wiper ? wvmawvma 22 47 100 220 470 1k 2.2k 4.7k 10k 22k 47k 100k 220k 470k 1m 2.2m 4.7m 10m 3 3 3 3 3 3 3 3 3 3 1.91 0.90 0.41 0.19 0.09 0.04 0.02 0.01 8.1 11.9 17.3 25.7 37.5 54.8 81.2 119.9 173 257.7 300 300 300 300 300 300 300 300 369 252 173 116 79 54 37 25 17 11 6.3 3 1.36 0.63 0.30 0.13 0.06 0.03 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 0.9 0.41 0.19 0.09 0.04 12.2 18.2 26.6 38.7 57.4 83.9 122 181.6 265 300 300 300 300 300 122 82.6 56.6 38.7 26.1 17.9 12.2 8.25 5.64 3 1.36 0.63 0.30 0.13 mechanical specifications mechanical travel 300 5 operatin g torque (typical) 3 ncm max. 4.25 oz.-inch max. end stop torque 120 ncm max. 10.51 lb oz.-inch max. ti g htenin g torque of mountin g nut 250 ncm max. 22 lb-inch max. unit wei g ht 23 to 32 g max. 0.8 to 1.13 oz. terminals e3: pure sn environmental specifications temperature ran g e - 55 c to 125 c climatic cate g ory 55/125/56 sealin g fully sealed - container ip67 options special feature command shaft length is measured from the mounting surface to the free end of the shaft. the screwdriver slot is aligned with the wiper within 10. special shafts are available, in accordance to drawings supplied by customers. we reco mmend that customers should not machine tool shafts, in order to avoid damage. bending or torsion of terminals should also be avoided. panel sealin g (pe30m) the panel sealing device consists of a ring lo cated in a groove on the potentiometer face. sealing is obtained by tightening the ring against the panel when mounting the potentiometer. old code: pe30p
pe30 vishay sfernice fully sealed potentiometer military and professional grade www.vishay.com for technical questions, contact: sfer@vishay.com document number: 51037 134 see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 revision: 29-aug-12 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 locatin g pe g (pe30ll) location is obtained by fitting a special washer on the mounting face of the potentiometer. old code: lprp shaft lockin g (pe30ld) the shaft locking device consists of a tapered nut tightening a slotted notched washer against both bushing and shaft. dban tightening torque is 200 ncm, shaft locking torque being 30 ncm. dban is also available with all special types. this device is normally supplied in a separate bag. can be pre-mounted on request. assemblin g method center detent ? stable position in mid mechanical travel ? output ratio 50 % 10 % ? rotational life: 10 000 actuations ordering information (first order only) options 1) 2) 6.5 15 14 w rench 12 w rench full cw full ccw cv1m marking ? vishay trademark ? part number (including ohmic value and tolerance code) ? manufacturing date code ? marking of terminals 3, and a, b, c performances tests conditions typical values and drifts ? r t / r t ( % ) ? r 1-2 / r 1-2 ( % ) other electrical endurance 1000 h at rated power 90'/30' - ambient temp. 70 c 1 % - contact res. variation: < 3 % rn climatic sequence phase a dry heat 125 c phase b damp heat phase c cold - 55 c phase d damp heat 5 cycles 0.5 % 1 % - damp heat, steady state 56 days 40 c 93 % hr 0.5 % 1 % insulation resistance: > 10 4 m ? chan g e of temperature 5 cycles - 55 c at + 125 c 0.5 % - - mechanical endurance 25 000 cycles 3 % - contact res. variation: < 2 % rn shock 50 g ?s at 11 ms 3 successive shocks in 3 directions 0.1 % 0.2 % - vibration 10 hz to 55 hz 0.75 mm or 10 g ?s during 6 h 0.1 % 0.2 % -
document number: 51037 for technical questions, contact: sfer@vishay.com www.vishay.com revision: 29-aug-12 see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 135 pe30 fully sealed potentiometer military and professional grade vishay sfernice this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ordering information (part number) model bushing option shaft ohmic value tolerance taper packaging special number pe30 l = m10 x 0.75 m = panel sealed m10 x 0.75 0 = none for l bushing d = dban l = lprp b = dban and lprp for m bushing e = peg a = peg and dban for l bushing (= old codes:) fg 16 mm, slotted = ac fl 25 mm, slotted = am fr 50 mm, plain = al for m bushing fd = 13 mm, slotted = ac fj = 22 mm, slotted = am fp = 47 mm, plain = al a law = from 22 ? to 10 m ? l and f laws = from 100 ?? to 2.2 m ? 20 % on request: 10 % 5 % a = linear l = clockwise logarithmic f = clockwise inverse logarithmic b = box of 10 pieces (if applicable) given by vishay for custom design or e105 cv1m part number description (for information only) pe30 lprp ac 200k 20 % a dban cv1m bo e3 model features option shaft value tol. taper option special detent packaging custom shaft special lead (pb)-free lbfg2 0 4 a 3 p 0 e mb
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of PE30L0FR472MAB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X