Part Number Hot Search : 
IN74180 SMD32PT 8HRTZ LP110 CQL32E1 JYC0128 LVTH16 A150P
Product Description
Full Text Search
 

To Download P16NM472MAB15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 51036 for technical questions, contact: sfer@vishay.com www.vishay.com revision: 19-mar-12 see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 1 p16, pa16 vishay sfernice knob potentiometer this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 the p16 is a revolutionar y concept in panel mounted potentiometers. this unique design consists of a knob driving and incorporating a cermet potentiometer. only the mounting hardware and terminals are situated on the back side of the panel reducing to a minimum the required clearance. features ? test according to cecc 41000 or iec 60393-1 ? p16 - version for professional and industrial applications (cermet) 1 w at 40 c ? pa16 - version for professional audio applications (conductive plastic) 0.5 w at 40 c ? compact (integrated) ? high dielectric strength: 2500 v rms ? fully sealed and panel sealed ? metallic or plastic knob options ? custom knob on request ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 dimensions in millimeters ( 0.5 mm) p16np p16nm panel cutout panel sealing ring thickness n u t 2 mm w asher 1.5 mm thread m10 x 0.75 12 w rench 9.6 8.8 13.5 1 15.5 1 7.2 panel sealing ring thickness n u t 2 mm w asher 1.5 mm thread m10 x 0.75 12 w rench 10.2 9.4 7.2 13.5 1 15.5 1 ? 10 + 0.1 + 0 8.1 + 0.1 + 0 panel thickness max.: 3 mm 3 terminals 0.3 8 c 30 a 1.8 b reference mark ? 16
p16, pa16 vishay sfernice knob potentiometer www.vishay.com for technical questions, contact: sfer@vishay.com document number: 51036 2 see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 revision: 19-mar-12 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 electrical specifications p16 pa16 resistive element cermet conductive plastic electrical travel 270 10 270 10 power rating chart circuit diagram taper resistance range linear taper 22 ? to 10 m ? 1 k ? to 1 m ? logarithmic taper 100 ? to 2.2 m ? 470 ? to 500 k ? standard series e3 1 - 2.2 - 4.7 and on request 1 - 2 - 5 1 - 2.2 - 4.7 tolerance standard 20 % 20 % on request 10 % 10 % (1 k ? to 100 k ? ) power rating linear 1 w at + 40 c 0.5 w at + 40 c logarithmic 0.5 w at + 40 c 0.25 w at + 40 c temperature coefficient (typical) 150 ppm/c 500 ppm/c dielectric strength (rms) 2500 v 2500 v limiting element voltage (linear law) 350 v 350 v contact resistance variation 3 % rn or 3 ? 2 % rn or 3 ? end resistance (typical) 1 ? 1 ? insulation resistance (500 v dc ) 10 6 m ? 10 6 m ? 0 40 140 0.50 0 ambient temperature in c rated power in w 60 20 100 80 p16 lin. taper ?a? ? p16 log. taper ?l & f? 1.00 nm nm 0.75 1.25 0.25 120 np nm np np & pa16 lin. taper pa16 log. taper a c b c w (2) (3) (1) 100 80 60 40 20 0 0 100 80 60 40 20 % clockwise shaft rotation % total resistance f l a
p16, pa16 knob potentiometer vishay sfernice document number: 51036 for technical questions, contact: sfer@vishay.com www.vishay.com revision: 19-mar-12 see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 3 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 mechanical specifications mechanical travel 300 5 operating torque 2 ncm typical end stop torque 25 ncm maximum max. tightening torque of mounting nut 250 ncm maximum unit weight 4.5 g typical environmental specifications metallic knob plastic knob temperature range - 40 c to 125 c - 40 c to 8 5 c climatic category 40/100/56 40/ 8 5/56 sealing sealed container and panel sealed protection grades ip67 marking ? ohmic value code, tolerance code and taper ? manufacturing date code packaging ? carton box of 20 pieces control knob black metallic knob (nm). black plastic knob (np). for white and blue color see ordering information. other dimensions, shapes, colo rs of control knobs are manufactured on request - please consult vishay. other reference marks (shapes , colors) and legends can be printed on plastic knob on req uest - please consult vishay. p16 standard resistance element data stan- dard resis- tance values linear taper log taper max. power at 40 c max. voltage max. cur. throug h wiper max. power at 40 c max. voltage max. cur. throug h wiper ? wvmawvma 22 47 100 220 470 1k 2.2k 4.7k 10k 22k 47k 100k 220k 470k 1m 2.2m 4.7m 10m 1 1 1 1 1 1 1 1 1 1 1 1 0.56 0.26 0.12 0.05 0.02 0.01 4.69 6. 8 5 10 14. 8 21.7 31.6 46.9 6 8 .5 100 14 8 217 316 350 350 350 350 350 350 213 146 100 67.4 46.1 31.6 21.3 14.6 10 6.74 4.61 3.16 1.59 0.75 0.35 0.16 0.07 0.012 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.26 0.12 0.056 7.1 10.5 15.3 22.4 33.2 4 8 .5 70.7 105 153 224 332 350 350 350 71 4 8 32.6 22.4 15.1 10.3 7.07 4.77 3.26 2.24 1.51 0.74 0.35 0.16 pa16 standard resistance element data stan- dard resis- tance values linear taper log taper max. power at 40 c max. voltage max. cur. through wiper max. power at 70 c max. voltage max. cur. through wiper ? w v ma w v ma 470 1k 2.2k 4.7k 10k 22k 47k 100k 220k 470k 1m 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.26 0.12 22.4 33.2 4 8 .5 70.7 105 153 224 332 350 350 22.4 15.1 10.3 7.07 4.77 3.26 2.24 1.51 0.74 0.35 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 10. 8 15. 8 23.5 34.3 50.0 74 10 8 15 8 235 343 23.1 16 11 7 5.0 3.4 2.3 1.6 1.1 0.7
p16, pa16 vishay sfernice knob potentiometer www.vishay.com for technical questions, contact: sfer@vishay.com document number: 51036 4 see also application note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029 revision: 19-mar-12 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 performance tests conditions typical values and drifts ? r t / r t ( % ) ? r 1-2 / r 1-2 ( % ) other electrical endurance 1000 h at rated power 90'/30' cycle at + 40 c 5 % - insulation resistance: > 10 4 m ? contact res. variation: < 2 % rn damp heat, steady state 56 days 40 c, 93 % hr 2 % 1 % insulation resistance: > 10 4 m ? mechanical endurance 50 000 cycles 5 % - contact res. variation: < 2 % rn shock 50 g ?s at 11 ms 3 successive shocks in 3 directions 0.2 % 0.5 % - vibration 10 hz to 55 hz 0.75 mm or 10 g ?s during 6 h 0.2 % - ? v 1-2 ?? v 1-3 ?? 0.5 % ordering information model style ohmic value tolerance taper pac k ag i n g code special number p16 = cermet pa 1 6 = conductive plastic nm : metallic black np : plastic black wm : metallic white wp : plastic white bp : plastic blue 223 = 22 k ? for ohmic value range see electrical specification m = 20 % on request: k = 10 % a : linear l : clockwise logarithmic f : inverse clockwise logarithmic b15 = box of 20 pieces (if applicable) given by vishay for custom design part number description (for information only) p16 np 22 k ? 20 % aboe3 model style value tolerance taper special packaging special lead (pb)-free p223mab 5 6 p n 1 1
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of P16NM472MAB15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X