Part Number Hot Search : 
TLG4243 10A10 XXXGP AD777602 X9221UP MLC241B MC10231 1N2812
Product Description
Full Text Search
 

To Download MBR60100PT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? ul recognized file # e-326243 ? metal silicon junction, majority carrier conduction ? low power loss, high efficiency ? high current capability, low forward voltage drop ? guard-ring for overvoltage protection mechanical data mbr6035pt to-3p 30 / tube c0 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol mbr 6035 pt mbr 6045 pt mbr 6050 pt mbr 6060 pt mbr 6090 pt mbr 60100 pt units v rrm 35 45 50 60 90 100 v v rms 24 31 35 42 63 70 v v dc 35 45 50 60 90 100 v i f(av) a i rrm a ma ma dv/dt v/us r jc o c/w t j o c t stg o c ordering information (example) part no. package packing packing code green compound packing code storage temperature range - 65 to + 175 note 1: 2.0us pulse width, f=1.0khz note 2: pulse test : 300us pulse width, 1% duty cycle version:e12 c0g voltage rate of change,(rated v r ) 10000 maximum thermal resistance per leg 1.2 operating junction temperature range - 65 to + 150 0.93 0.98 maximum instantaneous reverse current @ t a =25 at rated dc blocking voltage per leg @ t a =125 i r 1 30 20 10 maximum instantaneous forward voltage at (note 2) i f =30a, t a =25 i f =30a, t a =125 i f =60a, t a =25 v f v 0.70 0.75 0.84 0.60 0.65 - 0.82 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) i fsm 420 a peak repetitive reverse surge current (note 1) 1 maximum dc blocking voltage maximum average forward rectified current 60 peak repetitive forward current (rated v r , square wave, 20khz) i frm 60 ? mounting position:any ? mounting torque: 10 in- lbs, max ? weight: 6.15 grams type number maximum recurrent peak reverse voltage maximum rms voltage ? for use in low voltage - high frequency inventers, free wheeling, and polarity protection applications ? high temperature soldering guaranteed: 260 /10 seconds/.17", (4.3mm) from case ? green compound with suffix "g" on packing code & prefix "g" on datecode ? cases: jedec to-3p/to-247ad molded plastic ? terminals: pure tin plated, lead free, solderable per mil-std-750, method 2026 ? polarity: as marked mbr6035pt - MBR60100PT 60.0amps. schottky barrier rectifiers to-3p/to-247ad features ? plastic material used carriers underwriters laboratory classification 94v-0 ? high surge capability
version:e12 ratings and characteristic curves (mbr6035pt thru MBR60100PT) 0 15 30 45 60 75 0 50 100 150 average forward a current (a) case temperature ( o c) fig.1 forward current derating curve resistive or inductiveload with heatsink 0 100 200 300 400 500 600 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current per leg 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics per leg ta=125 ta=25 mbr6035pt-mbr6045pt mbr6050pt-MBR60100PT ta=75 100 1000 10000 0.1 1 10 100 junction capacitance (pf) a reverse voltage (v) fig. 5 typical junction capacitance per leg ta=25 f=1.0mhz vsig=50mvp-p mbr6035pt-mbr6045pt mbr6050pt-mbr6060pt mbr6090pt-MBR60100PT 0.1 1 10 100 1000 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 instantaneous forward current (a) forward voltage (v) fig. 3 typical instantaneous forward characteristics per leg ta=125 ta=125 pulse width=300us 1% duty cycle mbr6050pt-60100pt mbr6035pt-6045pt ta=25 mbr6035pt-6045pt mbr6050pt-60100pt ta=25 0.1 1 10 100 0.01 0.1 1 10 100 transient thermal impedance ( /w) t-pulse duration (sec) fig. 6 typical transient thermal impedance per leg
to-3p c0 dimensions min max min max a 15.90 16.40 0.626 0.646 b 7.90 8.20 0.311 0.323 c 5.70 6.20 0.224 0.244 d 20.80 21.30 0.819 0.839 e 3.50 4.10 0.138 0.161 f 19.70 20.20 0.776 0.795 g - 4.30 - 0.169 h 2.90 3.40 0.114 0.134 i 1.93 2.18 0.076 0.086 j 2.97 3.22 0.117 0.127 k 1.12 1.22 0.044 0.048 l 5.20 5.70 0.205 0.224 m 4.90 5.16 0.193 0.203 n 2.70 3.00 0.106 0.118 o 0.51 0.76 0.020 0.030 p/n = specific device code g = green compound yww = date code unit(inch) marking diagram mbr60xxpt 30 / tube c0g note: "xx" is device code from "35" thru "100". dim. unit(mm) ordering information part no. package bulk packing packing code green compound packing code


▲Up To Search▲   

 
Price & Availability of MBR60100PT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X