csm_m22_ds_e_3_1 1 indicator (cylindrical 22/25-dia.) m22 round indicator seri es with 22 dia. and 25 dia. (when using a ring) ? same type as the a22-series pushbutton switches. ? use 25-dia. ring to install in 25-dia. panel cutouts. ?ip65 refer to safety precautions for all pushbutton switches and safety precautions for the a22. list of models model number structure model number legend ......shipped as a set which includes the display, lamp, and socket unit. for information on combinations, refer to ordering information. appearance model round flat m22-f square projection m22-c (1) (2) (3) m22 - f g - 24a (2) illumination color code description rred g green yyellow wwhite ablue (1) display shape code description f round/flat c square/projection (3) light source without voltage reduction unit with voltage reduction unit ? led incorporates the 24-vac/vdc type. code type operating voltage 6a led 6 vac/vdc 12a 12 vac/vdc 24a 24 vac/vdc 5 incan- descent lamp 5 vac/vdc 12 12 vac/vdc 24 24 vac/vdc code type operating voltage t1 led 100 vac t2 200 vac
m22 2 ordering information completely assembled .... shipped as a set which includes the display, lamp, and socket unit. indicator note: insert a symbol indicating the color of the operation unit in the box in the model number above. appearance lighting operating voltage set illumination color round/flat without voltage reduction unit m22-f led 6 vac/vdc m22-f @ -6a r (red) y (yellow) g (green) w (white) a (blue) 12 vac/vdc m22-f @ -12a 24 vac/vdc m22-f @ -24a round/flat with voltage reduction unit m22-f led 100 vac m22-f @ -t1 200 vac m22-f @ -t2 square/projection without voltage reduction unit m22-c led 6 vac/vdc m22-c @ -6a 12 vac/vdc m22-c @ -12a 24 vac/vdc m22-c @ -24a square/projection with voltage reduction unit m22-c led 100 vac m22-c @ -t1 200 vac m22-c @ -t2 individual models: refer to pages 3 to 4. (the display, lamp, and socket unit can be ordered separately.) specifications: refer to page 5. dimensions: refer to page 6. accessories: refer to the a22.
m22 3 ordering information subassembled .......... the display, lamp, or socket unit can be ordered separ ately. use them in combination for models that are not available as assembled units. these can also be used as inventory for maintenance parts. ? ordering: specify models on the following page. display lamp led incandescent lamp lamp led socket unit without voltage reduction unit socket unit with voltage reduction unit ordering set combinations: refer to page 2. specifications: refer to page 5. dimensions: refer to page 6. accessories: refer to the a22.
m22 4 ordering information subassembled .......... the display, lamp, or socket unit can be ordered separately. use them in combination for models that are not available as assembled units. these can al so be used as inventor y for maintenance parts. display lamp led note: for voltage-reduction lighting, use the a22-24a @ . only 24-v led lamps can be used. * used when the display color is yellow or white. incandescent socket unit note: for voltage-reduction lighting, use the a22-24a @ . only 24-v led lamps can be used. accessories, replacements, and tools the m22 uses the same accessories as the a22. refer to t he relevant information in the corresponding section for the a22. sealing ip65 appearance color of display model round (flat) red m22-fr green m22-fg yellow m22-fy white m22-fw blue m22-fa square (projection) red m22-cr green m22-cg yellow m22-cy white m22-cw blue m22-ca operating voltage 6 v 12 v 24 v appearance ac/dc led light model ac and dc red a22-6ar ?? green a22-6ag ?? yellow * a22-6ay ?? blue a22-6aa ?? red ? a22-12ar a22-24ar green ? a22-12ag a22-24ag yellow * ? a22-12ay a22-24ay blue ? a22-12aa a22-24aa appearance operating voltage 5 vac/vdc 12 vac/vdc 24 vac/vdc a22-5 a22-12 a22-24 appearance item classification without voltage reduction unit with voltage reduction unit (110 vac) with voltage reduction unit (220 vac) model m22-00 m22-00-t1 m22-00-t2
m22 5 specifications ratings led lamp incandescent lamp voltage-reduction lighting characteristics approved standard ratings ul, cul (file no. e41515) input voltage: 120 v max. 2.6 w max. (a22-tn) 110 vac (a22-t1) 200 vac (a22-t2) note: only lamp sockets are recognized by ul. ccc (gb14048.5) 24 vac/vdc max. (without voltage reduction unit) 100 vac (with voltage reduction unit: m22- @@ -t1) 200 vac (with voltage reduction unit: m22- @@- t2) nomenclature model structure rated voltage rated current operating voltage 6 vac/vdc 8 ma 6 vac/vdc 5% 12 vac/vdc 12 vac/vdc 5% 24 vac/vdc 24 vac/vdc 5% rated voltage rated current operating voltage 6 vac/vdc 200 ma 5 v 14 vac/vdc 80 ma 12 v 28 vac/vdc 40 ma 24 v rated voltage rated current operating voltage applicable lamp (ba9s/base: 13) 110 vac 8 ma 100 vac (95 to 115 v) led lamp (a22-24 @ ) 220 vac 200 vac (190 to 230 v) ambient operating temperature ?20 c to 55 c ambient operating humidity 35% to 85%rh ambient storage temperature ?40 c to 70 c degree of protection ip65 electric shock protection class class ii pti (tracking characteristic) 175 degree of contamination 3 (iec60947-5-1) lock ring available colors red, green yellow, white, blue light source led lamp incandescent lamp lighting method lighted (without voltage reduction unit) lighted (with voltage reduction unit) display lamp socket unit
m22 6 dimensions (unit: mm) indicators terminal arrangement (bottom view) note: the figure shows an example of the terminal arrangement when the socket unit is removed. terminal connection panel cutouts ? when applying coating such as paint to the panel, the dimensions should be those after the application of coating. ? recommended panel thickness: 1 to 5 mm. ? use an a22z-r25 ring when mounting to a panel with 25-mm holes. accessories refer to the relevant information in the corresponding section for the a22. safety precautions refer to safety precautions for all pushbutton switches and safety precautions for the a22. round m22-f square m22-c 1.8 5.9 0.5 34 16 29.7 dia. 54.7 1.8 5.9 0.5 34 18 54.7 29.8 29.8 25.6 25.6 with/without voltage reduction unit 22 lamp socket m3.5 screw type without voltage reduction unit with voltage reduction unit terminal connection x2 x1 x ( ? ) ( + ) x1 x2 x 22.3 dia. dia. +0.4 0 25 +0.5 0 lock ring is provided as a standard item.
r e a d a n d u n d e r s t a n d t h i s c a t a l o g p l e a s e r e a d a n d u n d e r s t a n d t h i s c a t a l o g b e f o r e p u r c h a s i n g t h e p r o d u c t s . p l e a s e c o n s u l t y o u r o m r o n r e p r e s e n t a t i v e i f y o u h a v e a n y q u e s t i o n s o r c o m m e n t s . w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y w a r r a n t y o m r o n ' s e x c l u s i v e w a r r a n t y i s t h a t t h e p r o d u c t s a r e f r e e f r o m d e f e c t s i n m a t e r i a l s a n d w o r k m a n s h i p f o r a p e r i o d o f o n e y e a r ( o r o t h e r p e r i o d i f s p e c i f i e d ) f r o m d a t e o f s a l e b y o m r o n . o m r o n m a k e s n o w a r r a n t y o r r e p r e s e n t a t i o n , e x p r e s s o r i m p l i e d , r e g a r d i n g n o n - i n f r i n g e m e n t , m e r c h a n t a b i l i t y , o r f i t n e s s f o r p a r t i c u l a r p u r p o s e o f t h e p r o d u c t s . a n y b u y e r o r u s e r a c k n o w l e d g e s t h a t t h e b u y e r o r u s e r a l o n e h a s d e t e r m i n e d t h a t t h e p r o d u c t s w i l l s u i t a b l y m e e t t h e r e q u i r e m e n t s o f t h e i r i n t e n d e d u s e . o m r o n d i s c l a i m s a l l o t h e r w a r r a n t i e s , e x p r e s s o r i m p l i e d . l i m i t a t i o n s o f l i a b i l i t y o m r o n s h a l l n o t b e r e s p o n s i b l e f o r s p e c i a l , i n d i r e c t , o r c o n s e q u e n t i a l d a m a g e s , l o s s o f p r o f i t s o r c o m m e r c i a l l o s s i n a n y w a y c o n n e c t e d w i t h t h e p r o d u c t s , w h e t h e r s u c h c l a i m i s b a s e d o n c o n t r a c t , w a r r a n t y , n e g l i g e n c e , o r s t r i c t l i a b i l i t y . i n n o e v e n t s h a l l t h e r e s p o n s i b i l i t y o f o m r o n f o r a n y a c t e x c e e d t h e i n d i v i d u a l p r i c e o f t h e p r o d u c t o n w h i c h l i a b i l i t y i s a s s e r t e d . i n n o e v e n t s h a l l o m r o n b e r e s p o n s i b l e f o r w a r r a n t y , r e p a i r , o r o t h e r c l a i m s r e g a r d i n g t h e p r o d u c t s u n l e s s o m r o n ' s a n a l y s i s c o n f i r m s t h a t t h e p r o d u c t s w e r e p r o p e r l y h a n d l e d , s t o r e d , i n s t a l l e d , a n d m a i n t a i n e d a n d n o t s u b j e c t t o c o n t a m i n a t i o n , a b u s e , m i s u s e , o r i n a p p r o p r i a t e m o d i f i c a t i o n o r r e p a i r . a p p l i c a t i o n c o n s i d e r a t i o n s s u i t a b i l i t y f o r u s e o m r o n s h a l l n o t b e r e s p o n s i b l e f o r c o n f o r m i t y w i t h a n y s t a n d a r d s , c o d e s , o r r e g u l a t i o n s t h a t a p p l y t o t h e c o m b i n a t i o n o f p r o d u c t s i n t h e c u s t o m e r ' s a p p l i c a t i o n o r u s e o f t h e p r o d u c t s . a t t h e c u s t o m e r ' s r e q u e s t , o m r o n w i l l p r o v i d e a p p l i c a b l e t h i r d p a r t y c e r t i f i c a t i o n d o c u m e n t s i d e n t i f y i n g r a t i n g s a n d l i m i t a t i o n s o f u s e t h a t a p p l y t o t h e p r o d u c t s . t h i s i n f o r m a t i o n b y i t s e l f i s n o t s u f f i c i e n t f o r a c o m p l e t e d e t e r m i n a t i o n o f t h e s u i t a b i l i t y o f t h e p r o d u c t s i n c o m b i n a t i o n w i t h t h e e n d p r o d u c t , machin e , s y s t e m , o r o t h e r a p p l i c a t i o n o r u s e . t h e f o l l o w i n g a r e s o m e e x a m p l e s o f a p p l i c a t i o n s f o r w h i c h p a r t i c u l a r a t t e n t i o n m u s t b e g i v e n . t h i s i s n o t i n t e n d e d t o b e a n e x h a u s t i v e l i s t o f a l l p o s s i b l e u s e s o f t h e p r o d u c t s , n o r i s i t i n t e n d e d t o i m p l y t h a t t h e u s e s l i s t e d m a y b e s u i t a b l e f o r t h e p r o d u c t s : o u t d o o r u s e , u s e s i n v o l v i n g p o t e n t i a l c h e m i c a l c o n t a m i n a t i o n o r e l e c t r i c a l i n t e r f e r e n c e , o r c o n d i t i o n s o r u s e s n o t d e s c r i b e d i n t h i s c a t a l o g . n u c l e a r e n e r g y c o n t r o l s y s t e m s , c o m b u s t i o n s y s t e m s , r a i l r o a d s y s t e m s , a v i a t i o n s y s t e m s , m e d i c a l e q u i p m e n t , a m u s e m e n t m a c h i n e s , v e h i c l e s , s a f e t y e q u i p m e n t , a n d i n s t a l l a t i o n s s u b j e c t t o s e p a r a t e i n d u s t r y o r g o v e r n m e n t r e g u l a t i o n s . s y s t e m s , m a c h i n e s , a n d e q u i p m e n t t h a t c o u l d p r e s e n t a r i s k t o l i f e o r p r o p e r t y . p l e a s e k n o w a n d o b s e r v e a l l p r o h i b i t i o n s o f u s e a p p l i c a b l e t o t h e p r o d u c t s . n e v e r u s e t h e p r o d u c t s f o r a n a p p l i c a t i o n i n v o l v i n g s e r i o u s r i s k t o l i f e o r p r o p e r t y w i t h o u t e n s u r i n g t h a t t h e s y s t e m a s a w h o l e h a s b e e n d e s i g n e d t o a d d r e s s t h e r i s k s , a n d t h a t t h e o m r o n p r o d u c t s a r e p r o p e r l y r a t e d a n d i n s t a l l e d f o r t h e i n t e n d e d u s e w i t h i n t h e o v e r a l l e q u i p m e n t o r s y s t e m . p r o g r a m m a b l e p r o d u c t s o m r o n s h a l l n o t b e r e s p o n s i b l e f o r t h e u s e r ' s p r o g r a m m i n g o f a p r o g r a m m a b l e p r o d u c t , o r a n y c o n s e q u e n c e t h e r e o f . d i s c l a i m e r s c h a n g e i n s p e c i f i c a t i o n s p r o d u c t s p e c i f i c a t i o n s a n d a c c e s s o r i e s m a y b e c h a n g e d a t a n y t i m e b a s e d o n i m p r o v e m e n t s a n d o t h e r r e a s o n s . i t i s o u r p r a c t i c e t o c h a n g e m o d e l n u m b e r s w h e n p u b l i s h e d r a t i n g s o r f e a t u r e s a r e c h a n g e d , o r w h e n s i g n i f i c a n t c o n s t r u c t i o n c h a n g e s a r e m a d e . h o w e v e r , s o m e s p e c i f i c a t i o n s o f t h e p r o d u c t s m a y b e c h a n g e d w i t h o u t a n y n o t i c e . w h e n i n d o u b t , s p e c i a l m o d e l n u m b e r s m a y b e a s s i g n e d t o f i x o r e s t a b l i s h k e y s p e c i f i c a t i o n s f o r y o u r a p p l i c a t i o n o n y o u r r e q u e s t . p l e a s e c o n s u l t w i t h y o u r o m r o n r e p r e s e n t a t i v e a t a n y t i m e t o c o n f i r m a c t u a l s p e c i f i c a t i o n s o f p u r c h a s e d p r o d u c t s . d i m e n s i o n s a n d w e i g h t s d i m e n s i o n s a n d w e i g h t s a r e n o m i n a l a n d a r e n o t t o b e u s e d f o r m a n u f a c t u r i n g p u r p o s e s , e v e n w h e n t o l e r a n c e s a r e s h o w n . p e r f o r m a n c e d a t a perfor m a n c e d a t a g i v e n i n t h i s c a t a l o g i s p r o v i d e d a s a g u i d e f o r t h e u s e r i n d e t e r m i n i n g s u i t a b i l i t y a n d d o e s n o t c o n s t i t u t e a w a r r a n t y . i t m a y r e p r e s e n t t h e r e s u l t o f o m r o n ? s t e s t c o n d i t i o n s , a n d t h e u s e r s m u s t c o r r e l a t e i t t o a c t u a l a p p l i c a t i o n r e q u i r e m e n t s . a c t u a l p e r f o r m a n c e i s s u b j e c t t o t h e o m r o n w a r r a n t y a n d l i m i t a t i o n s o f l i a b i l i t y . e r r o r s a n d o m i s s i o n s t h e i n f o r m a t i o n i n t h i s d o c u m e n t h a s b e e n c a r e f u l l y c h e c k e d a n d i s b e l i e v e d t o b e a c c u r a t e ; h o w e v e r , n o r e s p o n s i b i l i t y i s a s s u m e d f o r c l e r i c a l , t y p o g r a p h i c a l , o r p r o o f r e a d i n g e r r o r s , o r o m i s s i o n s . 2008 . 12 i n t h e i n t e r e s t o f p r o d u c t i m p r o v e m e n t , s p e c i f i c a t i o n s a r e s u b j e c t t o c h a n g e w i t h o u t n o t i c e . o m r o n c o r p o r a t i o n i n d u s t r i a l a u t o m a t i o n c o m p a n y h t t p : / / w w w . i a . o m r o n . c o m / ( c ) c o p y r i g h t o m r o n c o r p o r a t i o n 2 0 0 8 a l l r i g h t r e s e r v e d .
|