Part Number Hot Search : 
1013B 05NH45 CD4781 SC251 4SLG68M 270251B 16200 LX1736
Product Description
Full Text Search
 

To Download LM358DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 november, 2011 ? rev. 26 1 publication order number: lm358/d lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v single supply dual operational amplifiers utilizing the circuit designs perfected for quad operational amplifiers, these dual operational amplifiers feature low power drain, a common mode input voltage range extending to ground/v ee , and single supply or split supply op eration. the lm358 series is equivalent to one ? half of an lm324. these amplifiers have several distinct advantages over standard operational amplifier types in single supply applications. they can operate at supply voltages as low as 3.0 v or as high as 32 v, with quiescent currents about one ? fifth of those associated with the mc1741 (on a per amplifier basis). the common mode input range includes the negative supply, thereby eliminating the necessity for external biasing components in many applications. the output voltage range also includes the negative power supply voltage. features ? short circuit protected outputs ? true differential input stage ? single supply operation: 3.0 v to 32 v ? low input bias currents ? internally compensated ? common mode range extends to negative supply ? single and split supply operation ? esd clamps on the inputs increase ruggedness of the device without affecting operation ? ncv prefix for automotive and other applications requiring site and control changes ? these devices are pb ? free, halogen free/bfr free and are rohs compliant pdip ? 8 n, an, vn suffix case 626 1 8 soic ? 8 d, vd suffix case 751 1 8 pin connections v ee /gnd inputs a inputs b output b output a v cc ? ? + + 1 2 3 4 8 7 6 5 (top view) see general marking information in the device marking section on page 11 of this data sheet. device marking information see detailed ordering and shipping information in the package dimensions section on p age 10 of this data sheet. ordering information micro8  dmr2 suffix case 846a 1 8 http://onsemi.com
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 2 single supply split supplies v cc v ee /gnd 3.0 v to v cc(max) 1 2 v cc 1 2 v ee 1.5 v to v cc(max) 1.5 v to v ee(max) output bias circuitry common to both amplifiers v cc v ee /gnd inputs q2 q3 q4 q5 q26 q7 q8 q6 q9 q11 q10 q1 2.4 k q25 q22 40 k q13 q14 q15 q16 q19 5.0 pf q18 q17 q20 q21 2.0 k q24 q23 q12 25 figure 1. figure 2. representative schematic diagram (one ? half of circuit shown)
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 3 maximum ratings (t a = +25 c, unless otherwise noted.) rating symbol value unit power supply voltages single supply split supplies v cc v cc , v ee 32 16 vdc input differential voltage range (note 1) v idr 32 vdc input common mode voltage range (note 2) v icr ? 0.3 to 32 vdc output short circuit duration t sc continuous junction temperature t j 150 c thermal resistance, junction ? to ? air (note 3) case 846a case 751 case 626 r ja 238 212 161 c/w storage temperature range t stg ? 65 to +150 c esd protection at any pin human body model machine model v esd 2000 200 v operating ambient temperature range lm258 lm358, lm358a lm2904/lm2904a lm2904v, ncv2904 (note 4) ncv2904v (note 4) t a ? 25 to +85 0 to +70 ? 40 to +105 ? 40 to +125 ? 40 to +150 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. split power supplies. 2. for supply voltages less than 32 v the absolute maximum input voltage is equal to the supply voltage. 3. all r ja measurements made on evaluation board with 1 oz. copper traces of minimum pad size. all device outputs were active. 4. ncv2904 and ncv2904v are qualified for automotive use.
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 4 electrical characteristics (v cc = 5.0 v, v ee = gnd, t a = 25 c, unless otherwise noted.) characteristic symbol lm258 lm358 lm358a unit min typ max min typ max min typ max input offset voltage v cc = 5.0 v to 30 v, v ic = 0 v to v cc ? 1.7 v, v o  1.4 v, r s = 0 v io mv t a = 25 c ? 2.0 5.0 ? 2.0 7.0 ? 2.0 3.0 t a = t high (note 5) ? ? 7.0 ? ? 9.0 ? ? 5.0 t a = t low (note 5) ? ? 7.0 ? ? 9.0 ? ? 5.0 average temperature coefficient of input offset voltage v io / t ? 7.0 ? ? 7.0 ? ? 7.0 ? v/ c t a = t high to t low (note 5) input offset current i io ? 3.0 30 ? 5.0 50 ? 5.0 30 na t a = t high to t low (note 5) ? ? 100 ? ? 150 ? ? 75 input bias current i ib ? ? 45 ? 150 ? ? 45 ? 250 ? ? 45 ? 100 t a = t high to t low (note 5) ? ? 50 ? 300 ? ? 50 ? 500 ? ? 50 ? 200 average temperature coefficient of input offset current i io / t ? 10 ? ? 10 ? ? 10 ? pa/ c t a = t high to t low (note 5) input common mode voltage range (note 6), v cc = 30 v v icr 0 ? 28.3 0 ? 28.3 0 ? 28.5 v v cc = 30 v, t a = t high to t low 0 ? 28 0 ? 28 0 ? 28 differential input voltage range v idr ? ? v cc ? ? v cc ? ? v cc v large signal open loop voltage gain a vol v/mv r l = 2.0 k , v cc = 15 v, for large v o swing, 50 100 ? 25 100 ? 25 100 ? t a = t high to t low (note 5) 25 ? ? 15 ? ? 15 ? ? channel separation cs ? ? 120 ? ? ? 120 ? ? ? 120 ? db 1.0 khz f 20 khz, input referenced common mode rejection cmr 70 85 ? 65 70 ? 65 70 ? db r s 10 k power supply rejection psr 65 100 ? 65 100 ? 65 100 ? db output voltage ? high limit t a = t high to t low (note 5) v oh v v cc = 5.0 v, r l = 2.0 k , t a = 25 c 3.3 3.5 ? 3.3 3.5 ? 3.3 3.5 ? v cc = 30 v, r l = 2.0 k 26 ? ? 26 ? ? 26 ? ? v cc = 30 v, r l = 10 k 27 28 ? 27 28 ? 27 28 ? output voltage ? low limit v ol ? 5.0 20 ? 5.0 20 ? 5.0 20 mv v cc = 5.0 v, r l = 10 k , t a = t high to t low (note 5) output source current i o + ma v id = +1.0 v, v cc = 15 v 20 40 ? 20 40 ? 20 40 ? t a = t high to t low (lm358a only) 10 ? ? output sink current i o ? v id = ? 1.0 v, v cc = 15 v 10 20 ? 10 20 ? 10 20 ? ma t a = t high to t low (lm358a only) 5.0 ? ? ma v id = ? 1.0 v, v o = 200 mv 12 50 ? 12 50 ? 12 50 ? a output short circuit to ground (note 7) i sc ? 40 60 ? 40 60 ? 40 60 ma power supply current (total device) t a = t high to t low (note 5) i cc ma v cc = 30 v, v o = 0 v, r l = ? 1.5 3.0 ? 1.5 3.0 ? 1.5 2.0 v cc = 5 v, v o = 0 v, r l = ? 0.7 1.2 ? 0.7 1.2 ? 0.7 1.2 5. lm258: t low = ? 25 c, t high = +85 c lm358, lm358a: t low = 0 c, t high = +70 c lm2904/lm2904a: t low = ? 40 c, t high = +105 c lm2904v & ncv2904: t low = ? 40 c, t high = +125 c ncv2904 and ncv2904v are qualified for automotive use. ncv2904v: t low = ? 40 c, t high = +150 c 6. the input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 v. the upp er end of the common mode voltage range is v cc ? 1.7 v. 7. short circuits from the output to v cc can cause excessive heating and eventual destruction. destructive dissipation can result from simultaneous shorts on all amplifiers.
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 5 electrical characteristics (v cc = 5.0 v, v ee = gnd, t a = 25 c, unless otherwise noted.) characteristic symbol lm2904 lm2904a lm2904v, ncv2904 ncv2904v unit min typ max min typ max min typ max input offset voltage v cc = 5.0 v to 30 v, v ic = 0 v to v cc ? 1.7 v, v o  1.4 v, r s = 0 v io mv t a = 25 c ? 2.0 7.0 ? 2.0 7.0 ? ? 7.0 t a = t high (note 8) ? ? 10 ? ? 10 ? ? 13 t a = t low (note 8) ? ? 10 ? ? 10 ? ? 10 average temperature coefficient of input offset voltage v io / t ? 7.0 ? ? 7.0 ? ? 7.0 ? v/ c t a = t high to t low (note 8) input offset current i io ? 5.0 50 ? 5.0 50 ? 5.0 50 na t a = t high to t low (note 8) ? 45 200 ? 45 200 ? 45 200 input bias current i ib ? ? 45 ? 250 ? ? 45 ? 100 ? ? 45 ? 250 t a = t high to t low (note 8) ? ? 50 ? 500 ? ? 50 ? 250 ? ? 50 ? 500 average temperature coefficient of input offset current i io / t ? 10 ? ? 10 ? ? 10 ? pa/ c t a = t high to t low (note 8) input common mode voltage range (note 9), v cc = 30 v v icr 0 ? 28.3 0 ? 28.3 0 ? 28.3 v v cc = 30 v, t a = t high to t low 0 ? 28 0 ? 28 0 ? 28 differential input voltage range v idr ? ? v cc ? ? v cc ? ? v cc v large signal open loop voltage gain a vol v/mv r l = 2.0 k , v cc = 15 v, for large v o swing, 25 100 ? 25 100 ? 25 100 ? t a = t high to t low (note 8) 15 ? ? 15 ? ? 15 ? ? channel separation cs ? ? 120 ? ? ? 120 ? ? ? 120 ? db 1.0 khz f 20 khz, input referenced common mode rejection cmr 50 70 ? 50 70 ? 50 70 ? db r s 10 k power supply rejection psr 50 100 ? 50 100 ? 50 100 ? db output voltage ? high limit t a = t high to t low (note 8) v oh v v cc = 5.0 v, r l = 2.0 k , t a = 25 c 3.3 3.5 ? 3.3 3.5 ? 3.3 3.5 ? v cc = 30 v, r l = 2.0 k 26 ? ? 26 ? ? 26 ? ? v cc = 30 v, r l = 10 k 27 28 ? 27 28 ? 27 28 ? output voltage ? low limit v ol ? 5.0 20 ? 5.0 20 ? 5.0 20 mv v cc = 5.0 v, r l = 10 k , t a = t high to t low (note 8) output source current i o + 20 40 ? 20 40 ? 20 40 ? ma v id = +1.0 v, v cc = 15 v output sink current i o ? v id = ? 1.0 v, v cc = 15 v 10 20 ? 10 20 ? 10 20 ? ma v id = ? 1.0 v, v o = 200 mv ? ? ? ? ? ? ? ? ? a output short circuit to ground (note 10) i sc ? 40 60 ? 40 60 ? 40 60 ma power supply current (total device) t a = t high to t low (note 8) i cc ma v cc = 30 v, v o = 0 v, r l = ? 1.5 3.0 ? 1.5 3.0 ? 1.5 3.0 v cc = 5 v, v o = 0 v, r l = ? 0.7 1.2 ? 0.7 1.2 ? 0.7 1.2 8. lm258: t low = ? 25 c, t high = +85 c lm358, lm358a: t low = 0 c, t high = +70 c lm2904/lm2904a: t low = ? 40 c, t high = +105 c lm2904v & ncv2904: t low = ? 40 c, t high = +125 c ncv2904 and ncv2904v are qualified for automotive use. ncv2904v: t low = ? 40 c, t high = +150 c 9. the input common mode voltage or either input signal voltage should not be allowed to go negative by more than 0.3 v. the upp er end of the common mode voltage range is v cc ? 1.7 v. 10. short circuits from the output to v cc can cause excessive heating and eventual destruction. destructive dissipation can result from simultaneous shorts on all amplifiers.
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 6 circuit description the lm358 series is made using two internally compensated, two ? stage operational amplifiers. the first stage of each consists of differential input devices q20 and q18 with input buffer transistors q21 and q17 and the differential to single ended converter q3 and q4. the first stage performs not only the first stage gain function but also performs the level shifting and transconductance reduction functions. by reducing the transconductance, a smaller compensation capacitor (only 5.0 pf) can be employed, thus saving chip area. the transconductance reduction is accomplished by splitting the collectors of q20 and q18. another feature of this input stage is that the input common mode range can include the negative supply or ground, in single supply operation, without saturating either the input devices or the differential to single ? ended converter. the second stage consists of a standard current source load amplifier stage. each amplifier is biased from an internal ? voltage regulator which has a low temperature coefficient thus giving each amplifier good temperature characteristics as well as excellent power supply rejection. figure 3. large signal voltage follower response 5.0 s/div 1.0 v/div v cc = 15 vdc r l = 2.0 k t a = 25 c a vol , open loop voltage gain (db) v , input voltage (v) i figure 4. input voltage range figure 5. large ? signal open loop voltage gain 18 16 14 12 10 8.0 6.0 4.0 2.0 0 20 0 2.0 4.0 6.0 8.0 10 12 14 16 18 20 v cc /v ee, power supply voltages (v) 120 100 80 60 40 20 0 -20 1.0 10 100 1.0 k 10 k 100 k 1.0 m f, frequency (hz) negative positive v cc = 15 v v ee = gnd t a = 25 c
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 7 v or , output voltage range (v ) pp v o , output voltage (mv) figure 6. large ? signal frequency response figure 7. small signal voltage follower pulse response (noninverting) figure 8. power supply current versus power supply voltage figure 9. input bias current versus supply voltage 14 12 10 8.0 6.0 4.0 2.0 0 1.0 10 100 1000 f, frequency (khz) 550 500 450 400 350 300 250 200 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 t, time (ms) 2.4 2.1 1.8 1.5 1.2 0.9 0.6 0.3 0 0 5.0 10 15 20 25 30 35 v cc , power supply voltage (v) v cc , power supply voltage (v) 90 80 70 0 2.0 4.0 6.0 8.0 10 12 14 16 18 20 i , power supply current (ma) cc i , input bias current (na) ib r l = 2.0 k v cc = 15 v v ee = gnd gain = -100 r i = 1.0 k r f = 100 k input output t a = 25 c r l =  v cc = 30 v v ee = gnd t a = 25 c c l = 50 pf
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 8 r1 2 1 r1 t bp r1 + r2 r1 r1 + r2 1 e o e 1 e 2 e o = c (1 + a + b) (e 2 - e 1 ) r1 a r1 b r1 r c r - + 1/2 lm358 + - - + r 1/2 lm358 + - r1 r2 v o v ref v in v oh v o v ol v inl = r1 (v ol - v ref )+ v ref v inh = (v oh - v ref ) + v ref h = r1 + r2 (v oh - v ol ) r1 - + - + - + r c r2 r3 c1 100 k r c r c1 r2 100 k v in v ref v ref v ref v ref bandpass output f o = 2 rc r1 = qr r2 = r3 = t n r2 c1 = 10 c 1 notch output v ref =v cc hysteresis 1/2 lm358 1/2 lm358 1 c r v inl v inh v ref 1/2 lm358 1/2 lm358 1/2 lm358 1/2 lm358 t bp = center frequency gain t n = passband notch gain r c r1 r2 r3 for: - + f o q t bp t n = 1.0 khz = 10 = 1 = 1 = 160 k = 0.001 f = 1.6 m = 1.6 m = 1.6 m where: mc1403 1/2 lm358 - + r1 v cc v cc v o 2.5 v r2 50 k 10 k v ref v ref = v cc 2 5.0 k r c r c + 1/2 lm358 - v o 2 rc 1 for: f o = 1.0 khz r = 16 k c = 0.01 f v o = 2.5 v (1 + r1 r2 ) 1 v cc f o = figure 10. voltage reference figure 11. wien bridge oscillator figure 12. high impedance differential amplifier figure 13. comparator with hysteresis figure 14. bi ? quad filter
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 9 2 1 v ref =v cc 1 2 figure 15. function generator figure 16. multiple feedback bandpass filter for less than 10% error from operational amplifier. if source impedance varies, filter may be preceded with voltage follower buffer to stabilize filter parameters. where f o and bw are expressed in hz. q o f o bw < 0.1 given: f o = center frequency a(f o ) = gain at center frequency choose value f o , c then: r3 = q f o c r3 r1 = 2 a(f o ) r1 r3 4q 2 r1 -r3 r2 = + - + - - + v ref =v cc v ref f = r1 + r c 4 cr f r1 r3 = r2 r1 r2 + r1 r2 300 k 75 k r3 r1 c triangle wave output square wave output v cc r3 r1 r2 v ref v in c c v o co co = 10 c r f if, 1/2 lm358 v ref 1/2 lm358 1/2 lm358 100 k
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 10 ordering information device operating temperature range package shipping ? lm358adr2g 0 c to +70 c soic ? 8 (pb ? free) 2500 / tape & reel LM358DG 98 units / rail lm358dr2g 2500 / tape & reel lm358dmr2g micro8 (pb ? free) 4000 / tape & reel lm358ng pdip ? 8 (pb ? free) 50 units / rail lm258dg ? 25 c to +85 c soic ? 8 (pb ? free) 98 units / rail lm258dr2g 2500 / tape & reel lm258dmr2g micro8 (pb ? free) 4000 / tape & reel lm258ng pdip ? 8 (pb ? free) 50 units / rail lm2904dg ? 40 c to +105 c soic ? 8 (pb ? free) 98 units / rail lm2904dr2g 2500 / tape & reel lm2904dmr2g micro8 (pb ? free) 2500 / tape & reel lm2904ng pdip ? 8 (pb ? free) 50 units / rail lm2904admg micro8 (pb ? free) 4000 / tape & reel lm2904admr2g 4000 / tape & reel lm2904ang pdip ? 8 (pb ? free) 50 units / rail lm2904vdg ? 40 c to +125 c soic ? 8 (pb ? free) 98 units / rail lm2904vdr2g 2500 / tape & reel lm2904vdmr2g micro8 (pb ? free) 4000 / tape & reel lm2904vng pdip ? 8 (pb ? free) 50 units / rail ncv2904dr2g soic ? 8 (pb ? free) 2500 / tape & reel ncv2904dmr2g micro8 (pb ? free) 4000 / tape & reel ncv2904vdr2g ? 40 c to +150 c soic ? 8 (pb ? free) 2500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 11 pdip ? 8 n suffix case 626 soic ? 8 d suffix case 751 marking diagrams x = 2 or 3 a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g = pb ? free package  = pb ? free package ? (note: microdot may be in either location) pdip ? 8 an suffix case 626 soic ? 8 vd suffix case 751 pdip ? 8 vn suffix case 626 1 8 lmx58n awl yywwg 1 8 lm2904an awl yywwg 1 8 lm2904n awl yywwg 1 8 lm2904vn awl yywwg micro8 dmr2 suffix case 846a x58 ayw   1 8 2904 ayw   1 8 904a ayw   1 8 904v ayw   1 8 *this diagram also applies to ncv2904 * * lm358 alywa  1 8 2904 alyw  1 8 2904v alyw  1 8 lmx58 alyw  1 8 soic ? 8 vd suffix case 751 2904v alywv  1 8 ncv2904v
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 12 package dimensions pdip ? 8 n, an, vn suffix case 626 ? 05 issue m 14 5 8 f note 5 d e b l a1 a e3 e a top view c seating plane 0.010 ca side view end view end view note 3 dim min nom max inches a ???? ???? 0.210 a1 0.015 ???? ???? b 0.014 0.018 0.022 c 0.008 0.010 0.014 d 0.355 0.365 0.400 d1 0.005 ???? ???? e 0.100 bsc e 0.300 0.310 0.325 l 0.115 0.130 0.150 ???? ???? 5.33 0.38 ???? ???? 0.35 0.46 0.56 0.20 0.25 0.36 9.02 9.27 10.02 0.13 ???? ???? 2.54 bsc 7.62 7.87 8.26 2.92 3.30 3.81 min nom max millimeters notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. dimension e is measured with the leads re- strained parallel at width e2. 4. dimension e1 does not include mold flash. 5. rounded corners optional. e1 0.240 0.250 0.280 6.10 6.35 7.11 e2 e3 ???? ???? 0.430 ???? ???? 10.92 0.300 bsc 7.62 bsc e1 d1 m 8x e/2 e2 c
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 13 package dimensions soic ? 8 nb case 751 ? 07 issue ak seating plane 1 4 5 8 n j x 45  k notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. 6. 751 ? 01 thru 751 ? 06 are obsolete. new standard is 751 ? 07. a b s d h c 0.10 (0.004) dim a min max min max inches 4.80 5.00 0.189 0.197 millimeters b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.053 0.069 d 0.33 0.51 0.013 0.020 g 1.27 bsc 0.050 bsc h 0.10 0.25 0.004 0.010 j 0.19 0.25 0.007 0.010 k 0.40 1.27 0.016 0.050 m 0 8 0 8 n 0.25 0.50 0.010 0.020 s 5.80 6.20 0.228 0.244 ? x ? ? y ? g m y m 0.25 (0.010) ? z ? y m 0.25 (0.010) z s x s m  1.52 0.060 7.0 0.275 0.6 0.024 1.270 0.050 4.0 0.155  mm inches  scale 6:1 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint*
lm258, lm358, lm358a, lm2904, lm2904a, lm2904v, ncv2904, ncv2904v http://onsemi.com 14 package dimensions micro8  case 846a ? 02 issue h s b m 0.08 (0.003) a s t notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash, protrusions or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. 846a-01 obsolete, new standard 846a-02. b e pin 1 id 8 pl 0.038 (0.0015) ? t ? seating plane a a1 c l *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 8x 8x 6x  mm inches  scale 8:1 1.04 0.041 0.38 0.015 5.28 0.208 4.24 0.167 3.20 0.126 0.65 0.0256 dim a min nom max min millimeters ?? ?? 1.10 ?? inches a1 0.05 0.08 0.15 0.002 b 0.25 0.33 0.40 0.010 c 0.13 0.18 0.23 0.005 d 2.90 3.00 3.10 0.114 e 2.90 3.00 3.10 0.114 e 0.65 bsc l 0.40 0.55 0.70 0.016 ?? 0.043 0.003 0.006 0.013 0.016 0.007 0.009 0.118 0.122 0.118 0.122 0.026 bsc 0.021 0.028 nom max 4.75 4.90 5.05 0.187 0.193 0.199 h e h e d d e on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 lm358/d micro8 is a trademark of international rectifier. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of LM358DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X