Part Number Hot Search : 
04500 9NC60 SK70WT12 TQ3631 NDP6060L 5KP12A K570ABM ESD3V
Product Description
Full Text Search
 

To Download IRFZ34NSTRRPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
   
    
      
   !"#
$
"    %&'()*#
$ +#

   !$$    "
 
      
   
  
  
   
       
    !
  
  
 "   # $  #          
   % 
&'(
 ) 
$
 
  
   
 #
   
    " *  % ) 
    
 )   #            !+"  
    
   #      # !
    
    ) " *  % ) #

    #     
  
      ,"-.   
      " 
! 
 /01+234   #
 ! 
   "          ?    2 d pak to-262 s d g 

       

    
       
   
  
    !  "#

 $% 
%% &'   ('  )    !  "(

 $% 
%% &'   ('      * +$% 
%%   (   !  "#
, % $  -  ./    !  "#
, % $ -  0/  1 %$ % 23 % # 
'  4   5%  '* 2 6 ' 7  52* * 8 * 9 7 %2:  (.    8 * 9 
%%   (0  7   - 8  8 * 9  7 %2:  #0  +8+  ;$+  8 %:+8+  # ' !  <- % 2 + ##=(># ! 
 5% 2 ! - % %  2 5*+ %2! - % % &?%( + .(0?%  

 ,,,%? (

   ,,,%? 9  +(@ a % 
3 %4 (b  % * 3%%  + +?-% + *+ %2 9a % ? % --*  cd ))                  ! "#  


      '  $%   5%  % ;+, '* 2 ##   ' '  "'&  "#e ?    ?   % ;+, '* 2  ! -
 ??   #  '
 ? %  #
&  "(     5  $%   5%   <        ? '  "('&  "(0  '   4  !9% 9*+'* 2    ' '  "'  &  "#e 2  3%, %+ !%  +  0#   5 '  "#'&  "(0   # '  "##'&'  "'   # '  "'&'  "'&!  "(#
4   5%  3%, %+ 1 ; 2   ( '  "' 4   5%   8 %  1 ; 2   ( '  " ' f  ! *4  
9 %2   .   "(0 f  4   5% 
9 %2   0/ 
'  "' f  4   $% @b** %@
9 %2   ( '  "('&5 320 +(.     !% <$ * :!  >  '  "/'    !  )    "(0    !%  -
-    >  '  "'
 <-
-      -3 '  "#'
  8 %  !%  ? %
-    (  g"(bhi&5 32#    $%   5% 1 ; 2 
%%     e  h 1   % *5% +   >#     - 8 % 2j-* ,+9* +:   kl - % % 5 ?2((  i sd (0&++ e &'  '  & !  (>#
  


       
 5% 
%%  b<537! :* +:$+  9,2  9   * +5% 
%%   2% * % 8 % +:$+   - l++  '  $+  3%, %+ '* 2   (0 ' !  "#
&  "(0&'  "'     8 %  8 %:!  #> /0  !  "#
&  "(0 f   8 %   8 %:
9 %2  (.  
++" (e     3%, %+!% <! $%     "      % %    2*2* %  +  +:1  =1     (   )  s d g  '  "#'&  %2!  "#
&1"0(eh   "# ? &  "(05 32% (  * ,+9 .e j+::* m  uses irfz34n data and test conditions

 ,,,%? .  
      
     1 10 100 1000 0.1 1 10 10 0 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v 20s pulse width t = 25c c a 4.5v 1 10 100 1000 0.1 1 10 100 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds vgs top 15v 10v 8.0v 7.0v 6.0v 5.5v 5.0v bottom 4.5v a 4.5v 20s pulse width t = 175c c 1 10 100 45678910 t = 25c j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) a v = 25v 20s pulse width t = 175c j ds 0.0 0.4 0.8 1.2 1.6 2.0 2.4 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 26a d  
            !   !  "#
!  "(>#


   ,,,%? 
 
"     #$ %   &' "  %(   
    !   "  %   
)% !  )"  % 0 200 400 600 800 1000 1200 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 4 8 12 16 20 0 10203040 q , total gate charge (nc) g v , gate-to-source voltage (v) gs a for test circuit see figure 13 v = 44v v = 28v ds ds i = 16a d 1 10 100 1000 0.4 0.8 1.2 1.6 2.0 t = 25c j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c single pulse c j

 ,,,%? #  "$   %      + - v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f '  ( '  1  !"# 0.1 %  &'   !     "$   % *+   '  '    $n!  &' ,  +   -  ./   25 50 75 100 125 150 175 0 5 10 15 20 25 30 t , case temperature ( c) i , drain current (a) c d 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response)

 0  ,,,%?  0  -  +      0  -  +*+  1 )%*+ t p v ds i as v dd v (br)dss d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - q g q gs q gd v g charge 2 0 50 100 150 200 250 25 50 75 100 125 150 17 5 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) v = 25v i top 6.5a 11a bottom 16a dd d v ds l d.u.t. v d d i as t p 0.01 ? r g + - $%&  )%      &' (+ ,%
 !  

 ,,,%? >  
       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -   #3,4#, " 5 '  "#'?%121 8 *$ 8      '  ? +8+%** +:  ? $%8 %  :-  $n! ?   %** +:$:3 %@$@ ? $n! $ 8 n+ %!  


%1 :
 + %  ? 1,5% :+   ? 4%+*   ? 1,1 ; 2 +  
%% !%  ?% %  5

 /  ,,,%?   

 
   
 dimensions are shown in millimeters (inches) note: "p" in as s embly line pos ition indicates "l ead-f ree" f530s t his is an irf530s with lot code 8024 as s embl ed on ww 02, 2000 in the assembly line "l" assembly lot code inte rnational rect ifie r logo part number dat e code year 0 = 2000 week 02 line l  f 530s a = as s e mb l y s i t e code wee k 02 p = de s i gnat e s l e ad- f r e e product (opt ional) rectifier int ernational logo lot code as s e mb l y ye ar 0 = 2000 dat e code part number

 ,,,%? ) to-262 part marking information to-262 package outline dimensions are shown in millimeters (inches) as s e mb l y lot code re ct if ie r int ernational as s e mb l e d on ww 19, 199 7 note: "p" in assembly line position indicates "lead-free" in the assembly line "c" logo this is an irl3103l lot code 1789 example: line c dat e code we e k 19 ye ar 7 = 1997 part number part number logo lot code as s e mb l y internat ional rectifier product (optional) p = designat es lead-f ree a = as s e mb l y s it e code week 19 year 7 = 1997 dat e code or

 (  ,,,%?    
 
dimensions are shown in millimeters (inches) 3 4 4 trr f eed direction 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) trl f eed direction 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957 ) 23.90 (.941 ) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) max. 27.40 (1.079) 23.90 (.941) 60.00 (2.362 ) min. 30.40 (1.197) max. 26.40 (1.039) 24.40 (.961) notes : 1. comforms to eia-418. 2. controlling dimension: millimeter. 3. dimension measured @ hub. 4. includes flange distortion @ outer edge. data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 07/04
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRFZ34NSTRRPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X