Part Number Hot Search : 
244R7 PD5616S MUPTB10 2N684 AN311 GT15J101 BH6513F HAL220
Product Description
Full Text Search
 

To Download HMC1056LP4BE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mixers - i/q mixers, irm s & r eceivers - sm t 1 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz general description features typical applications the h mc 1056lp4b e is a compact i / q mmic mixer in a leadless pb free sm t package, which can be used as either an i mage r eject m ixer or a s ingle s ideband upconverter. the mixer utilizes two standard hittite double balanced mixer cells and a 90 degree hybrid fabricated in a gaas s chottky diode process. a low frequency quadrature hybrid was used to produce a 100 m hz l s b i f output. this product is a much smaller alternative to hybrid style i mage r eject m ixers and s ingle s ideband upconverter assemblies. the h mc 1056lp4b e eliminates the need for wire bonding and allows the use of surface mount manufacturing techniques. electrical specifcations, t a = +25c, if = 100 mhz, lsb, lo = +10 dbm [1] parameter m in. typ. m ax. m in. typ. m ax. units frequency r ange, r f/lo 8 - 10 10 - 12 ghz frequency r ange, i f d c - 4 d c - 4 ghz c onversion loss 8 11 8 11 db i mage r ejection 18 25 12 18 dbc lo to r f isolation 33 40 33 40 db lo to i f isolation 35 40 db i p3 (input) 18 17 dbm amplitude balance [2] +0.5 +1.5 db phase balance [2] +2.5 -2.5 deg [1] unless otherwise noted all measurements performed as downconverter. [2] data taken without external 90 hybrid. functional diagram the h mc 1056lp4b e is ideal for: ? point-to-point and point-to- m ulti-point r adio ? m ilitary r adar, e w & e l i nt ? s atellite c ommunications ? s ensors wide i f bandwidth: d c - 4 ghz i mage r ejection: 25 dbc lo to r f isolation: 40 db high i nput i p3: 18 dbm 20 lead 4x4 mm sm t package: 16 mm2 for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 2 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz input p1db, lsb vs. temperature conversion gain, lsb vs. lo drive return loss image rejection, lsb vs. temperature conversion gain, lsb vs. temperature [1] data taken without external i f 90 hybrid data taken as ssb downconverter with external if 90 hybrid, if = 100 mhz -20 -15 -10 -5 0 7 8 9 10 11 12 13 +25 c +85 c -40 c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) -30 -25 -20 -15 -10 -5 0 7 8 9 10 11 12 13 rf lo return loss (db) rf frequency (ghz) 0 3 6 9 12 15 8 9 10 11 12 +25 c +85 c -40 c p1db (dbm) rf frequency (ghz) image rejection, lsb vs. lo drive 0 10 20 30 40 50 7 8 9 10 11 12 13 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm image rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 3 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz input ip3, lsb vs. lo drive isolations if bandwidth* amplitude balance, lsb vs. lo drive phase balance, lsb vs. lo drive data taken as ssb downconverter with external if 90 hybrid, if = 100 mhz 0 5 10 15 20 25 30 35 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm ip3 (dbm) rf frequency (ghz) * c onversion gain data taken with external i f hybrid. -20 -16 -12 -8 -4 0 0.5 1 1.5 2 2.5 3 3.5 4 return loss conversion gain response (db) if frequency (ghz) -60 -50 -40 -30 -20 -10 0 7 8 9 10 11 12 13 isolation (db) rf frequency (ghz) lo/rf lo/if1 rf/if1 rf/if2 lo/if2 -2 -1 0 1 2 3 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm amplitude balance (db) rf frequency (ghz) -10 -5 0 5 10 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm phase balance (deg) rf frequency (ghz) 0 5 10 15 20 25 30 35 7 8 9 10 11 12 13 +25 c +85 c -40 c ip3 (dbm) rf frequency (ghz) input ip3, lsb vs. temperature for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 4 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz upconverter performance, conversion gain, lsb vs. lo drive data taken as ssb downconverter with external if 90 hybrid, if = 100 mhz upconverter performance, sideband rejection, lsb vs. lo drive, conversion gain, usb vs. temperature conversion gain, usb vs. lo drive image rejection, usb vs. temperature image rejection, usb vs. lo drive -20 -15 -10 -5 0 7 8 9 10 11 12 13 +25 c +85 c -40 c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) -20 -15 -10 -5 0 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 8 dbc 10 dbc 12 dbc sideband rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 5 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz input ip3, usb vs. temperature data taken as ssb downconverter with external if 90 hybrid, if = 100 mhz input p1db, usb vs. temperature 0 3 6 9 12 15 8 9 10 11 12 +25 c +85 c -40 c p1db (dbm) rf frequency (ghz) 0 5 10 15 20 25 30 35 7 8 9 10 11 12 13 +25 c +85 c -40 c ip3 (dbm) rf frequency (ghz) input ip3, usb vs. lo drive amplitude balance, usb vs. lo drive -2 -1 0 1 2 3 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm amplitude balance (db) rf frequency (ghz) phase balance, usb vs. lo drive -10 -5 0 5 10 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm phase balance (deg) rf frequency (ghz) upconverter performance, conversion gain, usb vs. lo drive -20 -15 -10 -5 0 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) 0 5 10 15 20 25 30 35 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm ip3 (dbm) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 6 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz data taken as ssb upconverter with external if 90 hybrid, if = 100 mhz upconverter performance, sideband rejection, usb vs. lo drive, 0 10 20 30 40 50 7 8 9 10 11 12 13 8 dbc 10 dbc 12 dbc sideband rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 7 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz conversion gain, lsb vs. lo drive conversion gain, lsb vs. temperature data taken as ssb downconverter with external if 90 hybrid, if = 1000 mhz image rejection, lsb vs. temperature image rejection, lsb vs. lo drive input ip3, lsb vs. temperature input ip3, lsb vs. lo drive -20 -15 -10 -5 0 7 8 9 10 11 12 13 +25 c +85 c -40 c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm image rejection (dbc) rf frequency (ghz) 0 5 10 15 20 25 30 35 7 8 9 10 11 12 13 +25 c +85 c -40 c ip3 (dbm) rf frequency (ghz) 0 5 10 15 20 25 30 35 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm ip3 (dbm) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 8 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz upconverter performance, sideband rejection, lsb vs. lo drive, upconverter performance, conversion gain, lsb vs. lo drive data taken as ssb downconverter with external if 90 hybrid, if = 1000 mhz -20 -15 -10 -5 0 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) conversion gain, usb vs. temperature conversion gain, usb vs. lo drive image rejection, usb vs. temperature image rejection, usb vs. lo drive -20 -15 -10 -5 0 8 9 10 11 12 13 14 +25 c +85 c -40 c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 8 9 10 11 12 13 14 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 8 dbc 10 dbc 12 dbc sideband rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 9 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz input ip3, usb vs. temperature input ip3, usb vs. lo drive upconverter performance, conversion gain, usb vs. lo drive upconverter performance, sideband rejection, usb vs. lo drive, data taken as ssb downconverter with external if 90 hybrid, if = 1000 mhz 0 5 10 15 20 25 30 35 8 9 10 11 12 13 14 +25 c +85 c -40 c ip3 (dbm) rf frequency (ghz) 0 5 10 15 20 25 30 35 8 9 10 11 12 13 14 8 dbm 10 dbm 12 dbm ip3 (dbm) rf frequency (ghz) -20 -15 -10 -5 0 8 9 10 11 12 13 14 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 8 dbc 10 dbc 12 dbc sideband rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 10 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz data taken as ssb downconverter with external if 90 hybrid, if = 2000 mhz conversion gain, lsb vs. temperature conversion gain, lsb vs. lo drive image rejection, lsb vs. temperature image rejection, lsb vs. lo drive input ip3, lsb vs. temperature input ip3, lsb vs. lo drive -20 -15 -10 -5 0 7 8 9 10 11 12 13 +25 c +85 c -40 c conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) 0 5 10 15 20 25 30 35 7 8 9 10 11 12 13 +25 c +85 c -40 c ip3 (dbm) rf frequency (ghz) 0 5 10 15 20 25 30 35 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm ip3 (dbm) rf frequency (ghz) 0 10 20 30 40 50 8 9 10 11 12 13 14 8 dbm 10 dbm 12 dbm image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 8 9 10 11 12 13 14 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 11 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz upconverter performance, conversion gain, lsb vs. lo drive upconverter performance, sideband rejection, lsb vs. lo drive, data taken as ssb downconverter with external if 90 hybrid, if = 2000 mhz conversion gain, usb vs. temperature conversion gain, usb vs. lo drive image rejection, usb vs. temperature image rejection, usb vs. lo drive -20 -15 -10 -5 0 7 8 9 10 11 12 13 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) -20 -15 -10 -5 0 8 9 10 11 12 13 14 +25 c +85 c -40 c conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 8 9 10 11 12 13 14 8 dbm 10 dbm 12 dbm image rejection (dbc) rf frequency (ghz) -20 -15 -10 -5 0 8 9 10 11 12 13 14 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 8 9 10 11 12 13 14 +25 c +85 c -40 c image rejection (dbc) rf frequency (ghz) 0 10 20 30 40 50 7 8 9 10 11 12 13 14 8 dbc 10 dbc 12 dbc sideband rejection (dbc) rf frequency (ghz) for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 12 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz mxn spurious outputs input ip3, usb vs. temperature input ip3, usb vs. lo drive upconverter performance, conversion gain, usb vs. lo drive upconverter performance, sideband rejection, usb vs. lo drive, 0 5 10 15 20 25 30 35 8 9 10 11 12 13 14 +25 c +85 c -40 c ip3 (dbm) rf frequency (ghz) 0 5 10 15 20 25 30 35 8 9 10 11 12 13 14 8 dbm 10 dbm 12 dbm ip3 (dbm) rf frequency (ghz) -20 -15 -10 -5 0 8 9 10 11 12 13 14 8 dbm 10 dbm 12 dbm conversion gain (db) rf frequency (ghz) 0 10 20 30 40 50 8 9 10 11 12 13 14 8 dbc 10 dbc 12 dbc sideband rejection (dbc) rf frequency (ghz) lo freq. (ghz) nlo s pur at r f port 1 2 3 4 7 41.3 37.6 74.4 74.2 8 36.3 36.3 52 82.1 9 37. 2 52.9 63.6 81.4 10 36.8 56.4 65.5 100.4 11 37. 3 59.8 68.9 68.8 12 37.4 56.2 65.3 78.9 13 38.1 56.4 69.6 x lo = + 10 dbm v alues in dbc below lo level measured at r f port. nlo mr f 0 1 2 3 4 0 xx 8 38 48 60 1 8 0 28 43 60 2 64 50 56 48 67 3 94 78 67 64 78 4 x x x x x r f = 10 ghz @ -10 dbm lo = 10.1 ghz @ +10 dbm data taken without i f hybrid all values in dbc below i f power level harmonics of lo for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 13 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz outline drawing not es : 1. pa c kag e body m at eri al: low s t ress i nj ec t i on m old e d pla s t ic si l ic a and si l c on im p re gnat e d. 2. l e ad and g r ound paddl e m at eri al: c opp er alloy. 3. l e ad and g r ound paddl e plat i ng: 100% m att e t i n. 4. d ime n si on s a re i n in c h es [ mi ll ime t ers ]. 5. l e ad s pa ci ng tol er an ce is non- c u m ulat ive . 6. pad bu rr l e ngth s hall b e 0.15mm m a x . pad bu rr h ei ght s hall b e 0.05mm m a x . 7. pa c kag e wa r p s hall not excee d 0.05mm. 8. all g r ound l e ad s and g r ound paddl e m u s t b e s old ere d to p c b r f g r ound. absolute maximum ratings e l ec t ro s tat ic se n si t ive d evice ob serve handl i ng p rec aut i on s i f i nput (at lo = 10 dbm and r f = -10 dbm) +15.5 dbm r f i nput (at 10 dbm lo power) +16 dbm lo i nput (at -10 dbm r f power) +17 dbm c hannel temperature 175 c c ontinuous pdiss (t = 85 c) (derate 8.9 mw/ c above 85 c) 800 mw thermal r esistance (channel to ground paddle) 112 c / w s torage temperature -65 to +150 c operating temperature -40 to +85 c es d s ensitivity (hb m ) c lass 0, passed 150 v package information part number package body m aterial lead finish ms l r ating [2] package m arking [1] h mc 1056lp4b e r oh s -compliant low s tress i njection m olded plastic 100% matte s n ms l1 h1056 xxxx [1] 4-digit lot number xxxx [2] m ax peak refow temperature of 260 c for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 14 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz pin number function description i nterface s chematic 1, 5-8, 10-12, 16, 18-20 n/ c these pins are not connected internally; however, all data shown herein was measured with these pins connected to r f/d c ground externally. 2, 4, 13, 15 gnd these pins and the exposed ground paddle must be connected to r f/d c ground. 3 lo this pin is a c coupled and matched to 50 ohms . 9 i f2 differential i f input pins. for applications not requiring operation to d c , an off chip d c blocking capacitor should be used. for operation to d c this pin must not source/sink more than 3ma of current or part non function and possible part failure will result. 17 i f1 14 rf this pin is matched to 50 ohms. pin descriptions for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 15 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz evaluation pcb the circuit board used in the application should use r f circuit design techniques. s ignal lines should have 50 ohm impedance while the package ground leads and exposed paddle should be connected directly to the ground plane similar to that shown. a sufficient number of via holes should be used to connect the top and bottom ground planes. the evaluation circuit board shown is available from hittite upon request. list of materials for evaluation pcb eval01-hmc1056lp4b [1] i tem description j1, j2 p c b m ount sm a r f c onnector, sri j3 - j4 p c b m ount sm a c onnector, johnson u1 h mc 1056lp4b e p c b [2] 600-00487-00-1 e valuation board [1] r eference this number when ordering complete evaluation p c b [2] c ircuit board m aterial: r ogers 4350 for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com
mixers - i/q mixers, irm s & r eceivers - sm t 16 HMC1056LP4BE v0 0.1012 gaas mmic i/q mixer 8 - 12 ghz notes: for price, delivery and to place orders: hittite microwave corporation, 2 elizabeth drive, chelmsford, ma 01824 phone: 978-250-3343 fax: 978-250-3373 order on-line at www.hittite.com application support: phone: 978-250-3343 or apps@hittite.com


▲Up To Search▲   

 
Price & Availability of HMC1056LP4BE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X