Part Number Hot Search : 
N03HDL OQ2545 OQ2545 PL505 RF0509 STRY6766 STC128M DZT2222A
Product Description
Full Text Search
 

To Download FDS4435 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDS4435 FDS4435 rev. d FDS4435 p-channel logic level powertrench tm mosfet general description this p-channel logic level mosfet is produced using fairchild semiconductor's advanced powertrench process that has been especially tailored to minimize on-state resistance and yet maintain superior switching performance. this device is well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required. applications ? dc/dc converter ? load switch ? motor drives june 1999 features ? -8.8 a, -30 v. r ds(on) = 0.020 w @ v gs = -10 v r ds(on) = 0.035 w @ v gs = -4.5 v ? low gate charge (17nc typical). ? fast switching speed. ? high performance trench technology for extremely low r ds(on) . ? high power and current handling capability. ? 1999 fairchild semiconductor corporation $evroxwh0d[lpxp5dwlqjv 7 $  ?&xqohvvrwkhuzlvhqrwhg 6\pero 3dudphwhu 5dwlqjv 8qlwv 9 '66 'udlq6rxufh9rowdjh  9 9 *66 *dwh6rxufh9rowdjh  9 , ' 'udlq&xuuhqw &rqwlqxrxv 1rwhd  $ 3xovhg  3 ' 3rzhu'lvvlsdwlrqiru6lqjoh2shudwlrq 1rwhd  : 1rwhe  1rwhf  7 - 7 vwj 2shudwlqjdqg6wrudjh-xqfwlrq7hpshudwxuh5dqjh wr & 7khupdo&kdudfwhulvwlfv 5 q -$ 7khupdo5hvlvwdqfh-xqfwlrqwr$pelhqw 1rwhd  &: 5 q -& 7khupdo5hvlvwdqfh-xqfwlrqwr&dvh 1rwh  &: 3dfndjh0dunlqjdqg2ughulqj,qirupdwlrq 'hylfh0dunlqj 'hylfh 5hho6l]h 7dsh:lgwk 4xdqwlw\ )'6 )'6 ?? pp xqlwv         6 ' 6 6 62 ' ' ' *
FDS4435 FDS4435 rev. d (ohfwulfdo&kdudfwhulvwlfv 7 $  ?&xqohvvrwkhuzlvhqrwhg 6 \ pero 3dudphwhu 7hvw&rqglwlrqv 0lq 7 \s 0d[ 8qlwv 2ii&kdudfwhulvwlfv %9 '66 'udlq6rxufh%uhdngrzq9rowdjh 9 *6  9, '   m $ 9 d %9 '66 d 7 - %uhdngrzq9rowdjh7hpshudwxuh &rhiilflhqw , '   m $5hihuhqfhgwr &  p9 & , '66 =hur*dwh9rowdjh'udlq&xuuhqw 9 '6  99 *6  9  m $ , *66) *dwh%rg\/hdndjh&xuuhqw )ruzdug 9 *6  99 '6  9  q$ , *665 *dwh%rg\/hdndjh&xuuhqw 5hyhuvh 9 *6  99 '6  9  q$ 2q&kdudfwhulvwlfv  1rwh 9 *6 wk *dwh7kuhvkrog9rowdjh 9 '6  9 *6 , '   m $    9 d 9 *6 wk d 7 - *dwh7kuhvkrog9rowdjh 7hpshudwxuh&rhiilflhqw , '   m $5hihuhqfhgwr &p9 & 5 '6 rq 6wdwlf'udlq6rxufh 2q5hvlvwdqfh 9 *6  9, '  $ 9 *6  9, '  $7 -  & 9 *6  9, '  $       w , ' rq 2q6wdwh'udlq&xuuhqw 9 *6  99 '6  9  $ j )6 )ruzdug7udqvfrqgxfwdqfh 9 '6  9, '  $  6 '\qdplf&kdudfwhulvwlfv & lvv ,qsxw&dsdflwdqfh  s) & rvv 2xwsxw&dsdflwdqfh  s) & uvv 5hyhuvh7udqvihu&dsdflwdqfh 9 '6  99 *6  9 i 0+]  s) 6zlwfklqj&kdudfwhulvwlfv  1rwh w g rq 7xuq2q'hod\7lph   qv w u 7xuq2q5lvh7lph   qv w g rii 7xuq2ii'hod\7lph   qv w i 7xuq2ii)doo7lph 9 ''  9, '  $ 9 *6  95 *(1   w   qv 4 j 7rwdo*dwh&kdujh   q& 4 jv *dwh6rxufh&kdujh  q& 4 jg *dwh'udlq&kdujh 9 '6  9, '  $ 9 *6  9 q& 'udlq6rxufh'lrgh&kdudfwhulvwlfvdqg0d[lpxp5dwlqjv , 6 0d[lpxp&rqwlqxrxv'udlq6rxufh'lrgh)ruzdug&xuuhqw  $ 9 6' 'udlq6rxufh'lrgh)ruzdug 9rowdjh 9 *6  9, 6  $  1rwh   9 notes: 1: r q ja is the sum of the junction-to-case and case-to-ambient resistance where the case thermal reference is defined as the solder mou nting surface of the drain pins. r q jc is guaranteed by design while r q ca is determined by the user's board design. scale 1 : 1 on letter size paper 2: pulse test: pulse width 300 m s, duty cycle 2.0% a) 50 c/w when mounted on a 1 in 2 pad of 2 oz. copper. b) 105 c/w when mounted on a 0.04 in 2 pad of 2 oz. copper. c) 125 c/w on a minimum mounting pad.
FDS4435 FDS4435 rev. d typical characteristics figure 1. on-region characteristics. figure 2. on-resistance variation with drain current and gate voltage. figure 5. transfer characteristics. figure 6. body diode forward voltage variationwith source current and temperature. figure 3. on-resistance variation with temperature figure 4. on-resistance variation with gate-to-source voltage            , ' '5$,1&855(17 $ 5 ' 6 2 1   1 2 5 0 $ / , = ( ' ' 5 $ , 1  6 2 8 5 & (  2 1  5 ( 6 , 6 7 $ 1 & ( 9 *6  9 9 9 9 9 9 9 9        9 '6 '5$,16285&(92/7$*( 9  , '   ' 5 $ , 1  & 8 5 5 ( 1 7  $ 9 9 9 9 9 9 9 *6  9          9 *6 *$7(726285&(92/7$*( 9 5 ' 6 2 1   2 1  5 ( 6 , 6 7 $ 1 & (  2 + 0 , '  $ 7 $   r & 7 $   r &        9 *6 *$7(726285&(92/7$*( 9  , '   ' 5 $ , 1  & 8 5 5 ( 1 7  $ 7 $   r &  r &  r & 9 '6  9                9 6'   %2'<',2'()25:$5'92/7$*( 9  , 6   5 ( 9 ( 5 6 (  ' 5 $ , 1  & 8 5 5 ( 1 7  $ 9 *6  9 7 $   r &  r &  r &                7 - -81&7,217(03(5$785( r & 5 ' 6 2 1   1 2 5 0 $ / , = ( '  ' 5 $ , 1  6 2 8 5 & (  2 1  5 ( 6 , 6 7 $ 1 & ( , '  $ 9 *6  9
FDS4435 FDS4435 rev. d typical characteristics (continued) figure 7. gate-charge characteristics. figure 8. capacitance characteristics. figure 9. maximum safe operating area. figure 10. single pulse maximum power dissipation. figure 11. transient thermal response curve. thermal characterization performed using the conditions described in note 1c. transient themal response will change depending on the circuit board design.                            w 7, 0( v hf 7 5 $ 1 6 ,  ( 1 7   7 + ( 5  0 $ /   5 ( 6 , 6 7 $ 1 & ( u w   1 2 5 0 $ / , = ( '   ( ) ) ( & 7 , 9 (  6 lq jo h 3xovh '           'xw\&\foh' ww    5 w  u w  5 5 ?&  : q -$ q -$ q -$ 77  3 5  w q -$ $ - 3 sn w  w               9 ' 6 '5$,1726285&(92/7$*( 9 & $ 3 $ & , 7 $ 1 & (  s ) & ,66 & 266 & 566 i 0+] 9 *6  9               4 j *$7(&+$5*( q&  9 * 6   * $ 7 (  6 2 8 5 & (  9 2 / 7 $ * (  9 , '  $ 9 '6  9 9 9          9 '6 '5$,16285&(92/7$*( 9  , '   ' 5 $ , 1  & 8 5 5 ( 1 7  $ '& v v pv pv pv  m v 5 '6 21 /,0,7 9 *6  9 6,1*/(38/6( 5 q -$   r &: 7 $   r &              6,1*/(38/6(7,0( 6(& 3 2 : ( 5  : 6,1*/(38/6( 5 q -$   r &: 7 $   r &
soic(8lds) packaging configuration: figure 1.0 components leader tape 1680mm minimum or 210 empty pockets trailer tape 640mm minimum or 80 empty pockets soic(8lds) tape leader and trailer configuration: figure 2.0 cover tape carrier tape note/comments packaging option soic (8lds) packaging information standard (no flow code) l86z f011 packaging type reel size tnr 13" dia rail/tube - tnr 13" dia qty per reel/tube/bag 2,500 95 4,000 box dimension (mm) 343x64x343 530x130x83 343x64x343 max qty per box 5,000 30,000 8,000 d84z tnr 7" dia 500 184x187x47 1,000 weight per unit (gm) 0.0774 0.0774 0.0774 0.0774 weight per reel (kg) 0.6060 - 0.9696 0.1182 f63tn label esd label 343mm x 342mm x 64mm standard intermediate box esd label f63tnr label sample f63tnlabel lot: cbvk741b019 fsid: fds9953a d/c1: d9842 qty1: spec rev: spec: qty: 2500 d/c2: qty2: cpn: n/f: f (f63tnr)3 f 852 nds 9959 soic-8 unit orientation f 852 nds 9959 pin 1 static dissipative embossed carrier tape
? 1998 fairchild semiconductor corporation dimensions are in millimeter pkg type a0 b0 w d0 d1 e1 e2 f p1 p0 k0 t wc tc soic (8lds) (12mm) 6.50 +/-0.10 5.30 +/-0.10 12.0 +/-0.3 1.55 +/-0.05 1.60 +/-0.10 1.75 +/-0.10 10.25 min 5.50 +/-0.05 8.0 +/-0.1 4.0 +/-0.1 2.1 +/-0.10 0.450 +/- 0.150 9.2 +/-0.3 0.06 +/-0.02 p1 a0 d1 p0 f w e1 d0 e2 b0 tc wc k0 t dimensions are in inches and millimeters tape size reel option dim a dim b dim c dim d dim n dim w1 dim w2 dim w3 (lsl-usl) 12mm 7" dia 7.00 177.8 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 2.165 55 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 0.606 11.9 15.4 12mm 13" dia 13.00 330 0.059 1.5 512 +0.020/-0.008 13 +0.5/-0.2 0.795 20.2 7.00 178 0.488 +0.078/-0.000 12.4 +2/0 0.724 18.4 0.469 0.606 11.9 15.4 see detail aa dim a max 13" diameter option 7" diameter option dim a max see detail aa w3 w2 max measured at hub w1 measured at hub dim n dim d min dim c b min detail aa notes: a0, b0, and k0 dimensions are determined with respect to the eia/jedec rs-481 rotational and lateral movement requirements (see sketches a, b, and c). 20 deg maximum component rotation 0.5mm maximum 0.5mm maximum sketch c (top view) component lateral movement typical component cavity center line 20 deg maximum typical component center line b0 a0 sketch b (top view) component rotation sketch a (side or front sectional view) component rotation user direction of feed soic(8lds) embossed carrier tape configuration: figure 3.0 soic(8lds) reel configuration: figure 4.0 so-8 tape and reel data and package dimensions, continued july 1999, rev. b
soic-8 (fs pkg code s1) 1 : 1 scale 1:1 on letter size paper di me n si o n s s h ow n be l ow a re in : inches [millimeters] part weight per unit (gram): 0.0774 so-8 tape and reel data and package dimensions, continued september 1998, rev. a 9
trademarks acex? coolfet? crossvolt? e 2 cmos tm fact? fact quiet series? fast ? fastr? gto? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconductor. the datasheet is printed for reference information only. formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. syncfet? tinylogic? uhc? vcx? isoplanar? microwire? pop? powertrench qfet? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 ? rev. d


▲Up To Search▲   

 
Price & Availability of FDS4435

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X