Part Number Hot Search : 
DD81S 28CPQ P2N20 0ZB6T EM1802 1SS187 BUZ255 LBT6502
Product Description
Full Text Search
 

To Download FDPF12N50NZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fdp12n50nz / fdpf12n5 0nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 1 march 2013 fdp12n50nz / FDPF12N50NZ n-channel unifet tm ii mosfet ? 500 v, 11.5 a, 520 m ? features ?r ds(on) = 460 m ? (typ.) @ v gs = 10 v, i d = 5.75 a ? low gate charge (typ. 23 nc ) ? low c rss (typ. 14 pf ) ? 100% avalanche tested ? esd improved capability ? rohs compliant applications ? lcd/led/pdp tv ? lighting ? uninterruptible power supply description unifet tm ii mosfet is fairchild semiconductor ? ?s high volt- age mosfet family based on advanced planar stripe and dmos technology. this advanc ed mosfet family has the smallest on-state resistance among the planar mosfet, and also provides superior switching performance and higher ava- lanche energy strength. in addition, internal gate-source esd diode allows unifet ii mosfet to withstand over 2kv hbm surge stress. this device family is suitable for switching power converter applications such as powe r factor correction (pfc), flat panel display (fpd) tv power, atx and electronic lamp ballasts. g s d g s d to-220f s d g s d g to-220 mosfet maximum ratings t c = 25 o c unless otherwise noted * *dran current limited by maximum junction temperature thermal characteristics symbol parameter fdp12n50nz FDPF12N50NZ unit v dss drain to source voltage 500 v v gss gate to source voltage 25 v i d drain current - continuous (t c = 25 o c) 11.5 11.5* a - continuous (t c = 100 o c) 6.9 6.9* i dm drain current - pulsed (note 1) 46 46* a e as single pulsed avalanche energy (note 2) 560 mj i ar avalanche current (note 1) 11.5 a e ar repetitive avalanche energy (note 1) 17 mj dv/dt peak diode recovery dv/dt (note 3) 4.5 v/ns p d power dissipation (t c = 25 o c) 170 42 w - derate above 25 o c 1.37 0.33 w/ o c t j , t stg operating and storage temperature range -55 to +150 o c t l maximum lead temperature for soldering purpose, 1/8? from case for 5 seconds 300 o c symbol parameter fdp12n50nz FDPF12N50NZ unit r ? jc thermal resistance, junction to case, max. 0.73 3.0 o c/w r ? cs thermal resistance, case to sink typ 0.5 - r ? ja thermal resistance, junction to ambient, max. 62.5 62.5
fdp12n50nz / fdpf12n5 0nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 2 package marking and ordering information electrical characteristics t c = 25 o c unless otherwise noted off characteristics on characteristics dynamic characteristics switching characteristics drain-source diod e characteristics device marking device package reel size tape width quantity fdp12n50nz fdp12n50nz to-220 - - 50 FDPF12N50NZ FDPF12N50NZ to-220f - - 50 symbol parameter test conditions min. typ. max. unit bv dss drain to source breakdown voltage i d = 250 ? a, v gs = 0v, t j = 25 o c 500 --v ? bv dss ? t j breakdown voltage temperature coefficient i d = 250 ? a, referenced to 25 o c-0.5-v/ o c i dss zero gate voltage drain current v ds = 500v, v gs = 0v - - 1 ? a v ds = 400v, t c = 125 o c--10 i gss gate to body leakage current v gs = 25v, v ds = 0v - - 10 ? a v gs(th) gate threshold voltage v gs = v ds , i d = 250 ? a3.0-5.0v r ds(on) static drain to source on resistance v gs = 10v, i d = 5.75a - 0.46 0.52 ? g fs forward transconductance v ds = 20v, i d = 5.75a - 12 - s c iss input capacitance v ds = 25v, v gs = 0v f = 1mhz - 945 1235 pf c oss output capacitance - 155 205 pf c rss reverse transfer capacitance - 14 20 pf q g total gate charge at 10v v ds = 400v, i d = 11.5a v gs = 10v (note 4) -2330nc q gs gate to source gate charge - 5.5 - nc q gd gate to drain ?miller? charge - 9.6 - nc t d(on) turn-on delay time v dd = 250v, i d = 11.5a r g = 25 ? (note 4) -2050ns t r turn-on rise time - 50 110 ns t d(off) turn-off delay time - 60 130 ns t f turn-off fall time - 45 100 ns i s maximum continuous drain to source diode forward current - - 11.5 a i sm maximum pulsed drain to source diode forward current - - 46 a v sd drain to source diode forward voltage v gs = 0v, i sd = 11.5a - - 1.4 v t rr reverse recovery time v gs = 0v, i sd = 11.5a di f /dt = 100a/ ? s - 315 - ns q rr reverse recovery charge - 2.0 - ? c notes: 1. repetitive rating: pulse width limit ed by maximum junction temperature 2. l = 8.5mh, i as = 11.5a, v dd = 50v, r g = 25 ? , starting t j = 25 ? c 3. i sd ?? 11.5a, di/dt ? 200a/ ? s, v dd ? bv dss , starting t j = 25 ? c 4. essentially independent of operating temperature typical characteristics
fdp12n50nz / fdpf12n5 0nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 3 typical performance characteristics figure 1. on-region characteristics figure 2. transfer characteristics figure 3. on-resistance variation vs. figure 4. body diode forward voltage drain current and gate vo ltage variation vs. source current and temperature figure 5. capacitance characteristics figure 6. gate charge characteristics 0.1 1 10 20 0.1 1 10 30 *notes: 1. 250 ? s pulse test 2. t c = 25 o c v gs = 15.0 v 10.0 v 8.0 v 7.0 v 6.5v 6.0 v 5.5 v i d , drain current[a] v ds , drain-source voltage[v] 345678910 0.1 1 10 50 -55 o c 150 o c *notes: 1. v ds = 20v 2. 250 ? s pulse test 25 o c i d , drain current[a] v gs , gate-source voltage[v] 0.4 0.6 0.8 1.0 1.2 1.4 1 10 100 *notes: 1. v gs = 0v 2. 250 ? s pulse test 150 o c i s , reverse drain current [a] v sd , body diode forward voltage [v] 25 o c 0 6 12 18 24 30 0.4 0.5 0.6 0.7 0.8 0.9 1.0 *note: t c = 25 o c v gs = 20v v gs = 10v r ds(on) [ ? ] , drain-source on-resistance i d , drain current [a] 0 5 10 15 20 25 0 2 4 6 8 10 *note: i d = 11.5a v ds = 100v v ds = 250v v ds = 400v v gs , gate-source voltage [v] q g , total gate charge [nc] 0.1 1 10 30 0 500 1000 1500 2000 2500 c oss c iss c iss = c gs + c gd ( c ds = shorted ) c oss = c ds + c gd c rss = c gd *note: 1. v gs = 0v 2. f = 1mhz c rss capacitances [pf] v ds , drain-source voltage [v]
fdp12n50nz / fdpf12n5 0nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 4 typical performance characteristics (continued) figure 7. breakdown voltage variation figure 8. on-resistance variation vs. temperature vs. temperature f i g u r e 9 . m a x i m u m s a f e o p e r a t i n g a r e a f i g u r e 1 0 . m a x i m u m s a f e o p e r a t i n g a r e a - FDPF12N50NZ - fdp12n50nz f i g u r e 1 1 . m a x i m u m d r a i n c u r r e n t v s . c a s e t e m p e r a t u r e -100 -50 0 50 100 150 0.85 0.90 0.95 1.00 1.05 1.10 1.15 1.20 *notes: 1. v gs = 0v 2. i d = 250ua bv dss , [normalized] drain-source breakdown voltage t j , junction temperature [ o c ] r ds(on) , [normalized] drain-source on-resistance t j , junction temperature [ o c ] ? s 10 ? s 100 ms 1 10 100 1000 0.01 0.1 1 10 100 30 ? s 100 ? s 1ms 10ms i d , drain current [a] v ds , drain-source voltage [v] operation in this area is limited by r ds(on) * notes : 1. t c = 25 o c 2. t j = 150 o c 3. single pulse dc 25 50 75 100 125 150 0 2 4 6 8 10 12 i d , drain current [a] t c , case temperature [ o c ]
fdp12n50nz / fdpf12n5 0nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 5 10 -5 10 -4 10 -3 10 -2 10 -1 110 0.001 0.01 0.1 1 0.01 0.1 0.2 0.05 0.02 * notes : 1. z ? jc (t) = 0.73 o c/w max. 2. duty factor, d=t 1 /t 2 3. t jm - t c = p dm * z ? jc (t) 0.5 single pulse thermal response [ z ? jc ] rectangular pulse duration [sec] 5 10 -5 10 -4 10 -3 10 -2 10 -1 110 10 -2 10 -1 1 5 *notes: 1. z ? jc (t) = 3.0 o c/w max. 2. duty factor, d = t 1 /t 2 3. t jm - t c = p dm * z ? jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z ? jc (t), thermal response t 1 , square wave pulse duration [sec] t 1 p dm t 2 typical performan ce characteristics (continued) t 1 p dm t 2 figure 13. transient thermal response curve - FDPF12N50NZ figure 12. transient thermal response curve - fdp12n50nz
fdp12n50nz / fdpf12n5 0nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 6 gate charge test circuit & waveform resistive switching test circuit & waveforms unclamped inductive switching test circuit & waveforms
fdp12n50nz / fdpf12n5 0nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 7 peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ?i sd controlled by pulse period v dd l l i sd 10v v gs ( driver ) i sd ( dut ) v ds ( dut ) v dd body diode forward voltage drop v sd i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period -------------------------- d = gate pulse width gate pulse period --------------------------
fdp12n50nz / fdpf12n5 0nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 8 dimensions in millimeters mechanical dimensions to-220b03
fdp12n50nz / fdpf12n5 0nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 9 mechanical dimensions dimensions in millimeters to-220m03
fdp12n50nz / fdpf12n50 nz n-channel unifet tm ii mosfet ?2010 fairchild semiconductor corporation fdp12n50nz / FDPF12N50NZ rev. c0 www.fairchildsemi.com 10 trademarks the following includes registered and unregistered trademarks and service marks, owned by fairch ild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes with out further notice to any products herein to improve reliability, function, or design. fairchild does not assume an y liability arising out of th e application or use of any product or circuit described herein; neither does it convey an y license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s wo rldwide terms and conditions , specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized fo r use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a sign ificant injury of the user. 2. a critical component in any com ponent of a life support, device, or system whose failure to perform can be reasonably ex pected to cause the failure of the life support device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap ? * bitsic? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * ? serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? datasheet identification product status definition advance information for mative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fair child semiconductor re serves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product t hat is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-c ounterfeiting policy. fairchild?s anti-count erfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in the industry. all manuf actures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadv ertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of producti on and manufacturing delays. fairchild is taki ng strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. product s customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild?s quality standards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchil d will not provide any warranty coverage or other assistance for pa rts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our customer s to do their part in stopping th is practice by buying direct or from authorized distributors. rev. i64 tm ?


▲Up To Search▲   

 
Price & Availability of FDPF12N50NZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X