emd30 transistors rev.a 1/5 general purpose transistor (isolated transistors) emd30 dtb713z and dtc114e a are housed independently in a emt6 package. z applications dc / dc converter motor driver z features 1) dtr 1 : pnp digital transistor dtr 2 : npn digital transistor 2) mounting possible with emt3 automatic mounting machines. z structure pnp / npn silicon epitaxial planar digital transistor the following characteristics apply to both dtr1 and dtr2. z external dimensions (unit : mm) abbreviated symbol : d30 each lead has same dimensions rohm : emt6 emt6 0.22 1.2 1.6 ( 1 ) ( 2 ) ( 5 ) ( 3 ) ( 6 ) ( 4 ) 0.13 0.5 0.5 0.5 1.0 1.6 1pin mark z z equivalent circuit emd30 dtr2 dtr1 (3) (2) (1) (4) (5) (6) r1 r1 r2 r2 dtr 1 : r 1 /r 2 =1k /10k dtr 2 : r 1 /r 2 =10k /10k ! z z packaging specifications type emd30 emt6 d30 t2r 8000 package marking code basic ordering unit (pieces)
emd30 transistors rev.a 2/5 z absolute maximum ratings (ta=25 q c) dtr1 s upply voltage input voltage output current power dissipation storage temperature ? each terminal mounted on a recommended. parameter symbol dtr1 unit v cc ? 30 v ? 10 to + 5 v v in ma i c (max.) tstg ? 55 to + 150 c junction temperature tj 150 c p d ? 200 120 mw ? dtr2 supply voltage input voltage output current power dissipation storage temperature ? each terminal mounted on a recommended. parameter symbol dtr2 unit v cc 50 v ? 10 to + 40 v v in ma i c (max.) tstg ? 55 to + 150 c junction temperature tj 150 c p d 100 i o 50 120 mw ? dtr1/dtr2 power dissipation storage temperature ? each terminal mounted on a recommended. parameter symbol limits unit p d 150(total) mw ? ? 55 to + 125 c tstg
emd30 transistors rev.a 3/5 z electrical characteristics (ta=25 q c) dtr1 parameter symbol min. typ. max. unit conditions resistance ratio r 2 /r 1 8 10 12 ?? ? vl (off) ? ?? 0.3 v v cc = ? 5v / io = ? 100ua output voltage vo (on) ? ? 70 ? 300 mv i o = ? 50ma, i i = ? 2.5ma input voltage i i ? ?? 6.4 ma v i = ? 5v input current i o(off) ?? ? 0.5 v cc = ? 30v / v i = 0v output current g i 140 ? ? v o = ? 2v / io = ? 100ma dc current gain f t ? ? mhz v ce = ? 10v / i e = 5ma, f = 100mhz transition frequency ? r 1 0.7 1.0 1.3 k input resistance 260 a ? vi (on) ? 2.5 ?? v v o = ? 0.3v / io = ? 20ma ? characteristics of built-in transistor. dtr2 parameter symbol min. typ. max. unit conditions resistance ratio r 2 /r 1 0.8 1 1.2 ?? ? vl (off) ? ? 0.5 v v cc = 5v / io = 100ua output voltage vo (on) ? 100 300 mv i o = 10ma, i i = 0.5ma input voltage i i ? ? 880 a v i = 5v input current i o(off) ?? 0.5 v cc = 50v / v i = 0v output current g i 30 ? ? v o = 5v / io = 5ma dc current gain f t ? ? mhz v ce = 10v / i e = ? 5ma, f = 100mhz transition frequency ? r 1 71013 k input resistance 250 a ? vi (on) 3 ?? v v o = 0.3v / io = 2ma ? characteristics of built-in transistor.
emd30 transistors rev.a 4/5 z electrical characteristic curves dtr1 1 10 100 1000 00.511.5 input voltage : v i (off) [ v ] output current : i o [ |