Part Number Hot Search : 
WRB2412 2N3528 BC556 9020B X2402 TIP33 MX7821BQ SMCJ120
Product Description
Full Text Search
 

To Download EEEFC1A101AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ fc ? eee-33 ? a 0.2 w l () reference size d 0.5 h b 0.2 (i) k (p) (i) + 0.3 max. pressure relief ( 10 and larger) 22 fc j capacitance ( f) rated voltage mark series identification lot number negative polarity marking (? mark for lead-free products black dot (square) features endurance : 105 c 1000 h low impedance (1/2 for ha series) vibration- proof product is available upon request. ( 8 mm and larger) rohs directiv e compliant surface mo unt type series: fc type: v fc high temper ature lead-free re? ow(suf? x:a ? ) speci? cations category temp. range 40 c to +10 5 c rated w.v. range 6.3 v.dc to 35 v.dc nomi nal cap. range 1 f to 1500 f capacitance tolerance 20 % (120 hz/+20 c) dc leakage cur rent i < 0.01 cv or 3 (a) after 2 minutes (whichever is greater) tan please see the attached high temperature lead-free re ow products list. characteristics at low temperature w.v. (v) 6.3 10 16 25 35 (impedance rati o at 120 hz) z( ? 5 ? ) / z( +2 0 ? ) 22222 z( ? 0 ? ) / z( +2 0 ? ) 33333 endurance after applying ra ted workin g voltage for 1000 hours at +105 c2 c and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change ?0 % of initial measured value tan < 200 % of initial speci ed value dc leakag e current < initial speci ed value shelf life after storag e for 1000 hours at +105 c2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits speci ed in endurance.(with voltage treatment) resistance to soldering heat after re ow soldering and then being stabilized at +20 c, capacitors shall meet the following limits. capacitance change ?0 % of initial measured value tan < initial speci ed value dc leakag e current < initial speci ed value dimensions in mm (not to scale) marking example:6. 3 v 22 f marking colo r : black ha fc low impedance  size code dl a, b h i w p k b 4.0 5.4 -0.2 4.3 5.5 max. 1.8 0.65?.1 1.0 0.35 -0.20 c 5.0 5.4 -0.2 5.3 6.5 max. 2.2 0.65?.1 1.5 0.35 -0.20 d 6.3 5.4 -0.2 6.6 7.8 max. 2.6 0.65?.1 1.8 0.35 -0.20 e 8.0 6.2?.3 8.3 9.5 max. 3.4 0.65?.1 2.2 0.35 -0.20 f 8.0 10.2?.3 8.3 10.0 max. 3.4 0.90?.2 3.1 0.70?.2 g 10.0 10.2?.3 10.3 12.0 max. 3.5 0.90?.2 4.6 0.70?.2 +0.1 +0.1 +0.1 +0.15 +0.15 +0.15 +0.15 frequency (hz) 50, 60 120 1 k 1 0 k 100 k to correction factor 0. 70 0.75 0.90 0.95 1.00 frequency correction factor for ripple current j 6.3 v a 10 v c 16 v rated volt age mark e 25 v v 35 v (unit : mm) 00 nov. 2012
design and speci? cations are each subject to change without notice. ask factory for the current technical speci? cations before purchase and/or use. should a safety concern arise regarding this product, please be sure to contact us immediately. aluminum electrolytic capacitors/ fc ? eee-34 ? high temperature lead-free re? ow products w.v. cap. (20 %) case size speci cation part no. (rohs:compliant) re ow min. packaging q'ty dia. length size code ripple current (100 khz) (+105c) tan (120 hz) (+20 c) impedance (100 khz) (+20 c) taping (v) (?) ( mm) (mm) (ma r. m.s.) (  )(pcs) 6.3 22 4 5.4 b 60 0.26 3.00 eeefc0j220ar (5) 2 000 47 5 5.4 c 95 0.26 1.80 eeefc0j470ar (5) 1 000 68 6.3 5.4 d 140 0.26 1.00 eeefc0j680ap (5) 1 000 100 6.3 5.4 d 140 0.26 1.00 eeefc0j101ap (5) 1 000 220 8 6.2 e 230 0.26 0.40 eeefc0j221ap (6) 1 000 330 8 10.2 f 4 50 0.26 0.30 eeefc0j331ap (6) 500 1000 10 10.2 g 670 0.26 0.15 eeefc0j102ap (6) 500 1500 10 10.2 g 670 0.26 0.15 eeefc0j152ap (6) 500 10 33 5 5.4 c 95 0.19 1.80 eeefc1a330ar (5) 1 000 100 8 6.2 e 230 0.19 0.40 EEEFC1A101AP (6) 1 000 150 8 6.2 e 230 0.19 0.40 eeefc1a151ap (6) 1 000 220 8 10.2 f 4 50 0.19 0.30 eeefc1a221ap (6) 500 470 10 10.2 g 67 00.19 0 .15 eeefc1a471ap (6) 500 1000 10 10.2 g 670 0.19 0.15 eeefc1a102ap (6) 500 16 10 4 5.4 b 60 0.16 3.00 eeefc1c100ar (5) 2 000 22 5 5.4 c 95 0.16 1.80 eeefc1c220ar (5) 1 000 47 6.3 5.4 d 140 0.16 1.00 eeefc1c470ap (5) 1 000 68 8 6.2 e 230 0.16 0.40 eeefc1c680ap (6) 1 000 100 8 6.2 e 230 0.16 0.40 eeefc1c101ap (6) 1 000 220 10 10.2 g 67 00.16 0 .15 eeefc1c221ap (6) 500 330 10 10.2 g 67 00.16 0 .15 eeefc1c331ap (6) 500 470 10 10.2 g 67 00.16 0 .15 eeefc1c471ap (6) 500 680 10 10.2 g 67 00.16 0 .15 eeefc1c681ap (6) 500 25 6.8 4 5.4 b 60 0.14 3.00 eeefc1e6r8ar (5) 2 000 22 6.3 5.4 d 140 0.14 1.00 eeefc1e220ap (5) 1 000 33 6.3 5.4 d 140 0.14 1.00 eeefc1e330ap (5) 1 000 47 8 6.2 e 230 0.14 0.40 eeefc1e470ap (6) 1 000 68 8 10.2 f 450 0.14 0.30 eeefc1e680ap (6) 500 100 8 10.2 f 450 0.14 0.30 eeefc1e101ap (6) 500 220 10 10.2 g 67 00.14 0 .15 eeefc1e221ap (6) 500 330 10 10.2 g 67 00.14 0 .15 eeefc1e331ap (6) 500 470 10 10.2 g 67 00.14 0 .15 eeefc1e471ap (6) 500 35 145.4b600.123.00 eeefc1v1r0ar (5) 2 000 2.2 4 5.4 b 60 0.12 3.00 eeefc1v2r2ar (5) 2 000 3.3 4 5.4 b 60 0.12 3.00 eeefc1v3r3ar (5) 2 000 4.7 4 5.4 b 60 0.12 3.00 eeefc1v4r7ar (5) 2 000 6.8 5 5.4 c 95 0.12 1.80 eeefc1v6r8ar (5) 1 000 10 5 5.4 c 95 0.12 1.80 eeefc1v100ar (5) 1 000 22 6.3 5.4 d 140 0.12 1.00 eeefc1v220ap (5) 1 000 33 8 6.2 e 230 0.12 0.40 eeefc1v330ap (6) 1 000 47 8 6.2 e 230 0.12 0.40 eeefc1v470ap (6) 1 000 100 10 10.2 g 67 00.12 0 .15 eeefc1v101ap (6) 500 220 10 10.2 g 67 00.12 0 .15 eeefc1v221ap (6) 500 330 10 10.2 g 67 00.12 0 .15 eeefc1v331ap (6) 500 ?please refer to the page of ?e? ow pro? le?and ?he taping dimensions? ?when requesting vibration-proof product, please put the last ??instead to ? endurance : 105 ? 1000 h 00 nov. 2012


▲Up To Search▲   

 
Price & Availability of EEEFC1A101AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X