ds30336 rev. 4 - 2 1 of 3 ddta (r2-only series) ca www.diodes.com diodes incorporated ddta (r2-only series) ca pnp pre-biased small signal sot-23 surface mount transistor epitaxial planar die construction complementary npn types available (ddtc) built-in biasing resistor, r2 only available in lead free/rohs compliant version (note 2) features maximum ratings @ t a = 25 c unless otherwise specified a e j l top view m b c h g d k c b e mechanical data case: sot-23 case material: molded plastic. ul flammability classification rating 94v-0 moisture sensitivity: level 1 per j-std-020c terminal connections: see diagram terminals: solderable per mil-std-202, method 208 also available in lead free plating (matte tin finish annealed over alloy 42 leadframe). please see ordering information, note 4, on page 2 marking: date code and type code (see table below & page 2) ordering information (see page 2) weight: 0.008 grams (approximate) t c u d o r p w e n b r 2 schematic diagram e c p/n r2 (nom) type code ddta114gca ddta124gca ddta144gca ddta115gca 10k 22k 47k 100k p26 p27 p28 p29 characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c (max) -100 ma power dissipation p d 200 mw thermal resistance, junction to ambient air (note 1) r ja 625 c/w operating and storage and temperature range t j ,t stg -55 to +150 c sot-23 dim min max a 0.37 0.51 b 1.20 1.40 c 2.30 2.50 d 0.89 1.03 e 0.45 0.60 g 1.78 2.05 h 2.80 3.00 j 0.013 0.10 k 0.903 1.10 l 0.45 0.61 m 0.085 0.180 0 8 all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf. 2. no purposefully added lead.
ds30336 rev. 4 - 2 2 of 3 ddta (r2-only series) ca www.diodes.com characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50 v i c = -50 a collector-emitter breakdown voltage bv ceo -50 v i c = -1ma emitter-base breakdown voltage bv ebo 5 v i e = -720 a, ddta114gca i e = -330 a, ddta124gca i e = -160 a, ddta144gca i e = -72 a, ddta115gca collector cutoff current i cbo -0.5 a v cb = -50v emitter cutoff current ddta114gca ddta124gca ddta144gca ddta115gca i ebo -300 -140 -65 -30 -580 -260 -130 -58 a v eb = -4v collector-emitter saturation voltage v ce(sat) -0.3 v i c = -10ma, i b = -0.5ma dc current transfer ratio ddta114gca ddta124gca ddta144gca ddta115gca h fe 30 56 68 82 i c = -5ma, v ce = -5v bleeder resistor (r 2 ) tolerance r 2 -30 +30 % gain-bandwidth product* f t 250 mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25 c unless otherwise specified t c u d o r p w e n * transistor - for reference only xxx ym marking information notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free/rohs compliant version part numbers, please add "-f" suffix to the part numbers above. examp le: ddta115gca-7-f. device packaging shipping DDTA114GCA-7 sot-23 3000/tape & reel ddta124gca-7 sot-23 3000/tape & reel ddta144gca-7 sot-23 3000/tape & reel ddta115gca-7 sot-23 3000/tape & reel ordering information (note 3) month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key xxx = product type marking code, see table on page 1 ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september
ds30336 rev. 4 - 2 3 of 3 ddta (r2-only series) ca www.diodes.com t c u d o r p w e n 0.1 1 10 0 100 200 500 600 700 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 300 400 0.001 0.01 1 100 1000 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 25c 10 0.1 75 c v = 5v o 0 2 4 6 10 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 12 10 5 15 25 i=0v e 8 10 1000 100 1 10 100 hfe, dc current gain (normalized) i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c 0 50 100 0 50 100 150 p , power dissipation (mw) d t , ambient temperature (c) a fi g .1,deratin g curve 150 200 2 5 0 -50 typical curves - ddta114gca
|