Part Number Hot Search : 
MX25L100 1N486A ACTF410A WJ101 F2001 MAX150 320MB12 HVR600
Product Description
Full Text Search
 

To Download DB2440100L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product standards schottky barrier diode DB2440100L ? absolute maximum ratings ta = 25 ? c note: *1 tl = 80 c *2 50 hz sine wave 1 cycle (non-repetitive peak current) page v c v 30 a +85 non-repetitive peak forward surge current *2 ifsm 1.0 maximum peak reverse voltage vrm 40 reverse voltage vr 40 forward current *1 if 41 ? packaging embossed type (thermo-compression sealing) : 3 000 pcs / reel (standard) code 1. cathode D panasonic tminip2-f2-b jeita sc-110a DB2440100L silicon epitaxial planar type for rectification ? features 2. anode ? ? ? low terminal capacitance ct low forward voltage vf halogen-free / rohs compliant (eu rohs / ul-94 v-0 / msl:level 1 compliant) ? marking symbol: 1of4 unit: mm internal connection a junction temperature *1 tj 150 c unit parameter symbol rating storage temperature tstg -40 to topr operating ambient temperature c -55 to +150 1 2 4.7 2.4 0.85 3.8 1.75 0.15 2 1 d o c n o . t t4 - ea - 14120 r e v i sio n . 2 e s t a b li s h e d : 2012 - 03 - 02 r e v i s e d : 2013 - 04 - 19
product standards schottky barrier diode DB2440100L ? electrical characteristics ta = 25 ? c ? 3 ? c note ) 1. measuring methods are based on japanese industrial standard jis c 7031 measuring methods for diodes. 2. this product is sensitive to electric shock (static electricity, etc.). due attention must be paid on the charge of a human body and the leakage of current from the operating equipment. 3. *1 trr test circuit page parameter symbol conditions unit max min typ 0.39 reverse recovery time * 1 trr if = ir = 100 ma, irr = 10 ma 2 ns of 4 15 v reverse current ir vr = 40 v forward voltage vf if = 1.0 a a 250 pf terminal capacitance ct vr = 10 v, f = 1 mhz 50 bias application unit (n-50bu) 90% pulse generator (pg-10n) r s = 50 wave form analyzer (sas-8130) r i = 50 t p = 2 s t r = 0.35 ns = 0.05 i f = 100 ma i r = 100 ma 10% i rr = 10 ma t r t p t rr v r i f t t a input pulse output pulse d o c n o . t t4 - ea - 14120 r e v i sio n . 2 e s t a b li s h e d : 2012 - 03 - 02 r e v i s e d : 2013 - 04 - 19
product standards schottky barrier diode DB2440100L technical data ( reference ) page 3 of 4 if - vf 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 1.e+00 1.e+01 0.0 0.1 0.2 0.3 0.4 0.5 0.6 forward voltage vf (v) forward current if (a) ta = 125 c -40 c 25 c 85 c ir - vr 1.e-08 1.e-07 1.e-06 1.e-05 1.e-04 1.e-03 1.e-02 1.e-01 0 5 10 15 20 25 30 35 40 reverse voltage vr (v) reverse current ir (a) 85 c 25 c -40 c ta = 125 c ct - vr 0 50 100 150 200 250 0 5 10 15 20 25 30 35 40 reverse voltage vr (v) terminal capacitance ct (pf) ta = 25 c f = 1 mhz rth - t 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 time t (s) thermal resistance rth (c/w) (1) rth(j-l) = 9 c/w (1) non-heat sink (2) mounted on glass epoxy print board. (3) mounted on alumina print board. board size : 50 mm 50 mm x 0.8 mm solder in : 2 mm x 2 mm (2) (3) if(av) - tl 0 0.25 0.5 0.75 1 1.25 0 25 50 75 100 125 150 175 lead temperature tl (c) forward current (average) if(av) (a) dc 1/4 tp/t 1/2 sine wave vr = 20 v tj = 125 c tp t if pf(av) - if(av) 0 0.1 0.2 0.3 0.4 0.5 0 0.2 0.4 0.6 0.8 1 1.2 forward current (average) if(av) (a) forward power dissipation (average) pf(av) (w) dc 1/4 1/2 sine wave tp t if d o c n o . t t4 - ea - 14120 r e v i sio n . 2 e s t a b li s h e d : 2012 - 03 - 02 r e v i s e d : 2013 - 04 - 19
product standards schottky barrier diode DB2440100L unit: mm page tminip2-f2-b 4 ? 4of land pattern (reference) (unit: mm) 0.15 0.05 4.7 0.1 0.85 0.05 3.8 0.1 2.4 0.1 1.75 0.10 0 to 0.4 0 to 0.03 0.45 0.10 (5) (5) 1 2 1.4 2.1 4.4 1.4 d o c n o . t t4 - ea - 14120 r e v i sio n . 2 e s t a b li s h e d : 2012 - 03 - 02 r e v i s e d : 2013 - 04 - 19
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products. no license is granted in and to any intellectual property right or other right owned by panasonic corporation or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for general applications (such as office equipment, communications equipment, measuring instruments and household appliances), or for specific applications as expressly stated in this book. consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automotive equipment, traffic signaling equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. it is to be understood that our company shall not be held responsible for any damage incurred as a result of or in connection with your using the products described in this book for any special application, unless our company agrees to your using the products in this book for any special application. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of our company. 20100202


▲Up To Search▲   

 
Price & Availability of DB2440100L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X