Part Number Hot Search : 
P03HDL SA158 ON1278 1N5333 C124GC NTE2556 215500 2SC4589
Product Description
Full Text Search
 

To Download DB202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 DB202 thru db207 high current glass passivated molding single-phase bridge rectifier reverse voltage 100 to 1000v forward current 2.0 a features l plastic package has underwriters laboratory flammability classification 94v-0 l high current capacity with small package l glass passivated chip junctions l superior thermal conductivity l high ifsm 1. maximum & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. parameter symbol symbol DB202 db203 db204 db205 db206 db207 unit maximum repetitive voltage v rrm 100 200 400 600 800 1000 v maximum rms voltage v rms 70 140 280 420 560 700 v maximum dc blocking voltage v dc 100 200 400 600 800 1000 v maximum dc reverse current ta=25 5 at rated dc blocking voltage ta=125 ir 500 a average rectified forward current 60hz sine wave resistance load with ta=55 io 2 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load ifsm 75 a max instantaneous forward voltage at 2.0a vf 1.05 v maximum thermal on p.c.b. without heat-sink r ja 40 /w operating junction temperature tj -55~150 storage temperature tstg -55~150
3 DB202 thru db207 2. ratings and characteristic curves ( ta = 25 c unless otherwise noted ) fig. 1 derating curve fig.2 typical reverse characteristics a v e r a g e r e c t i f i e d f o r w a r d c u r r e n t i o ( a ) n s t a n t a n e o u s r e v e r s e c u r r e n t ( a ) case temperature ta( ) percent of rated peak reverse voltage fig.3 forward voltage fig.4 peak surge forward capability f o r w a r d c u r r e n t ( a ) p e a k s u r g e f o r w a r d c u r r e n t i f s m ( a ) forward voltage vf number of cycles
4 DB202 thru db207 3. marking identification note 4 ? 1018 ? 10 ?? 2010 ? 18 ? 18 ???? 2010 18 ?? db 2 05 bridge reverse voltage=600v average rectified forward current=2a mean db series bridge 4. dimension


▲Up To Search▲   

 
Price & Availability of DB202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X