Part Number Hot Search : 
HFW4A 0213005 74HC10E MURS210 15V25 2SC2551 DV718 EWAQ3
Product Description
Full Text Search
 

To Download D13007 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  kst-h035-000 1 stD13007f npn silicon power transistor features ? high speed switching ? high collector voltage : v cbo = 700v ? suitable for switching regulator and motor control ordering information type no. marking package code stD13007f stD13007 to-220f outline dimensions unit : mm s s e e m m i i c c o o n n d d u u c c t t o o r r pin connections 1. base 2. collector 3. emitter
kst-h035-000 2 stD13007f absolute maximum ratings (ta=25 c) characteristic symbol rating unit collector-base voltage v cbo 700 v collector-emitter voltage v ceo 400 v emitter-base voltage v ebo 9 v collector current (dc) i c 8 a collector current (pulse) i cm 16 a base current (dc) i b 4 a collector power dissipation (tc=25 ) p c 40 w junction temperature t j 150 c storage temperature t stg -55~150 c electrical characteristics (ta=25 c) characteristic symbol test condition min. typ. max. unit collector-emitter sustaining voltage bv ceo(sus) i c =10ma, i b =0 400 - - v emitter cut-off current i ebo v eb =9v, i c =0 - - 1 ma i c =2a, v ce =5v 8 - 60 dc current gain h fe * i c =5a, v ce =5v 5 - 30 i c =2a, i b =0.4a - - 1 i c =5a, i b =1a - - 2 collector-emitter saturation voltage v ce(sat) * i c =8a, i b =2a - - 3 v i c =2a, i b =0.4a - - 1.2 base-emitter saturation voltage v be(sat) * i c =5a, i b =1a - - 1.6 v transition frequency f t v ce =10v, i c =0.5a, f=1mhz - 14 - mhz output capacitance c ob v cb =10v, i e =0, f=0.1mhz - 80 - ? tu r n o n t i m e t on - - 1.6 storage time t stg - - 3 fall time t f v cc =125v, i c =5a i b1 =-i b2 =1a - - 0.7 ? * pulse test: pw 300 ? , duty cycle 2%.
kst-h035-000 3 stD13007f electrical characteristic curves fig. 1 p c - t c fig. 2 v be(sat) , v ce(sat) - i c fig. 3 h fe- i c fig. 4 t f , t stg - ic fig. 5 td , tr - ic fig. 6 cob - v cb
kst-h035-000 4 stD13007f fig. 7 safe operating area
kst-h035-000 5 stD13007f these auk products are intended for usage in general electronic equipments(office and communication equipment, measuring equipmen t, domestic electrification, etc.). please make sure that you consult with us before you use these auk products in equipm- ents which require high quality and/or reliabi lity, and in equipments which could have major impact to the welfare of human life(atom ic energy control, airplane, spaceship, traffic signal, combustion central, all ty pes of safety device, etc.). auk cannot accept liability to any damage which may occur in case these auk products were used in the mentioned equipments without prior consurtation with auk.


▲Up To Search▲   

 
Price & Availability of D13007

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X