Part Number Hot Search : 
527P303N 527B287B TFS241 A50AM KD90F160 KD90F160 TC4543BP 10112
Product Description
Full Text Search
 

To Download CL03C101JA3ANNC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  multilayer ceramic capacitor - general -
multilayer ceramic capacitor - general - 1 - introduction mlcc(multilayer ceramic capacitor) is smd(surfa ce mounted device) type capacitor that is used in wide ranges of capacitance. mlcc is paid more attentions than other capacitors due to the better frequency characteristics, higher reliability, higher withstanding voltage and so on. mlcc is made of many layers of ceramic and inner electrodes like sandwich. pd was used for inner electrodes. but the price of pd was skyr ocketed and pd was rep laced by the bme(base metal electrode), which reduced the total cost of mlcc. this inner electrode is connected to outer termination for surface mounting, which is composed of three layers, cu or ag layer, ni plating layer, and snpb or sn plating layer. most of mlccs become pb free by the environmental issue at present. feature and application feature -miniaturesize - wide capacitance and voltage range - tape & reel for surface mount assembly - low esr application - general electronic circuit
multilayer ceramic capacitor - general - 2 - structure
multilayer ceramic capacitor - general - 3 - appearance and dimension l bw t w code eia code dimension ( mm ) l w t(max) bw 03 0201 0.6 0.03 0.3 0.03 0.3 0.03 0.15 0.05 05 0402 1.0 0.05 0.5 0.05 0.5 0.05 0.2+0.15/-0.1 10 0603 1.6 0.1 0.8 0.1 0.8 0.1 0.3 0.2 21 0805 2.0 0.1 1.25 0.1 1.25 0.1 0.5+0.2/-0.3 31 1206 3.2 0.2 1.6 0.2 1.6 0.2 0.5+0.2/-0.3 32 1210 3.2 0.3 2.5 0.2 2.5 0.2 0.6 0.3 43 1812 4.5 0.4 3.2 0.3 3.2 0.3 0.8 0.3 55 2220 5.7 0.4 5.0 0.4 3.2 0.3 1.0 0.3
multilayer ceramic capacitor - general - 4 - previous part numbering symble eia code temperature coefficient(ppm/ ) temperature characteristics operation temperature range c c0g 0 30 c -55 ~ +125 p ph -150 60 p r rh -220 60 r s sh -330 60 s t th -470 60 t u uj -750 120 u l sl +350 ~ -1000 sl ? class (temperature compensation) temperature characteristics below 2.0pf 2.2 ~ 3.9pf above 4.0pf above 10pf c c0g c0g c0g c0g p - pj ph ph r - rj rh rh s - sj sh sh t - tj th th u - uj uj uj symble eia code capacitance change ( c:%) operation temperature range a x5r 15 -55 ~ +85 b x7r 15 -55 ~ +125 f y5v +22 ~ -82 -30 ~ +85 ? class (high dielectric constant) samsung multilayer ceramic capacitor type(size) capacitance temperature characteristics nominal capacitance capacitance tolerance rated voltage thickness option packaging type cl10c101jbnc capacitance temperature characteristic temperature characteristics ? j: 120 ppm/ h: 60 ppm/ g: 30 ppm/ 3 7 8 2 6 3 4 5 2 6 3 4 5 7 8 1 1
multilayer ceramic capacitor - general - 5 - temperature characteristics symbol tolerance applicable capacitance & range c0g(npo) or t.c series a 0.05pf 0.5 ~ 3pf b 0.1pf c 0.25pf 0.5 ~ 10pf d 0.5pf f 1pf 6 ~ 10pf f 1% e-24 series for over 10pf g 2% j 5% k 10% a(x5r) b(x7r) j 5% e-12 series k 10% m 20% f(y5v) z -20% ~ +80% e-6 series please consult us for special tolerances. symbol rated voltage(vdc) symbol rated voltage(vdc) r 4v c 100v q 6.3v d 200v p 10v g 500v o 16v i 1000v a 25v j 2000v b 50v k 3000v rated voltage capacitance tolerance the nominal capacitance value is expressed in pico-farad(pf) and identified by three- digit number, first two digits represent significant figures and last digit specifies the number of zeros to follow. for values below 1pf, the letter "r" is used as the decimal point and the last digit becomes significant. example) 100 : 10 10 o =10pf 102 : 10 10 2 = 1000pf 020 : 2 10 o =2pf 1r5 : 1.5pf nominal capacitance 5 6 4
multilayer ceramic capacitor - general - 6 - symbol packaging symbol packaging b bulk f embossed tape, 13" reel p cassette l paper 13" reel c paper tape, 7" reel o paper 10" reel d paper tape, 13" reel s embossed tape, 10" reel e embossed tape, 7" reel series capacitance step e- 3 1.0 2.2 4.7 e- 6 1.0 1.5 2.2 3.3 4.7 6.8 e-12 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 e-24 1.0 1.2 1.5 1.8 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 1.1 1.3 1.6 2.0 2.4 3.0 3.6 4.3 5.1 6.2 7.5 9.1 standard capacitance is " each step 10 n " ? standard capacitance step packaging type thickness option symbol description of the code n standard thickness (please refer to standard thickness table on next page) a thinner than standard thickness b thicker than standard thickness c standard thickness high q ( low ` d.f ` ) d sn-100% (high-q) e sn-100% (general) please consult us for other termination type. 7 8
multilayer ceramic capacitor - general - 7 - new part numbering cl10c101jb8nnnc 1 2 3 4 5 6 7 8 9 10 11 1 product abbreviation symbol product abbreviation cl samsung multilayer ceramic capacitor 2 size(mm) symbol size(mm) length width 03 0.6 0.3 05 1.0 0.5 10 1.6 0.8 21 2.0 1.2 31 3.2 1.6 32 3.2 2.5 43 4.5 3.2 55 5.7 5.0 samsung multilayer ceramic capacitor size(mm) capacitance temperature characteristic nominal capacitance capacitance tolerance rated voltage thickness option product & plating method samsung control code reserved for future use packaging type 7 8 2 6 3 4 5 1 9 10 11
multilayer ceramic capacitor - general - 8 - 3 capacitance temperature characteristic symbol temperature characteristics temperature range c class cog c 0 30(ppm/ ) -55 ~ +125 p p2h p -150 60 r r2h r -220 60 s s2h s -330 60 t t2h t -470 60 u u2j u -750 60 l s2l s +350 ~ -1000 a class x5r x5r 15% -55 ~ +85 b x7r x7r 15% -55 ~ +125 f y5v y5v +22 ~ -82% -30 ~ +85 temperature characteristic temperature characteristics below 2.0pf 2.2 ~ 3.9pf above 4.0pf above 10pf c c0g c0g c0g c0g p - p2j p2h p2h r - r2j r2h r2h s - s2j s2h s2h t - t2j t2h t2h u - u2j u2j u2j j: 120ppm/ ,h: 60ppm/ ,g: 30ppm/ 4 nominal capacitance nominal capacitance is identified by 3 digits. the first and second digits identify the first and second significant figures of the capacitance. the third digit identifies the multiplier. 'r' identifies a decimal point. example symbol nominal capacitance 1r5 1.5pf 103 10,000pf, 10nf, 0.01 f 104 100,000pf, 100nf, 0.1 f
multilayer ceramic capacitor - general - 9 - 5 capacitance tolerance symbol tolerance nominal capacitance a 0.05pf less than 10pf (including 10pf) b 0.1pf c 0.25pf d 0.5pf f 1pf f 1% more than 10pf g 2% j 5% k 10% m 20% z +80, -20% 6 rated voltage symbol rated voltage symbol rated voltage q 6.3v e 250v p 10v g 500v o 16v h 630v a 25v i 1,000v b 50v j 2,000v c 100v k 3,000v d 200v
multilayer ceramic capacitor - general - 10 - 7 thickness option type symbol thickness(t) spec 0603 3 0.30 0.03 1005 5 0.50 0.05 1608 8 0.80 0.10 2012 a 0.65 0.10 c 0.85 f 1.25 0.10 3216 c 0.85 0.15 f 1.25 0.15 h 1.6 0.20 3225 f 1.25 0.20 h 1.6 i 2.0 j 2.5 4532 f 1.25 0.20 h 1.6 i 2.0 j 2.5 l 3.2 0.30 5750 f 1.25 0.20 h 1.6 i 2.0 j 2.5 l 3.2 0.30
multilayer ceramic capacitor - general - 11 - 8 product & plating method symbol electrode termination plating type a pd ag sn_100% n ni cu sn_100% g cu cu sn_100% 9 samsung control code symbol description of the code symbol description of the code a array (2-element) n normal b array (4-element) p automotive c high - q w 3 terminal emi filter l licc 10 reserved for future use symbol description of the code n reserved for future use 11 packaging type symbol packaging type symbol packaging type b bulk f embossing 13" (10,000ea) p bulk case l paper 13" (15,000ea) c paper 7" o paper 10" d paper 13" (10,000ea) s embossing 10" e embossing 7"
multilayer ceramic capacitor - general - 12 - ? capacitance vs chip thickness standard description 0603 (0201) 1005 (0402) 1608 (0603) 2012 type (0805) 3216 type (1206) 3225 type (1210) 4532 type (1812) 5750 type (2220) dimension (mm) l 0.6 0.03 1.0 0.05 1.6 0.1 2.0 0.1 3.2 0.15 3.2 0.2 3.2 0.3 4.5 0.4 5.7 0.4 w 0.3 0.03 0.5 0.05 0.8 0.1 1.25 0.1 1.6 0.15 1.6 0.2 2.5 0.2 3.2 0.3 5.0 0.4 t 0.3 0.03 0.5~ 0.05 0.8 0.1 0.65 0.1 0.85 0.1 1.25 0.1 0.85 0.15 1.25 0.15 1.6 0.2 1.25 0.2 1.6 0.2 2.0 0.2 2.5 0.2 1.25 0.2 1.6 0.2 2.0 0.2 2.5 0.2 1.6 0.2 2.0 0.2 2.5 0.2 c a p a c i t a n c e r a n g e ( p f ) sl 50v - 0.5~ 240 0.5 ~ 1000 0.5 ~1000 1100 ~ 1500 1600~ 2700 0.5 ~ 2700 3000~ 5600 6200~ 8200 - - - - - - - - - - - c, tc (except sl,uj) 25v 0.5~ 47 0.5~ 220 0.5 ~ 1000 - - 3300~ 8200 1500~ 3600 3900~ 6800 7500~ 10000 - - - - - 100000 - - - - - 50v - 0.5 ~ 180 0.5 ~ 1000 0.5 ~ 560 620~ 1000 1100~ 3300 0.5 ~ 2200 2400~ 4700 - 560~ 10000 11000 ~ 22000 24000~ 47000 - 1000~ 13000 15000~ 22000 24000~ 47000 62000~ 68000 43000 93000 130000 c a p a c i t a n c e r a n g e ( n f ) a (x5r) 6.3v 10 220 2200 - - 10000 - - 10000 - - - 22000 - - - 47000 - - 47000 10v 10 100 1000 - - 2200 - - 4700~ 10000 - - - 22000 - - - - - - 47000 16v - 47 330~ 470 - - 1000 - - 4700 - - - 6800~ 10000 - - - - - - - 25v - - - - - - - - - - - - - - - - - - - - 50v - 6.8~ 10 - - - - - - - - - - - - - - - - - - b (x7r) 6.3v 0.1~ 10 47~ 100 470~ 1000 - - 1000 - - 6800~ 10000 - - - 22000 - - - - - - - 10v 0.1~ 10 33~ 100 220~ 470 220~ 270 330~ 470 560~ 1000 - 1000~ 3300 4700 1500~ 2200 3300 3900~ 4700 - - - - 22000 - - - 16v 0.1~ 1 10~ 33 100~ 220 68~ 200 220~ 330 390~ 1000 330~ 680 1000~ 1500 2200~ 3300 1500~ 2200 3300 3900~ 4700 - - - 2200 - - - - 25v - 4.7~ 10 47~ 100 39~ 68 82~ 100 150~ 470 100~ 330 470~ 620 680~ 1000 680~ 1500 1800 2200 - - - 1000 - - - 10000 50v - 0.22~ 4.7 0.22~ 100 0.22~ 39 47~ 100 220 1~ 150 220 390~ 1000 2.2~ 680 820~ 1000 - - 10~ 1000 - - - - - 3300~ 4700 f (y5v) 6.3v 10~ 100 - 2200 - - 10000 - - - - - 47000 - - - - - - - - 10v - 220~ 330 100~ 1000 - - 4700 - 4700 10000~ 22000 - - - 22000 - - - - - - 100000 16v - 10~ 220 100~ 1000 10~ 680 820~ 1000 1200~ 2200 1000~ 2200 2700~ 4700 10000 3300~ 6800 10000 15000 - - - 22000 - - - - 25v - 10~ 33 22~ 330 10~ 220 270~ 470 560~ 1000 470~ 1000 1200~ 2200 2700~ 3300 1000~ 3300 4700~ 10000 - - - - - 10000 - - - 50v - 2.2~ 10 2.2~ 100 2.2~ 68 82~ 150 180~ 1000 10~ 470 560~ 1000 - 100~ 1000 - - - - - - 10000 - - -
multilayer ceramic capacitor - general - 13 - packaging cardboard paper tape symbol w f e p1 p2 p0 d t a b type d i m e n s i o n 03 8.0 0.3 3.5 0.05 1.75 0.1 2.0 0.05 2.0 0.05 4.0 0.1 1.5 +0.1/-0 0.37 0.03 0.38 0.03 0.68 0.03 05 0.6 0.05 0.65 +0.05/-0.1 1.15 +0.05/-0.1 10 4.0 0.1 1.1 max 1.1 0.2 1.9 0.2 21 1.6 0.2 2.4 0.2 31 2.0 0.2 3.6 0.2 unit:mm embossed plastic tape symbol w f e p1 p2 p0 d t0 t1 a b type d i m e n s i o n 21 8.0 0.3 3.5 0.05 1.75 0.1 4.0 0.1 2.0 0.05 4.0 0.1 1.5 +0.1/-0 0.6 max 2.5 max 1.45 0.2 2.3 0.2 31 2.0 0.2 3.6 0.2 32 2.9 0.2 3.6 0.2 43 3.6 0.2 4.9 0.2 55 5.4 0.2 6.0 0.2 unit : mm a b feeding round holes perforated square holes for inserting a chip d p0 p1 p2 w f e t1 t0 a b feeding round holes perforated square holes for inserting a chip d p0 p1 p2 w f e t
multilayer ceramic capacitor - general - 14 - taping size empty section 45 pitch packed part empty section 50 pitch loading section 35 pitch start end reel dimension e c d r a w b t symbol a b c d e w t r 7" reel 178 2.0 min. 50 13 0.5 21 0.8 2.0 0.5 10 1.5 0.8 0.2 1.0 13" reel 330 2.0 min. 70 unit:mm symbol cardboard paper tape embossed plastic tape 7" reel 4000 2000 13" reel 15000 - unit:pcs
multilayer ceramic capacitor - general - 15 - size 05(0402) 10(0603) 21(0805) t 0.85mm t 1.0mm quantity 50,000 10,000~15,000* 10,000 5,000 bulk case packaging - bulk case packaging can reduce the stock space and transportation costs. - the bulk feeding system can increase the productivity. - it can eliminate the components loss. a bt c d e f w l g h i symbol a b t c d e dimension 6.8 0.1 8.8 0.1 12 0.1 1.5+0.1/-0 2+0/-0.1 4.7 0.1 symbol f w g h l i dimension 31.5+0.2/-0 36+0/-0.2 19 0.35 7 0.35 110 0.7 5 0.35 quantity *option
multilayer ceramic capacitor - general - 16 - characteristic map class temperature characteristics size voltage capacitance range ( ? ) sl,uj 05 (0402) 50v 10 (0603) 50v 21 (0805) 50v 31 (1206) 50v c(cog) & tc series 03 (0201) 25v 05 (0402) 25v 50v 10 (0603) 25v 50v 21 (0805) 25v 50v 31 (1206) 25v 50v 32 (1210) 50v 100v 43 (1812) 25v 50v 55 (2220) 50v 10 100 1000 10000 100000 1000000 10000000 100000000 0.5 240 2700 8200 1000 1000 10000 1500 3300 4700 1000 180 220 47 8200 3300 18000 4700 560 47000 68000 1000 100000 130000 43000
multilayer ceramic capacitor - general - 17 - class ,a(x5r) temperature characteristics size voltage capacitance range ( ? ) a(x5r) 0603 (0201) 6.3v 10v 1005 (0402) 6.3v 10v 16v 50v 1608 (0603) 6.3v 10v 16v 2012 (0805) 6.3v 10v 16v 3216 (1206) 6.3v 10v 16v 3225 (1210) 6.3v 10v 16v 4532 (1812) 6.3v 5750 (2220) 6.3v 10v 10 100 1000 10000 100000 1000000 10000000 100000000 10000 100000 10000 10000000 4700000 22000000 2200000 10000000 4700000 22000000 47000000 47000 10000 6800 1000000 2200000 1000000 470000 330000 10000000 10000000 6800000 47000000 47000000 220000
multilayer ceramic capacitor - general - 18 - class ,b(x7r) temperature characteristics size voltage capacitance range ( ? ) b(x7r) 03 (0201) 6.3v 10v 16v 05 (0402) 6.3v 10v 16v 25v 50v 10 (0603) 6.3v 10v 16v 25v 50v 21 (0805) 6.3v 10v 16v 25v 50v 31 (1206) 6.3v 10v 16v 25v 50v 10 100 1000 10000 100000 1000000 10000000 100000000 100000 47000 4700000 470000 100000 1000000 470000 220000 1000000 3300000 1000000 1000000 100 10000 10000000 100000 100000 100 10000 100 1000 6800000 33000 10000 33000 10000 4700 4700 220 470000 220000 220000 100000 47000 220 220000 1000000 68000 39000 220 1000000 330000 100000 1000000 1000
multilayer ceramic capacitor - general - 19 - class ,b(x7r) temperature characteristics size voltage capacitance range ( ? ) b(x7r) 32 (1210) 6.3v 10v 16v 25v 50v 43 (1812) 10v 16v 25v 50v 55 (2220) 25v 50v 10 100 1000 10000 100000 1000000 10000000 100000000 22000000 1000000 10000 4700000 1500000 22000000 1000000 10000000 4700000 3300000 4700000 1500000 2200000 680000 1000000 2200 2200000
multilayer ceramic capacitor - general - 20 - class ,f(y5v) temperature characteristics size voltage capacitance range ( ? ) f(y5v) 03 (0201) 6.3v 05 (0402) 10 v 16 v 25 v 50 v 10 (0603) 6.3v 10 v 16 v 25 v 50 v 21 (0805) 6.3v 10 v 16 v 25 v 50 v 31 (1206) 10 v 16 v 25 v 50 v 32 (1210) 6.3v 10 v 16 v 25 v 50 v 43 (1812) 16v 25 v 50 v 55 (2220) 10 v 330000 33000 10000 220000 10000 2200 1000000 330000 100000 100000 22000 2200 1000000 2200000 10000 10000 22000000 4700000 10000000 3300000 1000000 1000000 470000 10000 4700000 1000000 15000000 3300000 1000000 100000 10000000 22000000 10000 220000 10000000 10000000 100000000 2200000 10000000 100000 10000 1000000 100000 1000000 2200 47000000 22000000 10 100 1000 10000 100000 1000000 10000000 100000000
multilayer ceramic capacitor - general - 21 - reliability test data no item performance test condition 1 appearance no abnormal exterior appearance through microscope( 10) 2 insulation resistance 10,000 ? or 500 ??? product whichever is smaller (rated voltage is below 16v : 10,000 ? or 100 ??? ) rated voltage shall be applied. measurement time is 60 ~ 120 rated voltage time 60 sec. 3 withstanding voltage no dielectric breakdown or mechanical breakdown class : 300% of the rated voltage for 1~5 sec, class :250% of the rated voltage for 1~5 sec is applied with less than 50 ? current 4 capacit ance class within the specified tolerance capacitance frequency voltage 1,000 ? and below 1 ? 10% 0.5 ~ 5 vrms more than 1,000 ? 1 ? 10% class within the specified tolerance capacitance frequency voltage 10 ? and below 1 ? 10% 1.0 0.2vrms more than 10 ? 120 ? 20% 0.5 0.1vrms 5 q class over 30 ? :q 1,000 less than 30 ? :q 400 +20c ( c : capacitance ) capacitance frequency voltage 1,000 ? and below 1 ? 10% 0.5 ~ 5 vrms more than 1,000 ? 1 ? 10% 6 tan class 1. char : b 2. char : f capacitance frequency voltage 10 ? and below 1 ? 10% 1.0 0.2vrms more than 10 ? 120 ? 20% 0.5 0.1vrms rated voltage df spec 6.3v 0.05 max 10v 0.05 max 16v 0.035 max 25v 0.025 max 50v ?? 0.025 max 6.3v 10v 16v 25v 50v 1005 - 0.125max 0.09max (c 220nf) 0.125max (c 220nf) 0.05max 0.05max 1608 0.16max 0.125max 0.09max 0.05max(c 100nf) 0.07max(c>100nf) 0.05max 2012 0.16max 0.125max 0.09max 0.07max 0.05max 3216 0.16max 0.125max 0.09max 0.07max 0.05max 3225 0.16max 0.125max 0.09max 0.07max(c 6.8 ? ) 0.09max(c>6.8 ? ) 0.05max 4532 0.16max 0.16max 0.09max - - 5750 0.125max - - -
multilayer ceramic capacitor - general - 22 - no item performance test condition 7 capacitance temperature coefficient class these symmetrical tolerance apply to 2 point measurement of temperature coefficient: one at 25 and at 85 8 temperature characteristic s class capacitance change the change of capacitance should be got from the capacitance at 25 . after capacitance measured from min. temp. to max. temp., itshouldbecalculatedfromtheformulabelow. c2 - c1 c1 c1 : capacitance at standard temperature(25 ) c2 : capacitance at each temperature 9 adhesive strength of termination no indication of peeling shall occur on the terminal electrode. a 500g.f pressure shall be applied for 10 1 second. see (fig.1) 10 bending strength appearance no mechanical damage shall occur. bending shall be applied to the limit(1mm) with 0.3mm/sec. keep the test board at the limit point in 5 sec., then measure capacitance. see (fig.2) capacitance character change of capacitance class i within 5% or 0.5 pf whichever is larger class ii a,b within 12.5% f within 30% char. cap. change(%) a,b 15% f +22% ~ -82% 500g.f 100 % 50 r=340 20 45 1 45 1 bending limit character limit c, a, b, f 1mm characteristic temp. coefficient (ppm/ ) c0g 0 30 ph -150 60 rh -220 60 sh -330 60 th -470 60 ul -750 120 sl +350 ~ -1000 step temperature 1 25 2 2 min rated temp 2 3 25 2 4 max rated temp 2 5 25 2
multilayer ceramic capacitor - general - 23 - * the initial value of high dielectric constant series shall be measured after the heat treatment of 150 +0/-10 , 1hr and sitting of 48 4hr at room temperature & room humidity. no item performance test condition 11 solderability more than 75% of the terminal surfaceistobesolderednewly, so metal part does not come out or dissolve in pb--free part, more than 95% of the terminal surface is to be soldered newly solder temperature : 230 5 dip time : 3 1sec solder : h63a flux : rma type *pb-free solder temperature : 260 5 solder : sn96.5-3ag-0.5cu flux : rma type diptime:3 0.1sec * pre-heating : at 80~120 for 10~30sec. 12 resistance to soldering heat appearance no mechanical damage shall occur dip : solder temperature of 270 5 diptime:10 1 sec. each termination shall be fully immersed and preheated as following: measure at room temp. after cooling for class :24 2 hours class :48 4 hours capacitance characteristic cap. change class within 2.5% or 0.25 ? whichever is larger class a,b within 7.5% f within 20% q class 30 ? and over : q 1000 less than 30 ? :q 400+20 c tan class to satisfy the specified initial value insulation resistance to satisfy the specified initial value withstanding voltage to satisfy the specified initial value 13 vibration test appearance no mechanical damage shall occur. bending shall be applied to the limit(1mm) with 0.3mm/sec. keep the test board at the limit point in 5 sec., then measure capacitance. the entire frequency range, from 10 to 55hz and return to 10hz, shall be traversed in 1 minute. this cycle shall be performed 2 hours in each there mutually perpendicular direction, for total period of 6 hours. capacitance characteristic cap. change class within 2.5% or 0.25 ? whichever is larger class a,b within 5% f within 20% q class 30 ? and over : q 1000 less than 30 ? :q 400+20 c tan class to satisfy the specified initial value insulation resistance to satisfy the specified initial value step temp.( ) time (sec.) 1 80~100 60 2 150~180 60 char. frequency range a,b,c,f 10hz 55hz 10hz char. traversed time a,b,c,f 1min
multilayer ceramic capacitor - general - 24 - no item performance test condition 14 humidity (steady state) appearance no mechanical damage shall occur temperature : 40 2 relative humidity:90~95 %rh test time : 500 +12/-0 hr. measure at room temperature after cooling for class :24 2hr. class :48 4hr. capacitance characteristic capacitance change class within 5% or 0.5 ? whichever is larger class a,b within 12.5% f within 30% q class 30 ? and over : q 350 10 ~30 ? :q 275 + 2.5 c less than 10pf : q 200 + 10 c tan class insulation resistance minimum insulation resistance: 1,000 ? or 50 ??? product whichever is smaller 15 moisture resistance appearance no mechanical damage shall occur applied voltage : rated voltage temperature : 40 2 relative humidity:90~95%rh test time : 500 +12/-0 hr. current applied : 50 ? max. class should be measured initial value after be heat-treated for 1 hr in 150 +0/-10 and be left for 48 4hr at room temperature. class should be measured after left for 24 2 hrs in room temperature and humidity. class should be measured lattervalueafterbe heat-treated for 1 hr in 150 +0/-10 and be left for 48 4hr at room temperature. capacitance characteristic capacitance change class within 7.5% or 0.75 ? whichever is larger class a,b within 12.5% f within 30% within +30~ 40% 1005 c>0.47 f 1608 c>1.0 f 2012 c>4.7 f 3216 c>10.0 f 3225 c>22.0 f 4532 c>47.0 f q class 30 ? and over : q 200 30 ? and below : q 100 + 10/3 c tan class insulation resistance minimum insulation resistance: 500 ? or 25 ??? product, whichever is smaller. char. 25v and over 16v 10v 6.3v 4v a,b 0.05 0.05 max 0.05 max 0.075 max 0.1 max f 0.075 max 0.1max (c 1.0 ? ) 0.125 max (c 1.0 ? ) 0.15 max 0.195 max 0.25 max char. 25v and over 16v 10v 6.3v 4v a,b 0.05 max 0.05 max 0.05 max 0.075 max 0.1 max f 0.075 max 0.1max (c 1.0 ? ) 0.125max (c 1.0 ? ) 0.15 max 0.195 max 0.25 max 6.3v tan 0.125 max *condition class (a,b) 1005 c 0.22 ? 1608 c 2.2 ? 2012 c 4.7 ? 3216 c 10.0 ? 3225 c 22.0 ? 4532 c 47.0 ? 5750 c 100.0 ? 6.3v tan 0.125 max *condition class (a,b) 1005 c 0.22 ? 1608 c 2.2 ? 2012 c 4.7 ? 3216 c 10.0 ? 3225 c 22.0 ? 4532 c 47.0 ? 5750 c 100.0 ?
multilayer ceramic capacitor - general - 25 - no item performance test condition 16 high temperature resistance appearance no mechanical damage shall occur applied voltage : 150%, 200% of rated voltage test time : 1000 +48/-0 hr. current applied : 50 ? max. class should be measured initial value after be heat-treated for 1 hr in 150 +0/-10 and be left for 48 4hr at room temperature. class should be measured after left for 24 2 hrs in room temperature and humidity. class should be measured latter value after be heat-treated for 1 hr in 150 +0/-10 and be left for 48 4hr at room temperature. (twice of rated voltage will be applied to all series but above) ** however, a/b ? 1005 c 0.22 ? see (fig.3) capacitance characteristic cap. change class within 3% or 0.3 ? , whichever is larger class a,b within 12.5% f within 30% within+30~40% 1005 c>0.47 f 1608 c>1.0 f 2012 c>4.7 f 3216 c>10.0 f 3225 c>22.0 f 4532 c>47.0 f q class 30 ? and over : q 350 10 ~ 30 ? :q 275 + 2.5 c less than 10 ? :q 200 + 10 c tan class insulation resistance minimum insulation resistance: 1,000 ? or 50 ??? product whichever is smaller 17 temperature cycle appearance no mechanical damage shall occur capacitors shall be subjected to five cycles of the temperature cycle as following step temp.( ) time(min) 1 min.rated temp.+0/-3 30 2 25 2~3 3 max.rated temp.+3/-0 30 4 25 2~3 measure at room temperature after cooling for class :24 2hr. class :48 4hr. capacitance characteristic cap. change class within 2.5% or 0.25 ? whichever is larger class a,b within 7.5% f within 20% q class 30 ? and over : q 1000 less than 30 ? :q 400 +20 c tan class to satisfy the specified initial value insulation resistance to satisfy the specified initial value char. 25v and over 16v 10v 6.3v 4v a,b 0.05 max 0.05 max 0.05 max 0.075 max 0.1 max f 0.075 max 0.1max (c<1.0 ? ) 0.125max (c 1.0 ? ) 0.15 max 0.195 max 0.25 max char. temp. class 125 3 class a 85 3 b 125 3 f 85 3 *150% authorization conditions class (a,b,f) 1005 c>0.47 f 1608 c 2.2 ? 2012 c 4.7 ? 3216 c 10.0 ? 3225 c 22.0 ? 4532 c 47.0 ? 5750 c 100.0 ?
multilayer ceramic capacitor - general - 26 - characteristic graph 0 50 100 1000 10000 0 10 -10 -20 -30 time(hr) c % c0g x7r y5v ? capacitance change - aging -60 140 0 -20 20 60 100 temperature( ) c % 0 5 -5 -10 10 c0g uj th rh sh ? impedance - frequency characteristics ? capacitance - dc voltage characteristics c0g 0.01 0.1 1 10 100 1.e+06 1.e+07 1.e+08 1.e+09 1.e+10 ohm 1mhz 10mhz 100mhz 1ghz 10ghz 1000pf 100pf 10pf x7r/y5v 0.01 0.1 1 10 100 1.e+06 1.e+07 1.e+08 1.e+09 ohm 0.1 ? 0.01 ? 0.001 ? 1mhz 10mhz 100mhz 1ghz -100 -80 -60 -40 -20 0 20 40 0 5 10 15 20 25 30 35 40 dc v oltage(v dc) c0g 50v c % x7r 50v y5v 50v -60 120 0 -20 20 40 80 -80 -60 -40 -20 0 20 x7r y5v temperature( ) c % ? capacitance - temperature characteristics electrical characteristics
multilayer ceramic capacitor - general - 27 - application manual storage condition ? storage environment the electrical characteristics of mlccs were degraded by the environment of high temperature or humidity. therefore, the mlccs shall be stored in the ambient temperature and the relative humidity of less than 40 and 70%, respectively. guaranteed storage period is within 6 months from the outgoing date of delivery. ? corrosive gases since the solderability of the end termination in mlcc was degraded by a chemical atmosphere such as chlorine, acid or sulfide gase s, mlccs must be avoid from these gases. ? temperature fluctuations since dew condensation may occur by the differences in temperature when the mlccs are taken out of storage, it is important to maintai n the temperature-controlled environment. design of land pattern when designing printed circuit boards, the shape and size of the lands must allow for the proper amount of solder on the capacitor. the amount of solder at the end terminations has a direct effect on the crack. the crack in mlcc will be easily occurred by the tensile stress which was due to too much amount of solder. in contrast, i f too little solder is applied, the termination strength will be insufficiently. use the following illustrations as guidelines for proper land design. recommendation of land shape and size w b a solder land solder resist 2/3w < b < w t solder resist 2/3t < a < t adhesives when flow soldering the mlccs, apply the adhesive in accordance with the following conditions. ? requirements for adhesives they must have enough adhesion, so that, the chips will not fall off or move during the handling of the circuit board. they must maintain their adhesive strength when exposed to soldering temperature. they should not spread or run when applied to the circuit board. they should harden quickly. they should not corrode the circuit board or chip material.
multilayer ceramic capacitor - general - 28 - they should be a good insulator. they should be non-toxic, and not produce harmful gases, nor be harmful when touched. ? application method it is important to use the proper amount of adhesive. too little and much adhesive will cause poor adhesion and overflow into the land, respectively. ? adhesive hardening characteristics to prevent oxidation of the terminations, the adhesive must harden at 160 or less, within 2 minutes or less. mounting ? mounting head pressure excessive pressure will cause crack to mlccs . the pressure of nozzle will be 300g maximum during mounting. ? bending stress when double-sided circuit boards are used, mlccs first are mounted and soldered onto one side of the board. when the mlccs are mounted onto the other side, it is important to support the board as shown in the illustration. if the circuit board is not supported, the crack occur to the ready-installed mlccs by the bending stress. support pin force nozzle flux although the solderability increased by the highly-activated flux, increase of activity in flux may also degrade the insulation of the chip capacitors. to avoid such degradation, it is recommended that a mildly activated rosin flux(less than 0.2% chlorine) be used.
multilayer ceramic capacitor - general - 29 - soldering since a multilayer ceramic chip capacitor comes into direct contact with melted solder during soldering, it is exposed to potentially mechanical stress caused by the sudden temperature change. the capacitor may also be subject to silver migration, and to contamination by the flux. because of these factors, soldering technique is critical. ? soldering methods method classification reflow soldering - overall heating - infrared rays - hot plate - vps(vapor phase) - local heating - air heater -laser - light beam flow soldering - single wave - double wave - * we recommend the reflow soldering method. ? soldering profile to avoid crack problem by sudden temperature change, follow the temperature profile in the adjacent graph. 300 250 200 150 100 50 preheating soldering cooling 60~120sec 10~20sec reflow soldering 300 250 200 150 100 50 preheating soldering cooling t 150 60~120sec 3~4sec flow soldering ? manual soldering manual soldering can pose a great risk of creating thermal cracks in chip capacitors. the hot soldering iron tip comes into direct contact with t he end terminations, and operator's carelessness may cause the tip of the soldering iron to come into direct contact with the ceramic body of the capacitor. therefore the soldering iron must be handled carefully, and close attention must be paid to the selection of the soldering iron tip and to temperature control of the tip.
multilayer ceramic capacitor - general - 30 - ? amount of solder too much solder not enough solder cracks tend to occur due to large stress weak holding force may cause bad connections or detaching of the capacitor good ? cooling natural cooling using air is recommended. if the chips are dipped into solvent for cleaning, the temperature difference( t) must be less than 100 6-6. cleaning if rosin flux is used, cleaning usually is unnecessary. when strongly activated flux is used, chlorine in the flux may dissolve into some type s of cleaning fluids, th ereby affecting the chip capacitors. this means that the cleaning fluid must be carefully selected, and should always be new. ? notes for separating multiple, shared pc boards. a multi-pc board is separated into many individual circuit boards after soldering has been completed. if the board is bent or distorted at the time of separation, cracks may occur in the chip capacitors. carefully choose a separation method that minimizes the bending of the circuit board.
multilayer ceramic capacitor - general - 31 - cross reference p/n company samsung avx johanson kemet kyocera murata novacap panasonic rohm taiyo - yuden tdk vitramon company model(mlcc) cl - - c cm grm - ecj mch mk c vj size (eia/jis) 0201(0603) 03 - - - 03 33 - z - 063 0603 - 0402(1005) 05 0402 r07 0402 05 36 0402 0 15 105 1005 0402 0603(1608) 10 0603 r14 0603 105 39 0603 1 18 107 1608 0603 0805(2012) 21 0805 r15 0805 21 40 0805 2 21 212 2012 0805 1206(3216) 31 1206 r18 1206 316 42-6 1206 3 31 316 3216 1206 1210(3225) 32 1210 s41 1210 32 42-2 1210 4 32 325 3225 1210 1808(4520) 42 1808 r29 1808 42 - 1808 - - - 4520 1808 1812(4532) 43 1812 s43 1812 43 43-2 1812 - 43 432 4532 1812 2220(5750) 55 - - 2220 55 44-1 2221 - - 550 5650 - temperature characteristic cog(npo) c a n g cg cog/ch n c a c cog/ch a p2h(n150) p s - - p p2h - p - p ph - r2h(n220) r 1 - - r r2h - r - r rh - s2h(n330) s 3 - - s s2h - s - s sh - t2h(n470) t o - - t t2h - t - t th - u2j(n750) u z - - u u2j - u uj u uj - s2l l y - - sl sl - g sl sl sl - x7r b c w r(x) x7r x7r b b c bj x7r(b) y(x) z5u e e z u - z5u z - e - z5u u y5v f g y v y5v y5v y f f f y5v - nominal capacitance ex) 103=10,000 ? 221=220 ? 225=2,200,000 ? =2.2 ? 1r5=1.5 ? 010=1 ? capacitance tolerance b: 0.1 ? c: 0.25 ? d: 0.5 ? f: 1% g: 2% j: 5% k: 10% m: 20% z:-20~+80% rated voltage 6.3v q 6 - 9 06 6.3 - 0j - j 0j - 10 v p z 100 8 10 10 - 1a 4 l 1a - 16 v o y 160 4 16 16 160 1c 3 e 1c j 25 v a 3 250 3 25 25 250 1e 2 t 1e x 50 v b 5 500 5 50 50 500 1h 5 u 1h a 100 v c 1 101 1 100 100 101 2a 1 - 2a b 200v d 2 201 2 200 200 201 2d - - - c 250v e v - - 250 250 251 - - - 2e - 500v g 7 501 - 500 500 501 - - - - e 630v h - - - 630 630 - - - - 2j - 1000v i a 102 - 1000 1k 102 - - - 3a g 2000v j g 202 - 2000 2k 202 - - - 3d - 3000v k h 302 - 3000 3k 302 - - - 3f h 4000v - j - 4000 - 402 - - - - - termination nickel barrier n t v c a (grm) n - (mch) - - x ag/pd p 1 - - b (gr) p - (mc) - - f package bulk(vinyl) b 9 (none) - b pb * x - b b b paper taping c 2, 4 t, r - t, l pt t e,v,w k, l t t c, p plastic taping e 1, 3 e, u - h, n pt - f, y p, q t - t, r bulk case p 7 - - c pc - c c - - g
multilayer ceramic capacitor - general - 32 - ? samsung : cl10b104ka8nnnc cl 10 b 104 k a 8 n n n c ? avx : 06033c104kat2a 0603 3 c 104 k a t 2 a ? johanson : 250r14w104kv6t 250 r14 w 104 k v 6 t ? kemet : c0603c104k3rac c0603c 104k 3r a c series size 03 = 0201 05 = 0402 10 = 0603 21 = 0805 31 = 1206 32 = 1210 43 = 1812 55 = 2220 dielectric c=c0g p=p2h r=r2h s=s2h t=t2h u=u2h l=s2l b=x7r a=x5r f=y5v capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance a= 0.05pf b= 0.1pf c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80,-20% voltage q = 6.3v p=10v o=16v a=25v b=50v c = 100v d = 200v e=250v g = 500v h = 630v i = 1000v thickness 3 = 0.30 5 = 0.50 8 = 0.80 a=0.65 c = 0.85 h = 1.60 i=2.00 j = 2.50 l = 3.20 electrode/ termination/ plating a=pd/ag/ sn 100% n=ni/cu/ sn 100% g=cu/cu/ sn 100% products a=array (2-element) b=array (4-element) c=high-q l=licc n = normal p=automotive w = 3 terminal chip special various packaging b=bulk p = cassette c=paper7" d=paper13" (10,000ea) e = embossing 7" f = embossing 13" l = paper 13" (15,000ea) o=paper10" s = embossing 10" size 0201 0402 0603 0805 1206 1210 1812 2220 2225 voltage 4=4v 6 = 6.3v z=10v y = 16v 3=25v b=50v c = 100v d = 200v e = 250v g = 500v i = 1000v dielectric a=c0g c=x7r d=x5r e=z5u g=y5v capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance b= 0.1pf c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80, -20% p = gmv,+100,-0% failure rate a=n/a termination t = sn 100% 7=goldplated 1=pd/ag packaging 2 = 7" reel 4 = 13" reel 7 = cassette 9=bulk special a = standard t = 0.66mm s = 0.56mm r = 0.46mm voltage 2 significant figures + number of zeros size r07 = 0402 r14 = 0603 r15 = 0805 r18 = 1206 s41 = 1210 s43 = 1812 s47 = 2220 s48 = 2225 s49 = 1825 s54 = 3640 dielectric n=c0g w=x7r x=x5r z=z5u y=y5v capacitance 2 significant figures + number of zeros use "r" for decimal point termination v = ni barrier marking 4=nomark 6 = marking packaging e = 7" reel plastic t = 7" reel paper r = 13" reel paper u = 13" reel plastic none = bulk series size 0402 0603 0805 1206 1210 1812 2220 2225 specification c = standard a=gr900 p = mil-c-55681 cdr01-cdr06 n = mil-c-55681 cdr31-cdr35 z = mil-c-123 e=milequivalent (group a only) capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance b= 0.1pf c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z=+80,-20% p = +100, 0% voltage 9=6.3v 8=10v 4=16v 3=25v 5=50v 1=100v 2=200v dielectric g=c0g r=x7r p=x5r u=z5u x = bx(mil) v=y5v tolerance b= 0.1pf c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80, -20% p = gmv,+100,-0% failure rate a=standard m=1.0(mil) p = 0.1 (mil) r=0.01(mil) s=0.001(mil) termination c=niw/tinplate h = ni w/solder t=silver g=goldplated
multilayer ceramic capacitor - general - 33 - ? kyocera : cm105x7r104k25at cm 105 x7r 104 k 25 a t ? murata : grm188r71e104ka01d grm 18 8 r7 1e 104 k a01 d ? novacap : 0603b104k250n_tm 1206 b 104 k 250 n - t m ? panasonic : ecj1eb1e104k ecj 1 e b 1e 104 k series size 03 = 0201 05 = 0402 105 = 0603 21 = 0805 316 = 1206 32 = 1210 42 = 1808 43 = 1812 55 = 2220 dielectric cg x8r x7r x5r z5u y5v y5u capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance b= 0.1pf c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80, -20% p=+100,0% voltage 04 = 4v 06 = 6.3v 10 = 10v 16 = 16v 25 = 25v 50 = 50v 100 = 100v 250 = 250v 500 = 500v 1000 = 1000v termination a = ni barrier packaging t = 7" reel (4mm pitch) l = 13" reel (4mm pitch) h = 7" reel (2mm pitch) n = 13" reel (2mm pitch) b=bulk(vinylbags) c = bulk cassette series ni barrier size 03 = 0201 15 = 0402 18 = 0603 21 = 0805 31 = 1206 32 = 1210 42 = 1808 43 = 1812 55 = 2220 thickness 3=0.3mm 5=0.5mm 8=0.8mm a=1.0mm b = 1.25mm c = 1.6mm d = 2.0mm e=2.5mm f = 3.2mm dielectric 5c = c0g r7 = x7r r6 = x5r e4 = z5u f5 = y5v voltage 0j = 6.3v 1a = 10v 1c = 16v 1e = 25v 1h = 50v 2a = 100v 2e = 250v 2h = 500v 3a = 1000v capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance b= 0.1pf c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80,-20% p=+100,0% individual specification code packaging d = 7" reel paper l = 7" reel plastic j = 13" reel paper k = 13" reel plastic b=bulk c = bulk cassette t=bulktray size 0402 0603 0805 1005 1206 1210 1808 1812 2220 dielectric n=c0g b=x7r x=bx z=z5u y=y5v capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance b= 0.1pf c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80,-20% p = +100, 0% voltage 2 significant figures + number of zeros termination p=pd/ag n=nibarrier (sn 100%) y = ni barrier (sn/pb) thickness per specified packaging t = reel none = bulk w=wafflepack marking series size z = 0201 0 = 0402 1 = 0603 2 = 0805 3 = 1206 4 = 1210 packaging x=bulk e = paper 2mm v = paper 4mm f, y = plastic 4mm w = large reels 2mm z = large reels 4mm c = bulk cassette dielectric c=c0g b = x7r, x5r f=y5v voltage 0j = 6.3v 1a = 10v 1c = 16v 1e = 25v 1h = 50v 2a = 100v 2d = 200v tolerance c= 0.25pf d= 0.5pf f= 1% j= 5% k= 10% m= 20% z = +80, -20% capacitance 2 significant figures + number of zeros use "r" for decimal point
multilayer ceramic capacitor - general - 34 - ? rohm : mch182c104kkn mch 18 2 c 104 k k n ? taiyo-yuden : tmk107bj104k_t tm k 107bj104 k -t ? tdk : c1608x7r1e104kt c 1608 x7r 1e 104 k t ? vitramon : vj0603y104kxxmc vj 0603 y 104 k x x m c series size 15 = 0402 18 = 0603 21 = 0805 31 = 1206 32 = 1210 43 = 1812 voltag e 4 = 10v 3 = 16v 2 = 25v 5 = 50v dielectric a=c0g c=x7r f=y5v capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance b= 0.1pf c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80,-20% p = +100, 0% packaging k = 7" reel paper p=7"reelplastic l = 13" reel paper q = 13" reel plastic b=bulk c = bulk cassette marking/thickness n=marked special thickness voltage a=4v j = 6.3v l=10v e=16v t=25v u = 50v type m = multilayer v=hiq termination k = ni barrier size 105 = 0402 107 = 0603 212 = 0805 316 = 1206 325 = 1210 432 = 1812 550 = 2220 dielectric cg = c0g ch = c0h cj = c0j ck = c0k bj = x5r, x7r f=y5v capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80,-20% special various packaging t = reel b=bulk series size 0603 = 0201 1005 = 0402 1608 = 0603 2012 = 0805 3216 = 1206 3225 = 1210 4532 = 1812 5650 = 2220 dielectric cg x7r z5u y5v voltage 0j = 6.3v 1a = 10v 1c = 16v 1e = 25v 1h = 50v capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80, -20% packaging t=reel b=bulk series size 0402 0603 0805 1206 1210 1812 2225 dielectric x=bx a,n = c0g y=x7r u=z5u h=x8r capacitance 2 significant figures + number of zeros use "r" for decimal point tolerance b= 0.1pf c= 0.25pf d= 0.5pf f= 1% g= 2% j= 5% k= 10% m= 20% z = +80, -20% p=+100,0% termination x=silver, ni barrier tin plated voltage j=16v x=25v a=50v b=100v c = 200v marking m = marking a = no marking packaging c = 7" reel paper t = 7" reel plastic p = 13" reel paper r = 13" reel plastic b=bulk


▲Up To Search▲   

 
Price & Availability of CL03C101JA3ANNC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X