Part Number Hot Search : 
BTA208 LA4168M RT5028 8950AC LC4115 ML6431 24LC22A L624F
Product Description
Full Text Search
 

To Download BYG20J-E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  byg20d thru byg20j www.vishay.com vishay general semiconductor revision: 21-dec-11 1 document number: 88958 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 ultrafast avalanche smd rectifier features ? low profile package ? ideal for automated placement ? glass passivated junction ? low reverse current ? soft recovery characteristics ? ultrafast reverse recovery time ? meets msl level 1, per j-st d-020, lf maximum peak of 260 c ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in high frequency rectification of power supply, inverters, converters and freewheeling diodes for consumer, automotive and telecommunication. mechanical data case: do-214ac (sma) molding compound meets ul 94 v-0 flammability rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compliant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes the cathode end primary characteristics i f(av) 1.5 a v rrm 200 v to 600 v i fsm 30 a i r 1.0 a v f 1.4 v t rr 75 ns e r 20 mj t j max. 150 c do-214ac ( s ma) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol byg20d byg20g byg20j unit device marking code byg20d byg20g byg20j maximum repetitive peak reverse voltage v rrm 200 400 600 v average forward current i f(av) 1.5 a peak forward surge cu rrent 10 ms single half sine-wave superimposed on rated load i fsm 30 a pulse energy in avalanche mode, non repetitive (inducti ve load switch off) i (br)r = 1 a, t j = 25 c e r 20 mj operating junction and st orage temperature range t j , t stg - 55 to + 150 c
byg20d thru byg20j www.vishay.com vishay general semiconductor revision: 21-dec-11 2 document number: 88958 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note (1) pulse test: 300 s pulse width, 1 % duty cycle notes (1) mounted on epoxy-glass hard tissue (2) mounted on epoxy-glass hard tissue, 50 mm 2 35 m cu (3) mounted on al-oxide-ceramic (al 2 o 3 ), 50 mm 2 35 m cu note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current vs. forward voltage fig. 2 - max. average forward current vs. ambient temperature electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol byg20d byg20g byg20j unit maximum instantaneous forward voltage i f = 1 a t j = 25 c v f (1) 1.3 v i f = 1.5 a 1.4 maximum dc reverse current v r = v rrm t j = 25 c i r 1 a t j = 100 c 10 maximum reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 75 ns thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol byg20d byg20g byg20j unit typical thermal resistance, junction to lead, t l = const. r ? jl 25 c/w typical thermal resistance, junction to ambient r ? ja (1) 150 c/w r ? ja (2) 125 r ? ja (3) 100 ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode byg20d-e3/tr 0.064 tr 1800 7" di ameter plastic tape and reel byg20d-e3/tr3 0.064 tr3 7500 13" diameter plastic tape and reel byg20dhe3/tr (1) 0.064 tr 1800 7" diameter plastic tape and reel byg20dhe3/tr3 (1) 0.064 tr3 7500 13" diameter plastic tape and reel 0.001 0.01 0.1 1 10 0.0 0.5 1.0 1.5 2.0 2.5 3.0 for w ard v oltage ( v ) for w ard c u rrent (a) t j = 25 c t j = 150 c 0 0.2 0.4 0.6 0. 8 1.0 1.2 1.4 1.6 100 8 0 60 40 20 0 120 140 160 am b ient temperat u re (c) a v erage for w ard c u rrent (a) v r = v rrm half sine- w a v e r ja 25 k/ w r ja 125 k/ w r ja 150 k/ w
byg20d thru byg20j www.vishay.com vishay general semiconductor revision: 21-dec-11 3 document number: 88958 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 3 - reverse current vs. junction temperature fig. 4 - max. reverse power dissipation vs. junction temperature fig. 5 - diode capacitance vs. reverse voltage fig. 6 - reverse recovery time vs. forward current fig. 7 - reverse recovery charge vs. forward current fig. 8 - thermal response 1 10 100 25 50 75 100 125 150 re v erse c u rrent ( a) j u nction tempera t u re (c) v r = v rrm p r - limit at 100 % v r 0 10 20 30 40 70 25 50 75 100 125 150 re v erse po w er dissipation (m w ) j u nction temperat u re (c) v r = v rrm p r - limit at 8 0 % v r 50 60 0 5 10 15 20 25 30 0.1 1 10 100 f = 1 mhz re v erse v oltage ( v ) diode capacitance (pf) 0 0.2 0.4 0.6 0. 8 0 100 200 300 400 600 1.0 500 i r = 0.5 a, i r = 0.125 a re v erse reco v ery time (ns) for w ard c u rrent (a) t a = 125 c t a = 100 c t a = 75 c t a = 25 c t a = 50 c 0 50 100 150 200 0 0.2 0.4 0.6 0. 8 1.0 re v erse reco v ery charge (nc) for w ard c u rrent (a) i r = 0.5 a, i r = 0.125 a t a = 125 c t a = 100 c t a = 75 c t a = 25 c t a = 50 c 1 10 100 1000 thermal resistance for p u lse cond. (k/ w ) p u lse length (s) 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 2 single p u lse 125 k/ w dc t p /t = 0.5 t p /t = 0.2 t p /t = 0.1 t p /t = 0.02 t p /t = 0.05 t p /t = 0.01
byg20d thru byg20j www.vishay.com vishay general semiconductor revision: 21-dec-11 4 document number: 88958 for technical questions within your region: diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package outline dimensions in inches (millimeters) 0.008 (0.203) 0.194 (4.93) 0.208 (5.28) 0.157 (3.99) 0.177 (4.50) 0.100 (2.54) 0.110 (2.79) 0.078 (1.98) 0.090 (2.29) 0.006 (0.152) 0.012 (0.305) 0.049 (1.25) 0.065 (1.65) cathode band 0 (0) do-214ac ( s ma) mountin g pad layout 0.074 (1.88) max. 0.208 (5.28) ref. 0.066 (1.68) min. 0.060 (1.52) min. 0.030 (0.76) 0.060 (1.52)
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of BYG20J-E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X