Part Number Hot Search : 
CY7C104 MC34117 KTC3770 MVAM108 7226M00 MC341 08U0M OP240SL
Product Description
Full Text Search
 

To Download BAP1321-03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dat a sheet product specification supersedes data of 2001 may 11 2004 feb 17 discrete semiconductors BAP1321-03 silicon pin diode
2004 feb 17 2 nxp semiconductors product specification silicon pin diode BAP1321-03 features ? high voltage, current controlled ? rf resistor for rf attenuators and switches ? low diode capacitance ? low diode forward resistance ? very low series inductance ? for applications up to 3 ghz. applications ? rf attenuators and switches. description planar pin diode in a sod323 (sc-76) ultra small smd plastic package. pinning pin description 1 cathode 2 anode 2 1 fig.1 simplified outline (sod323; sc-76) and symbol. marking code: v8. the marking bar indicates the cathode. sym006 ordering information limiting values in accordance with the absolute maximum rating system (iec 60134). type number package name description version BAP1321-03 ? plastic surface mounted package; 2 leads sod323 symbol parameter conditions min. max. unit v r continuous reverse voltage ? 60 v i f continuous forward current ? 100 ma p tot total power dissipation t s ? 90 ? c ? 500 mw t stg storage temperature ? 65 +150 ? c t j junction temperature ? 65 +150 ? c
2004 feb 17 3 nxp semico nductors product specification silicon pin diode BAP1321-03 characteristics t j = 25 ? c unless otherw ise specified. note 1. guaranteed on aql basis: inspection level s4, aql 1.0. thermal characteristics symbol parameter conditions typ. max. unit v f forward voltage i f = 50 ma 0.95 1.1 v i r reverse leakage current v r =60v ? 100 na c d diode capacitance v r =0; f=1mhz 0.4 ? pf v r = 1 v; f = 1 mhz 0.35 0.45 pf v r = 20 v; f = 1 mhz 0.25 0.32 pf r d diode forward resistance f = 100 mhz; note 1 i f = 0.5 ma 3.4 5.0 ? i f =1ma 2.4 3.6 ? i f =10ma 1.2 1.8 ? i f = 100 ma 0.85 1.3 ? ? s 21 ? 2 isolation v r = 0; f = 900 mhz 16.6 ? db v r = 0; f = 1800 mhz 11.6 ? db v r = 0; f = 2450 mhz 9.2 ? db ? s 21 ? 2 insertion loss i f = 0.5 ma; f = 900 mhz 0.26 ? db i f = 0.5 ma; f = 1800 mhz 0.35 ? db i f = 0.5 ma; f = 2450 mhz 0.44 ? db ? s 21 ? 2 insertion loss i f = 1 ma; f = 900 mhz 0.20 ? db i f = 1 ma; f = 1800 mhz 0.29 ? db i f = 1 ma; f = 2450 mhz 0.38 ? db ? s 21 ? 2 insertion loss i f =10ma; f=900mhz 0.13 ? db i f = 10 ma; f = 1800 mhz 0.22 ? db i f = 10 ma; f = 2450 mhz 0.32 ? db ? s 21 ? 2 insertion loss i f = 100 ma; f = 900 mhz 0.10 ? db i f = 100 ma; f = 1800 mhz 0.20 ? db i f = 100 ma; f = 2450 mhz 0.29 ? db ? l charge carrier life time when switched from i f =10ma to i r =6ma; r l = 100 ? ; measured at i r =3ma 0.5 ?? s l s series inductance i f = 100 ma; f = 100 mhz 1.5 ? nh symbol parameter value unit r th(j-s) thermal resistance from junction to soldering point 120 k/w
2004 feb 17 4 nxp semico nductors product specification silicon pin diode BAP1321-03 graphical data handbook, halfpage 10 1 10 ?1 mld591 10 ?1 1 i f (ma) r d () 10 10 2 fig.2 forward resistance as a function of forward current; typical values. t j =25 ? c; f = 100 mhz. handbook, halfpage 02 0 500 0 100 200 300 400 4 c d (ff) v r (v) 81216 mld592 fig.3 diode capacitance as a function of reverse voltage; typical values. t j =25 ? c; = 1 mhz. handbook, halfpage 01 f (ghz) 3 0 ?0.2 ?0.6 ?0.8 ?0.4 2 mld593 s 21 2 ( db ) (1) (2) (3) (4) fig.4 insertion loss ( ? s 21 ? 2 ) of the diode as a function of frequency; typical values. (1) i f =100ma. (2) i f =10ma. (3) i f =1ma. (4) i f =0.5ma. diode inserted in series with a 50 ? stripline circuit and biased via the analyzer tee network. t amb =25 ? c. handbook, halfpage 01 f (ghz) 3 0 ?10 ?30 ?40 ?20 2 mld594 s 21 2 ( db ) fig.5 isolation ( ? s 21 ? 2 ) of the diode as a function of frequency; typical values. diode zero biased and inserted in series with a 50 ? stripline circuit. t amb =25 ? c.
2004 feb 17 5 nxp semico nductors product specification silicon pin diode BAP1321-03 package outline references outline version european projection issue date iec jedec jeita sod323 sc-76 sod323 03-12-17 06-03-16 note 1. the marking bar indicates the cathode unit a mm 0.05 1.1 0.8 0.40 0.25 0.25 0.10 1.8 1.6 1.35 1.15 2.7 2.3 0.45 0.15 a 1 max dimensions (mm are the original dimensions) plastic surface-mounted package; 2 leads 01 (1) 2 1 2 mm scale b p c d e h d q 0.25 0.15 l p v 0.2 a d a e l p b p detail x a 1 c q h d va m x
2004 feb 17 6 nxp semico nductors product specification silicon pin diode BAP1321-03 data sheet status notes 1. please consult the most recently issued document before initiating or completing a design. 2. the product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. the latest pr oduct status information is available on the internet at url http://www.nxp.com. document status (1) product status (2) definition objective data sheet development this document contains data from the objective specification for product development. preliminary data sheet qualification this document contains data from the preliminary specification. product data sheet production this document contains the product specification. definitions product specification ? the information and data provided in a product data sheet shall define the specification of the product as agreed between nxp semiconductors and its customer, unless nxp semiconductors and customer have explicitly agreed otherwise in writing. in no event however, shall an agreement be valid in which the nxp semiconductors product is deemed to offer functions and qualities beyond those described in the product data sheet. disclaimers limited warranty and liability ? information in this document is believed to be accurate and reliable. however, nxp semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. in no event shall nxp semico nductors be liable for any indirect, incidental, punitive, special or consequential damages (including - without lim itation - lost profits, lost savings, business interrup tion, costs related to the removal or replacement of any products or rework charges) whether or not such damages are based on tort (including negligence), warranty, breach of contract or any other legal theory. notwithstanding any damages that customer might incur for any reason whatsoever, nxp semiconductors? aggregate and cumulative liability towards customer for the products described herein shall be limited in accordance with the terms and conditions of commercial sale of nxp semi conductors. right to make changes ? nxp semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. this document supersedes and replaces all information supplied prior to the publication hereof. suitability for use ? nxp semiconductors products are not designed, authorized or warranted to be suitable for use in life support, life-critical or safety-critical systems or equipment, nor in applications where failure or malfunction of an nxp semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. nxp semiconductors accepts no liability for incl usion and/or use of nxp semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer?s own risk. applications ? applications that are described herein for any of these products are fo r illustrative purposes only. nxp semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. customers are responsible for the design and operation of their applications and products using nxp semiconductors products, and nxp semiconductors accepts no liability for any assi stance with ap plications or customer product design. it is customer?s sole responsibility to dete rmine whether the nxp semiconductors product is suitable and fit for the customer?s applications and products planned, as well as for the planned application and use of customer?s third party customer(s). customers should provide appropriate design and operating safeguards to minimize the risks associated with their applications and products.
2004 feb 17 7 nxp semico nductors product specification silicon pin diode BAP1321-03 nxp semiconductors does not accept any liability related to any default, damage, costs or problem which is based on any weakness or default in the customer?s applications or products, or the application or use by customer?s third party customer(s). customer is responsible for doing all necessary testing for the customer?s applications and products using nxp semiconductors products in order to avoid a default of the applications and the products or of the application or use by customer?s third party customer(s). nxp does not accept any liability in this respect. limiting values ? stress above one or more limiting values (as defined in the absolute maximum ratings system of iec 60134) will c ause permanent damage to the device. limiting values are stress ratings only and (proper) operation of the device at these or any other conditions above those given in the recommended operating conditions section (if present) or the characteristics sections of this document is not warranted. constant or repeat ed exposure to lim iting values will permanently and irreversibly affect the quality and reliability of the device. terms and conditions of commercial sale ? nxp semiconductors products are sold subject to the general terms and conditions of comme rcial sale, as published at http://www.nxp.com/profile/terms, unless otherwise agreed in a valid written individual agreement. in case an individual agreement is concluded only the terms and conditions of the respective agreement shall apply. nxp semiconductors hereby expressly objects to applying the customer?s general terms and conditions with regard to the purchase of nxp semiconductors products by customer. no offer to sell or license ? nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights. export control ? this document as well as the item(s) described herein may be subject to export control regulations. export might require a prior authorization from national authorities. quick reference data ? the quick refere nce data is an extract of the product data given in the limiting values and characteristics sections of this document, and as such is not complete, exhaustive or legally binding. non-automotive qualified products ? unless this data sheet expressly states that this specific nxp semiconductors product is automotive qualified, the product is not suitable for automotive use. it is neither qualified nor tested in accordance with automotive testing or application requirements. nxp semiconductors accepts no liability for inclusion and/or use of non-automotive qualified products in automotive equipment or applications. in the event that customer uses the product for design-in and use in automotive applications to automotive specifications and standards, customer (a) shall use the product without nxp semicond uctors? warranty of the product for such automotive applications, use and specifications, and (b) whenever customer uses the product for automotive applications beyond nxp semiconductors? specifications such use shall be solely at customer?s own risk, and (c) customer fully indemnifies nxp semiconductors for any liability, damages or failed product claims resulting from customer design and use of the product for automotive applications beyond nxp semiconductors? standard warranty and nxp semiconductors? product specifications.
nxp semiconductors provides high performance mixed signal and standard product solutions that leverage its leading rf, analog, power management, interface, security and digital processing expertise contact information for additional information please visit: http://www.nxp.com for sales offices addresses send e-mail to: salesaddresses@nxp.com ? nxp b.v. 2010 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reli able and may be changed without notice. no liabilit y will be accepted by the publisher for any consequen ce of its use. publicat ion thereof d oes not con vey nor imply any license under patent- or other industrial or intellectual property rights. customer notification this data sheet was changed to reflect the new company name nxp semiconductors, including new legal definitions and disclaimers. no changes were made to the technical content, except for package outline drawings which were updated to the latest version. printed in the netherlands r77/03/pp 8 date of release: 2004 feb 17


▲Up To Search▲   

 
Price & Availability of BAP1321-03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X