Part Number Hot Search : 
IRGPC30S MAX38 LMD57 74HC15 MAX970 SMA10 2771D MAX970
Product Description
Full Text Search
 

To Download B39431-R-800-H210 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  saw components data sheet r 800
2 apr 05, 2002 saw components r 800 433,92 mhz resonator data sheet ceramic package qcc4a 1 3 4 2 0,5 1,2 0,8 1,45 5,0 3,5 features n 1-port resonator n provides reliable, fundamental mode, quartz fre- quency stabilization i.e. in transmitters or local oscillators terminals n ni, gold plated dimensions in mm, approx. weight 0,1 g pin configuration 1 input 3 output, grounded in 1-port conf. 2,4 ground (case) e lectrostatic s ensitive d evice ( esd ) type ordering code marking and package according to packing according to r 800 b39431-r 800-h210 c61157-a7-a86 f61074-v8120-z000 maximum ratings operable temperature range t a C40/+125 ?c storage temperature range t stg C40/+125 ?c dc voltage v dc 12 v between any terminals source power p s 0 dbm r1 l1 c1 c0 1 3
3 apr 05, 2002 saw components r 800 433,92 mhz resonator data sheet characteristics reference temperature: t a = 25 ?c terminating source impedance: z s = 50 w terminating load impedance: z l = 50 w 1) center frequency is defined as maximum of the real part of the admittance 2) if used in two port configuration (pin 1-input, pin 3-output) c 0 is reduced by approx. 0,3 pf. 3) temperature dependence of f c : f c ( t a ) = f c ( t 0 )(1 + tc f ( t a C t 0 ) 2 ) min. typ. max. center frequency 1) f c 433,845 433,92 433,995 mhz minimum insertion attenuation a min 1,2 1,7 db unloaded quality factor q u 8300 13500 ageing of f c C 10/+50 ppm equivalent circuit elements motional capacitance c 1 1,79 ff motional inductance l 1 75,15 m h motional resistance r 1 1523 w parallel capacitance 2) c 0 2,7 pf temperature coefficient of frequency 3) tc f C0,032 ppm/k 2 turnover temperature t 0 525?c
4 apr 05, 2002 saw components r 800 433,92 mhz resonator data sheet published by epcos ag surface acoustic wave components division, saw ce ae pd p.o. box 80 17 09, d-81617 mnchen ? epcos ag 2001. all rights reserved. a s far as patents or other rights of third parties are concerned, liability is only assumed for compo- nents per se, not for applications, processes and circuits implemented within components or assemblies. t he information describes the type of component and shall not be considered as assured characteristics. t erms of delivery and rights to change design reserved. for questions on technology, prices and delivery please contact the sales offices of epcos ag or t he international representatives. due to technical requirements components may contain dangerous substances. for information on t he type in question please also contact one of our sales offices.


▲Up To Search▲   

 
Price & Availability of B39431-R-800-H210

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X