Part Number Hot Search : 
XE6216 89C51 L3012 2SA1682 GT120E MTPR64G IXTL5N65 SSM3J
Product Description
Full Text Search
 

To Download AO4821 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AO4821 12v dual p-channel mosfet general description product summary v ds i d (at v gs =-4.5v) -9a r ds(on) (at v gs =-4.5v) < 19m w r ds(on) (at v gs =-2.5v) < 24m w r ds(on) (at v gs =-1.8v) < 30m w 100% uis tested 100% rg tested symbol v ds v gs i dm t j , t stg symbol t 10s steady-state steady-state r q jl w 2 maximum junction-to-lead c/w c/w maximum junction-to-ambient a d 32 90 40 maximum junction-to-ambient a t a =25c t a =70c power dissipation b p d pulsed drain current c continuous drain current t a =25c a i d -9 -7 -60 the AO4821 uses advanced trench technology to provi de excellent r ds(on) , low gate charge and operation with gate voltages as low as 1.8v. this device is suitable fo r use as a load switch. v maximum units parameter absolute maximum ratings t a =25c unless otherwise noted -12v v 8 gate-source voltage drain-source voltage -12 c/w r q ja 48 74 62.5 c thermal characteristics units parameter typ max 1.28 t a =70c junction and storage temperature range -55 to 150 g1 s1 g2 s2 d1 d1 d2 d2 2 4 5 1 3 86 7 top view soic-8 top view bottom view pin1 g1 d1 1 s1 rg g2 d2s2 rg rev 4: nov 2010 www.aosmd.com page 1 of 5
AO4821 symbol min typ max units bv dss -12 v v ds =-12v, v gs =0v -1 t j =55c -5 i gss 10 m a v gs(th) gate threshold voltage -0.35 -0.53 -0.85 v i d(on) -60 a 16 19 t j =125c 22 27 19 24 m w 23 30 m w g fs 45 s v sd -0.56 -1 v i s -3 a c iss 1390 1740 2100 pf c oss 230 334 435 pf c rss 120 200 280 pf r g 0.9 1.3 1.7 k w q g (4.5v) 15 19 23 nc q gs 3.6 4.5 5.4 nc q gd 3 5.3 7.4 nc t d(on) 240 ns t r 580 ns t d(off) 7 m s t f 4.2 m s t rr 18 22 26 ns q rr 14 17 20 nc this product has been designed and qualified for th e consumer market. applications or uses as critical components in life support devices or systems are n ot authorized. aos does not assume any liability ar ising out of such applications or uses of its products. aos reserves the right to improve product design, functions and reliability without notice. body diode reverse recovery time drain-source breakdown voltage on state drain current i d =-250 m a, v gs =0v v gs =-4.5v, v ds =-5v v gs =-4.5v, i d =-9a reverse transfer capacitance i f =-9a, di/dt=500a/ m s v gs =0v, v ds =-6v, f=1mhz switching parameters electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss m a v ds =v gs i d =-250 m a v ds =0v, v gs = 8v zero gate voltage drain current gate-body leakage current forward transconductance diode forward voltage r ds(on) static drain-source on-resistance m w i s =-1a,v gs =0v v ds =-5v, i d =-9a v gs =-1.8v, i d =-6a v gs =-2.5v, i d =-8a gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time total gate charge v gs =-4.5v, v ds =-6v, i d =-9a gate source charge gate drain charge body diode reverse recovery charge i f =-9a, di/dt=500a/ m s maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters turn-on rise time turn-off delaytime v gs =-4.5v, v ds =-6v, r l =0.67 w , r gen =3 w a. the value of r q ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air enviro nment with t a =25c. the value in any given application depends on the user' s specific board design. b. the power dissipation p d is based on t j(max) =150c, using 10s junction-to-ambient thermal resistance. c. repetitive rating, pulse width limited by junct ion temperature t j(max) =150c. ratings are based on low frequency and duty cycles to keep initialt j =25c. d. the r q ja is the sum of the thermal impedence from junction to lead r q jl and lead to ambient. e. the static characteristics in figures 1 to 6 are obtained using <300 m s pulses, duty cycle 0.5% max. f. these curves are based on the junction-to-ambien t thermal impedence which is measured with the devi ce mounted on 1in 2 fr-4 board with 2oz. copper, assuming a maximum junction temperatur e of t j(max) =150c. the soa curve provides a single pulse ratin g. rev 4: nov 2010 www.aosmd.com page 2 of 5
AO4821 typical electrical and thermal characteristics 17 52 10 0 18 40 0 10 20 30 40 50 60 0 0.5 1 1.5 2 2.5 3 -v gs (volts) figure 2: transfer characteristics (note e) -i d (a) 10 15 20 25 30 0 5 10 15 20 -i d (a) figure 3: on-resistance vs. drain current and gate voltage (note e) r ds(on) (m w ww w ) v gs =-2.5v 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.2 0.4 0.6 0.8 1.0 -v sd (volts) figure 6: body-diode characteristics (note e) -i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature (note e) normalized on-resistance i d =-9a, v gs =-4.5v i d =-8a, v gs =-2.5v 10 15 20 25 30 35 40 45 0 2 4 6 8 -v gs (volts) figure 5: on-resistance vs. gate-source voltage (note e) r ds(on) (m w ww w ) 25c 125c v ds =-5v v gs =-1.8v v gs =-4.5v i d =-9a 25c 125c 0 10 20 30 40 50 60 0 1 2 3 4 5 -v ds (volts) fig 1: on-region characteristics (note e) -i d (a) v gs =-1.5v -3v -4.5v -2v -2.5v i d =-6a, v gs =-1.8v rev 4: nov 2010 www.aosmd.com page 3 of 5
AO4821 typical electrical and thermal characteristics 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 0 5 10 15 20 q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 400 800 1200 1600 2000 2400 2800 0 2 4 6 8 10 12 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss c oss c rss v ds =-6v i d =-9a 1 10 100 1000 10000 0.00001 0.001 0.1 10 1000 pulse width (s) figure 10: single pulse power rating junction-to- ambient (note f) power (w) t a =25c 0.0 0.1 1.0 10.0 100.0 0.01 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note f) 10 m s 10s 1ms dc r ds(on) limited t j(max) =150c t a =25c 100 m 10ms 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal imp edance (note f) z q qq q ja normalized transient thermal resistance t on t p d in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse d=t on /t t j,pk =t a +p dm .z q ja .r q ja r q ja =90c/w rev 4: nov 2010 www.aosmd.com page 4 of 5
AO4821 - + vdc ig vds dut - + vdc vgs vgs 10v qg qgs qgd charge gate charge test circuit & waveform ig v gs - + vd c d u t l v gs v ds isd isd d iode r ecovery t est c ircuit & w aveform s v ds - v ds + i f di/dt i r m rr v dd v dd q = - idt t rr - + v d c d u t v d d v g s v ds v g s r l r g v gs v d s 1 0% 90 % r es istiv e s w itch ing t e st c ircu it & w a ve fo rm s t t r d (o n ) t o n t d (o ff) t f t o ff rev 4: nov 2010 www.aosmd.com page 5 of 5


▲Up To Search▲   

 
Price & Availability of AO4821

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X