Part Number Hot Search : 
OV7141 63AYA6A MUPTB10 A1360 5KP28A MBR16100 MTD9N10D HCT08
Product Description
Full Text Search
 

To Download AM4424N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 AM4424N analog power preliminary publication order number: ds-am4424_a these miniature surface mount mosfets utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. typical a pplications are dc-dc converters and power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. v ds (v) r ds(on) m( ? )i d (a) 22 @ v gs = 4.5v 9.7 28 @ v gs = 2.5v 8.6 product summary 20 n-channel 20-v (d-s) mosfet ?low r ds(on) provides higher efficiency and extends battery life ? low thermal impedance copper leadframe soic-8 saves board space ? fast switching speed ? high performance trench technology notes a. surface mounted on 1? x 1? fr4 board. b. pulse width limited by maximum junction temperature 1 2 3 45 6 7 8 symbo l li mi t uni t s v ds 20 v gs 8 t a =25 o c9.7 t a =70 o c8.0 i dm 50 i s 2.3 a t a =25 o c3.1 t a =70 o c2.2 t j , t stg -55 to 150 o c continuous source current (diode conduction) a absolute maximum ratings (t a = 25 o c unless otherw ise noted) parame te r pulsed drain current b v gate-source voltage drain-source voltage continuous drain current a i d a power dissipation a p d operating junction and storage temperature range w symbol maximum units t <= 10 sec 50 o c/w steady state 92 o c/w thermal resistance ratings parameter maximum junction-to-ambient a r ja
2 AM4424N analog power preliminary publication order number: ds-am4424_a notes a. pulse test: pw <= 3 00us duty cycle <= 2%. b. guaranteed by design, not subject to production testing. analog power (apl) reserves the right to make changes without further notic e to any products herein. apl makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does apl assume any liability arising ou t of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, conseque ntial or incidental damages. ?typical? parameters which may be provided in apl data sheet s and/or specifications can a nd do vary in different appli cations and actual performance may vary over time. all operating parameters , including ?typicals? must be validated for each customer appl ication by customer?s technical experts. apl does not convey any license under its patent rights nor the rights of others. apl products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications int ended to support or sustain life, or for any other application in which the failure of the apl product could create a situation where personal inju ry or death may occur. should buyer purchase or use apl products for any such uninte nded or unauthorized application, buyer shall indemnify and hold a pl and its officers, employees, subsidiari es, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirect ly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that apl was negligent regarding the design or m anufacture of the part. apl is an equal opportunity/affirmative action employer. min typ max drain-source breakdown voltage v (br)dss v gs = 0 v, i d = 250 ua 20 gate-threshold voltage v gs(th) v ds = v gs , i d = 250 ua 1.0 gate-body leakage i gss v ds = 0 v, v gs = 8 v 100 na v ds = 16 v, v gs = 0 v 1 v ds = 16 v, v gs = 0 v, t j = 55 o c 25 on-state drain current a i d(on) v ds = 5 v, v gs = 12 v 20 a v gs = 4.5 v, i d = 9.7 a 22 v gs = 2.5 v, i d = 8.6 a 28 forward tranconductance a g fs v ds = 15 v, i d = 9.7 a 40 s diode forward voltage v sd i s = 2.3 a, v gs = 0 v 0.7 v total gate charge q g 5.5 gate-source charge q g s 1.0 gate-drain charge q gd 1.4 turn-on delay time t d(on) 20 rise time t r 9 turn-off delay time t d(off) 70 fall-time t f 20 v ds = 15 v, v gs = 4.5 v, i d = 9.7 a nc v dd = 25 v, r l = 25 ? , i d = 1 a, v gen = 10 v ns drain-source on-resistance a r ds(on) m ? dynamic b static v zero gate voltage drain current i dss ua specifications (t a = 25 o c unless otherwise noted) parameter symbol test conditions limits unit
3 AM4424N analog power preliminary publication order number: ds-am4424_a package information so-8: 8lead h x 45


▲Up To Search▲   

 
Price & Availability of AM4424N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X