Part Number Hot Search : 
M2DDS MSC8144E 74HC254 FZT749NL 1827428 212D0 15KE91CA 1N5304
Product Description
Full Text Search
 

To Download AM4407PE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  AM4407PE analog power preliminary publication order number: ds-AM4407PE_a 1 these miniature surface mount mosfets utilize a high cell density trench process to provide low r ds(on) and to ensure minimal power loss and heat dissipation. typical applications are dc-dc converters and power management in portable and battery-powered products such as computers, printers, pcmcia cards, cellular and cordless telephones. p-channel 30-v (d-s) mosfet ? low r ds(on) provides higher efficiency and extends battery life ? low thermal impedance copper leadframe soic-8 saves board space ? fast switching speed ? high performance trench technology notes a. surface mounted on 1? x 1? fr4 board. b. pulse width limited by maximum junction temperature v ds (v) r ds(on) m(  ) i d (a) 9 @ v gs = -10v -15 13 @ v gs = -4.5v -11 product summary -30 symbol maximum units v ds -30 v gs 20 t a =25 o c -15 t a =70 o c -11 i dm 50 i s -2.1 a t a =25 o c 3.1 t a =70 o c 2.3 t j , t stg -55 to 150 o c power dissipation a p d operating junction and storage temperature range w continuous source current (diode conduction) a absolute maximum ratings (t a = 25 o c unless otherwise noted) parameter pulsed drain current b v gate-source voltage drain-source voltage continuous drain current a i d a symbol maximum units maximum junction-to-case a t <= 5 sec r jc 25 o c/w maximum junction-to-ambient a t <= 5 sec r ja 50 o c/w thermal resistance ratings parameter 12 3 4 5 6 7 8 esd protected
AM4407PE analog power preliminary publication order number: ds-AM4407PE_a 2 notes a. pulse test: pw <= 300us duty cycle <= 2%. b. guaranteed by design, not subject to production testing. analog power (apl) reserves the right to make changes without fu rther notice to any products herein. apl makes no warranty, representation or guarantee regarding the suitability of its produ cts for any particular purpose, nor does apl assume any liability arising out of the application or use of any product or circuit, and specifically dis claims any and all liability, including without lim itation special, consequential or incidental damages. ?typical? parameters which may be provide d in apl data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operati ng parameters, including ?typicals? must be validat ed for each customer application by customer?s technical experts. apl does not convey any license under its patent rights nor the rights of others. apl products are not designed, intended, or authorized for use as components in sy stems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the apl product could create a situ ation where personal injury or death may occur. should buyer purchase or use apl products for any s uch unintended or unauthorized application, buyer s hall indemnify and hold apl and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, da mages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any cl aim of personal injury or death associated with suc h unintended or unauthorized use, even if such claim alleges that apl was negligent regarding the design or manufacture of the part. apl is an equal opportunity/affirmative action employer. min typ max gate-threshold voltage v gs(th) v ds = v gs , i d = -250 ua -1 v gate-body leakage i gss v ds = 0 v, v gs = 20 v 10 a v ds = -24 v, v gs = 0 v -1 v ds = -24 v, v gs = 0 v, t j = 55 o c -5 on-state drain current a i d(on) v ds = -5 v, v gs = -10 v -50 a v gs = -10 v, i d = -1 a 9 v gs = -4.5 v, i d = -1 a 13 forward tranconductance a g fs v ds = -5 v, i d = -1 a 44 s diode forward voltage v sd i s = 1 a, v gs = 0 v -0.7 v total gate charge q g 50 gate-source charge q gs 10 gate-drain charge q gd 20 turn-on delay time t d(on) 10 rise time t r 30 turn-off delay time t d(off) 100 fall-time t f 50 dynamic b v ds = -15 v, v gs = -4.5 v, i d = -1 a nc switching v dd = -15 v, r l = 6 , id = -1 a , vgen = -10 v ns static zero gate voltage drain current i dss a drain-source on-resistance a r ds(on) m specifications (t a = 25 o c unless otherwise noted) parameter symbol test conditions limits unit
AM4407PE analog power preliminary publication order number: ds-AM4407PE_a 3 package information note: 1. all dimension are in mm. 2. package body sizes exclude mold flash, protrusion or gate b urrs. mold flash, protrusion or gate burrs shall not exceed 0. 10 mm per side. 3. package body sizes determined at the outermost extremes o f the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 4. the package top may be smaller than the package bottom. 5. dimension "b" does not include dambar protrusion. allowable dambar protrusion shall be 0.08 mm total in excess of "b" dimension at maximum material condition. the dambar cannot be l ocated on the lower radius of the foot.


▲Up To Search▲   

 
Price & Availability of AM4407PE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X