Part Number Hot Search : 
07TDVST2 AN8488SB MICON 224007 N2222A LMA9020 ZMY91 A3141LU
Product Description
Full Text Search
 

To Download AC80-XXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ac80 axial coated inductors allied part number rated current (ma) inductance (h) tolerance (%) q min. q test freq. (mhz) dcr max. (?) ac80-1r0k-rc 1.0 10 40 7.96 0.08 2200 ac80-2r2k-rc 2.2 10 40 7.96 0.11 1900 ac80-4r7k-rc 4.7 10 40 7.96 0.16 1600 ac80-100k-rc 10 10 60 2.52 0.22 1400 ac80-220k-rc 22 10 50 2.52 0.35 1100 all specif icat ions subject t o change wit hout not ice. 1.0 nominal 1.0 nominal 22awg 0.583 (14.8) max. 0.205 (5.21) max. dimensions: inches (mm) rohs allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com features ? high current capacity electrical test equipment physical packaging: 1500 pieces per 13? tape and reel inductance range: 1.0h to 100,000h tolerance: 1.0uh to 22uh 10% test frequency for (l): operating temp: -55oc ~ +125oc (l) from initial value. (l) & (q): hp 4284a lcr meter or equivalent dcr: hp4263b current source and dcr meter srf: hp4191a marking: 4 band eia color code available in tighter tolerances ? expanded operating temp range ? low dc resistance part temperature should not exceed current rating: based on a 10% drop in ? available on tape and reel or ammo pack for auto placement. 125oc idc: 11021 current source and dcr meter 1000 pieces per ammo pack 05/28/10 ac80-1r5k-rc 1.5 10 40 7.96 0.09 2100 srf (mhz) ??. 200 190 140 ac80-3r3k-rc 3.3 10 40 7.96 0.13 1750 120 100 ac80-6r8k-rc 6.8 10 40 7.96 0.19 1500 80 60 ac80-150k-rc 15 10 60 2.52 0.28 1250 20 12 ac80-330j-rc 33 5 40 2.52 0.43 900 8.0 ac80-470j-rc 47 5 40 2.52 0.50 800 ac80-101j-rc 100 5 50 0.796 0.70 600 ac80-221j-rc 220 5 50 0.796 1.60 400 ac80-471j-rc 470 5 40 0.796 2.50 280 ac80-102j-rc 1000 5 60 0.252 3.80 200 ac80-680j-rc 68 5 30 2.52 0.60 700 5.0 4.5 3.5 ac80-151j-rc 150 5 50 0.796 0.90 500 3.0 2.4 ac80-331j-rc 330 5 50 0.796 1.90 330 2.0 1.5 ac80-681j-rc 680 5 30 0.796 2.80 240 1.3 1.2 ac80-152j-rc 1500 5 60 0.252 6.00 160 1.0 ac80-222j-rc 2200 5 60 0.252 9.00 120 ac80-472j-rc 4700 5 60 0.252 20.0 90 ac80-103j-rc 10000 5 50 0.0796 42.0 60 ac80-223j-rc 22000 5 50 0.0796 120 40 ac80-473j-rc 47000 5 40 0.0796 230 30 ac80-332j-rc 3300 5 60 0.252 12.0 110 0.8 0.6 0.5 ac80-682j-rc 6800 5 60 0.252 30.0 80 0.4 0.35 ac80-153j-rc 15000 5 50 0.0796 68.0 50 0.30 0.26 ac80-333j-rc 33000 5 50 0.0796 150 35 0.22 0.18 ac80-683j-rc 68000 5 40 0.0796 290 25 0.15 ac80-104j-rc 100000 5 30 0.0796 420 20 0.12 (25.4) (25.4) 33uh to 100,000uh 5% 1.0uh to 6.8uh @ 1mhz 10uh to 4700uh @ 100khz 6800uh to 100,000uh @ 10khz measurements @ 20oc


▲Up To Search▲   

 
Price & Availability of AC80-XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X