Part Number Hot Search : 
AN1702 TX14D SSL310 DPT10 HPR1001H 1N5232B PN4117A T351513
Product Description
Full Text Search
 

To Download 91MCE66 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  91mce series limit switch honeywell?s new 91mce series limit switch is an addition to the existing ce series limit switches. 91mce is cost-effective sensing components with factory pre-wiring or m12 quick connector which allows for miniaturization of c onnection and eliminates the need to wire at the switch. this allow 91mce to be used in limited access areas. a full range of actuators and wiring options are available. 91mce available in snap action and slow action with direct opening feature. zinc die cast housing and epoxy potting allow the switch to be used in harsh environment. characteristics actuators see selection guide operating speed operating frequency rated voltage rated thermal current prewired 10a quick connector 3a contact rating ac15 a300 dc13 q300 contact resistance insulation resistance dielectric strength service life shock resistance vibration resistance operating temperature humidity cable degree of protection ip67 0.05mm ~ 1m/s mechanically 120 ops/min, electrically 30 ops/min 300vac (en60947-5-1) <25m (initial) >100m @500v dc 1000vac for 1 min between current carrying parts 2500vac for 1 min between non-current carrying parts mechanically 5,000,000 ops electrically 500,000 ops at maximum rating free position:<10g, maximum position <30g 10 to 55 hz, 1.5 mm double amplitude -25 to 85 without formation of ice max. 95%rh 0.75mm 2 , 5 core features ? positive opening (force apply directly on normal closed contact to make sure contact is opened safely). ? long mechanical life: 5 millions minimum. ? ip67 rated, for outdoor applications. ?ce culus ccc approved ? factory pre-wired or m12 quick connector applications ? general and special machinery ? material handling equipment: ? conveyors, elevators, crane and hoist ? textile machinery ? construction machinery and equipment, vehicles and lift trucks 91mce p selection guide 16 1 b q actuator 1 plunger 2 roller plunger 3 cross-roller plunger 16 fixed side rotary lever 18 sealed plunger 27 panel mount plunger 30 panel mount seal plunger 28 panel mount roller plunger 29 panel mount cross roller plunger 66 spring coil with plastic rod contact block p 1no/1nc snap action s1 no/1nc break before make cable length 11 m 22 m 33 m 55 m bottom q side exit q1 m12 quick connector side exit - plastic roller or lever p bottom exit b special mark 12 normal closed 34 normal open
91mce series limit switch snap action 1no/1nc plunger type slow action 1no/1nc plunger type snap action 1no/1nc side rotary lever slow action 1no/1nc side rotary lever dimensions 91mce1 plunge type 91mce2 rol l er plunger type 91mce3 cross roller plunger type 91mce16 side rotary lever type 91mce18 sealed plunger type 91mce27 panel mount plunger type
91mce series limit switch 91mce30 panel mount sealed plunger 91mce28 panel mount roller plunger 91mce29 panel mount cross plunger 91MCE66 spring coil with plastic rod


▲Up To Search▲   

 
Price & Availability of 91MCE66

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X