Part Number Hot Search : 
ATA6285 SMAJ26A E226M NV23K C4020 5MF500 SMC100 SMAJ26A
Product Description
Full Text Search
 

To Download 60-8489-020-001-049 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  45 style m connectors board layouts style 1/2 m style m 1615141312111098765432 c b a 1 2.54 (0.100) 48.3 (1.902) 7.62 (0.300) 7.62 (0.300) 7.62 (0.300) 5.30 (0.209) 2.54 (0.100) 2.54 (0.100) 5.08 (0.200) 20.32 (0.800) 12.7 (0.500) 3 x 2.54 = 7.62 (3 x 0.100 = 0.300) 13 x 2.54 = 33.02 (13 x 0.100 = 1.300) 9 x 2.54 = 22.86 (9 x 0.100 = 0.900) 12 x ?1.00 (12 x ?0.039) 2 x ?2.80 (2 x ?0.110) holes b2, b5, b12, b15 for special contacts hole pattern: 10 8483 012 xxx xxx 1615141312111098765432 c b a 1 2.54 (0.100) 48.3 (1.902) 7.62 (0.300) 5.30 (0.209) 2.54 (0.100) 2.54 (0.100) 5.08 (0.200) 13 x 2.54 = 33.02 (13 x 0.100 = 1.300) 30 x ?1.00 (30 x ?0.039) 2 x ?2.80 (2 x ?0.110) holes b2, b15 for special contacts hole pattern: 10 8483 030 xxx xxx 12.7 0.10 (0.500 0.004) 25 x 2.54 = 63.5 (25 x 0.100 = 2.50) 88.9 0.10 (3.50 0.004) 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 c b a 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 20.32 0.10 (0.800 0.004) 19 x 2.54 = 48.26 (19 x 0.100 = 1.900) 27.94 0.10 (1.100 0.004) 13 x 2.54 = 33.02 (13 x 0.100 = 1.300) 35.56 0.10 (1.400 0.004) 7 x 2.54 = 17.78 (7 x 0.100 = 0.700) 43.18 0.10 (1.700 0.004) 2.54 (0.100) 2.54 (0.100) 2.54 (0.100) 2.54 0.10 (0.100 0.004) 2 x 2.54 = 5.08 2 x 0.100 = 0.200 5.30 0.10 (0.209 0.004) ?2.90 0.10 (?0.114 0.004) holes b2, b5, b8, b11, b14, b19, b22, b28, b31 for special contacts hole pattern: 10 8483 078 xxx xx x hole pattern: 10 8483 060 xxx xx x hole pattern: 10 8483 042 xxx xx x hole pattern: 10 8483 024 xxx xx x hole pattern: 10 8483 006 xxx xx x ?1.00 (0.040)
46 style m contacts series 8489 ? special contacts for style m connectors 5.7 [0.224] dia 23.9 [0.941] dia "a" dia "b" dia "c" 5.7 [0.224] 18.0 [0.709] dia "a" dia "c" dia "b" dia 22.15 [0.872] 15.4 [0.606] .008 dia "a" dia "c" dia "b" 18.6 [0.732] 15.4 [0.606] .008 dia "a" dia "c" dia "b" 5.08 [0.200] 3.3 [0.129] 14.5 [0.571] 4.75 [0.187] dia "x" "x" view x-x 0.6 [0.024] (1) not applicable for receptacles with p.c. and press-fit termination. variation termination dimensions order code outer inner wire conductor conductor ?a ?b ?c type perf. class i crimp solder 1.05/0.041 1.70/0.067 2.25/0.089 rg 196, 178 60 8489 020 001 049 crimp solder 1.70/0.067 2.70/0.106 3.20/0.126 rg 179, 316 (single) , 60 8489 020 002 049 rg 187 crimp solder 1.70/0.067 2.70/0.106 3.58/0.141 rg 316 ( braided) , 60 8489 020 003 049 rg 187 (double) solder solder 1.30/0.051 1.90/0.075 2.20/0.087 rg 178 60 8489 020 004 049 solder solder 2.25/0.089 2.90/0.114 3.20/0.126 rg 179 60 8489 020 005 049 crimp solder 1.05/0.041 1.70/0.067 2.25/0.089 rg 178 60 8489 020 006 049 crimp solder 1.70/0.067 2.70/0.106 3.20/0.126 rg 179 60 8489 020 007 049 crimp solder 1.70/0.067 2.70/0.106 3.55/0.140 rg 187 60 8489 020 008 049 crimp solder 1.05/0.041 1.70/0.067 2.25/0.089 rg 178 60 8489 020 009 049 crimp solder 1.70/0.067 2.70/0.106 3.20/0.126 rg 316 (single), 60 8489 020 010 049 rg 179 crimp solder 1.70/0.067 2.70/0.106 3.55/0.140 rg 187 60 8489 020 011 049 p.c. (1) p.c. (1) rg 316 (double) 60 8489 020 012 049 coax plug contact for receptacle series 8483/8484 dimensions: mm/inches
47 ordering code variation termination performance perf. class i solder cable outlet straight awg 20 maximum 2.8 kv max 60 8489 070 001 049 solder cable outlet 90 awg 20 maximum 2.8 kv max 60 8489 070 002 049 high voltage plug contact for receptacle series 8483/8484 18.7 [0.736] 5.6 [0.220] dia 5.6 [0.220] dia 17.7 [0.696] variation termination dimensions order code outer inner wire conductor conductor ?a ?b ?c type perf. class i crimp solder 1.70/0.067 2.70/0.106 3.55/0.140 rg 187 60 8489 030 001 049 crimp solder 1.70/0.067 2.70/0.106 3.20/0.126 rg 316, rg 179, 60 8489 030 002 049 rg 188, rg 174 crimp solder 1.05/0.041 1.70/0.067 2.25/0.089 rg 178 60 8489 030 003 049 solder solder 2.25/0.089 2.90/0.114 3.20/0.126 rg 179 60 8489 030 004 049 solder solder 1.30/0.051 1.90/0.075 2.20/0.087 rg 178 60 8489 030 005 049 crimp solder 1.70/0.067 2.70/0.106 3.20/0.126 rg 179 60 8489 030 006 049 crimp solder 1.05/0.041 1.70/0.067 2.25/0.089 rg 178 60 8489 030 007 049 p.c. p.c. 60 8489 030 008 049 coax receptacle contact for plug series 8483 dimensions: mm/inches 5.7 [0.224] 23.9 [0.941] dia "a" dia "c" dia "b" dia 5.7 [0.224] 20.0 [0.787] dia "a" dia "c" dia "b" dia 18.8 [0.740] 15.4 [0.606] .008 dia "a" dia "c" dia "b" 6.9 -0.5 [0.272 -0.020] 3.7 max. [0.146 max] 3.2 max. [0.126 max] 3 0.05 [0.118 0.002 ] 1.6 [0.063] 5.08 [0.199] dia hole pattern 17.9 max. [0.705 max.] 14.7 [0.579] 4x  0.8 0.03 [  0.031 0.001 ]  0.8 [  0.031] h9  4.8 [  0.189] f9 r0.2 +0.1 [r0.008 +0.004 ]  3 +0.06 [  0.118 +0.002 ]  4.15 +0.12 [  0.163 +0.162 ]  4.75 +0.03 [  0.187 +0.001 ] 5.08 0.05 [0.200 0.002 ] 5.5 min. [0.217 min) 9.6 -0.1 [0.378 -0.004] 2.5 -0.05 [0.098 -0.002] 4.75 -0.03 [0.187 -0.001] 5.9 -0.1 [0.232 -0.004] 1.15 -0.3 [0.045 -0.012] 6.5 -0.1 [0.256 -0.004] style m contacts series 8489 ? special contacts for style m connectors
48 ordering code variation termination performance perf. class i solder cable outlet straight awg 20 maximum 2.8 kv max 60 8489 060 001 049 solder cable outlet 90 awg 20 maximum 2.8 kv max 60 8489 060 002 049 variation termination ?a* performance ordering code solder .189 (4.80) 40 ampere max. 60 8489 040 001 049 solder .138 (3.50) 30 ampere max. 60 8489 040 002 049 solder .110 (2.80) 20 ampere max. 60 8489 040 003 049 crimp .189 (4.80) 40 ampere max. 60 8489 040 005 049 crimp .138 (3.50) 30 ampere max. 60 8489 040 006 049 crimp .110 (2.80) 20 ampere max. 60 8489 040 007 049 crimp .067 (1.70) 10 ampere max. 60 8489 040 008 049 p.c. contact 40 ampere max. 60 8489 040 009 049 variation termination ?a* performance ordering code solder .189 (4.80) 40 ampere max. 60 8489 050 001 049 solder .138 (3.50) 30 ampere max. 60 8489 050 002 049 solder .110 (2.80) 20 ampere max. 60 8489 050 003 049 solder .067 (1.70) 10 ampere max. 60 8489 050 004 049 crimp .189 (4.80) 40 ampere max. 60 8489 050 005 049 crimp .138 (3.50) 30 ampere max. 60 8489 050 006 049 crimp .110 (2.80) 20 ampere max. 60 8489 050 007 049 crimp .067 (1.70) 10 ampere max. 60 8489 050 008 049 p.c. contact 40 ampere max. 60 8489 050 009 049 high voltage receptacle contact for plug series 8483/8484 high power plug contact for plug series 8483/8484 mm (inches) high power receptacle contact for receptacle series 8483/8484 mm (inches) *?a: inner diameter of contact sleeve. 18.7 [0.736] 5.6 [0.220] dia 5.6 [0.220] dia 17.7 [0.696] 22.0 0.10 [0.866 0.004] dia "a" 5.2 dia [0.205] dia "a" 22.0 0.10 [0.866 .004] 5.2 dia [0.205] dia "a" 5.2 dia [0.205] 21.8 0.10 [0.858 0.004] dia "a" dia .004 5.2 [0.205] 21.8 [0.858] 5.08 0.10 (0.200 0.004) 5.08 (0.200) 0.60 (0.024) 1.00 0.10 (0.039 0.004) ?4.80 0.03 (0.189 0.001) ?5.20 0.07 (0.205 0.003) 9.00 0.15 (0.354 0.006) 3.20 (0.126) 0.60 (0.024) 6.80 (0.268) 9.80 (0.386) min 2.22 (0.087) 17.15 (0.675) 2.30 +0.10 -0.08 (0.901 +0.004 -0.003) style m contacts series 8489 ? special contacts for style m connectors 4.76 dia [0.187] dia "a" 5.25 dia [0.207] 4.76 dia [0.187] dia "a" 5.25 dia [0.207] 22.7 [0.894] 9.2 [0.362] 9.0 [0.354] plug contact 0.3 +0.05 (0.012 +0.002) ?4.80 (0.189) ?3.60 +0 -0.05 (0.142 +0 -0.002) 9.50 +0.15 -0 (0.374 +0.006 -0) 9.60 (0.378) 3 max (0.118) 3.0 (0.118) 17.9 (0.705) 11.9 (0.469) 2.30 +0.10 -0.08 (0.091 +0.004 -0.003) ?4.80 0.03 (0.189 0.001) ?5.20 0.07 (0.205 0.003) 0.80 +0.03 (0.031 +0.001) 5.08 (0.200) 6 max (0.236) 5.08 0.10 (0.200 0.004) 1.00 0.10 (0.039 0.004)
49 style m contacts series 8489 ? special contacts for style m connectors coaxial contacts high voltage contacts high current contacts contact material copper alloy copper alloy copper alloy contact plating gold over nickel gold over nickel gold over nickel performance class 1 - 500 mating cycles 1 - 500 mating cycles 1 - 500 mating cycles insulator material ptfe ptfe temperature range -55c ~ +125c -55c ~ +125c -55c ~ +125c maximum current 0.5 ampere 0.5 ampere 10, 20, 30, 40 ampere operating voltage 250 v eff. 2.8 kv peak voltage 750 v eff. 3.8 kv contact resistance 3 mohm max. (1) < 3 mohm max. < 1 mohm max. 10 mohm max. (2) insulation resistance 10,000,000 mohm 10,000,000 mohm insertion force (max.) 10 n 3 n 10 n retention force (min.) 0.9 n 0.8 n 1.6 n characteristic impedance 50 ohm working frequency ca. 30 ghz max. 0-10 ghz opt. reflection coefficient max. 0.05 to 1 ghz max. 0.07 to 4 ghz max. 0.1 to 10 ghz technical data (1) outer conductor (2) inner conductor
50 style m tooling series 8489 ? tools for special contacts for style m connectors crimping plier for high power contacts part number 06 8489 001 010 000 crimping plier for coax contacts (without crimping inserts) part number 36 8489 001 020 001 extraction tool for all contact types part number length 06 8489 001 001 000 2.755 (70.00) 06 8489 001 002 000 7.874 (200.00) 06 8489 001 003 000 replacement tip part number cable type 66 8489 00 102 1 000 rg 196 a/u rg 178 b/u 66 8489 00 102 2 000 rg 188 a/u rg 174 a/u rg 316 /u rg 179 b/u rg 187 a/u 66 8489 00 102 3 000 rg 316 /u crimping inserts
82 style m contacts series 8489 ? special contacts for style m connectors variation termination ?a* performance ordering code screw ?3m 40 ampere max. 70 8485 0214 00 343 .114 (2.90) for .118 (3.00) pcb hole press-fit note: set 40 ampere max. 70 8485 0314 00 343 pcb hole spec drilled hole 3.1-0.02 finish hole 3.0+0.04-0.06 nb: please refer to page 49 for other special contacts and tools for press-fit style m connectors. high power receptacle contact for receptacle series 8484 m3 19.5 [0.768] 0.012 4.74 [0.186] dia 5.6 [0.220] dia 0.008 dia 2.9 [0.114] 15.8 [0.622] dia press-fit section for plated hole 3.0mm dia - 0.004 - 0.004 5.25 [0.206]


▲Up To Search▲   

 
Price & Availability of 60-8489-020-001-049

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X