Part Number Hot Search : 
T54FC 40040 2SD2163 DB02A MCB15412 EK500 S9FG1 P6KE8V2A
Product Description
Full Text Search
 

To Download 45912-0031 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 06/04/2010 please check www.molex.com for latest part information part number: 0459120031 status: active overview: description: 12.90mm (.508") pitch extreme poweredge?, mixed power/signal card edge connector, double sided, 4 segments (power, signal, signal, signal sequence), press-fit agency certification csa lr19980 tuv 30482572 ul e29179 general product family edge card connectors series 45912 component type edgecard to pcb overview edge_card_connectors product name extreme poweredge? physical circuits (loaded) 26 circuits (maximum) 26 circuits detail 2 power, 8 signal, 8 signal, 8 signal color - resin black durability (mating cycles max) 250 entry angle vertical (top entry) flammability 94v-0 keying to mating part n/a material - metal high performance alloy (hpa), phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic pc tail length (in) 0.177 in pc tail length (mm) 4.50 mm pcb thickness recommended (in) 0.093 in pcb thickness recommended (mm) 2.40 mm packaging type tray pitch - mating interface (in) 0.508 in pitch - mating interface (mm) 12.90 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 150 plating min: termination (m) 3.75 temperature range - operating -40c to +105c termination interface: style through hole - compliant pin electrical current - maximum per contact 3a, 40a voltage - maximum 250v material info reference - drawing numbers packaging specification pk-45714-001 product specification ps-45719-001 sales drawing sd-45912-001 eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 45912 series mates with 1.58mm (.062") double sided card edge
this document was generated on 06/04/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 45912-0031

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X