Part Number Hot Search : 
TDA7415C DS9093N D72042 TC9298FB AN8812 C3466 AN8812 C3466
Product Description
Full Text Search
 

To Download 1770970000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d d.26 articles with coloured order number are kept permanently in sto ck at the central warehouse in germany. delivery times see page x.2 omnimate range pitch 3.50 / 3.81 idc connection socket connectors idc (insulation displacement connection) is the fastest manual cable connection method available. it is 60 % faster than screw clamping. and 40 % faster than tension clamp connections. idc completely removes the need to strip the insu- lation from the cable. the unprepared flexible cable is simply inserted in- to the cable-entry point. the cable slide is then pushed into place using thumb or screwdriver. and the connection is then complete. the main body of the connector houses a v-sha- ped idc blade which cuts through the cable insu- lation and bites into the bare copper. this produ- ces a gas-tight and vibration-resistant connection. the weidmueller idc connections are designed to and conform with din en 60 352-4. blidc 3.5 0.35 0.5 mm 2 (iec) / 22 20 awg (ul) 160 v (iec) / 300 v (ul) 6 a (iec) / 7 a (ul) technical data rated data acc. to iec 664-1 / vde 0110 (4.97) clamping range, max. mm 2 0.32 0.50 solid h05(07) v-u mm 2 0.50 0.50 stranded h07 v-r mm 2 flexible h05(07) v-k mm 2 0.50 0.50 flexible with ferrule mm 2 ferrule with plastic collar mm 2 stripping length mm rated current at ambient temperature 20? 40? a6.0 5.0 overvoltage category iii iii ii pollution severity 3 2 2 rated voltage v 160 160 250 rated impulse voltage kv 2.5 2.5 2.5 a ul 1059 rated data - e60693 b c d rated voltage v 300 300 rated current a 7.0 7.0 awg conductor 22-20 r csa c22.2 rated data - lr12400 b b c d rated voltage v 300 300 rated current a 7.0 7.0 awg conductor 22-20 material data type of insulating material pbt flammability class acc. ul94 v-0 contact base material cusn contact plating tin plated information additional colours on request rated current refers to rated cross-section and min. number of poles for idc contact 0.5: conductor acc. to din en 60352-4 awg conductor: solid or flexible, 7 or 19 strands temperature range -20 to +80 c blidc 3.5 and blidcb 3.5 conductors e/f acc. to din 47726 drawing information p = pitch blidc 3.5 l1+p p l1 12.5 0.492" 21.2 0.835 13.3 0.524" ordering data solder pin length colour orange black pitch 3.50 mm poles l1 mm (inch) qty. order no. order no. 2 3.50 (0.138) 100 1750790000 1770940000 3 7.00 (0.276) 100 1750800000 1770950000 4 10.50 (0.413) 100 1750810000 1770960000 5 14.00 (0.551) 50 1750820000 1770970000 6 17.50 (0.689) 50 1750830000 1770980000 7 21.00 (0.827) 50 1750840000 1770990000 8 24.50 (0.965) 50 1750850000 1771000000 9 28.00 (1.102) 50 1750860000 1771010000 10 31.50 (1.240) 50 1750870000 1771020000 11 35.00 (1.378) 50 1750880000 1771030000 12 38.50 (1.516) 50 1750890000 1771040000 13 42.00 (1.654) 50 1750900000 1771050000 14 45.50 (1.791) 50 1750910000 1771060000 15 49.00 (1.929) 50 1750920000 1771070000 16 52.50 (2.067) 50 1750930000 1771080000 pcb_d002-d040_gb 07.11.2003 16:59 uhr seite d.26


▲Up To Search▲   

 
Price & Availability of 1770970000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X