Part Number Hot Search : 
DM204 74AHC594 150TEA APL3205A DC4R44 PT22002 IN5224B H05N60F
Product Description
Full Text Search
 

To Download 1770740000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, insulation displacement connection, pitch 3.5 | blidcb 3.5 | blidcb 3.5f - 1 - general ordering data order no. 1770740000 part designation blidcb 3.5/2f sn sw version pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 2, 90/270, box ean 4032248174522 qty. 10 pc(s). system parameters conductor connection system idc terminal outgoing direction of conductor 90/270 pitch 3.5 mm pitch in inch 0.138 inch no. of poles 2 no. of rows 1 screwdriver blade 0.4 x 2.5 screwdriver blade standard din 5264-a l1 in mm 3.5 mm l1 in inch 0.138 inch electric shock protection to din vde 0470 ip 20 electric shock protection to din vde 0470 safe from finger touch material data insulating material pbt colour black colour chart similar to ral 9011 insulating material group iiia flammability class ul 94 v-0 cti >= 200 contact base material cusn contact surface tinned connectable conductors clamping range, min. 0.32 mm2
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, insulation displacement connection, pitch 3.5 | blidcb 3.5 | blidcb 3.5f - 2 - connectable conductors clamping range, max. 0.5 mm2 awg, min. 22 awg, max. 20 outer diameter of insulation, max. 2.1 mm solid, min. h05(07) v-u 0.2 mm2 solid, max. h05(07) v-u 0.5 mm2 flexible, min. h05(07) v-k 0.2 mm2 flexible, max. h05(07) v-k 0.5 mm2 din iec rating data rated current, min. no. pins (tu=20c) 6 a rated current, max. no. pins (tu=20c) 6 a rated current, min. no. pins(tu=40c) 6 a rated current, max. no. pins (tu=40c) 5 a rated voltage for overvoltage class/pollution severity ii/2 320 v rated voltage for overvoltage class/pollution severity iii/2 160 v rated voltage for overvoltage class/pollution severity iii/3 160 v rated impulse withstand voltage for overvoltage class/pollution severity ii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/2 2.5 kv rated impulse withstand voltage for overvoltage class/pollution severity iii/3 2.5 kv short-time withstand current resistance 3 x 1s with 60 a csa rating data rated voltage (use group d) 300 v rated current (use group d) 7 a awg conductor (field wiring), min. 22 awg conductor (field wiring), max. 20 ul 1059 rating data rated voltage (use group d) 300 v rated current (use group d) 7 a awg conductor, min. 22 awg conductor, max. 20
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, insulation displacement connection, pitch 3.5 | blidcb 3.5 | blidcb 3.5f - 3 - approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001284 eclass 4.1 27-26-07-01 eclass 5.0 27-26-07-01 eclass 5.1 27-26-07-04 similar products order no. part designation version 1751450000 blidcb 3.5/2f sn or pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 2, 90/270, box 1751460000 blidcb 3.5/3f sn or pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 3, 90/270, box 1770750000 blidcb 3.5/3f sn sw pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 3, 90/270, box 1751470000 blidcb 3.5/4f sn or pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 4, 90/270, box 1770760000 blidcb 3.5/4f sn sw pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 4, 90/270, box 1751480000 blidcb 3.5/5f sn or pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 5, 90/270, box 1770770000 blidcb 3.5/5f sn sw pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 5, 90/270, box
product catalogue | pcb connection systems | pcb plug-in connectors | pitch 3.50 mm (0.138 inch) | socket connectors, insulation displacement connection, pitch 3.5 | blidcb 3.5 | blidcb 3.5f - 4 - 1751490000 blidcb 3.5/6f sn or pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 6, 90/270, box 1770780000 blidcb 3.5/6f sn sw pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 6, 90/270, box 1751500000 blidcb 3.5/7f sn or pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 7, 90/270, box 1770790000 blidcb 3.5/7f sn sw pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 7, 90/270, box 1751510000 blidcb 3.5/8f sn or pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 8, 90/270, box 1770800000 blidcb 3.5/8f sn sw pcb plug-in connector, female connectors, idc terminal, clamping range, max.: 0.5 mm2, pitch: 3.50 mm, no. of poles: 8, 90/270, box


▲Up To Search▲   

 
Price & Availability of 1770740000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X