Part Number Hot Search : 
TPCA8065 DSS30 2SC3069 BAS16W 11601 SP207B BC547B BAT54AW
Product Description
Full Text Search
 

To Download XBS024S15R-G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/3 XBS024S15R-G schottky barrier diode, 200ma, 40v type packaging information ta = 2 5 product name device orientation xbs024s15r sod-523 XBS024S15R-G sod-523(halogen & antimony free) ta = 2 5 limits parameter symbol test conditions min. typ. max. unit v f1 i f =10ma - 0.33 - v forward voltage v f2 i f =200ma - 0.53 0.6 v reverse current i r v r =40v - - 2 a inter-terminal capacity ct v r =10v , f=1mhz - 5 - pf reverse recovery time * trr i f =i r =10ma , irr=1ma - 4 - ns * : trr measurement circuit parmeter symbol ratings unit repetitive peak voltage v rm 40 v reverse voltage (dc) v r 40 v forward current (average) i f(av) 200 ma non continuous forward surge current *1 i fsm 1 a junction temperature tj 125 storage temperature range tstg -55 +150 *1 non continuous high amplitude 60hz half-sine wave. forward voltage : v f =0.53v (typ.) forward current : i f(av) =200ma repetitive peak reverse voltage : v rm =40v environmentally friendly : eu rohs compliant, pb free a bsolute maximum ratings applications low current rectification marking rule electrical characteristics product name features devise under test bias pulse generatrix : 1 (product number) : assembl y lot numbe r etr1605-003 a i f i r trr t irr 0 oscillosco p e cathode bar sod-523 unit : mm * the ?-g? suffix indicates that the products are halogen and antimony free as well as being fully rohs compliant. * the device orientation is fixed in its embossed tape pocket.
2/3 XBS024S15R-G (1) forward current vs. forward voltage (2) reverse current vs. reverse voltage 0.1 1 10 100 1000 0 0.2 0.4 0.6 forward voltagev f (v) forward currenti f (ma) ta=125 -25 25 75 0.01 0.1 1 10 100 1000 0 10203040 reverse voltagev r (v) reverse currenti r (ma) ta=125 25 75 (3) forward voltage vs. operating temperature (4) reverse current vs. operating temperature 0.0 0.2 0.4 0.6 -50 0 50 100 150 operating temperatureta () forward voltagev f (v) if=200ma 100ma 10ma 0.01 0.1 1 10 100 1000 0 50 100 150 operating temperatureta () reverse currenti r (ua) vr=40v 20v 5v (5) inter-terminal capacity vs. reverse voltage (6) average forward current vs. operating temperature 0 10 20 30 40 50 0 10203040 reverse voltagev r (v) inter-terminal capacityct (pf) ta=25 0 100 200 300 400 500 0 50 100 150 operating temperatureta () average forward currentif av (ma) typical performance characteristics forward current: i f (ma) forward voltage: v f (v) reverse current : i r (ma) reverse voltage: v r (v) forward voltage: v f (v) operating temperature: ta ( ) reverse current : i r ( a) operating temperature: ta ( ) inter-terminal capacity: c t (pf) reverse voltage: v r (v) average forward current: if av (ma) operating temperature: ta ( ) reverse current : i r ( a)
3/3 XBS024S15R-G 1. the products and product specifications cont ained herein are subject to change without notice to improve performance characteristic s. consult us, or our representatives before use, to confirm that the informat ion in this datasheet is up to date. 2. we assume no responsibility for any infri ngement of patents, pat ent rights, or other rights arising from the use of any information and circuitry in this datasheet. 3. please ensure suitable shipping controls (including fail-safe designs and aging protection) are in force for equipment employing products listed in this datasheet. 4. the products in this datasheet are not devel oped, designed, or approved for use with such equipment whose failure of malfuncti on can be reasonably expected to directly endanger the life of, or cause significant injury to, the user. (e.g. atomic energy; aerospace; transpor t; combustion and associated safety equipment thereof.) 5. please use the products listed in this datasheet within the specified ranges. should you wish to use the products under conditions exceeding the specifications, please consult us or our representatives. 6. we assume no responsibility for damage or loss due to abnormal use. 7. all rights reserved. no part of this dat asheet may be copied or reproduced without the prior permission of torex semiconductor ltd.


▲Up To Search▲   

 
Price & Availability of XBS024S15R-G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X