Part Number Hot Search : 
NJM2397 PA08V MMBZ5V6A EE35A BP5311A S6203 UPD16886 2300S
Product Description
Full Text Search
 

To Download VLF3012A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1/2) 002-03 / 20080629 / e531_VLF3012A.fm ? all specifications are subject to change without notice. smd inductors(coils) for power line(wound, magnetic shielded) vlf series VLF3012A features  miniature size mount area: 2.6 2.8mm low profile: 1.2mm max. height  generic use for portable dc to dc converter line.  high magnetic shield construction should actualize high resolu- tion for emc protection.  available for automatic mounting in tape and real package.  the products contain no lead and also support lead-free soldering.  it is a product conforming to rohs directive. applications power souce inductor for mobile devices such as mobile phones, hdds, and dscs shapes and dimensions recommended pc board pattern electrical characteristics ? 1 rated current: value obtained when current flows and the temperature has risen to 40c or when dc current flows and the nominal value of inductance has fallen by 30%, whichever is smaller. ? 2 inductance is at 1/2 idc1 power distribution. the l vaule at 0a is higher than the guaranteed performance.  operating temperature range: ?40 to +105c (including self-temperature rise) typical electrical characteristics inductance vs. dc superposition characteristics VLF3012At-1r5n1r2 VLF3012At-2r2m1r0 conformity to rohs directive 4r7 1.2max. ( include terminal area ) 2.8 0.2 2.6 0.2 dimensions in mm 3.4 2.1 1.2 dimensions in mm part no. inductance [at 1/2 idc1] ? 2 (h) inductance tolerance(%) test frequency (khz) dc resistance( ? ) rated current ? 1 (a) max. typ. based on inductance change idc1 max. based on temperature rise idc2 typ. VLF3012At-1r5n1r2 1.5 30 100 0.068 0.059 1.2 1.6 VLF3012At-2r2m1r0 2.2 20 100 0.1 0.088 1.0 1.3 VLF3012At-3r3mr87 3.3 20 100 0.13 0.11 0.87 1.2 VLF3012At-4r7mr74 4.7 20 100 0.19 0.16 0.74 0.98 VLF3012At-6r8mr59 6.8 20 100 0.27 0.23 0.59 0.83 VLF3012At-100mr49 10 20 100 0.41 0.36 0.49 0.67 VLF3012At-150mr41 15 20 100 0.62 0.54 0.41 0.54 VLF3012At-220mr33 22 20 100 0.76 0.66 0.33 0.49 VLF3012At-330mr27 33 20 100 1.3 1.1 0.27 0.38 VLF3012At-470mr22 47 20 100 2.2 1.9 0.22 0.29 0.0 0.5 1.0 1.5 2.0 2.5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 inductance ( h ) dc current ( a ) 0.0 0.5 1.0 1.5 2.0 2.5 3.0 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 inductance ( h ) dc current ( a )  conformity to rohs directive: this means that, in conformity with eu directive 2002/95/ec, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, pbb and pbde, have not been used, except for exempted applications.
(2/2) 002-03 / 20080629 / e531_VLF3012A.fm  all specifications are subject to change without notice. typical electrical characteristics inductance vs. dc superposition characteristics VLF3012At-3r3mr87 VLF3012At-4r7mr74 VLF3012At-6r8mr59 VLF3012At-100mr49 VLF3012At-150mr41 VLF3012At-220mr33 VLF3012At-330mr27 VLF3012At-470mr22 test circuit 0 1 2 3 4 5 0.0 0.2 0.4 0.6 0.8 1.0 1.2 inductance ( h ) dc current ( a ) 0 2 4 6 8 0.0 0.2 0.4 0.6 0.8 1.0 inductance ( h ) dc current ( a ) 0 2 4 6 8 10 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 inductance ( h ) dc current ( a ) 0 5 10 15 0.0 0.1 0.2 0.3 0.4 0.5 0.6 inductance ( h ) dc current ( a ) 0 5 10 15 20 0.0 0.1 0.2 0.3 0.4 0.5 0.6 inductance ( h ) dc current ( a ) 0 10 20 30 0.0 0.1 0.2 0.3 0.4 inductance ( h ) dc current ( a ) 0 10 20 30 40 50 0.0 0.1 0.2 0.3 0.4 inductance ( h ) dc current ( a ) 0 10 20 30 40 50 60 0.00 0.05 0.10 0.15 0.20 0.25 0.30 inductance ( h ) dc current ( a ) 1: lcr meter 4285a=100khz 2: dc constant current 1 2 a c=20,000 f l=0.1h sample


▲Up To Search▲   

 
Price & Availability of VLF3012A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X