Part Number Hot Search : 
TC1226 5M0965 104ML 110N055 SL161 P50N06 PCD3311 S8035
Product Description
Full Text Search
 

To Download VJ1206Y102KXACW1BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 1 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 surface mount multilayer ceramic chip capacitors for commodity applications features ? available from 0402 to 1210 body sizes ? ultra stable c0g (np0) dielectric ? high capacitance in x5r, x7r, y5v ? for high frequency applications ? ni-barrier with 100 % tin terminations ? dry sheet technology process ? noble metal electrode system (nme): ? for certain c0g (np0) values ? base metal electrode system (bme): ? for x5r, x7r, y5v and certain c0g (np0) values ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? consumer electronics ? telecommunications ? data processing ? mobile applications electrical specifications operating temperature: c0g (np0): - 55 c to + 125 c x5r: - 55 c to + 85 c x7r: - 55 c to + 125 c y5v: - 25 c to + 85 c capacitance range: c0g (np0): 0.5 pf to 39 nf x5r: 47 nf to 100 f x7r: 100 pf to 47 f y5v: 10 nf to 100 f voltage range: c0g (np0): 10 v dc to 100 v dc x5r: 6.3 v dc to 50 v dc x7r: 10 v dc to 100 v dc y5v: 6.3 v dc to 100 v dc temperature coefficient of capacitance (tcc): c0g (np0): 0 ppm/c 30 ppm/c from - 55 c to + 125 c x5r: 15 % from - 55 c to + 85 c without voltage applied x7r: 15 % from - 55 c to + 125 c without voltage applied y5v: + 30 %/- 80 % from - 25 c to + 85 c without voltage applied insulation resistance (ir) at u r : ? 10 g ? or r x c ? 500 ? x f whichever is less test conditions for capacitance tolerance: preconditioning for x5r, x7r, y5v mlcc: perform a heat treatment at + 150 c 10 c for 1 h, then leave in ambient condition for 24 h 2 h before measurement test conditions for capaci tance and df measurement: measured at conditions of 30 % to 70 % related humidity. c0g (np0): apply 1.0 v rms 0.2 v rms , 1.0 mhz 10 % for caps ? 1000 pf, at + 25 c ambient temperature ? apply 1.0 v rms 0.2 v rms , 1.0 khz 10 % for caps > 1000 pf, at + 25 c ambient temperature x5r/x7r: caps ? 10 f apply 1.0 v rms 0.2 v rms , 1.0 khz 10 %, at + 25 c ambient temperature (1) ? caps > 10 f apply 0.5 v rms 0.2 v rms , 120 hz 20 %, at + 25 c ambient temperature y5v: caps ? 10 f apply 1.0 v rms 0.2 v rms , 1.0 khz 10 %, at + 20 c ambient temperature ? caps > 10 f apply 0.5 v rms 0.2 v rms , 120 hz 20 %, at + 20 c ambient temperature note (1) test conditions: 0.5 v rms 0.2 v rms , 1 khz 10 % aging rate: c0g (np0): 0 % per decade x5r: 6.3 v dc /10 v dc : 3 % maximum per decade ? 16 v dc /25 v dc : 2 % maximum per decade x7r: ? 10 v dc : 1.5 % maximum per decade ? ? 16 v dc : 1 % maximum per decade y5v: 6.3 v dc : 12.5 % maximu m per decade ? 10 v dc /16 v dc : 9 % maximum per decade ? ? 25 v dc : 7 % maximum per decade dielectric strength test: this is the maximum voltage the capacitors are tested 1 s to 5 s period and the charge/di scharge current does not exceed 50 ma. ? ? 100 v dc : 250 % of rated voltage x7r: 0603: ? 2.2 f/10 v 0805: 10 f (6.3 v and 10 v) x5r: 0402: ? 4.7 f/6.3 v and ? 2.2 f/10 v 0603: 10 f/6.3 v
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 2 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dissipation factor (df): c0g (np0): cap. < 30 pf: q ? 400 + 20c ? cap. ? 30 pf: q ? 1000 x5r, x7r: y5v: note ? detail ratings see selection chart rated voltage d.f. ? exception of d.f. ? ? 50 v 2.5 % 3 % 0603 ? 0.047 f; 0805 ? 0.18 f; 1206 ? 0.47 f 5 % 1210 ? 4.7 f 10 % 0603 ? 1 f; 0805 ? 1 f; 1206 ? 2.2 f; 1210 ? 10 f 25 v 3.5 % 5 % 0805 ? 1 f; 1210 ? 10 f 7 % 0603 ? 0.33 f; 1206 ? 4.7 f 10 % 0402 ? 0.10 f; 0603 ? 0.47 f; 0805 ? 2.2 f; 1206 ? 6.8 f; 1210 ? 22 f 16 v 3.5 % 5 % 0402 ? 0.033 f; 0603 ? 0.15 f; 0805 ? 0.68 f; 1206 ? 2.2 f; 1210 ? 4.7 f 10 % 0402 ? 0.22 f; 0603 ? 0.68 f; 0805 ? 2.2 f; 1206 ? 4.7 f; 1210 ? 22 f 10 v 5 % 10 % 0402 ? 0.33 f; 0603 ? 0.33 f; 0805 ? 2.2 f; 1206 ? 2.2 f; 1210 ? 22 f 15 % 0402 ? 1 f 6.3 v 10 % 15 % 0402 ? 1 f; 0603 ? 10 f; 0805 ? 4.7 f; 1206 ? 47 f; 1210 ? 100 f 20 % 0402 ? 2.2 f rated voltage d.f. ? exception of d.f. ? ? 50 v 5 % 7 % 0603 ? 0.1 f; 0805 ? 0.47 f; 1206 ? 4.7 f 35 v 7 % - - 25 v 5 % 7 % 0402 ? 0.047 f; 0603 ? 0.1 f; 0805 ? 0.33 f; 1206 ? 1 f; 1210 ? 4.7 f 9 % 0402 ? 0.068 f; 0603 ? 0.47 f; 1206 ? 4.7 f; 1210 ? 22 f 16 v c < 1.0 f 7 % 9 % 0402 ? 0.068 f; 0603 ? 0.68 f 12.5 % 0402 ? 0.22 f 16 v c ? 1.0 f 9 % 12.5 % 0603 ? 2.2 f; 0805 ? 3.3 f; 1206 ? 10 f; 1210 ? 22 f 10 v 12.5 % 20 % 0402 ? 0.47 f 6.3 v 20 % - - quick reference data dielectric case maximum voltage (v) capacitance minimum maximum c0g (np0) 0402 100 0.5 pf 1.0 nf 0603 100 0.5 pf 3.3 nf 0805 100 0.5 pf 12 nf 1206 100 1.5 pf 39 nf x5r 0402 25 47 nf 10 f 0603 25 220 nf 22 f 0805 25 1.5 f 47 f 1206 25 1.5 f 100 f 1210 16 1.5 f 100 f x7r 0402 50 100 pf 220 nf 0603 100 100 pf 2.2 f 0805 100 100 pf 10 f 1206 100 150 pf 22 f 1210 100 1.0 nf 47 f y5v 0402 50 10 nf 1.0 f 0603 50 10 nf 4.7 f 0805 100 10 nf 10 f 1206 100 10 nf 22 f 1210 100 10 nf 100 f
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 3 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? detail rating see selection chart (1) dc voltage rating should not be excee ded in application. other application factors may affect the mlcc performance. ? consult for questions: mlcc@vishay.com (2) not all values, see selection chart x7r size 0603, 0805 and 1206 (3) no 5 % tolerance for x5r ordering information vj0402 y 101 j x q c w1bc size code dielectric capacitance tolerance termination voltage (1) packaging process code for basic commodity 0402 0603 0805 1206 1210 a = c0g (np0) g = x5r y = x7r v = y5v two significant digits followed by the number of zeros: 1r0 = 1.0 pf 101 = 100 pf 102 = 1000 pf 152 = 1500 pf 103 = 10 000 pf 104 = 100 000 pf c0g (np0) cap. < 10 pf: b = 0.10 pf c = 0.25 pf d = 0.50 pf cap. ? 10 pf: f = 1 % g = 2 % j = 5 % k = 10 % x5r/x7r j = 5 % (2)(3) k = 10 % m = 20 % y5v m = 20 % z = - 20 %/ + 80 % x = ni barrier 100 % matte tin s = 4 v y = 6.3 v q = 10 v j = 16 v x = 25 v z = 35 v a = 50 v b = 100 v c = 7" reel/ paper tape p = 13" reel/ paper tape t = 7" reel/ plastic tape r = 13" reel/ plastic tape
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 4 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 dimensions in inches (millimeters) size code thickness symbol l w t mb 0402 (1005) n 0.040 0.002 (1.00 0.05) 0.020 0.002 (0.50 0.05) 0.020 0.002 (0.50 0.05) 0.010 + 0.002/- 0.004 (0.25 + 0.05/- 0.10) e 0.040 0.008 (1.00 0.20) 0.020 0.008 (0.50 0.20) 0.020 0.008 (0.50 0.20) 0603 (1608) s 0.063 0.004 (1.60 0.10) 0.030 0.004 (0.80 0.10) 0.030 0.0028 (0.80 0.07) 0.016 0.006 (0.40 0.15) x 0.063 + 0.006/- 0.004 (1.60 + 0.15/- 0.10) 0.030 + 0.006/- 0.004 (0.80 ?? 0.15/- 0.10) 0.030 + 0.006/- 0.004 (0.80 + 0.15/- 0.10) x' 0.063 0.008 (1.60 0.20) 0.030 0.008 (0.80 0.20) 0.030 0.008 (0.80 0.20) 0805 (2012) a 0.080 0.006 (2.00 0.15) 0.050 0.004 (1.25 0.10) 0.024 0.004 (0.60 0.10) 0.020 0.008 (0.50 0.20) b 0.030 0.004 (0.80 0.10) d 0.049 0.004 (1.25 0.10) i 0.080 0.008 (2.00 0.20) 0.050 0.008 (1.25 0.20) 0.049 0.008 (1.25 0.20) 1206 (3216) b 0.126 0.006 (3.20 0.15) 0.063 0.006 (1.60 0.15) 0.030 0.004 (0.80 0.10) 0.024 0.008 (0.60 0.20) c 0.037 0.004 (0.95 0.10) d 0.049 0.004 (1.25 0.10) j 0.126 0.008 (3.20 0.20) 0.045 0.006 (1.15 0.15) g 0.063 0.008 (1.60 0.20) 0.063 0.008 (1.60 0.20) p 0.126 + 0.012/- 0.004 (3.20 + 0.30/- 0.10) 0.063 + 0.012/- 0.004 (1.60 + 0.30/- 0.10) 0.063 + 0.012/- 0.004 (1.60 + 0.30/- 0.10) 1210 (3225) c 0.126 0.012 (3.20 0.30) 0.098 0.008 (2.50 0.20) 0.037 0.004 (0.95 0.10) 0.060 0.010 (0.75 0.25) d 0.049 0.004 (1.25 0.10) g 0.126 0.016 (3.20 0.40) 0.098 0.012 (2.50 0.30) 0.063 0.008 (1.60 0.20) k 0.078 0.008 (2.00 0.20) m 0.098 0.012 (2.50 0.30) t l mb mb w
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 5 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 selection chart dielectric c0g (np0) style vj0402 vj0603 vj0805 vj1206 size code 0402 0603 0805 1206 voltage (v dc ) 10 16 25 50 100 10 16 25 50 100 10 16 25 50 100 10 16 25 50 100 voltage code q j x a b q j x a b q j x a b q j x a b cap. code cap. 0r5 0.5 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a 1r0 1.0 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a 1r2 1.2 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a 1r5 1.5 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 1r8 1.8 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 2r2 2.2 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 2r7 2.7 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 3r3 3.3 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 3r9 3.9 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 4r7 4.7 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 5r6 5.6 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 6r8 6.8 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 8r2 8.2 pf n (1) n (1) n (1) n (1) n (1) ssss s a a aa a b b bb b 100 10 pfnnnnnsssss aaaaa bbbbb 120 12 pfnnnnnsssss aaaaa bbbbb 150 15 pfnnnnnsssss aaaaa bbbbb 180 18 pfnnnnnsssss aaaaa bbbbb 220 22 pfnnnnnsssss aaaaa bbbbb 270 27 pfnnnnnsssss aaaaa bbbbb 330 33 pfnnnnnsssss aaaaa bbbbb 390 39 pfnnnnnsssss aaaaa bbbbb 470 47 pfnnnnnsssss aaaaa bbbbb 560 56 pfnnnnnsssss aaaaa bbbbb 680 68 pfnnnnnsssss aaaaa bbbbb 820 82 pfnnnnnsssss aaaaa bbbbb 101 100 pf nnnnnsssss aaaaa bbbbb 121 120 pf nnnnnsssss aaaaa bbbbb 151 150 pf nnnnnsssss aaaaa bbbbb 181 180 pf nnnnnsssss aaaaa bbbbb 221 220 pf nnnnnsssss aaaaa bbbbb 271 270 pf nnnn sssss aaaaa bbbbb 331 330 pf nnnn sssss aaaaa bbbbb 391 390 pf nnnn sssss bbbbb bbbbb 471 470 pf nnnn sssss bbbbb bbbbb 561 560 pf nnnn sssss bbbbb bbbbb 681 680 pf nnnn sssss bbbbb bbbbb 821 820 pf nnnn sssss bbbbb bbbbb notes ? letters indicate product thic kness, see packaging quantities (1) indicate product with ag/ni/sn termination
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 6 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 102 1.0 nfnnnn sssss bbbbb bbbbb 122 1.2 nf xxxx b b bb b b b bb b 152 1.5 nf xxxx b b bb b b b bb b 182 1.8 nf xxxx b b bb b b b bb b 222 2.2 nf xxxx b b bb b b b bb b 272 2.7 nf xxxx d d dd d b b bb b 332 3.3 nf xxxx d d dd d b b bb b 392 3.9 nf d d d d d b b b b b 472 4.7 nf d d d d d b b b b b 562 5.6 nf d d d d b b b b b 682 6.8 nf d d d d c c c c c 822 8.2 nf d d d d d d d d d 103 10 nf d d d d d d d d d 123 12 nf d (1) d (1) d (1) d (1) 153 15 nf d (1) d (1) 183 18 nf d (1) d (1) 223 22 nf d (1) d (1) 273 27 nf d (1) d (1) 333 33 nf d (1) d (1) 393 39 nf g (1) g (1) 473 47 nf 563 56 nf 683 68 nf 823 82 nf 104 100 nf selection chart dielectric c0g (np0) style vj0402 vj0603 vj0805 vj1206 size code 0402 0603 0805 1206 voltage (v dc ) 10 16 25 50 100 10 16 25 50 100 10 16 25 50 100 10 16 25 50 100 voltage code q j x a b q j x a b q j x a b q j x a b cap. code cap. notes ? letters indicate product thic kness, see packaging quantities (1) indicate product with ag/ni/sn termination
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 7 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? letters indicate product thic kness, see packaging quantities (1) not in 10 % (code k) tolerance notes ? letters indicate product thic kness, see packaging quantities (1) not in 10 % (code k) tolerance selection chart dielectric x5r style vj0402 vj0603 vj0805 size code 0402 0603 0805 voltage (v dc ) 6.3 v 10 v 16 v 25 v 50 v 6.3 v 10 v 16 v 25 v 50 v 6.3 v 10 v 16 v 25 v 50 v voltage code y q j x a y q j x a y q j x a cap. code cap. 473 47 nf n 563 56 nf n 683 68 nf n n 823 82 nf n n n 104 100 nf n n n n 124 120 nf 154 150 nf n n 184 180 nf 224 220 nf n n n n x x 274 270 nf x x 334 330 nf n n x x x 394 390 nf x x 474 470 nf n n x x x 564 560 nf 684 680 nf n n x x x 824 820 nf x x x 105 1.0 f n n n x x x x x 155 1.5 f x i i i i 225 2.2 f n n x x x x i i i i 335 3.3 f i iii 475 4.7 f e x x x i i i i 106 10 f e x' (1) iiii (1) 226 22 f x' (1) i (1) i (1) 476 47 f i (1) 686 68 f 107 100 f selection chart dielectric x5r style vj1206 vj1210 size code 1206 1210 voltage (v dc ) 6.3 v 10 v 16 v 25 v 50 v 6.3 v 10 v 16 v 25 v 50 v voltage code y q j x a y q j x a cap. code cap. 105 1.0 f 155 1.5 f j j k k 225 2.2 f j j p k k 335 3.3 f p p p 475 4.7 f p p p p p (1) kkk 685 6.8 f p p 106 10 f p p p p k k k m 226 22 f p p p m m m m (1) 476 47 f p (1) p (1) mmm 107 100 f p (1) m (1) m (1)
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 8 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? letters indicate product thic kness, see packaging quantities (1) not in 5 % (code j) tolerance selection chart dielectric x7r style vj0402 vj0603 vj0805 size code 0402 0603 0805 voltage (v dc) 10 v 16 v 25 v 50 v 100 v 10 v 16 v 25 v 50 v 100 v 10 v 16 v 25 v 50 v 100 v voltage code q j x a b q j x a b q j x a b cap. code cap. 101 100 pf n n n n s (1) s (1) s (1) s (1) s (1) b (1) b (1) b (1) b (1) b (1) 121 120 pf n n n n s (1) s (1) s (1) s (1) s (1) b (1) b (1) b (1) b (1) b (1) 151 150 pf n n n n s (1) s (1) s (1) s (1) s (1) b (1) b (1) b (1) b (1) b (1) 181 180 pf n n n n s (1) s (1) s (1) s (1) s (1) b (1) b (1) b (1) b (1) b (1) 221 220 pf n n n n s (1) s (1) s (1) s (1) s (1) b (1) b (1) b (1) b (1) b (1) 271 270 pf n n n n s (1) s (1) s (1) s (1) s (1) b (1) b (1) b (1) b (1) b (1) 331 330 pf n n n n s (1) s (1) s (1) s (1) s (1) b (1) b (1) b (1) b (1) b (1) 391 390 pf n n n n s (1) s (1) s (1) s (1) s (1) b (1) b (1) b (1) b (1) b (1) 471 470 pf n n n n s s s s s b b b b b 561 560 pf n n n n s s s s s b b b b b 681 680 pf n n n n s s s s s b b b b b 821 820 pf n n n n s s s s s b b b b b 102 1.0 nf n n n n s s s s s b b b b b 122 1.2 nf n n n n s s s s s b b b b b 152 1.5 nf n n n n s s s s s b b b b b 182 1.8 nf n n n n s s s s s b b b b b 222 2.2 nf n n n n s s s s s b b b b b 272 2.7 nf n n n n s s s s s b b b b b 332 3.3 nf n n n n s s s s s b b b b b 392 3.9 nf n n n n s s s s s b b b b b 472 4.7 nf n n n n s s s s s b b b b b 562 5.6 nf n n n n s s s s s b b b b b 682 6.8 nf n n n n s s s s s b b b b b 822 8.2 nf n n n n s s s s s b b b b b 103 10 nf n n n n s s s s s b b b b b 123 12 nf n n n s s s s b b b b b 153 15 nf n n n s s s s b b b b b 183 18 nf n n n s s s s b b b b b 223 22 nf n n n s s s s b b b b b 273 27 nf n n n s s s s b b b b d 333 33 nf n n n s s s x b b b b d 393 39 nf n n n s s s x b b b b d 473 47 nf n n n s s s x b b b b d 563 56 nf n n s s s x b b b b d 683 68 nf n n s s s x b b b b d 823 82 nf n n s s s x b b b b d 104 100 nf n n n s s s x b b b b/d d 124 120 nf s s x b b b d 154 150 nf s s x d d d d 184 180 nf s s x d d d d 224 220 nf n s s x d d d d 274 270 nf x x x d d d 334 330 nf x x x d d d i 394 390 nf x x x d d d 474 470 nf x x x d d d i 564 560 nf x x d d d 684 680 nf x x d d d 824 820 nf x x d d d 105 1.0 f x x x (1) dddi (1) 155 1.5 f ii (1) i (1) 225 2.2 f x (1) iii 335 3.3 f 475 4.7 f i (1) i (1) 685 6.8 f 106 10 f i (1) 156 15 f 226 22 f 336 33 f 476 47 f 686 68 f
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 9 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? letters indicate product thic kness, see packaging quantities (1) not in 5 % (code j) tolerance (2) only in 20 % (code m) tolerance selection chart dielectric x7r style vj1206 vj1210 size code 1206 1210 voltage (v dc ) 10 v 16 v 25 v 50 v 100 v 10 v 16 v 25 v 50 v 100 v voltage code q j x a b q j x a b cap. code cap. 101 100 pf 121 120 pf 151 150 pf b (1) b (1) b (1) b (1) b (1) 181 180 pf b (1) b (1) b (1) b (1) b (1) 221 220 pf b (1) b (1) b (1) b (1) b (1) 271 270 pf b (1) b (1) b (1) b (1) b (1) 331 330 pf b (1) b (1) b (1) b (1) b (1) 391 390 pf b (1) b (1) b (1) b (1) b (1) 471 470 pf b b b b b 561 560 pf b b b b b 681 680 pf b b b b b 821 820 pf b b b b b 102 1.0 nf b b b b b c c c c c 122 1.2 nf b b b b b c c c c c 152 1.5 nf b b b b b c c c c c 182 1.8 nf b b b b b c c c c c 222 2.2 nf b b b b b c c c c c 272 2.7 nf b b b b b c c c c c 332 3.3 nf b b b b b c c c c c 392 3.9 nf b b b b b c c c c c 472 4.7 nf b b b b b c c c c c 562 5.6 nf b b b b b c c c c c 682 6.8 nf b b b b b c c c c c 822 8.2 nf b b b b b c c c c c 103 10 nf b b b b b c c c c c 123 12 nf b b b b b c c c c c 153 15 nf b b b b b c c c c c 183 18 nf b b b b b c c c c c 223 22 nf b b b b b c c c c c 273 27 nf b b b b b c c c c c 333 33 nf b b b b b c c c c c 393 39 nf b b b b b c c c c c 473 47 nf b b b b b c c c c c 563 56 nf b b b b b c c c c c 683 68 nf b b b b b c c c c c 823 82 nf b b b b d c c c c c 104 100 nf b b b b d c c c c c 124 120 nf b b b b d c c c c c 154 150 nf c c c c g c c c c d 184 180 nf c c c c g c c c c d 224 220 nf c c c c g c c c c d 274 270 nf c c c d g c c c c g 334 330 nf c c c d g c c c d g 394 390 nf c c j p g c c c d m 474 470 nf j j j p g c c c d m 564 560 nf j j j p p d d d d m 684 680 nf j j j p p d d d d k 824 820 nf j j j p p d d d d k 105 1.0 f j j j p p d d d d k 155 1.5 f j j p m 225 2.2 f j j p p (1) kg m 335 3.3 f p p p g (1) 475 4.7 f p p p p (1) kkk (1) m (1) 685 6.8 f 106 10 f p p (1) p (1) kkk (1) m (1) 156 15 f 226 22 f p (1) m (2) m (2) 336 33 f 476 47 f m (1) 686 68 f 107 100 f
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 10 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? letters indicate product thicknes s, please see packaging quantities (1) not in 20 % (code m) tolerance selection chart dielectric y5v style vj0402 vj0603 vj0805 size code 0402 0603 0805 voltage (v dc ) 6.3 v 10 v 16 v 25 v 50 v 100 v 10 v 16 v 25 v 50 v 100 v 10 v 16 v 25 v 50 v 100 v voltage code y q j x a b q j x a b q j x a b cap. code cap. 102 1.0 nf 122 1.2 nf 152 1.5 nf 182 1.8 nf 222 2.2 nf 272 2.7 nf 332 3.3 nf 392 3.9 nf 472 4.7 nf 562 5.6 nf 682 6.8 nf 822 8.2 nf 103 10 nf nnnn ssss aaaa b 123 12 nf nnnn ssss aaaa 153 15 nf nnnn ssss aaaa b 183 18 nf nnnn ssss aaaa 223 22 nf nnnn ssss aaaa b 273 27 nf nnnn ssss aaaa 333 33 nf nnnn ssss aaaa b 393 39 nf nnn ssss aaaa 473 47 nf nnn ssss aaaa b 563 56 nf n n n (1) ssss aaaa 683 68 nf nnn ssss aaaa b 823 82 nf nn ssss aaaa 104 100 nf nnn ssss aaaa b 154 150 nf n ssss aaaa 224 220 nf nn ssss aaaa 334 330 nf n n s s s b b b b 474 470 nf n n s s x s b b b b 684 680 nf n s x b b d d 105 1.0 f n n s x x b b d d 155 1.5 f s d d 225 2.2 f s x d d i 335 3.3 f dd 475 4.7 f x d d i 685 6.8 f i 106 10 f ii 226 22 f 336 33 f 476 47 f 686 68 f 107 100 f
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 11 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 notes ? letters indicate product thicknes s, please see packaging quantities (1) not in 20 % (code m) tolerance selection chart dielectric y5v style vj1206 vj1210 size code 1206 1210 voltage (v dc ) 10 v 16 v 25 v 35 v 50 v 100 v 6.3 v 10 v 16 v 25 v 35 v 50 v 100 v voltage code q j x z a b y q j x z a b cap. code cap. 102 1.0 nf 122 1.2 nf 152 1.5 nf 182 1.8 nf 222 2.2 nf 272 2.7 nf 332 3.3 nf 392 3.9 nf 472 4.7 nf 562 5.6 nf 682 6.8 nf 822 8.2 nf 103 10 nf b b b b b c 123 12 nf b b b b 153 15 nf b b b b b c 183 18 nf b b b b 223 22 nf b b b b b c 273 27 nf b b b b 333 33 nf b b b b b c 393 39 nf b b b b 473 47 nf b b b b b c 563 56 nf b b b b 683 68 nf b b b b b c 823 82 nf b b b b 104 100 nf b b b b b c c c c c 154 150 nf b b b b c c c c c c 224 220 nf b b b b c c c c c c 334 330 nf b b b b c c c c c 474 470 nf b b b b c c c c 684 680 nf b b b b c c c c 105 1.0 f c c c c c c c c 155 1.5 f c c c c c c 225 2.2 f c c c j (1) ccc g 335 3.3 f j j j c c c 475 4.7 f j j j j p c c d g 685 6.8 f j j c c d 106 10 f j j p d d g k 226 22 f p k k 336 33 f 476 47 f k k 686 68 f 107 100 f m
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 12 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 packaging quantities size code (inch/mm) max. thickness (mm) thickness symbol paper tape plastic tape 7" reel (c) 13" reel (p) 7" reel (t) 13" reel (r) 0402 (1002) 0.55 n 10k 50k 0.70 e 10k 0603 (1608) 0.87 s 4k 15k 0.95 x 4k 15k 1.00 x' 4k 15k 0805 (2012) 0.75 a 4k 15k 0.95 b 4k 15k 1.40 d 3k 10k 1.45 i 3k 10k 1206 (3216) 0.95 b 4k 15k 1.05 c 3k 10k 1.30 j 3k 10k 1.35 d 3k 10k 1.80 g 2k 1.90 p 2k 1210 (3225) 1.05 c 3k 10k 1.35 d 3k 10k 1.80 g 2k 2.20 k 1k 2.80 m 1k
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 13 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 tape and reel specification dimensions of pa per tape dimensions of plastic tape p 0 t w e f d 0 b 0 p 1 p 2 a 0 d 1 p 1 p 2 p 0 e f k 0 w t b 0 d 0 a 0 5 5 dimensions paper tape in millimeters size code 0402 0603 0805 1206 thickness n e s, x, x' a b b a 0 0.62 0.05 0.70 0.10 1.02 0.05 1.50 0.10 1.50 0.10 2.00 0.10 b 0 1.12 0.05 1.20 0.10 1.80 0.05 2.30 0.10 2.30 0.10 3.50 0.10 t 0.60 0.05 0.70 0.10 0.95 0.05 0.75 0.05 0.95 0.05 0.95 0.05 k 0 ------ w 8.00 0.10 8.00 0.10 8.00 0.10 8.00 0.10 8.00 0.10 8.00 0.10 p 0 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 10 x p 0 40.0 0.10 40.0 0.10 40.0 0.10 40.0 0.10 40.0 0.10 40.0 0.10 p 1 2.00 0.05 2.00 0.05 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 p 2 2.00 0.05 2.00 0.05 2.00 0.05 2.00 0.05 2.00 0.05 2.00 0.05 d 0 1.55 0.05 1.55 0.05 1.55 0.05 1.55 0.05 1.55 0.05 1.50 0.05 d 1 ------ e 1.75 0.05 1.75 0.05 1.75 0.05 1.75 0.05 1.75 0.05 1.75 0.10 f 3.50 0.05 3.50 0.05 3.50 0.05 3.50 0.05 3.50 0.05 3.50 0.05 dimensions plastic tape in millimeters size code 0805 1206 1210 thickness d, i c, j, d g, p c, d g, k m a 0 < 1.57 < 1.85 < 1.95 < 2.97 < 2.97 < 2.97 b 0 < 2.40 < 3.46 < 3.67 < 3.73 < 3.73 < 3.73 t 0.23 0.05 0.23 0.05 0.23 0.05 0.23 0.05 0.23 0.05 0.23 0.05 k 0 < 2.50 < 2.50 < 2.50 < 2.50 < 2.50 < 3.00 w 8.00 0.10 8.00 0.10 8.00 0.10 8.00 0.10 8.00 0.10 8.00 0.10 p 0 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 10 x p 0 40.0 0.10 40.0 0.10 40.0 0.10 40.0 0.10 40.0 0.10 40.0 0.10 p 1 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 p 2 2.00 0.05 2.00 0.05 2.00 0.05 2.00 0.05 2.00 0.05 2.00 0.05 d 0 1.50 0.05 1.50 0.05 1.50 0.05 1.50 0.05 1.50 0.05 1.50 0.05 d 1 1.00 0.10 1.00 0.10 1.00 0.10 1.00 0.10 1.00 0.10 1.00 0.10 e 1.75 0.10 1.75 0.10 1.75 0.10 1.75 0.10 1.75 0.10 1.75 0.10 f 3.50 0.05 3.50 0.05 3.50 0.05 3.50 0.05 3.50 0.05 3.50 0.05
vj....w1bc basic commodity series www.vishay.com vishay revision: 27-mar-13 14 document number: 28548 for technical questions, contact: mlcc@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 reel specification note (1) c0g (np0) items are with ag/ni/sn terminations, please see selection chart b a d c reel dimensions in millimeters symbol 7" reel 13" reel a 13.0 0.5 13.0 0.5 b 9.0 1.0 9.0 1.0 c 178.0 1.0 330.0 1.0 d 60.0 1.0 100.0 1.0 construction no. name c0g (np0) (1) c0g (np0)/x5r/x7r/y5v 1 ceramic material batio 3 based 2 inner electrode agpd alloy ni 3 termination inner layer ag cu 4 middle layer ni 5 outer layer sn (matt) storage and handling conditions (1) to store products at 5 c to 40 c ambient te mperature and 20 % to 70 % re lated humidity conditions. (2) the product is recommended to be used within one year after shipment. check solderability in case of shelf life extension i s needed. cautions: a.do not store products in a corrosive environment such as sulfide, chloride gas, or acid. it may cause oxidization of electrod e, which easily be resulted in poor soldering. b.to store products on the shelf and avoid exposure to moisture. c.do not expose products to excessive shock, vibration, direct sunlight and so on. 1 2 3 4 5
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of VJ1206Y102KXACW1BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X