Part Number Hot Search : 
SI9933B KA1458D BS103F H11N1TVM RS0203 EP4830 LXF0805G RC1602G
Product Description
Full Text Search
 

To Download UPW2A6R8MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  performance characteristics item rated voltage (v ) 15 min 4 min d u 1 p 2 w 3 1 4 a 5 6 6 8 7 1 8 m 9 p 10 d 11 12 configuration size code capacitance tolerance ( 20%) rated capacitance (680f) rated voltage (10v) series name type pressure relief vent 6.3up (no pressure relief vent for 7mml products) l + max. p 0.5 d + max. sleeve ( p.e.t. ) d pb-free leadwire pb-free pet sleeve 4 5 dd 6.3 ed ( 7mm l : dd) 8 10 pd 12.5 to 18 hd configuration 20 to 25 rd d p d 4 1.5 0.45 5 2.0 0.5 6.3 2.5 0.5 8 3.5 0.6 10 5.0 0.6 12.5 5.0 0.6 16 7.5 0.8 18 7.5 0.8 (0.45) (0.45) 0.8 (l = 7) 1.0 (l < 20) 1.5 ( l 20 ) 2.0 : applied to l>25 products ( ): applied to 7mml products 20 22 10.0 10.0 1.0 1.0 25 12.5 1.0 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 1.0 1.0 (mm) pw series miniature sized, low lmpedance, high reliability for switching power supplies radial lead type type numbering system (example : 10v 680f) smaller case size and lower impedance than pm series. low impedance and high reliability withstanding 2000 hours to 8000 hours. capacitance ranges available based on the numerical values in e12 series under jis. compliant to the rohs directive (2002/95/ec). dimension table in next page. specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance shelf life marking 55 to +105?c (6.3 to 100v), 40 to + 105?c (160 to 400v), 25 to +105?c (450v) 6.3 to 450v 0.47 to 15000f 20% at 120hz, 20?c printed with white color letter on dark brown sleeve. after storing the capacitors under no load at 105?c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20?, they shall meet the specified values for the endurance characteristics listed above. rated voltage (v) 6.3 to 100 160 to 450 leakage current after 1 minute's application of rated voltage, leakage current is not more than 0.03cv or 4 (a), whichever is greater. cv < = 1000 : i = 0.1cv+40 (a) max. (1 minute's) cv > 1000 : i = 0.04cv+100 (a) max. (1 minute's) tan ( max. ) 6.3 0.22 10 0.19 16 0.16 25 0.14 35 0.12 50 0.10 63 0.09 100 0.08 160 to 250 0.15 315 ?350 0.20 400 ?450 0.25 for capacitance of more than 1000 f , add 0.02 for every increase of 1000 f . measurement frequency : 120hz at 20?c 120hz z 25?c / z+20?c rated voltage (v) impedance ratio (max.) 6.3 ?10 3 16 ?25 3 35 ?50 3 63 ?100 3 160 ?200 3 4 250 3 6 315 ?350 4 8 400 6 10 450 15 z 40?c / z+20?c z 55?c / z+20?c the specifications listed at right shall be met when the capacitors are restored to 20 ? c after d.c. bias plus rated ripple current is applied for 8000 hours (2000 hours for d=4, 5 and 6.3, 3000 hours for d=8, 5000 hours for d=10, 7000 hours for d=12.5) at 105 ? c, the peak voltage shall not exceed the rated voltage. frequency coefficient of rated ripple current v 6.3 to 100 160 to 450 frequency cap. (f) 0.47 to 56000 68 to 330 . 390 to 1000. . 1200 to 15000 0 0.47 to 22000 330 to 4700. 50hz 0.20 0.55 0.70 0.80 0.80 0.90 120hz 0.30 0.65 0.75 0.85 1.00 1.00 300hz 0.50 0.75 0.80 0.90 1.25 1.10 1khz 0.80 0.85 0.90 0.95 1.40 1.13 10khz or more 1.00 1.00 1.00 1.00 1.60 1.15 leakage current tan capacitance change less than or equal to the initial specified value 200% or less than the initial specified value within 20% of the initial capacitance value pw pm smaller aluminum electrolytic capacitors please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. low impedance pa tt ? please refer to page 20 about the end seal configulation. long life cat.8100b
aluminum electrolytic capacitors pw series 22 27 33 39 47 56 68 82 100 120 150 180 220 330 470 560 680 820 1000 1200 1500 2200 2700 3300 3900 4700 5600 6800 8200 10000 12000 15000 220 270 330 390 470 560 680 820 101 121 151 181 221 331 471 561 681 821 102 122 152 222 272 332 392 472 562 682 822 103 123 153 0.60 2.00 0.60 0.95 0.60 0.95 0.95 1.30 0.60 0.45 0.25 0.50 0.25 0.25 0.23 0.117 0.117 0.090 0.085 0.090 0.090 0.065 0.068 0.052 0.038 0.045 0.035 0.038 0.030 0.022 0.025 0.022 0.029 0.022 0.028 0.018 0.016 0.020 0.016 0.015 1.20 5.00 1.20 2.40 1.20 2.40 2.40 2.60 1.20 1.20 0.50 1.00 0.50 0.50 0.46 0.234 0.234 0.180 0.170 0.180 0.180 0.130 0.136 0.104 0.076 0.090 0.070 0.076 0.060 0.044 0.050 0.044 0.058 0.044 0.056 0.036 0.032 0.040 0.032 0.030 180 65 180 120 180 120 120 120 180 200 290 235 290 290 430 555 555 755 730 755 755 995 1050 1220 1655 1440 1815 1655 1945 2555 2310 2510 2210 2560 2490 3010 3150 2740 3635 3680 5 11 4 7 5 11 5 7 5 7 5 11 4 11 5 11 6.3 7 5 11 5 15 6.3 11 6.3 11 6.3 11 6.3 15 8 11.5 8 11.5 10 12.5 8 15 10 16 8 20 10 20 10 20 10 25 12.5 20 10 31.5 12.5 25 12.5 25 12.5 31.5 12.5 35.5 16 20 16 25 16 25 18 20 16 31.5 18 25 16 35.5 18 31.5 18 35.5 18 40 0.60 2.00 0.60 0.95 0.95 0.60 1.30 0.60 0.45 0.60 0.50 0.25 0.25 0.25 0.23 0.117 0.117 0.090 0.085 0.068 0.065 0.052 0.052 0.045 0.038 0.035 0.030 0.030 0.025 0.022 0.029 0.022 0.022 0.028 0.018 0.020 0.016 0.016 0.015 0.014 1.20 5.00 1.20 2.40 2.40 1.20 2.60 1.20 1.20 1.20 1.00 0.50 0.50 0.50 0.46 0.234 0.234 0.180 0.170 0.136 0.130 0.104 0.104 0.090 0.076 0.070 0.060 0.060 0.050 0.044 0.058 0.044 0.044 0.056 0.036 0.040 0.032 0.032 0.030 0.028 180 65 180 120 120 180 120 180 200 180 235 290 290 290 430 555 555 760 730 1050 995 1220 1220 1440 1655 1815 1945 1950 2310 2510 2210 2555 2560 2490 3010 2740 3150 3635 3680 3800 standard ratings 6.3 (0j) 20?c / 100khz 10?c / 100khz 10 (1a) 20?c / 100khz 10?c / 100khz : in this case, will be put at 12th digit of type numbering system. 6 v (code) item code cap.(f) case size d l (mm) rated ripple (marms) 105?c / 100khz case size d l (mm) impedance ( ?) max. rated ripple (marms) 105?c / 100khz impedance (?) max. 5 11 4 7 5 11 5 7 5 11 5 7 5 7 4 11 5 11 6.3 7 6.3 11 5 15 6.3 11 6.3 11 6.3 15 8 11.5 8 11.5 10 12.5 8 15 10 12.5 10 12.5 8 20 10 16 10 20 12.5 20 10 25 10 31.5 12.5 20 12.5 25 16 25 12.5 31.5 12.5 35.5 16 20 16 25 18 20 16 31.5 16 31.5 18 25 18 31.5 18 35.5 cat.8100b
aluminum electrolytic capacitors 00004.7 00010 00015 00022 00027 00033 00039 00047 00056 00082 00 100 00 120 00 150 00 180 00 220 00 330 00 470 00 560 00 680 00 820 0 1000 0 1200 0 1500 0 1800 0 2200 0 2700 0 3300 0 3900 0 4700 0 5600 0 6800 0 8200 10000 4r7 100 150 220 270 330 390 470 560 820 101 121 151 181 221 331 471 561 681 821 102 122 152 182 222 272 332 392 472 562 682 822 103 5 11 4 7 5 11 5 7 5 7 5 11 6.3 7 4 11 5 11 5 11 6.3 7 5 15 6.3 11 6.3 11 6.3 11 6.3 15 8 11.5 8 11.5 10 12.5 8 15 10 16 8 20 10 20 10 20 10 25 12.5 20 10 31.5 12.5 25 12.5 31.5 16 20 16 25 12.5 35.5 16 25 18 20 16 31.5 18 25 16 35.5 18 31.5 18 35.5 18 35.5 18 40 0.60 2.00 0.60 0.95 0.95 0.60 0.45 1.30 0.60 0.60 0.45 0.50 0.25 0.25 0.25 0.23 0.117 0.117 0.090 0.085 0.068 0.065 0.052 0.052 0.045 0.038 0.035 0.030 0.025 0.029 0.022 0.022 0.022 0.028 0.018 0.020 0.016 0.016 0.015 0.015 0.014 1.20 5.00 1.20 2.40 2.40 1.20 1.20 2.60 1.20 1.20 1.20 1.00 0.50 0.50 0.50 0.46 0.234 0.234 0.180 0.170 0.136 0.130 0.104 0.104 0.090 0.076 0.070 0.060 0.050 0.058 0.044 0.044 0.044 0.056 0.036 0.040 0.032 0.032 0.030 0.030 0.028 180 65 180 120 120 180 200 120 180 180 200 235 290 290 290 430 555 555 760 730 1050 995 1220 1220 1440 1655 1815 1945 2310 2210 2555 2510 2560 2490 3010 2740 3150 3635 3680 3680 3800 5 11 5 11 4 7 5 11 5 7 4 11 5 11 5 11 6.3 7 5 11 5 15 6.3 11 6.3 11 6.3 15 8 11.5 8 11.5 10 12.5 8 15 10 16 8 20 10 20 10 20 10 25 12.5 20 10 31.5 16 25 12.5 25 12.5 31.5 16 20 16 25 18 20 12.5 35.5 16 25 16 31.5 18 25 16 35.5 18 31.5 18 35.5 18 40 0.60 0.60 2.00 0.60 0.95 1.30 0.60 0.60 0.45 0.60 0.50 0.25 0.25 0.23 0.117 0.117 0.090 0.085 0.068 0.065 0.052 0.052 0.045 0.038 0.035 0.022 0.030 0.025 0.029 0.022 0.028 0.022 0.022 0.018 0.020 0.016 0.016 0.015 0.014 1.20 1.20 5.00 1.20 2.40 2.60 1.20 1.20 1.20 1.20 1.00 0.50 0.50 0.46 0.234 0.234 0.180 0.170 0.136 0.130 0.104 0.104 0.090 0.076 0.070 0.044 0.060 0.050 0.058 0.044 0.056 0.044 0.044 0.036 0.040 0.032 0.032 0.030 0.028 180 180 65 180 120 120 180 180 200 180 235 290 290 430 555 555 760 730 1050 995 1220 1220 1440 1660 1815 2555 1950 2310 2210 2555 2490 2510 2555 3010 2740 3150 3635 3680 3800 16 (1c) 20?c / 100khz 10?c / 100khz 25 (1e) 20?c / 100khz 10?c / 100khz v(code) item code cap. (f) case size d l (mm) rated ripple (marms) 105?c / 100khz case size d l (mm) impedance (? ) max. rated ripple (marms) 105?c / 100khz impedance (?) max. pw series standard ratings : in this case, will be put at 12th digit of type numbering system. 6 : in this case, will be put at 12th digit of type numbering system. 3 cat.8100b
aluminum electrolytic capacitors 0000.47 0001 0002.2 0003.3 0004.7 0006.8 00 10 00 12 00 18 00 22 00 27 00 33 00 39 00 47 00 56 00 82 0100 0120 0150 0180 0220 0270 0330 0390 0470 0560 0680 0820 1000 1200 1500 1800 2200 2700 3300 4700 r47 010 2r2 3r3 4r7 6r8 100 120 180 220 270 330 390 470 560 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 182 222 272 332 472 5 11 4 7 5 11 5 7 5 7 4 11 5 11 5 11 6.3 7 5 11 5 15 6.3 11 6.3 11 6.3 15 8 11.5 8 11.5 10 12.5 8 15 10 16 8 20 10 20 10 20 10 25 12.5 20 10 31.5 12.5 25 12.5 31.5 16 20 16 25 12.5 35.5 16 25 18 20 16 31.5 18 25 16 35.5 18 31.5 18 35.5 18 40 0.60 2.00 0.60 0.95 0.95 1.30 0.60 0.60 0.45 0.60 0.50 0.25 0.25 0.23 0.117 0.117 0.090 0.085 0.068 0.065 0.052 0.052 0.045 0.038 0.035 0.030 0.025 0.029 0.022 0.022 0.022 0.028 0.018 0.020 0.016 0.016 0.015 0.014 1.20 5.00 1.20 2.40 2.40 2.60 1.20 1.20 1.20 1.20 1.00 0.50 0.50 0.46 0.234 0.234 0.180 0.170 0.136 0.130 0.104 0.104 0.090 0.076 0.070 0.060 0.050 0.058 0.044 0.044 0.044 0.056 0.036 0.040 0.032 0.032 0.030 0.028 180 65 180 120 120 120 180 180 200 180 235 290 290 430 555 555 760 730 1050 995 1220 1220 1440 1660 1815 1950 2310 2210 2555 2510 2555 2490 3010 2740 3150 3635 3680 3800 5 11 5 11 5 11 5 11 5 11 5 11 4 11 5 11 5 11 5 15 6.3 11 6.3 11 6.3 15 8 11.5 8 11.5 8 15 10 12.5 10 12.5 8 20 10 16 10 16 10 20 10 25 10 20 10 31.5 12.5 20 12.5 20 12.5 25 12.5 25 16 20 12.5 35.5 18 20 16 25 16 31.5 18 25 16 31.5 16 35.5 18 31.5 18 35.5 5.00 3.50 3.00 2.60 2.30 1.40 2.50 1.30 1.20 0.90 0.43 0.43 0.40 0.234 0.234 0.155 0.162 0.162 0.120 0.119 0.119 0.090 0.082 0.090 0.060 0.063 0.060 0.050 0.050 0.048 0.034 0.042 0.034 0.028 0.029 0.028 0.025 0.025 0.023 10.0 7.00 6.00 5.20 4.60 2.80 5.00 2.60 2.40 1.80 0.86 0.86 0.80 0.468 0.468 0.310 0.324 0.324 0.240 0.238 0.238 0.180 0.164 0.180 0.120 0.126 0.120 0.100 0.100 0.096 0.068 0.084 0.068 0.056 0.058 0.056 0.050 0.050 0.046 25 40 55 65 90 120 90 155 170 215 300 300 360 485 485 635 620 615 860 850 850 1030 1200 1030 1610 1480 1500 1832 1840 1840 2290 2420 2235 2700 2610 2700 2790 3000 3100 35 (1v) 20?c / 100khz 10?c / 100khz 50 (1h ) 20?c / 100khz 10?c / 100khz : in this case, will be put at 12th digit of type numbering system. 6 pw series standard ratings v(code) item code cap.(f) case size d l (mm) rated ripple (marms) 105?c / 100khz case size d l (mm) impedance ( ?) max. rated ripple (marms) 105?c / 100khz impedance (?) max. cat.8100b
rated ripple current (marms) at 105?c 120hz size 20 31 is available for capacitors marked " ? " size 20 35 is available for capacitors marked " ? " in this case, will be put at 12th digit of type numbering system. 6 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 r47 010 2r2 3r3 4r7 100 220 330 470 101 221 331 471 6.3 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 20 12.5 20 12.5 25 16 25 18 35.5 20 40 22 50 12 17 25 36 43 70 130 180 220 330 500 900 1200 2c 160 2d 200 2e 250 2f 315 2v 350 2g 400 2w 450 6.3 11 6.3 11 6.3 11 8 11.5 10 12.5 10 16 10 20 12.5 25 12.5 25 16 31.5 ?18 40 22 40 22 50 12 17 25 36 50 80 140 190 220 335 515 1100 1310 10 12.5 10 20 12.5 20 12.5 20 16 25 16 31.5 18 35.5 20 40 25 50 18 29 41 49 75 115 145 175 350 6.3 11 6.3 11 8 11.5 10 12.5 10 12.5 10 20 12.5 25 12.5 25 16 25 18 35.5 20 40 22 50 25 50 12 17 29 42 50 88 155 190 230 340 525 1150 1350 8 11.5 8 11.5 10 12.5 10 12.5 10 16 10 20 12.5 25 16 25 16 35.5 ?18 40 22 50 11 16 28 34 45 72 120 155 190 285 540 8 11.5 10 12.5 10 16 10 16 10 20 12.5 20 16 25 16 31.5 18 35.5 20 40 25 50 11 17 31 38 49 82 130 160 200 290 550 10 12.5 10 16 10 20 10 20 12.5 25 16 25 16 31.5 18 35.5 22 50 16 27 36 43 72 110 140 170 350 cap. (f) code v (code) aluminum electrolytic capacitors pw series standard ratings 0000.47 0001 0002.2 0003.3 0004.7 0006.8 00 10 00 12 00 15 00 18 00 22 00 33 00 39 00 47 00 68 00 82 0 100 0 120 0 150 0 180 0 220 0 270 0 330 0 390 0 470 0 560 0 680 0 820 1000 1200 1500 2200.00 r47 010 2r2 3r3 4r7 6r8 100 120 150 180 220 330 390 470 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 122 152 222 00.5 11 00.5 11 4 11 00.5 11 0.05 11 06.3 11 0.05 15 06.3 11 06.3 11 06.3 15 0.08 11.5 0.08 11.5 0.10 12.5 8 15 0.10 16 0.10 16 0.10 20 12.5 15 0.10 20 10 25 0.16 15 12.5 20 12.5 25 18 15 12.5 25 12.5 31.5 16 20 0.16 25 12.5 35.5 18 20 0.16 31.5 18 25 0.16 31.5 16 35.5 0.18 31.5 0.18 35.5 0.18 40 4.70 2.50 3.50 2.10 2.00 1.20 1.30 0.71 0.71 0.70 0.342 0.342 0.256 0.230 0.194 0.194 0.147 0.150 0.147 0.130 0.090 0.085 0.070 0.086 0.070 0.055 0.059 0.050 0.047 0.055 0.043 0.043 0.043 0.036 0.032 0.030 0.028 9.40 5.00 7.00 4.20 4.00 2.40 2.60 1.42 1.42 1.40 0.684 0.684 0.512 0.460 0.388 0.388 0.294 0.300 0.294 0.260 0.180 0.170 0.140 0.172 0.140 0.110 0.118 0.100 0.094 0.110 0.086 0.086 0.086 0.072 0.064 0.060 0.056 68 95 80 110 145 160 200 250 250 330 405 405 540 535 600 660 890 1020 885 1050 1410 1290 1720 1690 1720 2090 1770 2160 2270 2290 2670 2590 2770 2770 2950 3100 3200 00. 5 11 00. 5 11 00. 5 11 00. 5 11 00. 5 11 00. 5 11 0 6.3 11 0.0 8 11.5 0 6.3 15 0.0 8 11.5 0.10 12.5 8 15 0.10 16 8 20 0.10 20 0.10 25 12.5 20 12.5 25 12.5 31.5 16 20 0.16 25 18 20 0.16 25 0.18 25 0. 16 31.5 0.18 31.5 0.16 35.5 0.18 40 43.0 20.0 9.80 6.60 4.60 3.50 1.80 0.83 0.80 0.68 0.46 0.45 0.37 0.37 0.30 0.25 0.18 0.13 0.12 0.13 0.10 0.11 0.090 0.083 0.076 0.068 0.064 0.047 86.0 40.0 19.6 13.2 9.20 7.00 3.60 1.66 1.60 1.36 0.92 0.90 0.74 0.74 0.60 0.50 0.36 0.26 0.24 0.26 0.20 0.22 0.18 0.166 0.152 0.136 0.128 0.094 20 30 44 58 74 95 130 180 200 230 320 360 420 420 490 540 580 710 790 750 890 850 1080 1260 1310 1370 1410 1520 code 63 (1j) case size d l (mm) impedance ( ?) max. 20?c / 100khz 10?c / 100khz rated ripple (marms) 105?c / 100khz 100 (2a) case size d l (mm) impedance (? ) max. 20?c / 100khz 10?c / 100khz rated ripple (marms) 105?c / 100khz : in this case, will be put at 12th digit of type numbering system. : in this case, will be put at 12th digit of type numbering system. 3 6 cap.(f) v(code) item case size d l (mm) cat.8100b


▲Up To Search▲   

 
Price & Availability of UPW2A6R8MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X