Part Number Hot Search : 
30105 SMBG24A SC156 20N50C1 B123Y 11EWA DTC123 3SK195
Product Description
Full Text Search
 

To Download TMP36FS-REEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low voltage temperature sensors tmp35/tmp36/tmp37 rev. f information furnished by analog devices is believed to be accurate and reliable. however, no responsibility is assumed by analog devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. specifications subject to change without notice. no license is granted by implication or otherwise under any patent or patent rights of analog devices. trademarks and registered trademarks are the property of their respective owners. one technology way, p.o. box 9106, norwood, ma 02062-9106, u.s.a. tel: 781.329.4700 www.analog.com fax: 781.461.3113 ?1996C2010 analog devices, inc. all rights reserved. features low voltage operation (2.7 v to 5.5 v) calibrated directly in c 10 mv/c scale factor (20 mv/c on tmp37) 2c accuracy over temperature (typ) 0.5c linearity (typ) stable with large capacitive loads specified ?40c to +125c, operation to +150c less than 50 a quiescent current shutdown current 0.5 a max low self-heating qualified for automotive applications applications environmental control systems thermal protection industrial process control fire alarms power system monitors cpu thermal management general description the tmp35/tmp36/tmp37 are low voltage, precision centi- grade temperature sensors. they provide a voltage output that is linearly proportional to the celsius (centigrade) temperature. the tmp35/ tmp36/tmp37 do not require any external calibration to provide typical accuracies of 1c at +25c and 2c over the ?40c to +125c temperature range. the low output impedance of the tmp35/tmp36/tmp37 and its linear output and precise calibration simplify interfacing to temperature control circuitry and adcs. all three devices are intended for single-supply operation from 2.7 v to 5.5 v maxi- mum. the supply current runs well below 50 a, providing very low self-heatingless than 0. 1c in still air. in addition, a shutdown function is provided to cut the supply current to less than 0.5 a. functional block diagram + v s (2.7v to 5.5v) v out shutdown tmp35/ tmp36/ tmp37 00337-001 figure 1. pin configurations 1 2 3 5 4 top view (not to scale) nc = no connect v out shutdown gnd nc +v s 00337-002 figure 2. rj-5 (sot-23) 1 2 3 4 8 7 6 5 top view (not to scale) nc = no connect v out shutdown nc nc +v s nc nc gnd 00337-003 figure 3. r-8 (soic_n) 1 3 2 bottom view (not to scale) pin 1, +v s ; pin 2, v out ; pin 3, gnd 00337-004 figure 4. t-3 (to-92) the tmp35 is functionally compatible with the lm35/lm45 and provides a 250 mv output at 25c. the tmp35 reads temperatures from 10c to 125c. the tmp36 is specified from ?40c to +125c, provides a 750 mv output at 25c, and operates to 125c from a single 2.7 v supply. the tmp36 is functionally compatible with the lm50. both the tmp35 and tmp36 have an output scale factor of 10 mv/c. the tmp37 is intended for applications over the range of 5c to 100c and provides an output scale factor of 20 mv/c. the tmp37 provides a 500 mv output at 25c. operation extends to 150c with reduced accuracy for all devices when operating from a 5 v supply. the tmp35/tmp36/tmp37 are available in low cost 3-lead to-92, 8-lead soic_n, and 5-lead sot-23 surface-mount packages.
tmp35/tmp36/tmp37 rev. f | page 2 of 20 table of contents features .............................................................................................. 1 ? applications....................................................................................... 1 ? general description ......................................................................... 1 ? functional block diagram .............................................................. 1 ? pin configurations ........................................................................... 1 ? revision history ............................................................................... 2 ? specifications..................................................................................... 3 ? absolute maximum ratings............................................................ 4 ? thermal resistance ...................................................................... 4 ? esd caution.................................................................................. 4 ? typical performance characteristics ............................................. 5 ? functional description .................................................................... 8 ? applications information ................................................................ 9 ? shutdown operation.................................................................... 9 ? mounting considerations ........................................................... 9 ? thermal environment effects .................................................... 9 ? basic temperature sensor connections.................................. 10 ? fahrenheit thermometers ........................................................ 10 ? average and differential temperature measurement ........... 12 ? microprocessor interrupt generator....................................... 13 ? thermocouple signal conditioning with cold-junction compensation............................................................................. 14 ? using tmp3x sensors in remote locations .......................... 15 ? temperature to 4C20 ma loop transmitter .......................... 15 ? temperature-to-frequency converter .................................... 16 ? driving long cables or heavy capacitive loads .................. 17 ? commentary on long-term stability ..................................... 17 ? outline dimensions ....................................................................... 18 ? ordering guide .......................................................................... 19 ? automotive products ................................................................. 20 ? revision history 11/10rev. e to rev. f changes to features.......................................................................... 1 updated outline dimensions ....................................................... 18 changes to ordering guide .......................................................... 19 added automotive products section .......................................... 20 8/08rev. d to rev. e updated outline dimensions ....................................................... 18 changes to ordering guide .......................................................... 19 3/05rev. c to rev. d updated format..................................................................universal changes to specifications ................................................................ 3 additions to absolute maximum ratings..................................... 4 updated outline dimensions ....................................................... 18 changes to ordering guide .......................................................... 19 10/02rev. b to rev. c changes to specifications.................................................................3 deleted text from commentary on long-term stability section.............................................................................................. 13 updated outline dimensions....................................................... 14 9/01rev. a to rev. b edits to specifications .......................................................................2 addition of new figure 1 .................................................................2 deletion of wafer test limits section ............................................3 6/97rev. 0 to rev. a 3/96revision 0: initial version
tmp35/tmp36/tmp37 rev. f | page 3 of 20 specifications v s = 2.7 v to 5.5 v, ?40c t a +125c, unless otherwise noted. table 1. parameter 1 symbol test conditions/comments min typ max unit accuracy tmp35/tmp36/tmp37 (f grade) t a = 25c 1 2 c tmp35/tmp36/tmp37 (g grade) t a = 25c 1 3 c tmp35/tmp36/tmp37 (f grade) over rated temperature 2 3 c tmp35/tmp36/tmp37 (g grade) over rated temperature 2 4 c scale factor, tmp35 10c t a 125c 10 mv/c scale factor, tmp36 ?40c t a +125c 10 mv/c scale factor, tmp37 5c t a 85c 20 mv/c 5c t a 100c 20 mv/c 3.0 v v s 5.5 v load regulation 0 a i l 50 a ?40c t a +105c 6 20 mc/a ?105c t a +125c 25 60 mc/a power supply rejection ratio psrr t a = 25c 30 100 mc/v 3.0 v v s 5.5 v 50 mc/v linearity 0.5 c long-term stability t a = 150c for 1 khz 0.4 c shutdown logic high input voltage v ih v s = 2.7 v 1.8 v logic low input voltage v il v s = 5.5 v 400 mv output tmp35 output voltage t a = 25c 250 mv tmp36 output voltage t a = 25c 750 mv tmp37 output voltage t a = 25c 500 mv output voltage range 100 2000 mv output load current i l 0 50 a short-circuit current i sc note 2 250 a capacitive load driving c l no oscillations 2 1000 10000 pf device turn-on time output within 1c, 100 k||100 pf load 2 0.5 1 ms power supply supply range v s 2.7 5.5 v supply current i sy (on) unloaded 50 a supply current (shutdown) i sy (off) unloaded 0.01 0.5 a 1 does not consider errors caused by self-heating. 2 guaranteed but not tested.
tmp35/tmp36/tmp37 rev. f | page 4 of 20 absolute maximum ratings table 2. parameter 1, 2 rating supply voltage 7 v shutdown pin gnd shutdown +v s output pin gnd v out +v s operating temperature range ?55c to +150c die junction temperature 175c storage temperature range ?65c to +160c ir reflow soldering peak temperature 220c (0c/5c) time at peak temperature range 10 sec to 20 sec ramp-up rate 3c/sec ramp-down rate ?6c/sec time 25c to peak temperature 6 min ir reflow solderingpb-free package peak temperature 260c (0c) time at peak temperature range 20 sec to 40 sec ramp-up rate 3c/sec ramp-down rate ?6c/sec time 25c to peak temperature 8 min 1 digital inputs are protected; ho wever, permanent damage can occur on unprotected units from high energy electrostatic fields. keep units in conductive foam or packag ing at all times until ready to use. use proper antistatic handling procedures. 2 remove power before inserting or removing units from their sockets. stresses above those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. thermal resistance ja is specified for the worst-case conditions, that is, a device in socket. table 3. thermal resistance package type ja jc unit to-92 (t-3) 162 120 c/w soic_n (r-8) 158 43 c/w sot-23 (rj-5) 300 180 c/w esd caution
tmp35/tmp36/tmp37 rev. f | page 5 of 20 temperature (c) ?50 load regulation (mc/a) typical performance characteristics 0 50 100 150 50 30 20 10 0 40 temperature (c) 0.4 0.3 0 ?50 125 ?25 0 25 50 75 100 0.2 0.1 power supply rejection (c/v) +v s = 3v to 5.5v, no load 00337-009 frequency (hz) 100.000 0.010 20 100k 100 1k 10k 00337-005 figure 5. load regulation vs. temperature (mc/a) temperature (c) 1.4 0 1.2 1.0 0.8 0.6 0.4 0.2 1.6 1.8 2.0 ?50 ?25 0 25 50 75 100 125 output voltage (v) a b c a. tmp35 b. tmp36 c. tmp37 +v s = 3v 00337-007 figure 6. output vo ltage vs. temperature a. maximum limit (g grade) b. typical accuracy error c. minimum limit (g grade) temperature (c) 2 ?5 1 0 ?1 ?2 ?3 ?4 3 4 5 0 20 40 60 80 100 120 140 a b c accuracy error ( c) 00337-008 figure 7. accuracy error vs. temperature figure 8. power supply rejection vs. temperature 31.600 10.000 3.160 1.000 0.320 0.100 0.032 power supply rejection ( c/v) 00337-010 figure 9. power supply rejection vs. frequency temperature (c) 4 3 0 2 1 5 ? 50 125 ? 25 0 25 50 75 100 minimum supply voltage (v) b a minimum supply voltage required to meet data sheet specification no load a. tmp35/tmp36 b. tmp37 00337-011 figure 10. minimum supply voltage vs. temperature
tmp35/tmp36/tmp37 rev. f | page 6 of 20 supply current (a) temperature (c) 50 40 10 30 20 60 ?50 125 ?250 255075100 temperature (c) 400 300 0 200 100 ?50 125 ?250 255075 100 a. +v s = 5v b. +v s = 3v no load b a 00337-012 figure 11. supply current vs. temperature supply voltage (v) 40 30 0 20 10 50 07 123 456 supply current ( a) t a = 25 c, no load 8 00337-013 figure 12. supply current vs. supply voltage temperature (c) 40 30 0 20 10 50 ? 50 125 ? 25 0 25 50 75 100 a. +v s = 5v b. +v s = 3v no load a b supply current (na) 00337-014 figure 13. supply current vs. temperature (shutdown = 0 v) = +v s and shutdown pins high to low (3v to 0v) = +v s and shutdown pins low to high (0v to 3v) v out settles within 1c response time (s) 00337-015 figure 14. v out response time for +v s power-up/power-down vs. temperature temperature (c) 400 300 0 200 100 ?50 125 ?25 0 25 50 75 100 = shutdown pin high to low (3v to 0v) = shutdown pin low to high (0v to 3v) v out settles within 1c response time (s) 00337-016 figure 15. v out response time for shutdown pin vs. temperature time (s) 0 1.0 0.8 0.6 0.4 0.2 ? 50 250 0 10050 150 200 300 350 400 450 output voltage (v) 0 1.0 0.8 0.6 0.4 0.2 t a = 25c +v s = 3v shutdown = signal t a = 25c +v s and shutdown = signal 00337-017 figure 16. v out response time to shutdown pin and +v s pin vs. time
tmp35/tmp36/tmp37 rev. f | page 7 of 20 time (s) 70 0 60 50 40 30 20 10 80 90 100 110 0 100 200 300 400 500 600 a 10mv 1ms b c +v s = 3v, 5v change (%) a. tmp35 soic soldered to 0.5" 0.3" cu pcb b. tmp36 soic soldered to 0.6" 0.4" cu pcb c. tmp35 to-92 in socket soldered to 1" 0.4" cu pcb 100 90 10 0% time/division volt/division 00337-019 a b 00337-034 figure 20. temperature sensor wideband output noise voltage; gain = 100, bw = 157 khz figure 17. thermal response time in still air air velocity (fpm) 0 60 40 20 80 140 100 120 0 100 200 300 400 500 600 time constant (s) a frequency (hz) 2400 1000 0 10 10k 100 1k b c a. tmp35 soic soldered to 0.5" 0.3" cu pcb b. tmp36 soic soldered to 0.6" 0.4" cu pcb c. tmp35 to-92 in socket soldered to 1" 0.4" cu pcb +v s = 3v, 5v 700 2200 2000 1600 1800 1400 1200 800 600 400 200 a. tmp35/tmp36 b. tmp37 voltage noise density (nv/ hz) 00337-018 00337-020 figure 21. voltage noise spectral density vs. frequency figure 18. thermal response time constant in forced air time (s) 70 0 60 50 40 30 20 10 80 90 100 110 0 10 20 30 40 50 60 a b c +v s = 3v, 5v a. tmp35 soic soldered to 0.5" 0.3" cu pcb b. tmp36 soic soldered to 0.6" 0.4" cu pcb c. tmp35 to-92 in socket soldered to 1" 0.4" cu pcb 00337-035 change (%) figure 19. thermal response time in stirred oil bath
tmp35/tmp36/tmp37 rev. f | page 8 of 20 functional description an equivalent circuit for the tmp3x family of micropower, centigrade temperature sensors is shown in figure 22 . the core of the temperature sensor is a band gap core that comprises transistors q1 and q2, biased by q3 to approximately 8 a. the band gap core operates both q1 and q2 at the same collector current level; however, because the emitter area of q1 is 10 times that of q2, the v be of q1 and the v be of q2 are not equal by the following relationship: ? ? ? ? ? ? ? ? = e,q2 e,q1 t be a a vv ln resistors r1 and r2 are used to scale this result to produce the output voltage transfer characteristic of each temperature sensor and, simultaneously, r2 and r3 are used to scale the v be of q1 as an offset term in v out . table 4 summarizes the differences in the output characteristics of the three temperature sensors. the output voltage of the temperature sensor is available at the emitter of q4, which buffers the band gap core and provides load current drive. the current gain of q4, working with the available base current drive from the previous stage, sets the short-circuit current limit of these devices to 250 a. shutdown v out +v s 3x 25a 2x q2 1x r1 r2 r3 7.5a q3 2x gnd q4 q1 10x 6x 00337-006 figure 22. temperature sensor simplified equivalent circuit table 4. tmp3 output characteristics sensor offset voltage (v) output voltage scaling (mv/c) output voltage 25c (mv) tmp35 0 10 250 tmp36 0.5 10 750 tmp37 0 20 500
tmp35/tmp36/tmp37 rev. f | page 9 of 20 applications information shutdown operation all tmp3x devices include a shutdown capability, which reduces the power supply drain to less than 0.5 a maximum. this feature, available only in the soic_n and the sot-23 packages, is ttl/cmos level-compatible, provided that the temperature sensor supply voltage is equal in magnitude to the logic supply voltage. internal to the tmp3x at the shutdown pin, a pull-up current source to +v s is connected. this allows the shutdown pin to be driven from an open-collector/drain driver. a logic low, or zero-volt condition, on the shutdown pin is required to turn off the output stage. during shutdown, the output of the temperature sensors becomes high impedance where the potential of the output pin is then determined by external circuitry. if the shutdown feature is not used, it is recommended that the shutdown pin be connected to +v s (pin 8 on the soic_n; pin 2 on the sot-23). the shutdown response time of these temperature sensors is shown in figure 14 , figure 15 , and figure 16 . mounting considerations if the tmp3x temperature sensors are thermally attached and protected, they can be used in any temperature measurement application where the maximum temperature range of the medium is between ?40c and +125c. properly cemented or glued to the surface of the medium, these sensors are within 0.01c of the surface temperature. caution should be exercised, especially with t-3 packages, because the leads and any wiring to the device can act as heat pipes, introducing errors if the surrounding air-surface interface is not isothermal. avoiding this condition is easily achieved by dabbing the leads of the temper- ature sensor and the hookup wires with a bead of thermally conductive epoxy. this ensures that the tmp3x die temperature is not affected by the surrounding air temperature. because plastic ic packaging technology is used, excessive mechanical stress should be avoided when fastening the device with a clamp or a screw-on heat tab. thermally conductive epoxy or glue, which must be electrically nonconductive, is recommended under typical mounting conditions. these temperature sensors, as well as any associated circuitry, should be kept insulated and dry to avoid leakage and corrosion. in wet or corrosive environments, any electrically isolated metal or ceramic well can be used to shield the temperature sensors. condensation at very cold temperatures can cause errors and should be avoided by sealing the device, using electrically non- conductive epoxy paints or dip or any one of the many printed circuit board coatings and varnishes. thermal environment effects the thermal environment in which the tmp3x sensors are used determines two important characteristics: self-heating effects and thermal response time. figure 23 illustrates a thermal model of the tmp3x temperature sensors, which is useful in under- standing these characteristics. t j jc t c ca c ch c c p d t a 00337-021 figure 23. thermal circuit model in the t-3 package, the thermal resistance junction-to-case, jc , is 120c/w. the thermal resistance case-to-ambient, c a , is the difference between ja and jc , and is determined by the char- acteristics of the thermal connection. the power dissipation of the temperature sensor, p d , is the product of the total voltage across the device and its total supply current, including any current delivered to the load. the rise in die temperature above the ambient temperature of the medium is given by t j = p d ( jc + ca ) + t a thus, the die temperature rise of a tmp35 sot-23 package mounted into a socket in still air at 25c and driven from a 5 v supply is less than 0.04c. the transient response of the tmp3x sensors to a step change in the temperature is determined by the thermal resistances and the thermal capacities of the die, c ch , and the case, c c . the thermal capacity of c c varies with the measurement medium because it includes anything in direct contact with the package. in all practical cases, the thermal capacity of c c is the limiting factor in the thermal response time of the sensor and can be represented by a single-pole rc time constant response. figure 17 and figure 19 show the thermal response time of the tmp3x sensors under various conditions. the thermal time constant of a temperature sensor is defined as the time required for the sensor to reach 63.2% of the final value for a step change in the temperature. for example, the thermal time constant of a tmp35 soic package sensor mounted onto a 0.5" 0.3" pcb is less than 50 sec in air, whereas in a stirred oil bath, the time constant is less than 3 sec.
tmp35/tmp36/tmp37 rev. f | page 10 of 20 basic temperature sensor connections figure 24 illustrates the basic circuit configuration for the tmp3x family of temperature sensors. the table in figure 24 shows the pin assignments of the temperature sensors for the three package types. for the sot-23, pin 3 is labeled nc, as are pin 2, pin 3, pin 6, and pin 7 on the soic_n package. it is recommended that no electrical connections be made to these pins. if the shutdown feature is not needed on the sot-23 or on the soic_n package, the shutdown pin should be connected to +v s . 2.7v < + v s < 5.5 v v out 0.1f +v s gnd package +v s gnd v out soic_n 8 4 1 5 sot-23 2 5 1 4 to-92 1 3 2 na pin assignments s hutdown tmp3x 00337-022 shutdown figure 24. basic temperature sensor circuit configuration note the 0.1 f bypass capacitor on the input. this capacitor should be a ceramic type, have very short leads (surface-mount is preferable), and be located as close as possible in physical proximity to the temperature sensor supply pin. because these temperature sensors operate on very little supply current and may be exposed to very hostile electrical environments, it is important to minimize the effects of radio frequency interference (rfi) on these devices. the effect of rfi on these temperature sensors specifically and on analog ics in general is manifested as abnormal dc shifts in the output voltage due to the rectification of the high frequency ambient noise by the ic. when the devices are operated in the presence of high frequency radiated or conducted noise, a large value tantalum capacitor (2.2 f) placed across the 0.1 f ceramic capacitor may offer additional noise immunity. fahrenheit thermometers although the tmp3x temperature sensors are centigrade temperature sensors, a few components can be used to convert the output voltage and transfer characteristics to directly read fahrenheit temperatures. figure 25 shows an example of a simple fahrenheit thermometer using either the tmp35 or the tmp37. using the tmp35, this circuit can be used to sense temperatures from 41f to 257f with an output transfer characteristic of 1 mv/f; using the tmp37, this circuit can be used to sense temperatures from 41f to 212f with an output transfer characteristic of 2 mv/f. this particular approach does not lend itself to the tmp36 because of its inherent 0.5 v output offset. the circuit is constructed with an ad589, a 1.23 v voltage reference, and four resistors whose values for each sensor are shown in the table in figure 25 . the scaling of the output resistance levels ensures minimum output loading on the temp- erature sensors. a generalized expression for the transfer equation of the circuit is given by () () ? ? ? ? ? ? ? ? + + ? ? ? ? ? ? ? ? + = where: tmp35 is the output voltage of the tmp35 or the tmp37 at the measurement temperature, t m . ad589 is the output voltage of the reference, that is, 1.23 v. the output voltage of this circuit is not referenced to the circuits common ground. if this output voltage were applied directly to the input of an adc, the adc common ground should be adjusted accordingly. sensor tcv out r1 (k ? ) tmp35 1mv/f 45.3 10 10 374 tmp37 2mv/f 45.3 10 10 182 r2 (k ? )r3 (k ? )r4 (k ? ) tmp35/ tmp37 gnd r1 r2 r3 r4 ad589 1.23v 0.1f v out + v s v out +v s ? + 00337-023 figure 25. tmp35/tmp37 fahrenheit thermometers
tmp35/tmp36/tmp37 rev. f | page 11 of 20 the same circuit principles can be applied to the tmp36, but because of the inherent offset of the tmp36, the circuit uses only two resistors, as shown in figure 26 . in this circuit, the output voltage transfer characteristic is 1 mv/f but is referenced to the common ground of the circuit; however, there is a 58 mv (58f) offset in the output voltage. for example, the output voltage of the circuit reads 18 mv if the tmp36 is placed in a ?40f ambient environment and 315 mv at +257f. at the expense of additional circuitry, the offset produced by the circuit in figure 26 can be avoided by using the circuit in figure 27 . in this circuit, the output of the tmp36 is conditioned by a single-supply, micropower op amp, the op193. although the entire circuit operates from a single 3 v supply, the output voltage of the circuit reads the temperature directly, with a transfer characteristic of 1 mv/f, without offset. this is accom- plished through an adm660, which is a supply voltage inverter. the 3 v supply is inverted and applied to the v? terminal of the op193. thus, for a temperature range between ?40f and +257f, the output of the circuit reads ?40 mv to +257 mv. a general expression for the transfer equation of the circuit is given by tmp36 gnd 0.1f v out + v s r1 45.3k ? r2 10k ? +v s v out @ ? 40f = 18mv v out @ +257f = 315mv 00337-024 v out @ 1mv/f ? 58f () ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? + ? ? ? ? ? ? ? ? + = 2 1 s out v r3 r4 tmp36 r3 r4 r6r5 r6 v figure 26. tmp36 fahrenhe it thermometer version 1 element r3 r4 r5 r6 value v out r1 50k ? +v s adm660 tmp36 op193 r2 50k ? r3 r4 +3 v c1 10f r5 0.1f 10f ?3v 10f/0.1f gnd nc 10f nc r6 1 2 3 4 5 6 7 2 3 4 6 7 8 258.6k ? 10k ? 47.7k ? 10k ? + + + + ? + v out @ 1mv/f ? 40f t a +257f 00337-025 figure 27. tmp36 fahrenhe it thermometer version 2
tmp35/tmp36/tmp37 rev. f | page 12 of 20 average and differential temperature measurement in many commercial and industrial environments, temperature sensors often measure the average temperature in a building, or the difference in temperature between two locations on a factory floor or in an industrial process. the circuits in figure 28 and figure 29 demonstrate an inexpensive approach to average and differential temperature measurement. in figure 28 , an op193 sums the outputs of three temperature sensors to produce an output voltage scaled by 10 mv/c that represents the average temperature at three locations. the circuit can be extended to include as many temperature sensors as required as long as the transfer equation of the circuit is maintained. in this application, it is recommended that one temperature sensor type be used throughout the circuit; otherwise, the output voltage of the circuit cannot produce an accurate reading of the various ambient conditions. the circuit in figure 29 illustrates how a pair of tmp3x sensors used with an op193 configured as a difference amplifier can read the difference in temperature between two locations. in these applications, it is always possible that one temperature sensor is reading a temperature below that of the other sensor. to accommodate this condition, the output of the op193 is offset to a voltage at one-half the supply via r5 and r6. thus, the output voltage of the circuit is measured relative to this point, as shown in figure 29 . using the tmp36, the output voltage of the circuit is scaled by 10 mv/c. to minimize the error in the difference between the two measured temperatures, a common, readily available thin-film resistor network is used for r1 to r4. op193 0.1f 2 3 4 6 7 v temp(avg) @ 10mv/c for tmp35/tmp36 @ 20mv/c for tmp37 2.7v < +v s < 5.5v for r1 = r2 = r3 = r; v temp(avg) = 1 (tmp3x 1 + tmp3x 2 + tmp3x 3 ) 3 r1 300k ? r2 300k ? r3 300k ? r4 7.5k ? r1 3 r4 = r6 r6 7.5k ? r5 100k ? r5 = tmp3x tmp3x tmp3x ? + 00337-026 figure 28. configuring multiple sensors for average temperature measurements tmp36 @ t1 0 .1f 0.1f 2 3 4 6 7 op193 1f v out r3 1 r4 1 r2 1 r1 1 2.7v < + v s < 5.5 v tmp36 @ t2 r5 100k ? r6 100k ? v out = t2 ? t1 @ 10mv/c v s 2 note: 1 r1?r4, caddock t914?100k?100, or equivalent. 0 .1 f r7 100k ? r8 25k ? r9 25k ? 0c t a 125c centered at centered at ? + 00337-027 figure 29. configuring multiple sensors for differential temperature measurements
tmp35/tmp36/tmp37 rev. f | page 13 of 20 microprocessor interrupt generator because temperature is a slowly moving quantity, the possibility for comparator chatter exists. to avoid this condition, hysteresis is used around the comparator. in this application, a hysteresis of 5c about the trip point was arbitrarily chosen; the ultimate value for hysteresis should be determined by the end application. the output logic voltage swing of the comparator with r1 and r2 determines the amount of comparator hysteresis. using a 3.3 v supply, the output logic voltage swing of the cmp402 is 2.6 v; therefore, for a hysteresis of 5c (50 mv @ 10 mv/c), r1 is set to 20 k, and r2 is set to 1 m. an expression for the hysteresis of this circuit is given by these inexpensive temperature sensors can be used with a voltage reference and an analog comparator to configure an interrupt generator for microprocessor applications. with the popularity of fast microprocessors, the need to indicate a microprocessor overtemperature condition has grown tremendously. the circuit in figure 30 demonstrates one way to generate an interrupt using a tmp35, a cmp402 analog comparator, and a ref191, a 2 v precision voltage reference. the circuit is designed to produce a logic high interrupt signal if the microprocessor temperature exceeds 80c. this 80c trip point was arbitrarily chosen (final value set by the microprocessor thermal reference design) and is set using an r3 to r4 voltage divider of the ref191 output voltage. because the output of the tmp35 is scaled by 10 mv/c, the voltage at the inverting terminal of the cmp402 is set to 0.8 v. ( ) cmp402 swing logic hys v r2 r1 v , ? ? ? ? ? ? = because this circuit is probably used in close proximity to high speed digital circuits, r1 is split into equal values and a 1000 pf capacitor is used to form a low-pass filter on the output of the tmp35. furthermore, to prevent high frequency noise from contaminating the comparator trip point, a 0.1 f capacitor is used across r4. r2 1m ? 3 4 v out +v s tmp35 0 .1 f gnd 0.1f cmp402 interrupt <80c >80c ref191 r1a 10k ? r1b 10k ? 3.3 v 2 6 c l 1000pf r3 16k ? 1f r4 10k ? v ref 0.1f 0.1f c1 = cmp402 4 1 2 4 3 14 13 5 6 r5 100k ? + ? + 0 0337-028 figure 30. microprocessor overtemperature interrupt generator
tmp35/tmp36/tmp37 rev. f | page 14 of 20 thermocouple signal conditioning with cold-junction compensation the circuit in figure 31 conditions the output of a type k thermocouple, while providing cold-junction compensation for temperatures between 0c and 250c. the circuit operates from a single 3.3 v to 5.5 v supply and is designed to produce an output voltage transfer characteristic of 10 mv/c. a type k thermocouple exhibits a seebeck coefficient of approximately 41 v/c; therefore, at the cold junction, the tmp35, with a temperature coefficient of 10 mv/c, is used with r1 and r2 to introduce an opposing cold-junction temp- erature coefficient of ?41 v/c. this prevents the isothermal, cold-junction connection between the pcb tracks of the circuit and the wires of the thermocouple from introducing an error in the measured temperature. this compensation works extremely well for circuit ambient temperatures in the range of 20c to 50c. over a 250c measurement temperature range, the thermocouple produces an output voltage change of 10.151 mv. because the required output full-scale voltage of the circuit is 2.5 v, the gain of the circuit is set to 246.3. choosing r4 equal to 4.99 k sets r5 equal to 1.22 m. because the closest 1% value for r5 is 1.21 m, a 50 k potentiometer is used with r5 for fine trim of the full-scale output voltage. although the op193 is a superior single-supply, micropower operational amplifier, its output stage is not rail-to-rail; therefore, the 0c output voltage level is 0.1 v. if this circuit is digitized by a single-supply adc, the adc common should be adjusted to 0.1 v accordingly. v out +v s tmp35 0.1f gnd op193 0.1f r1 1 24.9k ? r4 4.99k ? r5 1 1.21m ? type k thermo- couple cu cu r2 1 102 ? v out 0v to 2.5 v r6 100k ? 5% r3 10m ? 5% 3.3v < + v s < 5.5 v cold junction chromel alumel isothermal block 0c t a 250c 7 6 4 3 2 p1 50k ? ? + ? + note: 1 all resistors 1% unless otherwise noted. 00337-029 figure 31. single-supply, type k thermocouple signal conditioning circuit with cold-junction compensation
tmp35/tmp36/tmp37 rev. f | page 15 of 20 using tmp3x sensors in remote locations in many industrial environments, sensors are required to operate in the presence of high ambient noise. these noise sources take many forms, for example, scr transients, relays, radio transmitters, arc welders, and ac motors. they can also be used at considerable distances from the signal conditioning circuitry. these high noise environments are typically in the form of electric fields, so the voltage output of the temperature sensor can be susceptible to contamination from these noise sources. figure 32 illustrates a way to convert the output voltage of a tmp3x sensor into a current to be transmitted down a long twisted pair shielded cable to a ground referenced receiver. the temperature sensors are not capable of high output current operation; thus, a standard pnp transistor is used to boost the output current drive of the circuit. as shown in the table in figure 32 , the values of r2 and r3 were chosen to produce an arbitrary full-scale output current of 2 ma. lower values for the full-scale current are not recommended. the minimum-scale output current produced by the circuit could be contaminated by ambient magnetic fields operating in the near vicinity of the circuit/cable pair. because the circuit uses an external transistor, the minimum recommended operating voltage for this circuit is 5 v. to minimize the effects of emi (or rfi), both the circuit and the temperature sensor supply pins are bypassed with good quality ceramic capacitors. twisted pair belden type 9502 or equivalent tmp3x r2 r1 4.7k ? v out 0.1f 2n2907 0.01f gnd +v s 5v r3 v out sensor r2 r3 tmp35 634 634 tmp36 887 887 tmp37 1k 1k 00337-030 figure 32. remote, 2-wire boosted output current temperature sensor temperature to 4C20 ma loop transmitter in many process control applications, 2-wire transmitters are used to convey analog signals through noisy ambient environ- ments. these current transmitters use a zero-scale signal current of 4 ma, which can be used to power the signal conditioning circuitry of the transmitter. the full-scale output signal in these transmitters is 20 ma. figure 33 illustrates a circuit that transmits temperature inform- ation in this fashion. using a tmp3x as the temperature sensor, the output current is linearly proportional to the temperature of the medium. the entire circuit operates from the 3 v output of the ref193. the ref193 requires no external trimming because of its tight initial output voltage tolerance and the low supply current of the tmp3x, the op193, and the ref193. the entire circuit consumes less than 3 ma from a total budget of 4 ma. the op193 regulates the output current to satisfy the current summation at the noninverting node of the op193. a generalized expression for the kcl equation at pin 3 of the op193 is given by ? ? ? ? ? ? ? ? + ? ? ? ? ? ? = for each temperature sensor, table 5 provides the values for the components p1, p2, and r1 to r4. table 5. circuit element values for loop transmitter sensor r1 p1 r2 p2 r3 r4 tmp35 97.6 k 5 k 1.58 m 100 k 140 k 56.2 k tmp36 97.6 k 5 k 931 k 50 k 97.6 k 47 k tmp37 97.6 k 5 k 10.5 k 500 84.5 k 8.45 k the 4 ma offset trim is provided by p2, and p1 provides the full-scale gain trim of the circuit at 20 ma. these two trims do not interact because the noninverting input of the op193 is held at a virtual ground. the zero-scale and full-scale output currents of the circuit are adjusted according to the operating temperature range of each temperature sensor. the schottky diode, d1, is required in this circuit to prevent loop supply power-on transients from pulling the noninverting input of the op193 more than 300 mv below its inverting input. without this diode, such transients can cause phase reversal of the operational amplifier and possible latch-up of the transmitter. the loop supply voltage compliance of the circuit is limited by the maximum applied input voltage to the ref193; it is from 9 v to 18 v.
tmp35/tmp36/tmp37 rev. f | page 16 of 20 v out 4 6 7 1f r5 100k? v out r l 250 ? v loop 9v to 18v 3 2 d1: hp5082-2810 ref193 tmp3x r7 100? r3 1 r1 1 +v s r2 1 p2 1 4ma adjust d1 r4 1 r6 100k? p1 1 20ma adjust gnd q1 2n1711 0.1f 2 4 6 3v i l note: 1 see text for values. ? + 00337-032 + op193 figure 33. temperature to 4C20 ma loop transmitter temperature-to-fre quency converter another common method of transmitting analog information from a remote location is to convert a voltage to an equivalent value in the frequency domain. this is readily done with any of the low cost, monolithic voltage-to-frequency converters (vfcs) available. these vfcs feature a robust, open-collector output transistor for easy interfacing to digital circuitry. the digital signal produced by the vfc is less susceptible to contamination from external noise sources and line voltage drops because the only important information is the frequency of the digital sig- nal. when the conversions between temperature and frequency are done accurately, the temperature data from the sensors can be reliably transmitted. the circuit in figure 34 illustrates a method by which the outputs of these temperature sensors can be converted to a frequency using the ad654. the output signal of the ad654 is a square wave that is proportional to the dc input voltage across pin 4 and pin 3. the transfer equation of the circuit is given by ? ? ? ? ? ? ? ? ? = )(10 tt offset tpm out cr vv f tmp3x +v s gnd 6 4 2 3 7 8 5 1 ad654 v out 10f/0.1f 5v p2 100k ? r off1 470? f out offset r off2 10? r1 p1 r t 1 0.1f c t 1 5 v r pu 5k? f out nb: att a (min), f out = 0hz note: 1 r t and c t ? see table sensor r t (r1 + p1) c t tmp35 tmp36 tmp37 11.8k ? + 500 ? 16.2k ? + 500 ? 18.2k ? + 1k ? 1.7nf 1.8nf 2.1nf 0 0337-031 figure 34. temperature-to-frequency converter
tmp35/tmp36/tmp37 rev. f | page 17 of 20 an offset trim network (f out offset ) is included with this circuit to set f out to 0 hz when the minimum output voltage of the temperature sensor is reached. potentiometer p1 is required to calibrate the absolute accuracy of the ad654. the table in figure 34 illustrates the circuit element values for each of the three sensors. the nominal offset voltage required for 0 hz output from the tmp35 is 50 mv; for the tmp36 and tmp37, the offset voltage required is 100 mv. for the circuit values shown, the output frequency transfer characteristic of the circuit was set at 50 hz/c in all cases. at the receiving end, a frequency-to-voltage converter (fvc) can be used to convert the frequency back to a dc voltage for further processing. one such fvc is the ad650. for complete information about the ad650 and the ad654, consult the individual data sheets for those devices. driving long cables or heavy capacitive loads although the tmp3x family of temperature sensors can drive capacitive loads up to 10,000 pf without oscillation, output voltage transient response times can be improved by using a small resistor in series with the output of the temperature sensor, as shown in figure 35 . as an added benefit, this resistor forms a low-pass filter with the cable capacitance, which helps to reduce bandwidth noise. because the temperature sensor is likely to be used in environments where the ambient noise level can be very high, this resistor helps to prevent rectification by the devices of the high frequency noise. the combination of this resistor and the supply bypass capacitor offers the best protection. tmp3x 0.1 f gnd + v s 750? long cable or heavy capacitive loads v out 00337-033 figure 35. driving long cables or heavy capacitive loads commentary on long-term stability the concept of long-term stability has been used for many years to describe the amount of parameter shift that occurs during the lifetime of an ic. this is a concept that has been typically applied to both voltage references and monolithic temperature sensors. unfortunately, integrated circuits cannot be evaluated at room temperature (25c) for 10 years or more to determine this shift. as a result, manufacturers very typically perform accelerated lifetime testing of integrated circuits by operating ics at elevated temperatures (between 125c and 150c) over a shorter period of time (typically, between 500 and 1000 hours). as a result of this operation, the lifetime of an integrated circuit is significantly accelerated due to the increase in rates of reaction within the semiconductor material.
tmp35/tmp36/tmp37 rev. f | page 18 of 20 controlling dimensions are in millimeters; inch dimensions (in parentheses) are rounded-off millimeter equivalents for reference only and are not appropriate for use in design. compliant to jedec standards ms-012-aa 012407-a outline dimensions 0.25 (0.0098) 0.17 (0.0067) 1.27 (0.0500) 0.40 (0.0157) 0.50 (0.0196) 0.25 (0.0099) 45 8 0 1.75 (0.0688) 1.35 (0.0532) seating plane 0.25 (0.0098) 0.10 (0.0040) 4 1 85 5.00 (0.1968) 4.80 (0.1890) 4.00 (0.1574) 3.80 (0.1497) 1.27 (0.0500) bsc 6.20 (0.2441) 5.80 (0.2284) 0.51 (0.0201) 0.31 (0.0122) coplanarity 0.10 compliant to jedec standards mo-178-aa 10 5 0 seating plane 1.90 bsc 0.95 bsc 0.60 bsc 3.00 2.90 2.80 5 123 4 3.00 2.80 2.60 1.70 1.60 1.50 1.30 1.15 0.90 0.20 max 0.08 min 1.45 max 0.95 min 0 .15 max 0 .05 min 0.50 max 0.35 min 0.55 0.45 0.35 11-01-2010-a figure 36. 8-lead standard small outline package [soic_n] narrow body (r-8) dimensions shown in millimeters and (inches) figure 37. 5-lead small outline transistor package [sot-23] (rj-5) dimensions shown in millimeters 042208- controlling dimensions are in i (in parentheses) are rounded-off equivalents for reference only and are not appropriate for use in design. compliant to jedec st a nches; millimeter dimensions andards to-226-aa 0.020 (0.51) 0.017 (0.43) 0.014 (0.36) 0.1150 (2.92) 0.0975 (2.48) 0.0800 (2.03) 0.165 (4.19) 0.145 (3.68) 0.125 (3.18) 1 2 3 bottom view front view 0.0220 (0.56) 0.0185 (0.47) 0.0150 (0.38) 0.105 (2.68) 0.100 (2.54) 0.095 (2.42) 0.055 (1.40) 0.050 (1.27) 0.045 (1.15) seating plane 0.500 (12.70) min 0.205 (5.21) 0.190 (4.83) 0.175 (4.45) 0.210 (5.33) 0.190 (4.83) 0.170 (4.32) figure 38. 3-pin plastic header-style package [to-92] (t-3) dimensions shown in inches and (millimeters)
tmp35/tmp36/tmp37 rev. f | page 19 of 20 ordering guide model 1, 2 accuracy at 25c (c max) linear operating temperature range package description package option branding tmp35fsz-reel 2.0 10c to 125c 8-lead standard small outline package (soic_n) r-8 tmp35grt-reel7 3.0 10c to 125c 5-lead small outline transistor package (sot-23) rj-5 t5g tmp35grtz-reel7 3.0 10c to 125c 5-lead small outline transistor package (sot-23) rj-5 #t11 tmp35gs 3.0 10c to 125c 8-lead standa rd small outline package (soic_n) r-8 tmp35gt9 3.0 10c to 125c 3-pin plastic header-style package (to-92) t-3 tmp35gt9z 3.0 10c to 125c 3-pin plastic header-style package (to-92) t-3 adw75001z-0reel7 3.0 ?40c to +125c 5-lead small outline transistor package (sot-23) rj-5 #t6g tmp36fs 2.0 ?40c to +125c 8-lead stan dard small outline package (soic_n) r-8 TMP36FS-REEL 2.0 ?40c to +125c 8-lead st andard small outline package (soic_n) r-8 tmp36fsz 2.0 ?40c to +125c 8-lead stan dard small outline package (soic_n) r-8 tmp36fsz-reel 2.0 ?40c to +125c 8-lead st andard small outline package (soic_n) r-8 tmp36grt-reel7 3.0 ?40c to +125c 5-lead small outline transistor package (sot-23) rj-5 t6g tmp36grtz-reel7 3.0 ?40c to +125c 5-lead small outline transistor package (sot-23) rj-5 #t6g tmp36gs 3.0 ?40c to +125c 8-lead stan dard small outline package (soic_n) r-8 tmp36gs-reel 3.0 ?40c to +125c 8-lead st andard small outline package (soic_n) r-8 tmp36gs-reel7 3.0 ?40c to +125c 8-lead st andard small outline package (soic_n) r-8 tmp36gsz 3.0 ?40c to +125c 8-lead stan dard small outline package (soic_n) r-8 tmp36gsz-reel 3.0 ?40c to +125c 8-lead standard small outline package (soic_n) r-8 tmp36gsz-reel7 3.0 ?40c to +125c 8-lead standard small outline package (soic_n) r-8 tmp36gt9 3.0 ?40c to +125c 3-pin plastic header-style package (to-92) t-3 tmp36gt9z 3.0 ?40c to +125c 3-pin plastic header-style package (to-92) t-3 tmp37ft9 2.0 5c to 100c 3-pin plastic header-style package (to-92) t-3 tmp37ft9-reel 2.0 5c to 100c 3-pin plastic header-style package (to-92) t-3 tmp37ft9z 2.0 5c to 100c 3-pin plastic header-style package (to-92) t-3 tmp37grt-reel7 3.0 5c to 100c 5-lead small outline transistor package (sot-23) rj-5 t7g tmp37grtz-reel7 3.0 5c to 100c 5-lead small outline transistor package (sot-23) rj-5 #t12 tmp37gsz 3.0 5c to 100c 8-lead standa rd small outline package (soic_n) r-8 tmp37gsz-reel 3.0 5c to 100c 8-lead standard small outline package (soic_n) r-8 tmp37gt9 3.0 5c to 100c 3-pin plastic header-style package (to-92) t-3 tmp37gt9-reel 3.0 5c to 100c 3-pin plastic header-style package (to-92) t-3 tmp37gt9z 3.0 5c to 100c 3-pin plastic header-style package (to-92) t-3 1 z = rohs compliant part. 2 w = qualified for auto motive applications.
tmp35/tmp36/tmp37 rev. f | page 20 of 20 automotive products the adw75001z-0reel7 model is available with controlled manufacturing to support the quality and reliability requirements of automotive applications. note that this automotive model may have specifications that differ from the commercial models; theref ore, designers should review the specifications section of this data sheet carefully. only automotive grade products shown are avail able for use in automotive applications. contact your local analog devices account representative for specific product ordering information and to obtain the specific automotive reliability reports for these models. ?1996C2010 analog devices, inc. all rights reserved. trademarks and registered trademarks are the property of their respective owners. d00337-0-11/10(f)


▲Up To Search▲   

 
Price & Availability of TMP36FS-REEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X