Part Number Hot Search : 
SP574B GPM130C SM3386 75K72100 SXXXF LT1208 6L01I 25L80
Product Description
Full Text Search
 

To Download TFS211F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  filename: tfs 211f.doc version 1.2 19.01.2006 vi telefilter filter specification tfs 211f 1/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. measurement condition ambient temperature: 23 c input power level: 0 dbm terminating impedance: * input: 380 ? || -11,5 pf output: 280 ? || -10,6 pf characteristics remark: the reference level for the relative attenuation a rel of the tfs 211f is the minimum of the pass band attenuation a min . the minimum of the pass band attenuation a min is defined as t he insertion loss a e . the centre frequency f c is the arithmetic mean value of the upper and lower frequencies at the 3 db filter attenuation level relative to the insertion loss a e . the temperature coefficient of frequency tc f is valid for both the reference frequency f c and the frequency response of the filter in the oper ating temperature range. the frequency shift of the filter in the operating tempera ture range is not included in the production tolerance scheme. d a t a typ. value tolerance / limit insertion loss a e 4,2 db max. 6,5 db (reference level) nominal frequency f n - 211 mhz centre frequency at ambient temperature f c 211 mhz 25 khz passband pb - f c 100 khz bandwidth bw 1,5 db 241 khz min. 50 khz 2,0 db 270 khz min. 80 khz relative attenuation a rel f c ? f c 50 khz 0,25 db max. 1,5 db f c 50 khz ? f c 80 khz 0,6 db max. 2 db f c 80 khz ? f c 100 khz 1 db max. 3 db f c 0,4 mhz ? f c 0,6 mhz 30 db min. 25 db f c 0,6 mhz ? f c 0,8 mhz 42 db min. 38 db f c 0,8 mhz ? f c 20 mhz 48 db min. 46 db absolute group delay within pb 2,5 s max. 5 s group delay ripple within pb 350 ns max. 600 ns return loss within pb 13 db min. 10 db intermodulation ** - 75 dbc max. - 62 dbc input power level *** - max. 23 dbm permissible dc voltage - 30 v operating temperature range otr - 0 c ... + 70c storage temperature range - - 40 c ... + 85c frequency inversion temperature 23 c temperature coefficient of frequency tc f **** - 0,036 ppm/k2 *) the terminating impedances depend on parasitics and q-values of matching elements and the board used, and are to be understo od as reference values only. should there be additional questions do not hesitate to ask for an application note or contact our design team. **) f in1 = 209,4 mhz; f in2 = 210,2 mhz; p in = -10 dbm and f in1 = 211,8 mhz; f in2 = 212,6 mhz; p in = -10 dbm. ***) this power level is allowed for short time only (1% of life time), maximum input power for continuous operation is 14,5 d bm. ****) ? f(hz) = tc f (ppm/k 2 ) x (t-t 0 ) 2 x f to (mhz) generated: checked / approved:
filename: tfs 211f.doc version 1.2 19.01.2006 vi telefilter filter specification tfs 211f 2/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. filter characteristic construction and pin connection (all dimensions in mm) 13,3 0,2 6,5 0,2 1,80,2 1,910,2 7,620,2 1,00,2 1,90,2 date code 1 5 6 10 50 ? test circuit tfs 211f u03 1 input rf return 2 ground 3 ground 4 ground 5 output 6 output rf return 7 ground 8 ground 9 ground 10 input date code: year + week u 2006 v 2007 w 2008 ... 191 195 199 203 207 211 215 219 223 227 231 -70 -63 -56 -49 -42 -35 -28 -21 -14 -7 0 frequency in mhz magnitude in db 210.75 210.8 210.85 210.9 210.95 211 211.05 211.1 211.15 211.2 211.25 -10 -9 -8 -7 -6 -5 -4 -3 -2 -1 0 frequency in mhz magnitude in db 210.75 210.8 210.85 210.9 210.95 211 211.05 211.1 211.15 211.2 211.25 1.89 2.37 2.85 3.33 3.81 4.29 4.77 5.25 5.73 6.21 6.69 frequency in mhz delay in s l1 l2 saw l3 l4 10 5 2, 3, 4, 7, 8, 9 6 1
filename: tfs 211f.doc version 1.2 19.01.2006 vi telefilter filter specification tfs 211f 3/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. stability characteristics, reliability after the following tests the filter shall meet the whole specification: 1. shock: 500g, 1 ms, half sine wave, 3 shocks each plane; din iec 68 t2 - 27 2. vibration: 10 hz to 500 hz, 0,35 mm or 5 g respecti vely, 1 octave per min, 10 cycles per plan, 3 plans; din iec 68 t2 - 6 3. change of temperature: -55 c to 125c / 30 min. each / 10 cycles din iec 68 part 2 ? 14 test n 4. resistance to solder heat (reflow): reflow possible: twice max.; for temperature conditions refer to the attac hed "air reflow temperature conditions" on page 4; this filter is rohs compliant (2002/95/eg, 2005/618/eg) packing tape & reel: iec 286 ? 3, with exception of value for n and minimum bending radius; tape type ii, embossed carrier tape with top cover tape on the upper side; max. pieces of filters per reel: 1700 reel of empty components at start: min. 300 mm reel of empty components at start including leader: min. 500 mm trailer: min. 300 mm g do w ct f e g d1 p2 p1 po bo ao pull off direction pin marker typ date code ko t a c n w 1 w 2 the minimum bending radius is 45 mm. tape (all dimensions in mm) w : 24,00 +0,30/-0,10 po : 4,00 0,1 do : 1,50 +0,1/-0 e : 1,75 0,10 f : 11,50 0,10 g(min) : 0,60 p2 : 2,00 0,1 p1 : 12,00 0,1 d1(min) : 1,50 a o : 7,10 0,10 bo : 13,90 0,10 ct : 21,5 0,1 reel (all dimensions in mm) a : 330 w1 : 24,4 +2/-0 w2(max) : 30,4 n(min) : 60 c : 13,0 +0,5/-0,2
filename: tfs 211f.doc version 1.2 19.01.2006 vi telefilter filter specification tfs 211f 4/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. air reflow temperature conditions conditions exposure average ramp-up rate (30c to 217c) less than 3c/second > 100c between 300 and 600 seconds > 150c between 240 and 500 seconds > 217c between 30 and 150 seconds peak temperature max. 260c time within 5c of actual peak temperature between 10 and 30 seconds cool-down rate (peak to 50c) less than 6c/second time from 30c to peak temperature no greater than 300 seconds temperature / c time / s max. 260c 217c 10 ... 30 s 30 ... 150 s max. 300 s chip-mount air reflow profile
filename: tfs 211f.doc version 1.2 19.01.2006 vi telefilter filter specification tfs 211f 5/5 tele filter gmbh potsdamer stra?e 18 d 14 513 teltow / germany tel: (+49) 3328 4784-0 / fax: (+49) 3328 4784-30 e-mail: tft@telefilter.com vi telefilter reserves the right to make changes to the produc t(s) and/or information contained herein without notice. no liab ility is assumed as a result of their use or application. no rights under any patent accompany the sale of any such product(s) or infor mation. history version reason of changes name date 1.0 - generation of development specification channaa 16.11.2005 1.1 - terminating impedance, typical va lues, matching configuration and filter characteristic added pfeiffer 02.01.2006 1.2 - pass band changed (related to f c ) pfeiffer 19.01.2006


▲Up To Search▲   

 
Price & Availability of TFS211F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X