Part Number Hot Search : 
1205N DTC124 EVPAF Y8895 SMM465 EM91450C ICS1702 PLCDA15
Product Description
Full Text Search
 

To Download SR-5-200MA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description ? radial leaded time-delay thru-hole fuse ? designed to iec 60127-3, sheet 4 ? internationally accepted for primary and secondary overcurrent protection ? place directly into pcb or plug into bk/pcs holder ? high inrush withstand capability ? compatible with leaded and lead-free reflow and wave solder agency information ? kc: su05011-9001 3.15a~6.3a, su05011-9002 1~2.5a, su05011-9003 40ma~100ma, su05011-9004 125ma~800ma ? pse+jet: jet1641-31007-1001 1~5a, jet1641-31007-1002 6.3a ? ccc: 2009010207370507 40ma~4a ? cqc: cqc09012037502 5a, 6.3a ? semko: 1023113 40ma~6.3a ? curus: guide jdyx2, file e306920&e19180 and guide jdyx8, file e306920&e19180 ? vde: file122052, 40020046 specifications ? solderability: eia-186-9e method 9 ? high frequency vibration: mil-std-202f, method 201a ? operating temperature: -40c to +85c ? soldering heat resistance: 260c, 10 sec. max (iec 60068-2-20) ordering ? specify product and packaging code (i.e., sr-5-1a-ap) electrical characteristics rated 1.5 xi n 2.1 xi n 2.75 xi n 4 xi n 10 xi n current min max min max min max min max 100ma-6.3a 1 hr 2 min 400 ms 10 sec 150 ms 3 sec 20 ms 150 ms subminiature radial leaded, time-delay fuses sr-5 series 0711 bu-sb11806 page 1 of 3 data sheet 4347 pb halogen hf free specifications voltage interrupting typical voltage drop part rating rating (amps) typical dc cold melting** mv @ 20c agency information number ac @ rated voltage resistance ( )i 2 t (@1ms) rated current vde semko curus ccc kc -mark pse sr-5-100ma 250 35 2.37 0.015155 288.5 x x x x x sr-5-125ma 250 35 1.6 0.026783 238 x x x x x sr-5-160ma 250 35 1.02 0.039097 196.5 x x x x x SR-5-200MA 250 35 0.94 0.168832 215.5 x x x x x sr-5-250ma 250 35 0.66 0.24778 185 x x x x x sr-5-315ma 250 35 0.43 0.2772 152 x x x x x sr-5-400ma 250 35 0.285 0.771618 127 x x x x x sr-5-500ma 250 35 0.242 2 143.5 x x x x x sr-5-630ma 250 35 0.154 3.5 113 x x x x x sr-5-800ma 250 35 0.112 6.5 104.5 x x x x x sr-5-1a 250 35 0.085 7.5 100 x x x x x x sr-5-1.25a 250 35 0.061 13 91 x x x x x x sr-5-1.6a 250 35 0.043 24 102 x x x x x x sr-5-2a 250 35 0.031 30 74.5 x x x x x x sr-5-2.5a 250 35 0.024 45 72.5 x x x x x x sr-5-3.15a 250 35 0.018 57 70.25 x x x x x x sr-5-4a 250 40 0.012 80 62 x x x x x x *sr-5-5a 250 50 0.010 95.4 57.5 x x x cqc x x *sr-5-6.3a 250 63 0.008 200 60.85 x x x cqc x x * conducting path min. 0.2mm 2 ** i 2 t value for 100ma to 400ma is measured at 100l n .i 2 t value for 500ma to 6.3a is measured at 10i n . radial leaded device
time-current curves 0711 bu-sb11806 page 2 of 3 data sheet 4347
packaging code packaging code suffix description -ap, -ap ammo-pack taped 1,000 per box (see packaging inf ormation for lead configurations) -bk, -bk1, -bk2 in bulk 200 per bag (see packaging inf ormation for lead configurations) 0711 bu-sb11806 page 3 of 3 data sheet 4347 the only controlled copy of this data sheet is the electronic read-only version located on the cooper bussmann network drive. al l other copies of this document are by definition uncontrolled. this bulletin is intended to clearly present comprehensive product data and provide technical information that will help the end user with desig n applications. cooper bussmann reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. cooper bussmann also reserves t he right to change or update, without notice, any technical information contained in this bulletin. once a product has been selected, it should be tested by the user in all possible applications. life support policy: cooper bussmann does not authorize the use of any of its products for use in life support devices or system s without the express written approval of an officer of the company. life support systems are devices which support or sustain life, and whose failure to perform, when properly used in accordance with instructio ns for use provided in the labeling, can be reasonably expected to result in significant injury to the user. ? 2011 cooper bussmann www.cooperbussmann.com land pattern 0.03" (0.76mm) 0.12" 0.01" (3.05mm 0.25mm) 0.29" (7.37mm) 0.20" (5.08mm) 0.30" (7.62mm) 0.095" (2.41mm) () 5.08 0.2mm ? 1.0 0.1mm dimensions ? packaging information ? mm [in] pcs mounting socket (rohs compliant) ? available as option. specify catalog number bk/pcs (in bulk 100 per bag)


▲Up To Search▲   

 
Price & Availability of SR-5-200MA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X