Part Number Hot Search : 
GPC130C 1E475 SMBJ100C B4815 LTC3638 4040D L324F X9316WP
Product Description
Full Text Search
 

To Download SCM-1101MF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  scm1101mf description the scm1101mf inverter power module (ipm) device provides a robust, highly-integrated solution for optimally controlling 3-phase motor power inverter systems and variable speed control systems used in energy-conserving designs to drive motors of residential and commercial appliances. these ics take 85 to 253 vac input voltage, and 10 a (continuous) output current. they can withstand voltages of up to 600 v (igbt breakdown voltage). the scm1100m series employs a new, small-footprint proprietary dip package. the ic itself consists of all of the necessary power elements (six igbts), pre-drive ics (three), and freewheeling diodes (six), needed to configure the main circuit of an inverter, as well as a bootstrap circuit (three bootstrap diodes and three boot resistors) as a high-side drive power supply. this enables the main circuit of the inverter to be configured with fewer external components than traditional designs. applications include residential white goods (home appliances) and commercial appliance motor control, such as: ? air conditioner fan motor ? refrigerator compressor motor ? washing machine main motor ? air conditioner compressor motor features and benefits ? each half-bridge circuit consists of a pre-driver circuit that is completely independent from the others ? protection against simultaneous high- and low-side turning on ? bootstrap diodes with series resistors for suppressing inrush current are incorporated ? cmos compatible input (3.3 to 5 v) ? designed to minimize simultaneous current through both high- and low-side igbts by optimizing gate drive resistors ? integrated fast recovery diode (frd) as freewheeling diode for each igbt ? uvlo protection with auto restart ? overcurrent protection with off-time period adjustable by an external capacitor ? fault (fo indicator) signal output at protection activation: uvlo (low side only), ocp, and stp ? proprietary power dip package ? ul recognized component (file no.: e118037) high voltage 3-phase motor driver functional block diagram package: power dip cfo drive circuit uv detect drive circuit level shift input logic & shoot through prevention uv detect o.c. protect hvic ho lo fo com lin hin vcc vb hs vbb u, v, or w ls figure 1. diagram of one of three phases in the device. not to scale. thermal pad shown attached. 38110.100, rev. 3
high voltage 3-phase motor driver scm1101mf 2 absolute maximum ratings , valid at t a = 25c characteristic symbol remarks rating units supply voltage v dc between vbb and ls1, ls2, and ls3 450 v supply voltage (surge) v dc(surge) between vbb and ls1, ls2, and ls3 500 v igbt breakdown voltage v ces v cc = 15 v, i c = 1 ma, v in = 0 v 600 v logic supply voltage v cc between vcc and com 20 v boot-strap voltage v bs between vb and hs (u,v,w) 20 v output current, continuous i o t case = 25c 10 adc t case = 100c 8.1 adc output current, pulsed i op pulse width 1 ms 20 a input voltage v in ?0.5 to 7 v fo terminal voltage v fo between fo and com 7 v maximum allowable power dissipation p d t case = 25c, 1 element operation (igbt) 33.8 w t case = 100c, 1 element operation (igbt) 13.5 w thermal resistance, junction-to-case r (j-c)q 1 element operation (igbt) 3.7 c/w r (j-c)f 1 element operation (frd) 4.2 c/w case operation temperature t cop ?20 to 100 c junction temperature (igbt) t j 150 c storage temperature t stg ?40 to 150 c isolation voltage v iso between exposed thermal pad and each pin; 1 minute, ac 2000 v rms selection guide part number packing igbt breakdown voltage, v ces (min) (v) igbt saturation voltage, v ce(sat) (typ) (v) output current continuous, i o (max) (a) pulsed, i op (max) (a) scm1101mf 10 pieces per tube 600 1.75 10 20 all performance characteristics given are typical values for circuit or system baseline design only and are at the nominal operating voltage and an ambient temperature, t a , of 25c, unless oth er wise stated. recommended operating conditions characteristic symbol remarks min. typ. max. units main supply voltage v dc between vbb and ls ? 300 400 v logic supply voltage v cc between vcc and com 13.5 ? 16.5 v logic supply voltage v bs between vb and hs 13.5 ? 16.5 v minimum input pulse width t inmin(on) on pulse 0.5 ? ? s t inmin(off) off pulse 0.5 ? ? s dead time t dead 1.5 ? ? s fo pull-up resistor r fo 1 ? 22 k cfo capacitor c fo 1 ? 10 nf fo pull-up voltage v fo 4.5 ? 5.5 v bootstrap capacitor c boot 10 ? 220 f shunt resistor r s for i p 20 a 25.5 ? ? m pwm carrier frequency f c ? ? 10 khz junction temperature t j ? ? 125 c allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com
high voltage 3-phase motor driver scm1101mf 3 scm1100m cont r oller vbb rs cfo rfo cboot 18 17 20 19 21 22 23 24 10 9 12 11 13 14 15 16 2 1 4 3 5 6 7 8 31 32 33 28 29 30 25 26 27 drive circuit uv detect drive circuit level shift input logic & shoot through prevention uv detect o.c. protect hvic1 ho hs lo ls vb vcc hin lin com fo cfo drive circuit uv detect drive circuit level shift input logic & shoot through prevention uv detect o.c. protect hvic2 ho hs lo ls vb vcc hin lin com fo cfo drive circuit uv detect drive circuit level shift input logic & shoot through prevention uv detect o.c. protect hvic3 ho hs lo ls vb vcc hin lin com fo cfo cn vfo m cboot cboot vcc cs typical application diagram note: ? to use the ocp circuit, an external shunt resistor, rs, is needed. the rs value can be obtained from the formula: r s ( ) = 0.5 (v) / overcurrent detection set current (a) ? 0.0024 ( ). ? to avoid malfunction, the wiring between the ls and com pins should be as short as possible. ? to prevent surge destruction, put a 0.01 to 1 f snubber capacitor, cs, in parallel with the electrolytic capacitor. ? to prevent surge destruction, put a 18 to 20 v zener diode between the vcc and com pins. ? to prevent surge malfunction, put a 0.01 to 0.1 f ceramic capacitor between the vcc and com pins and the vb and hs pins. allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com
high voltage 3-phase motor driver scm1101mf 4 electrical characteristics, valid at t a =25c, unless otherwise noted characteristics symbol conditions min typ max units logic supply voltage v cc between vcc and com 13.5 ? 16.5 v logic supply current i cc v cc = 15 v, 3 phases operating ? 5 8 ma bootstrap supply current i bs vb ? hs = 15 v, one phase operating ? 400 800 a input voltage v ih v cc = 15 v, output on ? 2.0 2.5 v v il v cc = 15 v, output off 1.0 1.5 ? v input voltage hysteresis v ihys v cc = 15 v ? 0.5 ? v input current i ihh v cc = 15 v, v in = 5 v ? 50 100 a i ilh v cc = 15 v, v in = 0 v ? ? 2 a undervoltage lock out (high side) u vhl v cc = 15 v 10.0 ? 12.0 v u vhh 10.5 ? 12.5 v undervoltage lock out (low side) u vll v cc = 15 v 10.5 ? 12.5 v u vlh 11.0 ? 13.0 v fo terminal output voltage v fol v cc = 15 v, v fo = 5 v, r fo = 10 k ? ? 0.5 v v foh 4.8 ? ? v overcurrent protection trip voltage v trip v cc = 15 v 0.46 0.50 0.54 v overcurrent protection hold time t p v cc = 15 v, c fo = 0.0022 f2??ms blanking time t blank v cc = 15 v ? 2 ? s igbt breakdown voltage v ces v cc = 15 v, i c = 1 ma, v in = 0 v 600 ? ? v igbt leakage current i ces v cc = 15 v, v ce = 600 v, v in = 0 v ? ? 1 ma igbt saturation voltage v ce(sat) v cc = 15 v, i c =10 a, v in = 5 v ? 1.75 2.2 v diode forward voltage v f v cc = 15 v, i f = 10 a, v in = 0 v ? 1.7 2.2 v diode recovery time (bootstrap) t rr i f / i rp = 100 ma/100 ma ? 70 ? ns diode leakage current (bootstrap) i ib v r = 600 v ? 5 10 a diode forward voltage (bootstrap) v fb i f = 0.15 a ? 1.1 1.3 v diode series resistor (bootstrap) r b 17.6 22.0 26.4 high side switching time t dh(on) v dc = 300 v, v cc = 15 v, i c = 10 a, inductive load; hin = 0 ? 5 v or 5 ? 0 v ? 320 ? ns t rh ?50?ns t rrh ?80?ns t dh(off) ? 560 ? ns t fh ? 210 ? ns low side switching time t dl(on) v dc = 300 v, v cc = 15 v, i c = 10 a, inductive load; lin = 0 ? 5 v or 5 ? 0 v ? 350 ? ns t rl ?80?ns t rrl ? 140 ? ns t dl(off) ? 610 ? ns t fl ? 200 ? ns input output truth table hin lin out l l high z lhl hlh h h high z high z = high impedance v in 10% 90% i c v ce 10% 90% t (off) t f t r t rr t d(off) t (on) t d(on) switching timing definitions allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com
high voltage 3-phase motor driver scm1101mf 5 timing diagrams hin lin vb- hs ho lo fo uvhl uvhh * start from positive edge after uvlo release . *v cc =15v * no output at h-side uvlo hin lin vcc ho lo fo uvll uvlh *vb-hs=15v * start from positive edge after uvlo release hin lin ho lo fo *v cc ,vb- hs = 15 v * while both hin and lin are in high state ho and lo turn off and fo signals out vcc lin vb- hs ls fo vcc blankingtime (2 s typ.) cfo ocp assist timer (2 s min.) v rc (3.5 v typ.) the slope depends on c fo capacitance * off operation of all phases can be done by wired or system with the three fo pins short circuited igbt turns off softly after overcurrent condition is detected high-side driver input/output low-side driver input/output shoot-through prevention overcurrent protection allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com
high voltage 3-phase motor driver scm1101mf 6 pin-out diagram branded side 33 25 1 24 terminal list table name number function 1 fo1 u phase fault output for overcurrent and uvlo detected 2 cfo1 capacitor for u phase overcurrent protection hold time 3 lin1 signal input for low-side u phase (active high) 4 com1 supply ground for u phase ic 5 hin1 signal input for high-side u phase (active high) 6 vcc1 supply voltage for u phase ic 7 vb1 high-side floating supply voltage for u phase 8 hs1 high-side floating supply ground for u phase 9 fo2 v phase fault output for overcurrent and uvlo detected 10 cfo2 capacitor for v phase overcurrent protection hold time 11 lin2 signal input for low-side v phase (active high) 12 com2 supply ground for v phase ic 13 hin2 signal input for high-side v phase (active high) 14 vcc2 supply voltage for v phase ic 15 vb2 high-side floating supply voltage for v phase 16 hs2 high-side floating supply ground for v phase 17 fo3 w phase fault output for overcurrent and uvlo detected 18 cfo3 capacitor for w phase overcurrent protection hold time 19 lin3 signal input for low-side w phase (active high) 20 com3 supply ground for w phase ic 21 hin3 signal input for high-side w phase (active high) 22 vcc3 supply voltage for w phase ic 23 vb3 high-side floating supply voltage for w phase 24 hs3 high-side floating supply ground for w phase 25 vbb positive dc bus supply voltage 26 w output for w phase 27 ls3 negative dc bus supply ground for w phase 28 vbb cut-pin ( positive dc bus supply voltage) 29 v output for v phase 30 ls2 negative dc bus supply ground for v phase 31 vbb cut-pin ( positive dc bus supply voltage) 32 u output for u phase 33 ls1 negative dc bus supply ground for u phase (bottom view) allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com
high voltage 3-phase motor driver scm1101mf 7 package outline drawing leadframe plating pb-free. device composition complies with the rohs directive. branding codes (exact appearance at manufacturer discretion): section a, type: scm1101mf section b, lot: ymddt where: y is the last digit of the year of manufacture m is the month (1 to 9, o, n, d) dd is the date t is the tracking letter (a to z) leadform: 2552 dimensions in millimeters (top view) (bottom view) allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com
high voltage 3-phase motor driver scm1101mf 8 characteristic remarks min. typ. max. units heatsink mounting screw torque use one m3 screw each end 58.8 ? 78.4 n?cm 6.0 ? 8.0 kgf?cm flatness of heatsink attachment area refer to figure below (aaa) 0 ? 150 m package weight ? 13.5 ? g (top view) aaa a aaa b a b mechanical characteristics allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com
high voltage 3-phase motor driver scm1101mf 9 packing specification    :    < ; maximum 5 tubes in y direction maximum 5 tubes in z direction maximum pieces per carton: 10 pieces per tube 5 rows of tubes x 5 layers of tubes 250 pieces per carton dimensions in millimeters tube type scm-a maximum 10 pieces per tube pins aligned along x direction rubber plug at each end allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com
high voltage 3-phase motor driver scm1101mf 10 warning ? these devices are designed to be operated at lethal voltages and energy levels. circuit designs that embody these components must conform with applicable safety requirements. pre cau tions must be taken to prevent accidental contact with power-line potentials. do not connect ground ed test equipment. the use of an isolation transformer is recommended during circuit development and breadboarding. because reliability can be affected adversely by improper storage environments and handling methods, please observe the following cautions. cautions for storage ? ensure that storage conditions comply with the standard temperature (5c to 35c) and the standard relative humidity (around 40 to 75%); avoid storage locations that experience extreme changes in temperature or humidity. ? avoid locations where dust or harmful gases are present and avoid direct sunlight. ? reinspect for rust on leads and solderability of product that has been stored for a long time. cautions for testing and handling when tests are carried out during inspection testing and other standard test periods, protect the product from power surges from the testing device, shorts between adjacent product packages, and shorts to the heatsink. remarks about using silicone grease with a heatsink ? ensure there are no foreign objects between the heatsink and thermal pad; only silicone thermal grease is allowed. ? when silicone grease is used in mounting this product with a heatsink, grease shall be applied evenly and thinly. if more silicone grease than required is applied, it may produce stress. ? volatile-type silicone greases may permeate the product and produce cracks after long periods of time, resulting in reduced heat radiation effect, and possibly shortening the lifetime of the product. ? hard silicone greases may cause cracks in the product when screwing the product to a heatsink. ? our recommended silicone greases for heat radiation purposes, which will not cause any adverse effect on the product life, are indicated below: type suppliers g746 shin-etsu chemical co., ltd. yg6260 momentive performance materials sc102 dow corning toray silicone co., ltd. soldering ? when soldering the product, please be sure to minimize the working time, within the following limits: 2605c 10 s 3805c 5 s ? soldering iron should be at a distance of at least 1.5 mm from the body of the product electrostatic discharge ? when handling the product, operator must be grounded. grounded wrist straps worn should have at least 1 m of resistance to ground to prevent shock hazard. ? workbenches where the product is handled should be grounded and be provided with conductive table and floor mats. ? when using measuring equipment such as a curve tracer, the equipment should be grounded. ? when soldering the product, the head of soldering irons or the solder bath must be grounded in other to prevent leak voltages generated by them from being applied to the product. ? the product should always be stored and transported in our shipping containers or conductive containers, or be wrapped in aluminum foil. allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com
high voltage 3-phase motor driver scm1101mf 11 copyright ?2008-2010 allegro microsystems, inc. this datasheet is based on sanken datasheet ssj-03546 the products described herein are manufactured in ja pan by sanken electric co., ltd. for sale by allegro microsystems, inc. sanken and allegro reserve the right to make, from time to time, such de par tures from the detail spec i fi ca tions as may be re quired to per mit im- prove ments in the per for mance, reliability, or manufacturability of its prod ucts. therefore, the user is cau tioned to ve rify that the in for ma tion in this publication is current before placing any order. when using the products described herein, the ap pli ca bil i ty and suit abil i ty of such products for the intended purpose s hall be reviewed at the users responsibility. although sanken undertakes to enhance the quality and reliability of its prod ucts, the occurrence of failure and defect of sem i con duc tor products at a certain rate is in ev i ta ble. users of sanken products are requested to take, at their own risk, preventative measures including safety design of the equipme nt or systems against any possible injury, death, fires or damages to society due to device failure or malfunction. sanken products listed in this publication are designed and intended for use as components in general-purpose electronic equip ment or apparatus (home ap pli anc es, office equipment, tele com mu ni ca tion equipment, measuring equipment, etc.). their use in any applicat ion requiring radiation hardness assurance (e.g., aero space equipment) is not supported. when considering the use of sanken products in ap pli ca tions where higher reliability is re quired (transportation equipment and its control systems or equip ment, fire- or burglar-alarm systems, various safety devices, etc.), contact a company sales representative to discuss and obtain written con- firmation of your spec i fi ca tions. the use of sanken products without the written consent of sanken in applications where ex treme ly high reliability is required (aerospace equip- ment, nuclear power-control stations, life-support systems, etc.) is strictly prohibited. the information in clud ed herein is believed to be accurate and reliable. ap pli ca tion and operation examples described in this pub li ca tion are given for reference only and sanken and allegro assume no re spon si bil i ty for any in fringe ment of in dus tri al property rights , intellectual property rights, or any other rights of sanken or allegro or any third party that may result from its use. anti radioactive ray design is not considered for the products listed herein. the contents in this document must not be transcribed or copied without sanken?s written consent. allegro microsystems, inc. 115 northeast cutoff worcester, massachusetts 01615-0036 u.s.a. 1.508.853.5000; www.allegromicro.com


▲Up To Search▲   

 
Price & Availability of SCM-1101MF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X