Part Number Hot Search : 
AM29LV TN4A60S SF2220C DC147 ATS03 256ZB M12GZ47 PIC16F7
Product Description
Full Text Search
 

To Download RLR07C1500GR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  erl (military rlr) www.vishay.com vishay dale revision: 19-nov-12 1 document number: 31023 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 metal film resistors, military/established reliability, mil-prf-39017 qualified, type rlr features ? meets requirements of mil-prf-39017 ? failure rate: verified failure rate (contact factory for current level) ? epoxy coated construction provides superior moisture protection ? traceability of materials and processing ? monthly lot acceptance testing ? very low noise (- 40 db) ? extensive stocking program at distributors and factory in 1 % and 2 % tolerances ? vishay dale has complete ca pability to develop specific reliability programs designed to customer requirements notes (1) extended resistance range: dscc has created a series of drawings intended to support extended resistance ranges left otherwise void by the discontinuation of mil-r-39008 rcr carbon co mposition resistors. vishay dale is listed as a resour ce on these drawings as f ollows: ? low inductance: dscc has created a drawing intended to support a resistor which exhibits low inductance over a frequency range of 1 mhz to 30 mhz. vishay dale is listed as a resource on these drawings as follows: these drawings can be viewed at: http://www.landandmaritime.d la.mil/programs/milspec/listdwgs.aspx?doctype=dsccdwg (2) consult factory for curr ent qpl failure rates (3) hot solder dipped leads (4) continuous working voltage shall be or maximum working voltage, whichever is less. standard electrical specifications vishay dale model mil-prf-39017 style mil spec. sheet power rating 70 c w resistance range (1) ? tolerance % temperature coefficient ppm /c maximum working voltage (4) v life failure rate (2) erl05, erl05..19 (3) rlr05 05 0.125 4.7 to 301k 1, 2 100 200 m, p, r, s 302k to 1m m, p, r erl07, erl07..23 (3) rlr07 01 0.25 1 to 9.76 1, 2 100 250 m 10 to 3.01m m, p, r, s 3.02m to 10m m, p, r erl20, erl20..11 (3) rlr20 02 0.50 4.3 to 3.01m 1, 2 100 350 m, p, r erl32, erl32..1 (3) rlr32 03 1.0 1 to 2.7m 1, 2 100 500 m, p, r dscc drawing number vishay dale model power rating p 70 c w resistance range ? tolerance % temperature coefficient ppm/c maximum working voltage v (4) 98020 erl05..36, erl05..37 (3) 0.125 1.1m to 22m 2, 5, 10 350 200 99011 erl07..100, erl07..101 (3) 0.25 11m to 22m 2, 5, 10 350 250 98021 erl20..36, erl20..37 (3) 0.50 3.3m to 22m 2, 5, 10 350 350 98022 erl32..36, erl32..37 (3) 1.0 3m to 22m 2, 5, 10 350 350 97004 erl62..1, erl62..2 (3) 2.0 10 to 2.7m 3m to 22m 1, 2, 5, 10 100 350 500 dscc drawing number vishay dale model power rating p 70 c w resistance range ? maximum inductance n h tolerance % temperature coefficient ppm/c maximum working voltage v (4) 96002 erl07..62 0.25 1 to 10 10 1, 2 100 250 11 to 49.9 8 technical specifications parameter unit condition voltage coefficient, max. ppm/v 5/v when measured between 10 % and full rated voltage dielectric strength v ac rlr05 = 300; rlr07 and rlr20 = 500; rlr32 = 1000 insulations resistance ?? 10 9 min. dry; ? 10 11 min. after moisture test operating temperature range c - 65 to + 150 terminal strength lb 2 lb pull test on rlr05; 5 lb pull test on all other sizes solderability continuous satisfactory coverage when tested in accord ance with mil-std-202, method 208 weight g rlr05 = 0.11; rlr07 = 0.35; rlr20 = 0.75; rlr32 = 1.50 p x r
erl (military rlr) www.vishay.com vishay dale revision: 19-nov-12 2 document number: 31023 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? for additional information on packaging, refer to the through-hole resistor packaging document ( www.vishay. com/doc?31544 ). dimensions in inches (millimeters) note (1) lead length for produc t in bulk pack. for product supplied in tape and reel, the actual lead length would be ba sed on the body size, tape spacing and lead trim. power rating power ratings are based on th e following two conditions: 1. 2.0 % maximum r in 2000 h load life 2. + 150 c maximum operating temperature global part number information vishay dale model ab c (max.) de erl05 0.150 0.020 (3.81 0.51) 0.066 0.008 (1.68 0.21) 0.187 (4.75) 0.016 0.002 (0.41 0.05) 1.25 0.266 (31.75 6.76) erl07 0.250 + 0.031 - 0.046 (6.35 + 0.79 - 1.17) 0.090 0.008 (2.29 0.21) 0.300 (7.62) 0.025 0.002 (0.64 0.05) 1.50 0.125 (38.10 3.18) erl20 0.375 0.041 (9.53 1.04) 0.138 0.023 (3.51 0.58) 0.450 (11.43) 0.032 0.002 (0.81 0.05) 1.50 0.125 (38.10 3.18) erl32 0.562 0.031 (14.27 0.79) 0.190 0.015 (4.83 0.38) 0.625 (15.87) 0.032 + 0.002 - 0.001 (0.81 + 0.05 - 0.03) 1.50 0.125 (38.10 3.18) erl62 0.562 + 0.031 - 0.042 (14.27 + 0.79 - 1.07) 0.230 0.015 (5.84 0.38) 0.650 (16.51) 0.032 + 0.002 - 0.001 (0.81 + 0.05 - 0.03) 1.50 0.125 (38.10 3.18) rlr07 c 3001 f r r36 tolerance code failure rate rlr05 f = 1 % m = 1.0 %/1000 h b14 = tin/lead, bulk bsl = tin/lead, bulk, single lot date code r36 = tin/lead, t/r (full, except 32?s) r64 = tin/lead, t/r (full; 32?s only) re6 = tin/lead, t/r (1000 pieces) rsl = tin/lead, t/r, single lot date code rlr07 g = 2 % p = 0.1 %/1000 h rlr20 by a multiplier use ?r? for values < 100 r = 0.01 %/1000 h 0 0 r 1 = 1.0 s = 0.001 %/1000 h 3302 = 33 k 1005 = 10 m new global part numbering: rlr07c3001frr36 (preferred part numbering format) rlr07c3 00 1 frr3 6 historical part number example: rlr07c3001fr (will continue to be accepted) mil style lead material resistance value tolerance code failure rate packaging blank = standard (dash number) (up to 3 digits) from 1 to 999 as applicable 1 = hot solder dip (32?s) 11 = hot solder dip (20?s) 19 = hot solder dip (05?s) 23 = hot solder dip (07?s) = solderable/ c resistance value figure, followed mil style lead material packaging special rlr32 weldable 3 digit significant a d b e (1) c (max.) material specifications element vacuum-deposited ni ckel-chrome alloy core fire-cleaned high purity ceramic encapsulation specially formulated epoxy compound termination standard lead material is solder-coated copper solderable and weldable per mil-std-1276, type c. applicable mil-specifications mil-prf-39017: the erl series meets the electrical, environmental and dimensional requiremen ts of mil-prf-39017. mil-prf-22684: mil-prf-39017 supercedes mil- prf-22684 on new designs. the erl series meet or excee d mil-prf-22684 requirements. documentation: qualification and failure rate verfication test data is maintained by vishay dale and is available upon request. lot traceability and identification data is maintained by vishay dale for five years. cage code: 91637
erl (military rlr) www.vishay.com vishay dale revision: 19-nov-12 3 document number: 31023 for technical questions, contact: ff2aresistors@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 marking (per mil-prf-39017) tolerance: f = 1 %, g = 2 % value = three significant figures and multiplier j = jan (joint army - navy) brand rlr05: (3 lines) rlr07: (4 lines) 210a 3-digit date code and lot code 214aj 3-digit date code, lot code and jan 1002 value rlr7c style (0 om itted) and lead material fsjd tolerance, failure rate, jan and ma nufacturers code 1300g value and tolerance rd failure rate and manufacturers code rlr20, rlr32: (4 lines) 91637 cage code rlr20c style and lead material 4993fr value, toleranc e and failure rate 1225aj 4-digit date code, lot code and jan ambient temperature in c derating rated power in % 70 0 20 40 60 80 100 120 - 65 - 50 - 25 0 25 50 75 100 125 150 175 200 0 20 40 60 80 100 120 applied power in w heat rise (c above ambient) 0 0.125 0.25 0.375 0.5 0.625 0.75 0.875 1 1.125 thermal resistance erl32 erl20 erl07 erl05
legal disclaimer notice www.vishay.com vishay revision: 02-oct-12 1 document number: 91000 disclaimer all product, product specifications and data are subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, repres entation or guarantee regarding the suitabilit y of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all i mplied warranties, including warra nties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain type s of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular application. it is the customers responsib ility to validate that a particu lar product with the properties descri bed in the product specification is suitable fo r use in a particular application. parameters provided in datasheets and/or specification s may vary in different applications an d performance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vish ays terms and condit ions of purchase, including but not limited to the warranty expressed therein. except as expressly indicate d in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vi shay product could result in personal injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk. pleas e contact authorized vishay personnel to ob tain written terms and conditions regarding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual prope rty rights is granted by this document or by any conduct of vishay. product names and markings noted herein may be trad emarks of their respective owners. material category policy vishay intertechnology, inc. hereby certi fies that all its products that are id entified as rohs-compliant fulfill the definitions and restrictions defined under directive 2011/65/eu of the euro pean parliament and of the council of june 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment (eee) - recast, unless otherwis e specified as non-compliant. please note that some vishay documentation may still make reference to rohs directive 2002/95/ ec. we confirm that all the products identified as being compliant to directive 2002 /95/ec conform to directive 2011/65/eu. vishay intertechnology, inc. hereby certifi es that all its products that are identified as ha logen-free follow halogen-free requirements as per jedec js709a stan dards. please note that some vishay documentation may still make reference to the iec 61249-2-21 definition. we co nfirm that all the products identified as being compliant to iec 61249-2-21 conform to jedec js709a standards.


▲Up To Search▲   

 
Price & Availability of RLR07C1500GR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X