Part Number Hot Search : 
DRC4143T 2SD2179 MCJ16CA 2SJ387 P4KE11C 0F0FZ00 PNZ155 508AF
Product Description
Full Text Search
 

To Download PSB105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  powersem gmbh, walperdorfer str.53 ? 2003 powersem reserves the right to c hange limits, test conditions and dimensions 91126 d- schwabach phone: 09122 - 9764-0 fax.: 09122 - 9764-20 single phase psb 105 i davm = 107a rectifier bridges v rrm = 800-1800 v preliminary data sheet v rsm v v rrm v type 800 800 psb 105/08 1200 1200 psb 105/12 1400 1400 psb 105/14 1600 1600 psb 105/16 1800 1800 psb 105/18 symbol test conditions maximum ratings i davm t c = 85c, module 107 a i fsm t vj = 45c t = 10 ms (50 hz), sine 1500 a v r = 0 t = 8.3 ms (60 hz), sine 1650 a t vj = t vjm t = 10 ms (50 hz), sine 1350 a v r = 0 t = 8.3 ms (60 hz), sine 1500 a i 2 dt t vj = 45c t = 10 ms (50 hz), sine 11250 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 11300 a 2 s t vj = t vjm t = 10 ms (50 hz), sine 9120 a 2 s v r = 0 t = 8.3 ms (60 hz), sine 9350 a 2 s t vj -40 ... + 150 c t vjm 150 c t stg -40 ... + 150 c v isol 50/60 hz, rms t = 1 min 2500 v i isol 1 ma t = 1 s 3000 v m d mounting torque (m5) 5 nm terminal connection torque (m5) 5 nm weight typ. 235 g symbol test conditions characteristic value i r v r = v rrm t vj = 25c 0.3 ma v r = v rrm t vj = t vjm 8.0 ma v f i f = 150 a t vj = 25c 1.6 v v to for power-loss calculations only 0.8 v r t t vj = t vjm 5 m ? r thjc per diode; dc current 0.83 k/w per module 0.21 k/w r thjk per diode; dc current 1.13 k/w per module 0.28 k/w d s creeping distance on surface 17.6 mm d a creeping distance in air 17.6 mm a max. allowable acceleration 50 m/s 2 features ? package with screw terminals ? isolation voltage 3000 v ? planar glasspassivated chips ? blocking voltage up to 1800 v ? low forward voltage drop ? ul registered e 148688 applications ? s upplies for dc power equipment ? i nput rectifiers for pwm inverter ? b attery dc power supplies ? f ield supply for dc motors advantages ? easy to mount with two screws ? space and weight savings ? improved temperature and power cycling capability package, style and outline dimensions in mm (1mm = 0.0394?) ~ ~
psb 105 powersem gmbh, walperdorfer str.53 ? 2003 powersem reserves the right to c hange limits, test conditions and dimensions 91126 d- schwabach phone: 09122 - 9764-0 fax.: 09122 - 9764-20 1 1.5 0 40 80 120 160 200 i f v f a v t=150c t=25c 0.4 0.6 0.8 1 1.2 1.4 1.6 10 0 10 1 10 2 10 3 t[ms] i (a) fsm tvj=45c tvj=150c 1500 1350 i ------ i fsm f(ov) 0 v rrm 1/2 v rrm 1 v rrm 2 4 6 10 tvj=45c tvj=150c t [ms] 1 10 10 10 3 4 5 as 2 fig. 1 forward current versus voltage drop per diode fig. 2 surge overload current per diode i fsm : crest value. t: duration fig. 3 i 2 dt versus time (1-10ms) per diode (or thyristor) 100 50 0 50 100 150 200 250 300 80 85 90 95 100 105 110 115 120 125 130 135 140 145 150 tc c dc sin.180 rec.120 rec.60 rec.30 1.77 0.77 0.44 0.28 0.19 0.11 = rthca [k/w] ifavm [a] tamb [k] 0 50 100 150 [w] pvtot psb 105 fig. 4 power dissipation versus direct output current and ambient tem p erature 50 100 150 200 0 30 60 90 120 dc sin.180 rec.120 rec.60 rec.30 t (c) c i dav [a] fig.5 maximum forward current at case tem p erature 0.01 0.1 1 10 0.5 1 1.5 k/w z th t[s] z thjk z thjc fig. 6 transient thermal impedance per diode (or thyristor), calculated


▲Up To Search▲   

 
Price & Availability of PSB105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X