Part Number Hot Search : 
UN421E AN2544 MAX4120 A1540 BT148W HCD190 FX502 MAX27
Product Description
Full Text Search
 

To Download PE3C0040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data sheet technical data sheet 1 sma male to bnc male right angle cable using lmr-195 coax confguration connector 1 sma male connector 1 specifcation mil-std-348a connector 2 bnc male right angle connector 2 specifcation mil-std-348a cable type lmr-195 electrical specifcations impedance, ohms 50 mechanical specifcations cable assembly cable type lmr-195 temperature temperature operating range, deg c -40 to +85 temperature storage range, deg c -70 to +85 diameter, in [mm] 0.571 [14.5] . weight, lbs [g] 0.09 [40.82] cable color black one time minimum bend radius, in [mm] 0.5 [12.7] repeated minimum bend radius, in [mm] 2 [50.8] cable no of shields 2 dielectric type pe (f) jacket material pe jacket diameter, in [mm] 0.195 [4.95] connector 1 type sma male confguration straight inner conductor material and plating brass, gold inner conductor plating specifcation 50 in. minimum coupling nut material and plating brass, nickel coupling nut plating specifcation 100 in. minimum hex size, in 5/16 torque, in-lbs [nm] 5 [0.57] body material and plating brass, nickel body plating specifcation 100 in. minimum dielectric type t efon sma male to bnc male right angle cable using lmr-195 coax click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: sma male to bnc male right angle cable using lmr-195 coax PE3C0040 PE3C0040 rev PE3C0040
technical data sheet technical data sheet 2 connector 2 type bnc male right angle confguration right angle inner conductor material and plating brass, gold inner conductor plating specifcation 30 in. minimum body material and plating brass, nickel body plating specifcation 100 in. minimum dielectric type t efon compliance certifcations (visit www.pasternack.com for current document) plotted and other data notes: v alues at 25 c, sea level url: http://www.pasternack.com/sma-male-bnc-male-lmr195-cable-assembly-PE3C0040-p.aspx sma male to bnc male right angle cable using lmr-195 coax from pasternack enterprises has same day shipment for domestic and international orders. our rf, microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. sma male to bnc male right angle cable using lmr-195 coax PE3C0040 rev PE3C0040
3 ? 2012 pasternack enterprises all rights reserved PE3C0040 rev sma male to bnc male right angle cable using lmr-195 coax PE3C0040 cad drawing


▲Up To Search▲   

 
Price & Availability of PE3C0040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X